Part Number Hot Search : 
AQV204AX MC543050 CIL10NR3 A1205 LR40993 FW250 F103M PE91006
Product Description
Full Text Search
 

To Download OFMS-MINI-148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s0100 - r01.2011.06.07 product description features parameters value unit operating wavelength range 1260 ~ 1360 or 1525 ~ 1610 1260 ~ 1360 and 1525 ~ 1610 nm insertion loss 1,2 0.7 0.8 db polarization dependent loss < 0.15 db return loss 2 45 db channel cross talk 50 db repeatability 0.05 db switching time < 10 ms fiber type smf-28 operating temperature 0 ~70 c storage temperature -40 ~ 85 c switch type latching dimensions 100.0 (l) x 45.0 (w) x 11.0 (h) mm applications performance specification ns notes: 1) insertion loss is specifed at 1310 and/or 1550nm at 23c. add 0.5db to include wavelength (within each window) and temperature dependence. 2) excluding connectors. ofms series mini 1 for 8 (1:8) protection switch ofms mini 1:8 series the ofms (optic fiber mechanical switch) series mini (1:8) protection switch is free space micro optic based opto-mechanical switch. the switch ofers eight optical through paths and one protection path. any of its eight through path can be switched to the protection path. designed for network link or equipment protections, it measures only 100x45x11mm in size and features low il, wide wavelength range, and a fast switching speed. it also provides one update port for cascading two (1:8) to become one (1:16) switch. latch - ing/non-latching options, built-in position monitors, and standard 5v dc driving voltage makes it easy for system integration. oplink provides customized design to meet special control and applications. also, oplink ofers modular assemblies that integrate other components to form a full function module or subsystem. ? wide operating wavelength range ? fast switch speed ? highly stable & reliable ? low insertion loss ? low pdl ? mini size ? built-in switching status monitor ? (1:8) optical link protection ? (1:8) equipment protection
46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? transmission ? interconnect ? rgb laser modules s0100 - r01.2011.06.07 ofms mini1:8 series ofms series mini 1 for 8 (1:8) protection switch oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. ordering information ofms functional diagram 1 c+l bands = e 1310nm = 3 1310+c+l = d wavelength 8 r f 1 smf-28 250m = 1 smf-28 w/ 900m loose tube = 2 fiber type 0.5meter = h 1.0meter = 1 1.5meter = 5 2.0meter = 2 fiber length none = 1 fc/pc =2 fc/spc =3 fc/apc =4 sc/pc =5 sc/spc =6 sc/apc =7 st = 8 lc = 9 mu = a connector type p1 = 1 package type 0 0 normal state: eight through paths protection state: one through path is switched to the protection path upgrade upgrade protection facility working facilit y 8 2 1 1: 8 co m 8 2 1 1: 8 co m


▲Up To Search▲   

 
Price & Availability of OFMS-MINI-148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X