Part Number Hot Search : 
SP489E TPS841F 10ESK3 TA8563FN TTC05802 DSWX9078 CMLT591E LTC1044A
Product Description
Full Text Search
 

To Download NRSA470M16V5X11F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kemet surf a ce mount t ant alum chip cap a cit ors kemet s family of solid tantalum chip capacitors is designed and manufactur ed with the demanding r equir ements of sur face mount technology in mind. these devices extend the advantages of solid tantalum technology to today s sur face mount cir cuit applications. t491 seriesindustrial the leaading choice in today s sur face mount designs. this pr oduct meets or exceeds the r equir ements of eia standar d 535baac. t494 serieslo w esr, industrial grade the t494 is a low esr series that is available in all the same case sizes and cv ratings as the popular t491 series. the t494 of fers low esr per for mance with the economy of an industrial grade device. this series is tar geted for output fil - tering. t495 serieslo w esr, surge r ob ust designed primarily for output filtering in switch-mode power supplies and dc-to- dc conver ters, the standar d cv t495 values ar e also an excellent choice for batter y-to-gr ound input filter applications. this series of fer several impor tant advantages: ver y low esr, high ripple cur r ent capability , excellent capacitance stability , plus impr oved ability to withstand high inr ush cur r ents. the ko-cap also exhibits a benign failur e mode, which eliminates the ignition failur es that can occur in standar d mno2 t antalum types. note also that ko- caps may be operated at voltages up to 80% of rated voltage with equivalent or better r eliability than standar d tantalums operated at 50% of rated voltage. the t520 series captur es the best featur es of multilayer ceramic caps (low esr and high fr equency cap r etention), aluminum electr olytics (benign failur e mode), and pr oven solid tantalum technology (volumetric ef ficiency , sur face mount capabil - ity , and no wear out mechanism). the ko-cap can r educe component counts, eliminate thr ough-hole assembly by r eplacing cumbersome leaded aluminum capacitors, and of fer a mor e cost ef fective solution to high-cost high-cap ceramic capacitors. t520 seriesk o-cap pol ymer t ant alum the ko-cap is a tantalum capacitor , with t a anode and t a205 dielectric. how - ever , a conductive, or ganic, polymer r eplaces the mno2 as the cathode plate of the capacitor . this r esults in ver y low esr and impr oved cap r etention at high fr equency . t525 seriesk o-cap pol ymer t ant alum the t525 has been tar geted for power management applications. this series of fers all of the same advantages as the t520 ko-cap including ver y low esr, impr oved capacitance r etention at high fr equency and a benign failur e mode, to go along with 125?c capability . dimensionsmillimeters & (inches) case size l w h x k f s a 3.2 (.126) 1.6 (.063) 1.6 (.063) 0.05 (.002) 0.9 (.035) 1.2 (.047) 0.8 (.031) b 3.5 (.138) 2.8 (.110) 1.9 (.075) 0.05 (.002) 1.1 (.043) 2.2 (.087) 0.8 (.031) c 6.0 (.236) 3.2 (.126) 2.5 (.098) 0.10 (.004) 1.4 (.055) 2.2 (.087) 1.3 (.051) d 7.3 (.287) 4.3 (.169) 2.8 (.110) 0.10 (.004) 1.5 (.059) 2.4 (.094) 1.3 (.051) x 7.3 (.287) 4.3 (.169) 4.0 (.157) 0.10 (.004) 2.3 (.091) 2.4 (.094) 1.3 (.051) kemet wet t ant alum cap a cit ors w et tantalum capacitors ar e usually applied in cir cuits wher e the ac component is small compar ed to the dc component. t ypical uses known to kemet elec - tr onics include blocking, by-passing, decopling, and filtering. they ar e also used in timing cir cuits. if two of these capacitors ar e connected ?ack-to-back (i.e., negative-to-negaive or positive-to-positive), the pair may be used in ac applications (as a non-polar device). operating temperatur e: ?5?c to +125?. applica tions: filtering, bypass cir cuits. coupling and timing cir cuits. low sour ce impedance cir cuits. high char ging cur r ent cir cuits. dimensionsCmillimeters & (inches) case size l +0.031 (0.79) d max e 0.25 (6.35) a 0.453 (11.51) 0.219 (5.56) 1.50 (38.10) b 0.641 (16.28) 0.312 (7.92) 2.25 (57.15) d 1.062 (26.97) 0.406 (10.31) 2.25 (57.15) cat. no. v oltage capacitance max esr w @ +25?c 120hz max ripple cur r ent mar ms @ 85?c 120hz net price t197a306k006as 6 30 3.98 820 $54.49 t197a566k008as 8 56 3.32 900 54.49 t197a206k010as 10 20 3.98 820 54.49 t197a476k010as 10 47 3.67 855 54.49 t197a156k015as 15 15 4.42 780 54.49 t198a107k015as 15 100 3.98 900 61.75 t197a106k025as 25 10 5.31 715 54.49 t197a226k025as 25 22 4.22 800 54.49 t198a686k025as 25 68 4.29 850 61.75 t198b277k025as 25 270 2.7 1400 79.92 t197a156m030as 30 15 4.42 780 54.49 t198a566k030as 30 56 5.21 800 61.75 t197a106k050as 50 10 5.31 715 54.49 t198a336k050as 50 33 4.95 700 61.75 t197b476k050as 50 47 3.67 1155 72.65 t198b127k050as 50 120 2.49 1200 79.92 t198d337k050as 50 330 1.53 1900 127.14 t197b396k060as 60 39 4.08 1110 72.65 t198b107k060as 60 100 2.52 1100 79.92 t197a685k075as 75 6.8 6.83 610 54.49 t197b156k075as 75 15 5.31 890 72.65 t198a226k075as 75 22 5.13 600 61.75 t197b336k075as 75 33 4.02 1000 72.65 t198b826k075as 75 82 2.46 1000 79.92 t197a255k100as 100 2.5 10.62 505 54.49 t198a106k100as 100 10 5.97 800 61.75 t197a175k125as 125 1.7 15.61 415 54.49 t197a365k125as 125 3.6 11.05 520 54.49 t198b276k125as 125 27 3.54 1200 79.92 t197d566k125as 125 56 1.54 1800 112.61 t198d826k125as 125 82 2.82 1900 127.14 contin ued on ne xt pa ge .... kemet capacitors manu code 240 104 p ar ts indica ted with a leaf l are considered rohs jul y 2006 compliant b ased on the manuf a cturers confirma tion a t the time of publishing. prices subject t o change without no tice, applicable t axes no t included cat. no. wv (dc) cap m f eia case size esr ( w ) @ 25?c 100 khz max. net price* l t491a106k006a t 6.3 10 a 4.00 $121.09 l t491a226k006a t 6.3 22 a 4.00 142.28 l t491b226k006a t 6.3 22 b 3.50 178.60 l t491d686k006a t 6.3 68 d 0.80 392.93 l t491b107k006a t 6.3 100 b 3.50 590.30 l t491c107k006a t 6.3 100 c 1.20 414.42 l t491c227k006a t 6.3 220 c 1.20 1210.87 l t491d227k006a t 6.3 220 d 0.70 606.04 l t491a475k010a t 10 4.7 a 6.00 115.64 l t491b475k010a t 10 4.7 b 3.50 170.43 l t491a106k010a t 10 10 a 4.00 132.29 l t491b106k010a t 10 10 b 3.50 170.43 l t491a226k010a t 10 22 a 6.00 302.72 l t491b226k010a t 10 22 b 3.00 247.02 l t491c226k010a t 10 22 c 1.80 237.94 l t491b336k010a t 10 33 b 3.50 323.61 l t491b476k010a t 10 47 b 1.00 590.30 l t491c476k010a t 10 47 c 1.20 314.52 l t491d107k010a t 10 100 d 0.70 472.85 l t491x227k010a t 10 220 x 0.50 1341.95 l t491a105k016a t 16 1.0 a 10.00 115.64 l t491a225k016a t 16 2.2 a 6.00 115.64 l t491a335k016a t 16 3.3 a 6.00 115.64 l t491b335k016a t 16 3.3 b 3.50 170.43 l t491a475k016a t 16 4.7 a 6.00 121.09 l t491b475k016a t 16 4.7 b 3.50 170.43 l t491b685k016a t 16 6.8 b 3.50 170.43 l t491a106k016a t 16 10 a 7.00 142.28 l t491b106k016a t 16 10 b 3.50 178.60 l t491c106k016a t 16 10 c 1.80 237.94 l t491b226k016a t 16 22 b 3.00 323.61 l t491c226k016a t 16 22 c 1.60 257.92 l t491c336k016a t 16 33 c 1.20 314.52 l t491d336k016a t 16 33 d 0.80 392.93 l t491d476k016a t 16 47 d 0.80 392.93 l t491d686k016a t 16 68 d 0.70 472.85 l t491d107k016a t 16 100 d 0.70 606.04 l t491x107k016a t 16 100 x 0.70 1098.87 l t491a105k020a t 20 1.0 a 10.00 115.64 l t491a225k020a t 20 2.2 a 7.00 115.64 l t491b225k020a t 20 2.2 b 3.50 170.43 l t491b335k020a t 20 3.3 b 3.50 247.02 l t491b475k020a t 20 4.7 b 3.50 170.43 l t491b685k020a t 20 6.8 b 3.50 178.60 l t491b106k020a t 20 10 b 3.00 247.02 l t491c106k020a t 20 10 c 1.80 237.94 l t491c226k020a t 20 22 c 1.20 314.52 l t491d226k020a t 20 22 d 0.80 392.93 l t491d336k020a t 20 33 d 0.80 392.93 l t491d476k020a t 20 47 d 0.70 392.93 l t491x686k020a t 20 68 x 0.70 1098.87 l t491x107k020a t 20 100 x 0.50 115.64 *net price per 1000. free datasheet http://www.datasheet-pdf.com/
kemet mul tila yer ceramic chip cap a cit ors kemet multilayer ceramic chip capacitors ar e pr oduced in plants designed specifically for chip capacitor manufactur e. the pr ocess featur es a high degr ee of mechanization as well as pr ecise contr ols over raw materials and pr ocess conditions. manufacturing is supplemented by extensive technology , engineer - ing and quality assurance pr ograms. kemet ceramic chip capacitors ar e of fer ed in the five most popular temperatur e characteristics. standar d end ter mi - nations use a nickel bar rier layer and a tin overplate to pr ovide excellent solder - ability for the customer . applica tion no te: higher voltage capacitor can be used in a lower voltage application. better tolerance capacitor can be used. standar d tolerances: c0g=5%, x7r=10%. z5u=20%. dimensionsmillimeters & (inches) size code l length w w idth t thickness max. b bandwidth s min. separation 0603 1.6 (.063) 0.8 (.032) 0.9 (.035) 0.35 (.014) 0.7 (.028) 0805 2.0 (.078) 1.25 (.049) 1.4 (.055) 0.508 (.020) 0.61 (.024) 1206 3.2 (.126) 1.6 (.063) 1.5 (.059) 0.508 (.020) 1210 3.2 (.126) 2.5 (.098) 1.7 (.067) 0.508 (.020) contin ued on ne xt pa ge .... kemet capacitors manu code 240 105 p ar ts indica ted with a leaf l are considered rohs jul y 2006 compliant b ased on the manuf a cturers confirma tion a t the time of publishing. prices subject t o change without no tice, applicable t axes no t included cat. no. wv (dc) cap m f eia case size esr ( w ) @ 25?c 100 khz max. net price* l t491a474k025a t 25 0.47 a 14.00 $115.64 l t491a474k025a t 25 1.0 a 8.00 115.64 l t491b155k025a t 25 1.5 b 5.00 170.43 l t491b225k025a t 25 2.2 b 4.50 178.60 l t491c475k025a t 25 4.7 c 2.40 237.94 l t491c685k025a t 25 6.8 c 1.90 237.94 l t491c106k025a t 25 10 c 1.50 257.92 l t491d106k025a t 25 10 d 1.00 392.93 l t491d226k025a t 25 22 d 0.80 392.93 l t491x476k025a t 25 47 x 0.70 1341.95 l t491a104k035a t 35 0.10 a 20.00 115.64 l t491a224k035a t 35 0.22 a 18.00 115.64 l t491a334k035a t 35 0.33 a 15.00 115.64 l t491a474k035a t 35 0.47 a 14.00 121.09 l t491b474k035a t 35 0.47 b 8.00 170.43 l t491b105k035a t 35 1.0 b 5.00 170.43 l t491b225k035a t 35 2.2 b 4.00 247.02 l t491c225k035a t 35 2.2 c 3.50 237.94 l t491c335k035a t 35 3.3 c 2.50 237.94 l t491c475k035a t 35 4.7 c 2.50 257.92 l t491d475k035a t 35 4.7 d 1.50 392.93 l t491d685k035a t 35 6.8 d 1.30 392.93 l t491d106k035a t 35 10 d 1.00 392.93 l t491x226k035a t 35 22 x 0.70 1098.87 l t491x476k035a t 35 47 x 0.60 1588.36 l t491c105k050a t 50 1.0 c 5.50 294.54 l t491d225k050a t 50 2.2 d 2.50 482.84 l t491d335k050a t 50 3.3 d 2.00 628.44 l t491d475k050a t 50 4.7 d 1.50 482.84 l t491x106k050a t 50 10 x 0.70 1678.27 l t494a106k010a t 10 10 a 2.00 132.29 l t494b106k010a t 10 10 b 0.80 499.48 l t494b335k016a t 16 3.3 b 2.00 499.48 l t494b106k016a t 16 10 b 0.80 544.89 l t494c106k016a t 16 10 c 0.60 728.04 l t494b226k016a t 16 22 b 1.00 817.34 l t494d336k016a t 16 33 d 0.25 1318.34 l t494b225k020a t 20 2.2 b 1.50 499.48 l t494b475k020a t 20 4.7 b 1.00 499.48 l t494c106k020a t 20 10 c 0.50 728.04 l t494d226k020a t 20 22 d 0.30 1318.34 l t494x107k020a t 20 100 x 0.15 5312.70 l t494a105k025a t 25 1 a 4.00 393.53 l t494b225k025a t 25 2.2 b 1.20 544.89 l t494c475k025a t 25 4.7 c 0.60 728.04 l t494c106k025a t 25 10 c 0.60 865.77 l t494x476k025a t 25 47 x 0.30 5312.70 l t494b105k035a t 35 1 b 2.00 499.48 l t494c335k035a t 35 3.3 c 0.80 728.04 l t494d475k035a t 35 4.7 d 0.70 1318.34 l t494d106k035a t 35 10 d 0.40 1318.34 l t494d475k035a t 50 4.7 d 0.60 1318.34 l t495d107k010a te100 10 100 d 0.100 2105.40 l t495x107k010a te100 10 100 x 0.100 1399.77 l t495x227k010a te100 10 220 x 0.100 1755.76 l t495d107k016a te125 16 100 d 0.125 905.73 l t495x107k016a te100 16 100 x 0.100 1654.05 l t495d476k020a te150 20 47 d 0.175 847.61 l t495x476k020a te150 20 47 x 0.150 2194.70 l t495x686k025a te200 25 68 x 0.150 1513.59 l t495d336k025a te300 25 33 d 0.300 847.61 l t495x336k025a te175 25 33 x 0.175 1271.42 l t495d106k035a te300 35 10 d 0.300 1695.22 l t495x106k035a te250 35 10 x 0.250 3874.79 l t495d226k035a te300 35 22 d 0.300 847.61 l t495x226k035a te275 35 22 x 0.275 1654.05 l t520d477m004a te018 4 470 d 0.018 1743.66 l t520b476m006a te040 6 47 b 0.04 944.48 l t520b107m006a te040 6 100 b 0.04 1017.13 l t520d227m006a te009 6 220 d 0.009 1888.96 l t520d337m006a te015 6 330 d 0.015 1707.33 l t520d107m010a te055 10 100 d 0.055 1525.70 l t520d227m010a te018 10 220 d 0.018 1743.66 l t520d476m016a te070 10 47 d 0.07 2361.20 l t525d227m010a te025 6 220 d 0.025 3796.08 l t525d107m010a te025 10 100 d 0.025 3796.08 l t525d476m016a te035 16 47 d 0.035 3796.08 *net price per 1000. 0402 case size cat. no. t ype wv (dc) cap ( m f) t ol. net price* l c0402c100j5ga ctu npo 50v 10pf +/?% $27.25 l c0402c220j5ga ctu npo 50v 22pf +/?% 29.06 l c0402c330j5ga ctu npo 50v 33pf +/?% 29.06 l c0402c470j5ga ctu npo 50v 47pf +/?% 29.06 l c0402c101j3ga ctu npo 25v 100pf +/?% 29.06 l c0402c102k5ra ctu x7r 50v 1000pf +/?0% 30.27 l c0402c103k4ra ctu x7r 16v .01 m f +/?0% 30.27 l c0402c103k3ra ctu x7r 25v .01 m f +/?0% 30.27 l c0402c104k8p a ctu x7r 10v 0.1 m f +/?0% 45.41 l c0402c104k4ra ctu x7r 16v 0.1 m f +/?0% 45.41 l c0402c105k9p a ctu x5r 6.3v 1.0 m f +/?0% 112.01 *net price per 1000. 0603 case size cat. no. t ype wv (dc) cap ( m f) t ol. net price* l c0603c100j5ga ctu npo 50v 10pf +/?% $39.35 l c0603c150j5ga ctu npo 50v 15pf +/?% 39.35 l c0603c220j5ga ctu npo 50v 22pf +/?% 39.35 l c0603c330j5ga ctu npo 50v 33pf +/?% 127.14 l c0603c470j5ga ctu npo 50v 47pf +/?% 39.35 l c0603c101j5ga ctu npo 50v 100pf +/?% 39.35 l c0603c221j5ga ctu npo 50v 220pf +/?% 53.28 l c0603c471j5ga ctu npo 50v 470pf +/?% 53.28 l c0603c102k5ra ctu x7r 50v 1000pf +/?0% 29.06 l c0603c222k5ra ctu x7r 50v 2200pf +/?0% 35.12 l c0603c472k5ra ctu x7r 50v 4700pf +/?0% 157.41 l c0603c103k5ra ctu x7r 50v 0.01 m f +/?0% 23.01 l c0603c223k5ra ctu x7r 50v 0.022 m f +/?0% 175.58 l c0603c473k3ra ctu x7r 25v 0.047 m f +/?0% 59.33 l c0603c104k4ra ctu x7r 16v 0.1 m f +/?0% 30.27 l c0603c104k3ra ctu x7r 25v 0.1 m f +/?0% 64.78 l c0603c224k4ra ctu x7r 16v 0.22 m f +/?0% 254.28 l c0603c474k8p a ctu x5r 10v 0.47 m f +/?0% 142.88 l c0603c105k8p a ctu x5r 10v 1.0 m f +/?0% 108.98 l c0603c225k8p a ctu x5r 6.3v 2.2 m f +/?0% 181.62 l c0603c475k9p a ctu x5r 6.3v 4.7 m f +/?0% 332.99 l c0603c105k4p a ctu x5r 16v 1.0 m f +/?0% 124.12 l c0603c475k9p a ctu y5v 25v 0.1 m f +/?0% 332.99 l c0603c224m3v a ctu y5v 25v 0.22 m f +/?0% 172.55 *net price per 1000. free datasheet http://www.datasheet-pdf.com/
united chemi-con capacitors manu code 510 esme and ekme series minia ture aluminum electr ol ytic cap a cit ors the esme and ekme series capacitors ar e standar d general purpose capaci - tors. this series, except for those rated at 350-450 volts, wer e developed to with - stand hcfc cleaning agents for five minutes by ultrasonic, vapour , or immer - sion. operating temperatur e range for series esme: ?0?c to +85?c for 6.3 to 400v and ?5?c to +85?c for 450v . capacitance tolerance for series esme: 20% (+20?c, 120hz). rated lifetime for series esme: 2000 hours at +85?c. operating temperatur e range for series ekme: ?5?c to +105?c for 6.3 to 100v and ?0?c to +105?c for 160 to 400v . capacitance tolerance for series ekme: 20% (+20?c, 120hz). rated lifetime for series ekme: 1000 hours at +105?c. sme leaka ge current ra tings dc rated v oltage t est t ime leakage cur r ent ( m a) 6.3-100v after 1 minute i = 0.03cv or 4 m a, whichever is gr eater after 2 minutes i = 0.01cv or 3 m a, whichever is gr eater 160-450v after 1 minute cv 1000: i = 0.1cv + 40, cv > 1000: i = 0.04cv + 100 after 5 minutes cv 1000: i = 0.03cv + 15, cv > 1000: i = 0.02cv + 25 kme leaka ge current ra tings dc rated v oltage t est t ime leakage cur r ent ( m a) 6.3-100v after 2 minutes i = 0.002cv or 2 m a, whichever is gr eater 160-450v after 1 minute cv 1000: i = 0.1cv + 40, cv > 1000: i = 0.04cv + 100 after 5 minutes cv 1000: i = 0.03cv + 15, cv > 1000: i = 0.02cv + 25 contin ued on ne xt pa ge .... apxc series ul tra lo w esr surf a ce mount solid pol ymer aluminum cap a cit or lead-fr ee constr uction, ultra low esr. t olerance: 20%. t emperatur e range: ?5?c to 105?c. rated lifetime: 2000 hours at 105?c. leakage cur r ent i=0.2cv max after 2 minutes at +20?c. 118 p ar ts indica ted with a leaf l are considered rohs jul y 2006 compliant b ased on the manuf a cturers confirma tion a t the time of publishing. prices subject t o change without no tice, applicable t axes no t included emv and emvk series surf a ce mount aluminum cap a ct ors operating temperatur e range for series emv : ?0?c to +85?c. rated lifetime for series emv : 1000 to 2000 hours at +85?c depending on case size. operating temperatur e range for series emvk: ?0?c to +105?c. rated lifetime for series emvk: 1000 to 2000 hours at +105?c depending on case size. capacitance tol - erance: 20% (+20?c, 120 hz). leakage cur r ent: i = 0.01cv or 3 m a, whichever is gr eater , after 2 minutes at +20?c. case and solder p ad dimensions case code d 0.5 l a 0.2 b 0.2 c 0.2 w p a b c b55 3 5.2 0.3 3.3 3.3 3.7 0.45-0.75 0.8 0.8 2.2 1.6 d55 4 5.2 0.3 4.3 4.3 5.1 0.5-0.8 1 1 2.6 1.6 e55 5 5.2 0.3 5.3 5.3 5.9 0.5-0.8 1.4 1.4 3 1.6 f55 6.3 5.2 0.3 6.6 6.6 7.2 0.5-0.8 1.9 1.9 3.5 1.6 f60 6.3 5.7 0.3 6.6 6.6 7.2 0.5-0.8 1.9 1.9 3.5 1.6 h63 8 6.3 0.5 8.3 8.3 9 0.5-0.8 2.3 2.3 4.5 1.6 ha0 8 10 0.5 8.3 8.3 9 0.7-1.1 3.1 3.1 4.2 2.2 ja0 10 10 0.5 10.3 10.3 11 0.7-1.1 4.5 4.5 4.4 2.2 cat. no. wv (dc) cap ( m f) d mm l mm max esr ohms 120hz +20?c *max ripple ma 120hz 85?c net price l emvk6r3ad a220md55g? 6.3 22 4 5.2 22.602 21 $.14 l emvk6r3d a470me55g? 6.3 47 5 5.2 10.58 36 .19 l emvk6r3ad a101mf55g 6.3 100 6.3 5.2 4.973 56 .20 l emv -6r3ad a471mha0g 6.3 470 8 10 1.411 265 .36 l emvk6r3ad a102mj a0g 6.3 1000 10 10 0.663 410 .55 l emvk100ad a330me55g 10 33 5 5.2 12.055 34 .19 l emv -100ad a101mf60g 10 100 6.3 5.7 3.315 70 .15 l emvk160ad a100md55g? 16 10 4 5.2 33.15 16 .14 l emvk160ad a220me55g? 16 22 5 5.2 15.068 30 .19 l emvk160ad a470mf55g? 16 47 6.3 5.2 7.053 48 .20 l emv -160ad a101mf55g 16 100 6.3 5.2 4.31 58 .19 l emv -160ad a221mha0g 16 220 8 10 1.959 215 .36 l emv -160ad a331mha0g 16 330 8 10 1.005 270 .36 l emv -160ad a471mj a0g 16 470 10 10 0.917 330 .48 l emvk250ad a330mf55g? 25 33 6.3 5.2 8.036 45 .20 l emv -250ad a470mf60g 25 47 6.3 5.7 4.937 65 .48 l emvk250ada101mha0g 25 100 8 10 2.652 180 .37 l emv -250ad a101mh63g 25 100 8 6.3 2.652 145 .22 l emv -350ad a100me55g 35 10 5 5.2 19.89 25 .18 l emvk350ad a100me55g 35 10 5 5.2 23.205 25 .19 l emvk350ad a220mf55g 35 22 6.3 5.2 10.548 40 .20 l emvk350ad a330mh63g 35 33 8 6.3 7.032 80 .23 l emv -350ad a330mf60g 35 33 6.3 5.7 6.027 55 .19 l emv -350ad a470mh63g 35 47 8 6.3 4.937 105 .28 l emv -350ad a101mha0g 35 100 8 10 2.321 175 .36 l emvk350ad a221mj a0g 35 220 10 10 1.055 375 .55 l emv -500ad a1r0mb55g 50 1 3 5.2 198.9 5.6 .18 l emvk500ada1r0md55g 50 1 4 5.2 198.9 5.6 .14 l emvk500ada2r2md55g 50 2.2 4 5.2 90.409 10 .14 l emvk500ad a4r7me55g 50 4.7 5 5.2 42.319 19 .19 l emvk500ad a100mf55g? 50 10 6.3 5.2 19.89 29 .20 l emvk500ada470mha0g 50 47 8 10 4.232 170 .37 l emv -500ad a101mj a0g 50 100 10 10 1.989 195 .48 l emvk500ad a101mj a0g 50 100 10 10 1.989 310 .55 *ripple rating for emvk is at 105?c. ?same emvk series of fer ed as r eplacement for emv series. cat. no. wv (dc) cap ( m f) d mm l mm case code max esr ohms 120hz +20?c max ripple ma 120hz 85?c net price l apxc2r5ara181me60g 2.5 180 5.0 5.7 e60 0.030 2000 $.67 l apxc2r5ara271mf60g 2.5 270 6.3 5.7 f60 0.020 2700 .97 l apxc2r5ara471mh70g 2.5 470 8.0 6.7 h70 0.017 3420 1.50 l apxc4r0ara151me60g 4.0 150 5.0 5.7 e60 0.030 2000 .82 l apxc4r0ara221mf60g 4.0 220 6.3 5.7 f60 0.021 2640 .97 l apxc4r0ara331mh70g 4.0 330 8.0 6.7 h70 0.018 3300 1.50 l apxc6r3ara101me60g 6.3 100 5.0 5.7 e60 0.035 1780 .82 l apxc6r3ara181mf60g 6.3 180 6.3 5.7 f60 0.022 2580 .97 l apxc6r3ara221mh70g 6.3 220 8.0 6.7 h70 0.018 3300 1.50 l apxc100ara560me60g 10 56 5.0 5.7 e60 0.040 1660 .82 l apxc100ara820mf60g 10 82 6.3 5.7 f60 0.023 2400 .97 l apxc100ara151mh70g 10 150 8.0 6.7 h70 0.020 3160 1.50 l apxc160ara390mf60g 16 39 5.0 5.7 f60 0.045 1570 .97 l apxc160ara820mh70g 16 82 6.3 5.7 h70 0.025 2300 1.50 l apxc160ara270me60g 16 27 8.0 6.7 e60 0.025 2830 .82 free datasheet http://www.datasheet-pdf.com/
nic components capacitors manu code 325 contin ued on ne xt pa ge .... cat. no. cap ( m f) case size max ripple ma max esr ohms net price 50 vdc l na ce1r0m50v4x5.5tr13f 1 4x5.5 10 166 $.11 l na ce100m50v6.3x5.5tr13f 10 6.3x5.5 34 16.6 .16 l na ce220m50v6.3x6.3tr13f 22 6.3x6.3 58 7.54 .26 l na ce330m50v6.3x8tr13f 33 6.3x8 65 5.03 .34 l na ce470m50v6.3x8tr13f 47 6.3x8 90 3.53 .34 l na ce101m50v8x10.5tr13f 100 8x10.5 200 1.99 .45 l na ce221m50v10x10.5tr13f 220 10x10.5 320 0.91 .65 16 vdc l na cew100m16v4x5.5tr13f 10 4x5.5 18 26.5 .16 l na cew470m16v6.3x5.5tr13f 47 6.3x5.5 48 5.65 .20 l na cew101m16v6.3x5.5tr13f 100 6.3x5.5 60 2.66 .20 35 vdc l na cew4r7m35v4x5.5tr13f 4.7 4x5.5 14 42.3 .16 l na cew220m35v6.3x5.5tr13f 22 6.3x5.5 38 9.05 .20 l na cew101m35v6.3x8tr13f 100 6.3x8 84 2.32 .37 l na cew221m35v8x10.5tr13f 220 8x10.5 190 1.06 .55 50 vdc l na cew1r0m50v4x5.5tr13f 1 4x5.5 7 166 .16 l na cew100m50v6.3x5.5tr13f 10 6.3x5.5 24 16.6 .20 l na cew101m50v8x10.5tr13f 100 8x10.5 140 1.99 .55 16 vdc l na cz101m16v6.3x6.3tr13f 100 6.3x6.3 230 0.44 .30 l na cz221m16v6.3x8tr13f 220 6.3x5.5 280 0.34 .42 l na cz471m16v8x10.5tr13f 470 8x10.5 450 0.17 .60 25 vdc l na cz100m25v4x6.3tr13f 10 4x6.3 80 1.8 .22 l na cz331m25v8x10.5tr13f 330 8x10.5 450 0.17 .60 l na cz471m25v10x10.5tr13f 470 10x10.5 670 0.09 .70 35 vdc l na cz100m35v5x6.3tr13f 10 5x6.3 150 0.76 .28 l na cz330m35v6.3x6.3tr13f 33 6.3x6.3 230 0.44 .30 l na cz331m35v10x10.5tr13f 330 10x10.5 670 0.09 .70 50 vdc l na cz100m50v6.3x6.3tr13f 10 6.3x6.3 165 0.88 .30 l na cz330m50v6.3x8tr13f 33 6.3x8 185 0.75 .42 l na cz101m50v8x10.5tr13f 100 8x10.5 300 0.4 .60 l na cz221m50v10x10.5tr13f 220 10x10.5 670 0.22 .70 nic components radial leaded aluminum cap a cit ors nic components of fers a wide range of radial mount aluminum capacitors. t o sear ch for additional capacitance values or other featur es, please r efer to the electr o sonic w eb-site www .e-sonic.com or contact your sales r epr esentative. nrsa series: low cost general purpose radial leaded aluminum capacitors. specifica tions: load lif e at rated temperature: 2000 hours. operating temperature rang e; ?0?c to +85?c. cap tolerance: 20%. max leaka g e cur - rent after 2 min utes @ 20?c: 0.01cv or 3ma, whichever is gr eater . v olta ge rang e: 6.3 to 100vdc. capacitance rang e: 047 to 10000 m f. nrsz series: low impedance at high fr equency suitable for switching power supplies and conver tors. specifica tions: load lif e at rated temperature: 5000 hours (12.5mm dia.), 3000 hours (8~10mm dia.), 2000 hours (5~6.3mm dia.). operating temperature rang e: ?5?c to +105?c. cap tolerance: 20%. max leaka g e current after 2 min utes @ 20?c: 0.01cv or 3ma, whichever is gr eater . v olta g e rang e: 6.3 to 100vdc. capacitance rang e: 0.47 to 10,000 m f. cat. no. cap ( m f) d l f mm max. ripple max esr ohms net price 16 vdc l nrsa330m16v5x11f 33 5x11x2.0 80 8.05 $.04 l NRSA470M16V5X11F 47 5x11x2.0 95 5.65 .04 l nrsa101m16v6.3x11f 100 6.3x11x2.5 160 2.66 .06 l nrsa221m16v8x11.5 220 8x11.5x3.5 260 1.21 .11 l nrsa331m16v8x11.5f 330 8x11.5x3.5 330 0.805 .11 l nrsa471m16v10x12.5f 470 10x12.5x5.0 440 0.565 .14 l nrsa102m16v10x20f 1000 10x20x5.0 760 0.266 .24 l nrsa222m16v12.5x25f 2200 12.5x25x5.0 1200 0.136 .51 l nrsa332m16v16x25f 3300 16x25x7.5 1400 0.101 .78 dimensionsmillimeters case size d l a b i p w 4x5.5 4.0 5.5 4.3 4.3 1.8 1.0 0.5~0.8 4x6.3 4.0 6.3 4.3 4.3 2.0 1.0 0.5~0.8 5x5.5 5.0 5.5 5.3 5.3 2.1 1.4 0.5~0.8 5x6.3 5.0 6.3 5.3 5.3 2.3 1.4 0.5~0.8 6.3x5.5 6.3 5.5 6.6 6.6 2.5 2.2 0.5~0.8 6.3x6.3 6.3 6.3 6.6 6.6 2.5 2.2 0.5~0.8 6.3x8 6.3 8.0 6.6 6.6 2.5 2.2 0.5~0.8 8x10.5 8.0 10.5 8.3 8.3 2.9 3.2 0.7~1.0 10x10.5 10.0 10.5 10.3 10.3 3.2 4.6 1.1~1.4 nic components surf a ce mount aluminum cap a cit ors nic components sur face mount capacitors ar e cylindrical leadless type designed for automatic mounting and r eflow soldering. they come in a wide range of cv values. for other additional capacitance values and featur es, please r efer to the electr o sonic w eb-site www .e-sonic.com or contact your sales r epr esentative. na ce series: low cost general purpose sur face mount capacitors. specifi - ca tions: load lif e at rated temperature: 2000 hours. operating tempera - ture rang e: ?0?c to +85?c. cap. t olerance: 20%. max leaka g e current after 2 min utes @ 20?c: 0.01cv or 3ma, whichever is gr eater . v olta g e rang e: 4.0 to 100vdc. capacitance rang e: 0.1 to 6800 m f. na cew series: w ide temperatur e range to 105?c and wide cv range. spec - ifica tions: load lif e at rated temperature: 1000 hours (4 to 6.3mm dia. & 10 8mm), 2000 hours (8 to 16mm dia.). operating temperature rang e: ?5?c to +105?c. cap. t olerance: 20%. max leaka g e current after 2 min utes @ 20?c: 0.01cv or 3ma, whichever is gr eater . v olta g e rang e: 6.3 to 100vdc. capaci - tance rang e: 0.1 to 6800 m f. na cz series: v er y low impedance and high ripple cur r ent at 100khz. suitable for dc/dc conver ter applications. specifica tions: load lif e at rated tem - perature: 1000 hours (4 to 6.3mm dia.), 2000 hours (8 to 12.5mm dia.). operat - ing temperature rang e: ?5?c to +105?c. cap. t olerance: 20%. max leaka ge current after 2 min utes @ 20?c: 0.01cv or 3ma, whichever is gr eater . v olta ge rang e: 6.3 to 50vdc. capacitance rang e: 4.7 to 3300 m f. cat. no. cap ( m f) case size max ripple ma max esr ohms net price 16 vdc l na ce100m16v4x5.5tr13f 10 4x5.5 25 26.5 $.11 l na ce330m16v6.3x5.5tr13f 33 6.3x5.5 57 8.04 .16 l na ce470m16v6.3x5.5tr13f 47 6.3x5.5 68 5.65 .16 l na ce101m16v6.3x5.5tr13f 100 6.3x5.5 86 2.66 .16 l na ce221m16v6.3x8tr13f 220 6.3x8 150 1.21 .34 l na ce471m16v8x10.5tr13f 470 8x10.5 330 0.71 .45 25 vdc l na ce330m25v6.3x5.5tr13f 33 6.3x5.5 63 7.04 .16 l na ce331m25v8x10.5tr13f 330 8x10.5 310 0.81 .45 l na ce471m25v10x10.5tr13f 470 10x10.5 430 0.57 .65 35 vdc l na ce100m35v5x5.5tr13f 10 5x5.5 30 19.9 .14 l na ce220m35v6.3x5.5tr13f 22 6.3x5.5 54 9.05 .16 l na ce330m35v6.3x6.3tr13f 33 6.3x6.3 60 6.04 .26 l na ce101m35v6.3x8tr13f 100 6.3x8 130 1.99 .34 l na ce221m35v8x10.5tr13f 220 8x10.5 270 1.06 .45 l na ce331m35v10x10.5tr13f 330 10x10.5 340 0.71 .65 126 p ar ts indica ted with a leaf l are considered rohs jul y 2006 compliant b ased on the manuf a cturers confirma tion a t the time of publishing. prices subject t o change without no tice, applicable t axes no t included free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of NRSA470M16V5X11F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X