Part Number Hot Search : 
H8S2506 CS241020 ZNGB6000 C67078 CS241 D1014 DIM200 ZMM525
Product Description
Full Text Search
 

To Download NRBXF180M350V10X16F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nrb-xf series miniature aluminum electrolytic ca pac i tors reduced size, radial leads, polarized, aluminum elec tro lyt ic ? long life at 105c (10,000 hrs.) ? high voltage (up to 450v) ? reduced size from nrws series features characteristics rated voltage range 160 ~ 450vdc capacitance range 10 ~ 220 f operating temperature range -25c ~ +105c capacitance tolerance 20% (m) maximum leakage current at 20c 1 minute 0.04cv +100 a 5 minutes 0.02cv +25 a max. tan at 120hz/20c w.v. (vdc) 160 200 250 350 400 450 s.v. (vdc) 200 250 300 400 450 500 tan 0.15 0.15 0.15 0.20 0.20 0.20 low temperature stability impedance ratio @ 120hz w.v. (vdc) 160 200 250 350 400 450 z-25c/z+20c 3 3 3 6 6 6 load life hours load life test at rated w.v. & 105c test 10,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci ed value leakage current less than speci ed value nrb-xf 180 m 400v 10x20 tb f tb = tape & box* working voltage tolerance code m=20% capacitance code in f series case size (mm) rohs compliant part number system *see tape speci cation for details precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com *see part number system for details pnbs fdi l rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nrb-xf series miniature aluminum electrolytic ca pac i tors part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (marms) +105c/100khz max. esr ( ) 120hz load life hours @+105c nrb-xf470m160v10x16f 47 160 0.15 650 5.29 10,000 nrb-xf680m160v10x20f 68 0.15 800 3.66 10,000 nrb-xf820m160v16x16f 82 0.15 1350 3.03 10,000 nrb-xf101m160v12.5x20f 100 0.15 1350 2.49 10,000 nrb-xf101m160v18x16f 100 0.15 1550 2.49 10,000 nrb-xf181m160v16x20f 180 0.15 1800 1.38 10,000 nrb-xf221m160v18x20f 220 0.15 2250 1.13 10,000 nrb-xf330m200v10x16f 33 200 0.15 650 7.54 10,000 nrb-xf470m200v10x20f 47 0.15 800 5.29 10,000 nrb-xf560m200v16x16f 56 0.15 1350 4.44 10,000 nrb-xf680m200v12.5x20f 68 0.15 1350 3.66 10,000 nrb-xf820m200v18x16f 82 0.15 1550 3.03 10,000 nrb-xf121m200v16x20f 120 0.15 1800 2.07 10,000 nrb-xf181m200v18x20f 180 0.15 2250 1.38 10,000 nrb-xf270m250v10x16f 27 250 0.15 650 9.22 10,000 nrb-xf390m250v10x20f 39 0.15 800 6.38 10,000 nrb-xf470m250v16x16f 47 0.15 1350 5.29 10,000 nrb-xf560m250v12.5x20f 56 0.15 1350 4.44 10,000 nrb-xf560m250v18x16f 56 0.15 1550 4.44 10,000 nrb-xf101m250v16x20f 100 0.15 1800 2.49 10,000 nrb-xf121m250v18x20f 120 0.15 2250 2.07 10,000 nrb-xf180m350v10x16f 18 350 0.2 450 18.43 10,000 nrb-xf220m350v10x20f 22 0.2 500 15.08 10,000 nrb-xf270m350v16x16f 27 0.2 780 12.29 10,000 nrb-xf330m350v12.5x20f 33 0.2 850 10.05 10,000 nrb-xf330m350v18x16f 33 0.2 960 10.05 10,000 nrb-xf560m350v16x20f 56 0.2 1200 5.92 10,000 nrb-xf820m350v18x20f 82 0.2 1300 4.05 10,000 nrb-xf120m400v10x16f 12 400 0.2 450 27.65 10,000 nrb-xf180m400v10x20f 18 0.2 500 18.43 10,000 nrb-xf180m400v16x16f 18 0.2 780 18.43 10,000 nrb-xf270m400v12.5x20f 27 0.2 850 12.29 10,000 nrb-xf270m400v18x16f 27 0.2 960 12.29 10,000 nrb-xf470m400v16x20f 47 0.2 1200 7.06 10,000 nrb-xf560m400v18x20f 56 0.2 1300 5.92 10,000 nrb-xf100m450v10x16f 10 450 0.2 350 33.17 10,000 nrb-xf150m450v10x20f 15 0.2 400 22.12 10,000 nrb-xf150m450v16x16f 15 0.2 700 22.12 10,000 nrb-xf220m450v12.5x20f 22 0.2 700 15.08 10,000 nrb-xf220m450v18x16f 22 0.2 850 15.08 10,000 nrb-xf330m450v16x20f 33 0.2 970 10.05 10,000 nrb-xf470m450v18x20f 47 0.2 1170 7.06 10,000 standard product, specifications and case sizes d x l (mm) frequency (hz) 6.3v ~ 50v 120 1k 10k <100k 10 ~ 18 0.30 0.60 0.80 1.00 22 ~ 82 0.40 0.70 0.90 1.00 100 ~ 220 0.45 0.75 0.90 1.00 ripple current frequency correction factor diameter and leadspace (mm) case dia. (d ) 10 12.5 16 18 lead dia. (d ) 0.6 0.6 0.8 0.8 lead spacing (f) 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 dim. 2.0 2.0 2.0 2.0 dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic ca pac i tors nrb-xf series taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?tbn?. case dia. (d ) 10 12.5 case size all dim. d 0.6 0.05 h 18.5 +0.75/-0.5 f 5.0 +0.8/-0.2 p 12.7 1.0 25.4* 1.0 p 0 12.7 0.2 p 1 3.85 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) *optional taping speci cations 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) radial taping (5mm lead spacing) tb 1max t h p 2 p ? d p 1 w 2 w 0 w 1.0 p 0 f s ? d 0 ? d w 1 h


▲Up To Search▲   

 
Price & Availability of NRBXF180M350V10X16F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X