Part Number Hot Search : 
P1300 SHM80F AD16312 MSR126R A25L05P 7K025 MV8412 MLC241B
Product Description
Full Text Search
 

To Download NJM2570A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NJM2570A -1- v e r.2 75 ? ? ? ? driver with filter and y/c mix     general description     package outline     features     pin configuration  operating voltage 4.5 to 5.5v  input y and c 0.5vpp  internal lpf 0dbtyp. at 4mhz (at iref=33k ? ) -35dbtyp. at 10mhz (at iref=33k ? ) 0dbtyp. at 6mhz (at iref=22k ? ) -40dbtyp. at 16mhz (at iref=22k ? )  internal dc interface for aspect ratio discrimination  bipolar technology  package outline ssop16     block diaglam NJM2570A is a video amplifier included lpf in y and c system. adjustable lpf characteristic with external resistor and output with 75ohm driver optimize the tv monitor system. also, it can discriminated the aspect ratio of tv by internal dc interface for s terminal. NJM2570A includes power save circuit to suitable for portable video application. NJM2570Av 1 89 16 1. cin 2. gnd 3. sdcin 4. sdcout 5. cout 6. vout 7. vsag 8. gnd2 9. v+2 10. ysag 11. yout 12. vref 13. powersave 14. yin 15. v+1 16. iref 11 9 clamp lpf 6db 6db 6db 12db 6db 12db comparator voltage reference current referrence 6db yo u t 10 ys a g 6 vo u t 7 vs a g 5 cout 4 sdcout v+2 15 v+1 14 yin 1 cin 3 sdcin 8 gnd2 16 iref 12 vref 13 powersave 2 gnd1 lpf bias hpf
NJM2570A - 2 - v e r.2     absolute maximum ratings (ta=25 c) parameter symbol ratings unit supply voltage v + 7.0 v power dissipation p d 300 mw operating temperature range topr -40 to +85 c storage temperature range tstg -40 to +125 c     recommended opearating condition (ta=25 c) parameter symbol ratings min. typ. max. unit operating voltage 1 vopr1 v + 1 4.5 5.0 5.5 v operating voltage 2 vopr2 v + 2 4.5 5.0 5.5 v
NJM2570A - 3 - v e r.2     electricak characteristics (v + 1=v + 2=5.0v,powersave=1.8v, iref=22k ? ,sdcin=open, sdcout=100k ? , r l =150 ? , input=acgnd(75 ? to gnd),ta=25 c at non-designation) parameter symbol test condition min. typ. max. unit operating circuit 1 i cc 1 v + 1=5.0v, no signal - 10 18 ma operating circuit 2 i cc 2 v + 2=5.0v, no signal - 15 25 ma operating circuit 1 at power save isave1 v + 1=5.0v, power save mode - 50 120 a operating circuit 2 at power save isave2 v + 2=5.0v, power save mode - 0 120 a voltage gain 1(y signal) gvy yin=100khz,0.5vpp input sign signal 12.0 12.4 12.9 db voltage gain difference 1 (y signal) ? gvyv yin=100khz,0.5vpp input sign signal, measure the gvv3=vout/yin. ? gvyv=gvv3-gvy -0.5 0 +0.5 db voltage gain 1(c signal) gvc cin=4.43mhz,0.15vpp input sign signal 12.5 13.5 14.5 db voltage gain difference 2 (c signal) ? gvcv cin=4.43mhz,0.15vpp input sign signal, measure the gvv2=vout/cin. ? gvcv=gvv2-gvc -0.5 0 +0.5 db voltage gain 1(v signal) gvv yin=100khz,0.5vpp input sign signal 12.0 12.4 12.9 db gfy1-1 yin=4mhz/100khz, 0.5vpp, input sine signal iref=33k ? -3.0 0 1.0 gfy1-2 yin=10mhz/100khz, 0.5vpp, input sign signal iref=33k ? - -35 -30 gfy2-1 yin=6mhz/100khz, 0.5vpp, input sine signal iref=22k ? -3.0 0 2.0 frequency characteristics (y signal) gfy2-2 yin=16mhz/100khz, 0.5vpp input sine signal, iref=22k ? - -40 -30 db gfc1-1 cin=4.43mhz-500khz, 0.15vpp input sine signal, iref=33k ? -1.0 1.0 3.0 gfc1-2 cin=4.43mhz+500khz, 0.15vpp input sine signal, iref=33k ? -5.0 -2.0 1.0 gfc1-3 cin=10mhz/4.43mhz, 0.15vpp input sign signal, iref=33k ? - -35 -30 gfc2-1 cin=4.43mhz-500khz, 0.15vpp input sine signal, iref=22k ? -1.0 0 1.0 gfc2-2 cin=4.43mhz+500khz, 0.15vpp input sine signal, iref=22k ? -1.0 0 1.0 db gfc2-3 cin=16mhz/4.43mhz, 0.15vpp input sign singal, iref=22k ? - -40 -30 frequency characteristics (c signal) gfc3 cin=1mhz/4.43mhz, 0.15vpp input sign signal, iref=22k ? - -1.5 - *1 y/c delay1 tdyc1 iref=22k ? - 0 - ns *1 y/c delay2 tdyc2 iref=33k ? - 0 - ns *1 y group delay1 tdy1 iref=22k ? ,4.43mhz,sign signal - 100 - ns *1 y group delay2 tdy2 iref=33k ? ,4.43mhz,sign signal - 155 - ns *1 c group delay1 tdc1 iref=22k ? ,4.43mhz,sign signal - 100 - ns *1 c group delay2 tdc2 iref=33k ? , 4.43mhz,sign signal - 155 - ns
NJM2570A - 4 - v e r.2     electricak characteristics (v + 1=v + 2=5.0v,powersave=1.8v, iref=22k ? ,sdcin=open, sdcout=100k ? , r l =150 ? , input=acgnd(75 ? to gnd),ta=25 c at non-designation) parameter symbol test condition min. typ. max. unit maximum output voltage swing 1(y signal) voym v + 1=v + 2=4.5v,yin=100khz, sine signal, thd=1%, r l =75 ? 1.2 1.5 - vp-p maximum output voltage swing 1(c signal) vocm v + 1=v + 2=4.5v,cin=4.43mhz, sine signal, thd=1%, r l =75 ? 1.05 1.85 - vp-p maximum output voltage swing 1(v signal) vovm v + 1=v + 2=4.5v,yin=100khz, sine signal, thd=1%, r l =75 ? 1.2 1.4 - vp-p *1 differential gain(v) dgy yin=0.5vpp,10step video signal, measure the yout. - 0.6 - % *1 differential phase(v) dpy yin=0.5vpp,10step video signal, measure the yout. - 0.6 - deg *1 differential gain(v) dgv yin=0.5vpp,cin=0.15v, 10step video signal,measure the vout. - 0.2 - % *1 differential phase(v) dpv yin=0.5vpp,cin=0.15v 10step video signal,measure the yout. - 0.2 - deg sw change voltage high level for power save vch active 1.8 - v + v sw change voltage high level for power save vcl non-active 0 - 0.3 crosstark 1(yin to cout) ctyc yin to cout=20log(cout/yout) yin=4.43mhz,0.5vpp sine signal, cin=ac gnd - -50 -40 db crosstalk 2(cin to yout) ctcy cin to yout=20log(yout/cout) cin=4.43mhz,0.15vpp sine signal, yin=ac gnd - -50 -40 db *1 s/n1(y signal) sny yin=50% white video signal, r l =75 ? at yout bandwidth 100khz to 6mhz 55 60 - db *1 s/n2(c signal) snc cin=100% red field video signal, r l =75 ? at cout bandwidth 100hz to 500khz 55 60 - db *1 s/n3(c signal) snc2 cin=100% red field video signal, r l =75 ? at cout bandwidth 100hz to 500khz pm noise 59 64 - db *1 s/n4 (v signal) snv yin=50% white video signal, r l =75 ? at vout bandwidth 100khz to 6mhz 53 57 - db *1 s/n5(c v signal) snv2 cin=100% red field video signal, r l =75 ? at cout bandwidth 100hz to 6mhz am noise 63 68 - db *1 s/n6(c v signal) sncv cin=100% red field video signal, r l =75 ? at vout bandwidth 100hz to 6mhz pm noise 59 64 - db total harmonics distortion (y signal) thdy v + 1=v + 2=4.5v,iref=22k ? , yin=100khz,0.5vpp sing signal - - 0.8 % total harmonics distortion (v signal) thdv v + 1=v + 2=4.5v,iref=22k ? , yin=100khz,0.5vpp sign signal - - 0.8 %
NJM2570A - 5 - v e r.2     electricak characteristics (v + 1=v + 2=5.0v,powersave=1.8v, iref=22k ? ,sdcin=open, sdcout=100k ? , r l =150 ? , input=acgnd(75 ? to gnd),ta=25 c at non-designation) parameter symbol test condition min. typ. max. unit *1 2nd. distortion 1 (y signal) hy yin=1mhz,0.5vpp, sine signal - -50 -40 db *1 2nd. distortion 2 (c signal) hc cin=4.43mhz,0.15vpp, sine signal - -50 -40 db *1 2nd. distortion 3 (v signal) hv1 yin=1mhz,0.5vpp, sine signal - -47 -37 db 2 nd . distortion 4(v signal) hv2 yin=dc,cin=4.43mhz, v + 1=v + 2=4.7v,vout=1.275vpp(cout= 0.91vpp in vout) - -50 -40 db sdc voltage gain gv sdc sdcin=1.0v,r l =100k ? 5.5 6.0 6.5 db sdc maxim output voltage vom sdc r l =100k ? , v + 1=v + 2=4.5v *2 3.6 - - v threshold voltage for sdc output impedance vthr sdc change guarantee for sdc high impedance - - 0.3 v sdc output impedance rsdc sdcout at high impedance 140 220 275 k ? *1 limits are guaranteed by statistical analysis. *2 reference to the test circuit.     control terminal parameter control notes h power save: off l power save: on power save open power save: on
NJM2570A - 6 - v e r.2     test circuit + + 100uf 22uf + 10uf 5v 2 1 3 4 5 6 7 15 16 14 13 12 11 10 9 8 0.1uf 100k ? 75 ? + 100uf + 22uf + 100uf + 50 ? 75 ? 75 ? 75 ? 75 ? 75 ? 75 ? 50 ? 75 ? 33k ? 22k ? + 10uf 0.1uf 0.1uf NJM2570A yo ut1 yo ut2 v+1 iref yin power save vref yout ysag v+2 0.1uf yi n gnd1 cin sdcin sdcout cout vout vsag gnd2 vou t2 vou t1 cout2 cout1 10k ? sdcout cin
NJM2570A -7- v e r.2 [caution] the specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. the application circuits in this databook are described onl y to show re p resentative


▲Up To Search▲   

 
Price & Availability of NJM2570A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X