nf4000a-by series 3 phase & 4 lines 250vac 4 lines type root 3 times current on neutral line is available. ul1283 application inverter/ups/cvcf specifications part no. rated current weight dimmension [mm] a b c d e f1 f2 g h j k l1 l2 m n p nf4035a-by 35a 3.8kg 255 230 215 200 140 110 30 80 40 15 m5 m6 m4 dia.6.5 r3.25 l8 NF4050A-BY 50a 5.7kg 340 300 280 260 200 170 45 100 50 20 m10 m10 m6 dia.6.5 r3.25 l8 nf4070a-by 70a 7.0kg 340 300 280 260 200 170 45 100 50 20 m10 m10 m6 dia.6.5 r3.25 l8 nf4100a-by 100a 13kg 435 370 350 330 210 180 100 50 150 80 25 m10 m12 m6 dia.6.5 r3.25 l8 nf4170a-by 170a 26kg 515 440 420 400 280 240 120 60 190 90 25 m12 m14 m6 dia.6.5 r3.25 l8 rated voltage 250vac leakage current 1.0ma
fig2 (100,170a) fig1 (35,50,70a)
frequency data circuit diagram
|