Part Number Hot Search : 
HMC252 HC2220F SMBJ14 STPS1 0F20ZT20 A3525 BFU530X 2030C
Product Description
Full Text Search
 

To Download NCV7428 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 june, 2014 ? rev. 1 1 publication order number: NCV7428/d NCV7428 system basis chip with integrated lin and voltage regulator description NCV7428 is a system basis chip (sbc) integrating functions typically found in automotive electronic control units (ecus). NCV7428 provides and monitors the low?voltage power supply for the application microcontroller and other loads and includes a lin transceiver. features ? control logic ? ensures safe power?up sequence and the correct reaction to different supply conditions ? controls mode transitions including the power management and bus wakeup treatment ? generates reset ? 3.3 v or 5 v v out supply depending on the version from a low?drop v oltage regulator ? can deliver up to 70 ma with accuracy of 2% ? supplies typically the ecu?s microcontroller ? undervoltage detector with a reset output to the supplied microcontroller ? lin transceiver ? lin2.x and j2602 compliant ? txd dominant timeout protection ? transceiver mode controlled by dedicated input pin ? protection and monitoring functions ? thermal shutdown protection ? load dump protection (45 v) ? lin bus pin protected against transients in an automotive environment ? esd protection level for lin and v s > 8 kv ? these are pb?free devices quality ? ncv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable typical applications ? automotive ? industrial networks http://onsemi.com (top view) 5 6 7 8 1 2 3 4 gnd lin en txd see detailed ordering and shipping information in the package dimensions section on page 17 of this data sheet. ordering information v s rxd rstn pin assignment marking diagram 1 8 soic?8 d suffix case 751az nv7428?5 = NCV7428d15 nv7428?3 = NCV7428d13 nv7428l5 = NCV7428d1l5 nv7428l3 = NCV7428d1l3 a = assembly location l = wafer lot y = year w = work week  = pb?free package nv7428xx alyw   1 8 NCV7428 (note: microdot may be in either location) v out
NCV7428 http://onsemi.com 2 block diagram txd v out en rxd control logic NCV7428 lin timeout driver & slope control thermal shutdown osc v s v s v out undervoltage detection v out v s v?reg ref receiver gnd rstn v out wakeup detection v out lin wakeup lin active figure 1. block diagram pin description table 1. pin description pin number pin name pin type pin function 1 v s battery supply input principle power supply of the device 2 en lv lin enable input; internal pull?down input of the lin block enable signal 3 gnd ground connection ground connection 4 lin lin bus interface lin bus line 5 rxd lv digital output; push?pull output of data received on lin bus 6 txd lv digital input; internal pull?up input of the data to be transmitted from lin bus 7 rstn lv digital output; open drain; internal pull?up system reset 8 v out lv supply output output of the 5 v or 3.3 v/70 ma low?drop regulator (for the mcu) note: (lv = low voltage; hv = high voltage)
NCV7428 http://onsemi.com 3 application information kl30 lin?bus kl31 vbat gnd lin mcu r pu_lin d pu_lin c lin_m en rxd txd rstn lin gnd v s v out r pu_ rstn c vs c vout v cc gnd d rev NCV7428 vbat gnd lin mcu c lin_s en rxd txd rstn lin gnd v s v out r pu_ rstn c vs c vout v cc gnd d rev NCV7428 ecu1 (master) ecu2 (slave) figure 2. example application diagram external components overview of external components from application schematic in figure 2 is given in table 2 together with their recommended or required values. table 2. external components overview component name description value note d rev reverse polarity protection diode parameters application?specific; e.g. 0.5 a / 50 v required values and types depend on the v out load and the application needs c vs filtering capacitor for the battery input recommended >100 nf ceramic c vout voltage regulator output filtering and stabilization capacitor > 1.8  f, for the details of esr range see application note d pu_lin master node pull?up diode on lin line required only for master lin node r pu_lin master node pull?up resistor on lin line 1 k  nominal, 500 mw c lin_m filtering capacitor on lin line (master node) typically 1 nf optional; is function of the entire lin network c lin_s filtering capacitor on lin line (slave node) typically 100 pf ? 220 pf optional; is function of the entire lin network r pu_rstn pull?up resistor on rstn pin recommended 10 k  nominal optional; depends on application needs
NCV7428 http://onsemi.com 4 table 3. absolute maximum ratings symbol parameter min max units v s maximum dc voltage at v s pin ?0.3 45 v v out maximum voltage at v out pin ?0.3 6 v v lin maximum voltage at lin bus pin ?45 45 v v dig_io_inputs maximum voltage at digital input pins (txd, en) ?0.3 45 v v dig_io_outputs maximum voltage at digital output pins (rxd, rstn) ?0.3 v out +0.3 v t j junction temperature ?40 +170 c v esd system esd on pins vs, lin as per iec 61000?4?2: 330  / 150 pf (verified by external test house) 14 kv human body model on pins vs, lin stressed towards gnd with 1500  / 100 pf 8 kv human body model on all pins as per jesd22?a114 / aec?q100?002 4 kv charge device model on all pins as per jesd22?c101 / aec?q100?011 500 v machine model; (200 pf; 0.75  h; 10  ) as per jesd22?a115 / aec?q100?003 200 v stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. table 4. operating ranges symbol parameter min max units v s vs operating voltage for parametric operation (note 1) 5.5 28 v vs operating voltage for limited operation (note 1) 4 28 v v out5 regulated voltage at v out supply output for 5 v versions 4.9 5.1 v v out33 regulated voltage at v out supply output for 3.3 v versions 3.234 3.366 i vout current delivered by the v out regulator 70 ma v lin operating voltage at lin bus pin 0 v s v v dig_io_inputs operating voltage at digital input and output pins (txd, en) 0 5.5 v v dig_io_outputs operating voltage at digital input and output pins (rxd, rstn) 0 v out v t j junction temperature ?40 +150 c t amb ambient temperature ?40 +125 c 1. below 5.5 v on v s in normal mode, the bus will either stay recessive or comply with the voltage level specifications and transition time specifications as required by sae j2602. it is ensured by the battery monitoring circuit. above 28 v on v s , lin communication is operational (lin pin toggling) but parameters cannot be guaranteed. for higher battery voltage operation above 28 v, lin pull?up resistor m ust be selected large enough to avoid clamping of lin pin by voltage drop over external pull?up resistor and lin pin min current limit ation. functional operation above the stresses listed in the recommended operating ranges is not implied. extended exposure to stresse s beyond the recommended operating ranges limits may affect device reliability. table 5. thermal characteristics symbol parameter conditions value unit r  ja_1 thermal resistance junction?to?air, 1s0p pcb (note 2) free air 125 k/w r  ja_2 thermal resistance junction?to?air, 2s2p pcb (note 3) free air 75 k/w 2. test board according to eia/jedec standard jesd51?3, signal layer with 10% trace coverage 3. test board according to eia/jedec standard jesd51?7, signal layers with 10% trace coverage
NCV7428 http://onsemi.com 5 definitions the characteristics defined in this section are guaranteed within the operating ranges listed in table 4, unless stated otherwise. all voltages are referenced to gnd (pin 3). positive currents flow into the respective pin. table 6. dc characteristics (v s = 5.5 v to 28 v; t j = ?40 c to +150 c; bus load = 500  (v s to lin); unless otherwise specified. typical values are given at v s = 12 v and t j = 25 c, unless otherwise specified.) symbol parameter conditions min typ max unit supply monitoring v s_porh v s threshold for the power?up of the circuit v s rising 3.3 4 v v s_porl v s threshold for the shutdown of the circuit v s falling 2.2 3 v v out_res_5 v out monitoring threshold nv7428?5 v out falling 4.55 4.75 v v out_res_3 v out monitoring threshold nv7428?3 v out falling 2.97 3.135 v v out_res_hys5 v out monitoring threshold hysteresis for 5 v versions 0.1 v v out_res_hys33 v out monitoring threshold hysteresis for 3.3 v versions 0.06 v current consumption i vs_lin_active_rec v s supply current lin active, lin bus recessive 1.8 ma i vs_lin_wakeup v s supply current (note 6) standby mode; lin wakeup, lin bus recessive; i vout = 0 ma v s = 13.5 v, t j < 105 c 25 40  a i vs_sleep v s supply current (note 6) sleep mode; lin wakeup, lin bus recessive; v out off, v out < 0.5 v v s = 13.5 v, t j < 105 c 12 25  a v out regulator v out_5 v out regulator output voltage NCV7428?5 v out regulator active, 0 < i vout < 70 ma, static regulation, v s = 5.5 v to 28 v 4.9 5 5.1 v v out_3 v out regulator output voltage NCV7428?3 v out regulator active, 0 < i vout < 70 ma, static regulation, v s = 4.5 v to 28 v 3.234 3.3 3.366 v i lim_vout v out current limitation v out regulator active; current flowing to v out load 70 120 350 ma v drop_vout drop?out voltage between v s and v out 5.5 v < v s < 40 v; i vout = 70 ma 0.55 v i sink_vout v out sink current v out regulator active, current flowing into the v out pin 100 240 400  a c vout v out regulator filtering capacitance (note 5) equivalent series resistance < 7  1.8 10  f lin transmitter v lin_dom_losup lin dominant output voltage txd = low; v s = 7.3 v 1.2 v v lin_dom_hisup lin dominant output voltage txd = low; v s = 18 v 2.0 v v lin_rec lin recessive output voltage txd = high; i lin = 10  a (note 4) v s ? 1.5 v s v i lin_lim short circuit current limitation v lin = v s = 18 v 40 200 ma r slave internal pull?up resistance lin normal or receive?only mode 20 33 47 k  c lin capacitance on pin lin (note 6) 20 30 pf 4. the voltage drop in normal mode between lin and v s pin is the sum of the diode drop and the drop at serial pull?up resistor. the drop at the switch is negligible. see figure 1. 5. in parallel with this capacitor any other capacitor can be placed with no limit to esr and capacitance value 6. values based on design and characterization. not tested in production.
NCV7428 http://onsemi.com 6 table 6. dc characteristics (v s = 5.5 v to 28 v; t j = ?40 c to +150 c; bus load = 500  (v s to lin); unless otherwise specified. typical values are given at v s = 12 v and t j = 25 c, unless otherwise specified.) symbol unit max typ min conditions parameter lin receiver v bus_dom bus voltage for dominant state 0.4 v s v bus_rec bus voltage for recessive state 0.6 v s v rec_dom receiver threshold lin bus going from recessive to dominant 0.4 0.6 v s v rec_rec receiver threshold lin bus going from dominant to recessive 0.4 0.6 v s v rec_cnt receiver center voltage (v rec_dom + v rec_rec )/2 0.475 0.525 v s v rec_hys receiver hysteresis v rec_rec ? v rec_dom 0.05 0.175 v s i lin_off_dom lin output current, bus in dominant state lin active mode, driver off; v s = 12 v, v lin = 0 v ?1 ma i lin_off_dom_wake lin output current, bus in dominant state lin wakeup mode; v s = 12 v, v lin = 0 v ?20 ?15 ?2  a i lin_off_rec lin output current, bus in recessive state driver off; v s < 18 v; v s < v lin < 18 v 1  a i lin_no_gnd lin current with missing gnd v s = gnd = 12 v; 0 < v lin < 18 v ?1 1 ma i lin_no_vbb lin current with missing v s v s = gnd = 0 v; 0 < v lin < 18 v 5  a pin en v il_en low?level input voltage ?0.3 0.8 v v ih_en high?level input voltage 2 5.5 v r pulldown_en pull?down resistance to gnd 55 100 185 k  pin txd v il_txd low?level input voltage ?0.3 0.8 v v ih_txd high?level input voltage 2 5.5 v r pullup_txd pull?up resistance to v out 55 100 185 k  i leaktxd leakage current v txd = v out = 5.5 v ?1 0 1  a pin rstn i ol_rstn low?level output driving current v s = 4 v to 28 v; v rstn = 0.4 v 4 30 ma v ol_rstn low?level output voltage v s = 2 v to 4 v; v out = 0 v to 5.5 v; i rstn = 100  a 0.1 v out v s < 2 v; v out = 1 v to 5.5 v; i rstn = 100  a 0.1 v out r pullup_rstn pull?up resistance to v out 55 100 185 k  v s_digout_low v s level guaranteeing low level on rstn pin shutdown mode; low level guar- anteed for v s > v s_digout_low 2 v pin rxd i ol_rxd low?level output driving current v rxd = 0.4 v 0.4 ma i oh_rxd high?level output driving current v rxd = v out ? 0.4 v ?0.16 ma thermal shutdown t j_sd junction temperature for ther- mal shutdown 160 180 200 c t j_sd_hys thermal shutdown hysteresis 10 c 4. the voltage drop in normal mode between lin and v s pin is the sum of the diode drop and the drop at serial pull?up resistor. the drop at the switch is negligible. see figure 1. 5. in parallel with this capacitor any other capacitor can be placed with no limit to esr and capacitance value 6. values based on design and characterization. not tested in production. product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions.
NCV7428 http://onsemi.com 7 table 7. ac characteristics (v s = 5.5 v to 28 v; t j = ?40 c to +150 c; unless otherwise specified. for the transmitter parameters, the following bus loads are considered: l1 = 1 k  / 1 nf; l2 = 660  / 6.8 nf; l3 = 500  / 10 nf) symbol parameter conditions min typ max unit lin transmitter d1 duty cycle 1 = t bus_rec(min) / (2 x t bit ) th rec(max) = 0.744 x v s th dom(max) = 0.581 x v s t bit = 50  s v s = 7 v to 18 v 0.396 0.5 d2 duty cycle 2 = t bus_rec(max) / (2 x t bit ) th rec(min) = 0.422 x v s th dom(min) = 0.284 x v s t bit = 50  s v s = 7.6 v to 18 v 0.5 0.581 d3 duty cycle 3 = t bus_rec(min) / (2 x t bit ) th rec(max) = 0.778 x v s th dom(max) = 0.616 x v s t bit = 96  s v s = 7 v to 18 v 0.417 0.5 d4 duty cycle 4 = t bus_rec(max) / (2 x t bit ) th rec(min) = 0.389 x v s th dom(min) = 0.251 x v s t bit = 96  s v s = 7.6 v to 18 v 0.5 0.590 t fallns lin falling edge normal slope normal mode; v s = 12 v 22.5  s t risens lin rising edge normal slope normal mode; v s = 12 v 22.5  s t symns lin slope symmetry normal slope normal mode; v s = 12 v ?4 0 4  s t fallls lin falling edge low slope (note 8) normal mode; v s = 12 v 45  s t risels lin rising edge low slope (note 8) normal mode; v s = 12 v 45  s t tx_prop_down propagation delay of txd to lin. txd high to low (note 7) 10  s t tx_prop_up propagation delay of txd to lin. txd low to high (note 7) 10  s t txd_timeout txd dominant timeout txd = low; lin dominant timeout enabled 7 13 24 ms lin receiver t rec_prop_down propagation delay of receiver falling edge 0.1 6  s t rec_prop_up propagation delay of receiver rising edge 0.1 6  s t rec_sym propagation delay symmetry t rec_prop_down ? t rec_prop_up ?2 2  s t lin_wake dominant duration for wakeup lin in wakeup mode 30 80 150  s mode transitions and timeouts t synch input signal synchronization delay 5 15 40  s t synch_action delay from the asynchronous input pin change to the system state change 11 25 55  s t modsel_set low power mode selection delay 17 30 55  s t reset rstn pulse extension 2 5 10 ms t vout_res_filt undervoltage detection filter time 11 25 55  s 7. values based on design and characterization. not tested in production. 8. for low slope versions only (nv7428l5 and nv7428l3)
NCV7428 http://onsemi.com 8 functional description vs supply input v s pin of NCV7428 is typically connected to the car battery through a reverse?protection diode and can be exposed to all relevant automotive disturbances (iso7637 pulses, system esd ...). v s supplies mainly the integrated lin transceiver. filtering capacitors should be connected between v s and gnd. during power?up of the battery supply, v s pin must reach v s_porh level in order for the circuit to become functional ? the internal state machine is initiated and the v out regulator is activated. the circuit remains functional until v s falls back below v s_porl level, when the device enters the shutdown mode. vout low?drop voltage regulator the application low?voltage supply is provided by an integrated low?drop voltage regulator delivering a 5 v or 3.3 v output v out . it is able to deliver up to 70 ma with given precision and is primarily intended to supply the application microcontroller unit (mcu) and related 5 v or 3.3 v loads (e.g. its own mcu?related digital inputs/ outputs). an external capacitor needs to be connected on v out pin in order to ensure the regulator?s stability and to filter the disturbances caused by the connected loads. all low?voltage digital pins are related to v out . lin transceiver NCV7428 integrates on?chip lin transceiver interface between physical lin bus and the lin protocol controller. this lin physical layer is compatible to lin2.x and j2602 specifications. NCV7428 lin2.2 compliant physical layer can be combined on the network with all previous lin physical layers. NCV7428 lin transceiver consists of a transmitter, receiver and wakeup detector. the lin transceiver can be connected to the bus line via lin pin, and to the digital control through pins txd and rxd. the functional mode of the lin transceiver depends on the operating mode and on en pin state ? see figure 3. the lin transceiver is supplied directly from the v s pin. lin operating modes in lin active mode the transceiver can transmit and receive data via lin bus with speed up to 20 kbaud for normal slope mode and 10 kbaud/s for low slope version. the transmit data stream of the lin protocol is present on the txd pin and converted by the transmitter into a lin bus signal with controlled slew rate to minimize emc emission. the receiver consists of the comparator that has a threshold with hysteresis in respect to the supply voltage and an input filter to remove bus noise. the lin output is pulled high via an internal pull?up resistor (typ. 30 k  ). for master applications, it is needed to put an external resistor (typ. 1k  ) with a serial diode between lin and v s . the mode selection is done by en = high. the transmission is only initiated with the txd falling edge in lin active mode. entering this mode with txd already low will not lead to transmitting bus dominant signal. when leaving normal mode (en pin falling edge), the transmitter is deactivated immediately. the lin wakeup mode can be entered if the en pin is low. the lin receiver stays active to be able to detect a remote wake?up via bus. the lin transmitter is disabled and the slave internal termination resistor of 30 k  between lin and v s is disconnected in order to minimize current consumption. only a pull?up current source between vs and lin is active. the valid lin wakeup event causes driving rxd low until en pin is pulled high. a wakeup pattern that is initiated in lin active mode and ends in lin w akeup mode is also considered a valid w akeup event. the lin wakeup mode is also forced if the device enters to the sleep operating mode. the lin off mode provides extreme low current consumption, lin transceiver is fully deactivated. pin rxd stays high (as long as v out is provided) and logical level on txd is ignored. the bus pin is internally pulled to v s with a current source (thus limiting v s consumption in case of a permanent lin short to gnd). this mode is entered when NCV7428 is in shutdown mode (v s < v s_porl ) or in thermal shutdown mode (t j > t j_sd ).
NCV7428 http://onsemi.com 9 ignored lin off lin wakeup lin active lin mode lin txd rxd bus pin pull?up current source 30 k  resistor lin wakeup detected lin active mode set recessive dominant en t txd_timeout ignored figure 3. lin modes < t lin_wake rxd en lin wakeup detected lin active mode restored lin recessive dominant t lin_wake figure 4. lin wakeup detection
NCV7428 http://onsemi.com 10 operating modes the principal operating modes of NCV7428 are shown in figure 5 and described in the following paragraphs. sleep ?v out :off ?rstn: low ?lin: wakeup mode ?rxd: pulled to v out en = 1 lin_en = 0 and txd = 0 en = 0 and txd = 1 thermal shutdown ?v out :off ?rstn: low ?lin: wakeup mode ?rxd: low after wakeup/ pulled to v out otherwise t j < t j_sd t j > t j_sd shutdown ?v out :off ?rstn: low ?lin: off mode ?rxd: pulled to v out v s >v s _ porh and t j < t j_sd v s power?up v s NCV7428 http://onsemi.com 11 shutdown mode the shutdown mode is a passive state, in which all NCV7428 resources are inactive. the shutdown mode provides a defined starting point for the circuit in case of supply undervoltage, thermal shutdown or the first supply connection. on?chip power?supply v out is switched off and the lin pin remains passive so that it does not disturb the communication of other nodes connected to the lin bus. rxd pin stays pulled to v out . no wakeups can be detected. rstn pin is forced low ? rstn low level is guaranteed for v s supply above v s_digout_low . the shutdown mode is entered asynchronously whenever the v s level falls below the power?on?reset level v s_porl . the shutdown mode is left only when the v s supply exceeds the high power?on?reset level v s_porh while junction temperature is below t j_sd . when exiting the shutdown mode, NCV7428 always enters the reset mode. reset mode the reset mode is a transient mode providing a defined rstn pulse for the application microcontroller. v out supply is kept active. the lin pin is passive so that it does not disturb the communication of other nodes connected to the bus. rxd pin is high if no wakeup was detected, rxd low level indicates pending lin wakeup. pin rstn is forced low. reset mode will be entered as a consequence of one of the following events: ? shutdown mode is exited ? thermal shutdown mode is exited ? v out voltage falls below v out_res level ? lin wakeup or en = high was detected in sleep mode normally, the reset mode is left when v out voltage is above v out_res threshold and defined time t reset elapses. the rstn pin is internally released to high and the chip then goes to the normal or standby mode, depending on en state. normal mode normal mode is entered from standby mode after a host request ? driving en pin high (figure 9), or if en pin is high when leaving reset mode ? t reset time elapsed (figure 8). lin transceiver is in active mode. v out is kept on. pin rstn remains high. standby mode standby mode is entered from normal mode after host request ? en pin falling edge followed by txd pin high. txd is sampled t synch + t modesel after en edge (figure 9). standby mode is also entered if en pin is low when leaving reset mode ? t reset time elapsed (figure 7). lin transceiver is in wakeup mode ? rxd pin is latched low after valid wakeup recognition until normal mode is requested. v out is kept active. pin rstn remains high. sleep mode sleep mode can be only entered from normal mode after a host request ? en pin falling edge followed by txd pin low. txd is sampled t synch + t modesel after en pin edge (figure 10). v out regulator is switched off, lin transceiver is in the wakeup mode. if lin wakeup is detected or en goes high, reset mode is entered. lin wakeup is signaled by rxd, which remains low until normal mode is restored (en is high). thermal shutdown the device junction temperature is monitored in order to avoid permanent degradation or damage of the chip. junction temperature exceeding the shutdown level t j_sd puts the chip into thermal shutdown mode. in thermal shutdown mode, v out regulator is switched off. lin transceiver is in wakeup mode and can detect bus wakeup. rxd pin stays pulled to v out or is driven low after valid w akeup recognition. rstn pin is pulled low. the mode is automatically left only when the junction cools down below the t j_sd threshold.
NCV7428 http://onsemi.com 12 standby reset shutdown standby v s v s_porh t vout_res_ filt v out_res v out v out_res figure 7. operating modes, transition from reset to standby mode
NCV7428 http://onsemi.com 13 en operating mode txd rstn rxd lin wakeup indication rstn pulse released en sampled reset normal ignored ignored mode change lin wakeup flag cleared t reset v out >v out_res t synch_action figure 8. operating modes, transition from reset to normal mode en operating mode txd standby rstn rxd lin wakeup indication txd sampling ignored lin transmission blocked ignored t synch normal t modsel_set t synch_action normal figure 9. operating modes, transition from normal to standby mode
NCV7428 http://onsemi.com 14 lin wakeup indication en operating mode txd sleep rstn rxd v out off txd sampling ignored lin transmission blocked ignored t synch normal t modsel_set t synch_action reset figure 10. operating modes, transition from normal to sleep mode t bus_dom(min) lin t th rec(max) th rec(min) th dom(max) th dom(min) t bus_dom(max) t bus_rec(max) t bus_rec(min) thresholds of receiving node 1 thresholds of receiving node 2 50% t bit txd t t bit figure 11. definition of lin duty cycle parameters
NCV7428 http://onsemi.com 15 t fall t rise lin 60% 40% 60% 40% 100% 0% t figure 12. definition of lin edge parameters 50% t bit txd 60% v s 40% v s t tx_prop_down t bit t tx _prop_up v s lin t t figure 13. definition of lin transmitter timing parameters 50% t rec_prop_up rxd lin t v s 60% v s 40% v s t rec_prop_down t figure 14. definition of lin receiver timing parameters
NCV7428 http://onsemi.com 16 package dimensions soic 8 case 751az issue o
NCV7428 http://onsemi.com 17 ordering information part number description temperature range package container ? type quantity NCV7428d15r2g lin transceiver with 5 v regulator ?40 c to +125 c soic150 8 leads green (matte sn , jedec ms?012) tape & ree l 3000 NCV7428d13r2g lin transceiver with 3.3 v regulator NCV7428d1l5r2g lin transceiver with 5 v regulator, low slope lin NCV7428d1l3r2g lin transceiver with 3.3 v regulator, low slope lin ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s pr oduct/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 NCV7428/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of NCV7428

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X