Part Number Hot Search : 
OHN3013U B1100 R471G 0UP20D FZT788B 00MD6 BC847B AT45D
Product Description
Full Text Search
 

To Download NCT218 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 december, 2013 ? rev. 2 1 publication order number: NCT218/d NCT218 low voltage, high accuracy temperature monitor with i 2 c interface the NCT218 is a dual?channel digital thermometer and undertemperature/overtemperature alarm, intended for use in thermal management systems requiring low power and size. the NCT218 operates over a supply range of 1.4 v to 2.75 v making it possible to use it in a wide range of applications including low power devices. the NCT218 can measure the temperature of a remote thermal diode accurate to 1 c and the ambient temperature accurate to 1.75 c. the device operates over a wide temperature range of ?40 c to +125 c. the NCT218 includes series resistance cancellation, where up to 500  (typical) of resistance in series with the temperature monitoring diode can be automatically cancelled from the temperature result, allowing noise filtering. the NCT218 has a configurable alert output and overtemperature shutdown therm pin. communication with the NCT218 is accomplished via the i 2 c interface which is compatible with industry standard protocols. through this interface the NCT218s internal registers may be accessed. these registers allow the user to read the current temperature from both the local (ambient) and remote channels, change the configuration settings and adjust each channels limits. an alert output signals when the on?chip or remote temperatures are out of range. the therm output is a comparator output that can be used to shut down the system if it exceeds the programmed limit. the alert output can be reconfigured as a second therm output, if required. features ? small dfn package ? on?chip and remote temperature sensor ? low voltage operation: 1.4 v to 2.75 v ? low quiescent current: ? 44  a normal mode (max) ? 20  a shutdown (max) ? power saving shutdown mode ? operating temperature range of ?40 c to 125 c ? series resistance cancellation up to 500  ? low d? bias for operation with low voltage processors ? 2?wire i 2 c serial interface ? programmable over/undertemperature limits ? these are pb?free devices applications ? smart phones, tablet pcs, satellite navigation, smart batteries http://onsemi.com see detailed ordering and shipping information on page 16 o f this data sheet. ordering information marking diagrams pin assignments dfn8 mt suffix case 511bu m = date code ay = assembly year ww = work week  = pb?free device t2 m   1 (note: microdot may be in either location) scl sda gnd alert /therm2 therm d? d+ v dd dfn8 (top view) 1 2 3 4 8 7 6 5 c1 c2 c3 a1 a2 a3 b1 b3 v dd therm2 d+ d? alert / therm2 sda gnd scl wlcsp8 (top view) wlcsp8 case 567dh NCT218 ayww
NCT218 http://onsemi.com 2 figure 1. functional block diagram a?to?d converter run/standby busy remote offset registers limit comparator status register interrupt masking remote temperature value registers local temperature value register on?chip temperature sensor analog mux external diode open?circuit NCT218 2 1 3 4 gnd sda scl d1+ d1? digital mux configuration registers remote temperature high?limit register remote temperature low?limit register local temperature high?limit register local temperature low?limit register conversion rate register address pointer register digital mux 5 6 7 8 v dd i 2 c interface therm alert/ therm2 figure 2. typical application circuit application processor d+ d? scl sda gnd NCT218 0.1  f 1.4v to 2.75v overtemperature shutdown v dd v dd v dd typ 10 k  typ 10 k  therm alert / therm2 i 2 c master table 1. pin function description ? dfn package pin no. pin name description 1 v dd positive supply, 1.4 v to 2.75 v 2 d1+ positive connection to remote 1 temperature sensor. 3 d1? negative connection to remote 1 temperature sensor. 4 therm open?drain output. can be used to throttle a cpu clock in the event of an overtemperature condi- tion. requires pullup resistor to v dd . active low output. 5 gnd supply ground connection. 6 alert /therm2 open?drain logic output used as interrupt. this can also be configured as a second therm out- put. requires pullup resistor to v dd . active low output. 7 sda logic input/output, i 2 c serial data. requires pullup resistor to v dd . 8 scl logic input, i 2 c serial clock. requires pullup resistor to v dd .
NCT218 http://onsemi.com 3 table 2. absolute maximum ratings (note 1) rating symbol value unit supply voltage (v dd ) to gnd v dd ?0.3, +3 v d+ ?0.3 to v dd + 0.25 v d? to gnd ?0.3 to +0.6 v scl, sda, alert , therm ?0.3 to +5.25 v input current on d? 1 ma input current on sda, therm i in ?1, +50 ma maximum junction temperature t j(max) 150.7 c operating temperature range top ?40 to 125 c storage temperature range t stg ?65 to 160 c esd capability, human body model (note 2) esd hbm 2000 v esd capability, machine model (note 2) esd mm 100 v stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. refer to electrical characteristics and application information for safe operating area. 2. this device series incorporates esd protection and is tested by the following methods: esd human body model tested per aec?q100-002 (eia/jesd22-a114) esd machine model tested per aec-q100-003 (eia/jesd22-a115) table 3. i 2 c timing ? 400 khz parameter (note 3) symbol min typ max unit clock frequency f sclk 10 400 khz clock period t sclk 2.5  s scl high time t high 0.6  s scl low time t low 1.3  s start setup time t su;sta 0.6  s start hold time (note 4) t hd;sta 0.6  s data setup time (note 5) t su;dat 100 ns data hold time (note 6) t hd;dat 0.9  s scl, sda rise time t r 300 ns scl, sda fall time t f 300 ns stop setup time t su;sto 0.6  s bus free time t buf 1.3  s glitch immunity t sw 50 ns 3. guaranteed by design, but not production tested. 4. time from 10% of sda to 90% of scl. 5. time for 10% or 90% of sda to 10% of scl. 6. a device must internally provide a hold time of at least 300 ns for the sda signal to bridge the undefined region of the fall ing edge of scl. figure 3. i 2 c timing diagram sclk sdata stop start stop start t buf t r t f t low t hd;sta t hd;dat t high t su;dat t su;sta t hd;sta t su;sto
NCT218 http://onsemi.com 4 table 4. electrical characteristics (t a = t min to t max , v dd = 1.6 v to 2.75 v. all specifications for ?40 c to +125 c, unless otherwise noted.) parameter test conditions min typ max unit temperature sensor measurement range ?40 +125 c remote sensor accuracy v dd = 1.6 v to 2.75 v t a = 25 c to 85 c t d = ?40 c to +125 c 1 c local sensor accuracy v dd = 1.6 v to 2.75 v t a = 25 c to 85 c t a = ?40 c to +125 c 1.75 3 c remote sensor source current high level middle level low level 200 75 12.5  a d? voltage 0.2 v adc resolution 10 bits conversion time 60 ms temperature resolution 0.25 c series resistance cancelled per thermal input pin ? 300  total at 25 c 500  undervoltage lockout threshold 1.32 v power?on reset threshold 0.9 v power requirements supply voltage 1.4 2.75 v quiescent current (i dd ) i 2 c inactive ? 0.0625 conversions/sec rate, 1.8 v v dd i 2 c active, 400 khz 15 30 44  a standby current (i stby ) i 2 c inactive i 2 c active, 400 khz 1 10 20  a digital input/output input logic levels v ih 0.7 x v dd 2.75 v v il ?0.5 0.3 x v dd v input current 0 < v in < 2.75 v 1  a output logic levels v ol sda, alert , therm v dd > 2 v, i ol = 3 ma 0 0.4 v v dd < 2 v, i ol = 3 ma 0 0.2 x v dd v product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions.
NCT218 http://onsemi.com 5 theory of operation the NCT218 is a local and remote temperature sensor and over/under temperature alarm, with the added ability to automatically cancel the effect of 500  (typical) of resistance in series with the temperature monitoring diode. when the NCT218 is operating normally, the on?board adc operates in a free running mode. the analog input multiplexer alternately selects either the on?chip temperature sensor to measure its local temperature or the remote t emperature sensor. the adc digitizes these signals and the results are stored in the local and remote temperature value registers. the local and remote measurement results are compared with the corresponding high, low, and therm temperature limits, stored in eight on?chip registers. out?of?limit comparisons generate flags that are stored in the status register. a result that exceeds the high temperature limit or the low temperature limit causes the alert output to assert. the alert output also asserts if an external diode fault is detected. exceeding the therm temperature limits causes the therm output to assert low. the alert output can be reprogrammed as a second therm output. the limit registers are programmed and the device controlled and configured via the serial i 2 c. the contents of any register are also read back via the i 2 c. control and configuration functions consist of switching the device between normal operation and standby mode, selecting the temperature measurement range, masking or enabling the alert output, switching pin 6 between alert and therm2 , and selecting the conversion rate. series resistance cancellation parasitic resistance to the d+ and d? inputs to the NCT218, seen in series with the remote diode, is caused by a variety of factors, including pcb track resistance and track length. this series resistance appears as a temperature ofset in the remote sensor?s temperature measurement. this error typically causes a 0.5 c offset per ohm of parasitic resistance in series with the remote diode. the NCT218 automatically cancels the effect of this series resistance on the temperature reading, giving a more accurate result, without the need for user characterization of this resistance. the NCT218 is designed to automatically cancel typically up to 150  of resistance. by using an advanced temperature measurement method, this process is transparent to the user. this feature permits resistances to be added to the sensor path to produce a filter, allowing the part to be used in noisy environments. see the section on noise filtering for more details. temperature measurement method a simple method of measuring temperature is to exploit the negative temperature coefficient of a diode, measuring the base emitter voltage (v be ) of a transistor operated at constant current. however, this technique requires calibration to null the effect of the absolute value of v be , which varies from device to device. the technique used in the NCT218 measures the change in vbe when the device operates at three different currents. previous devices used only two operating currents, but it is the use of a third current that allows automatic cancellation of resistances in series with the external temperature sensor. figure 4 shows the input signal conditioning used to measure the output of an external temperature sensor. this figure shows the external sensor as a substrate transistor, but it can equally be a discrete transistor. if a discrete transistor is used, the collector is not grounded but is linked to the base. to prevent ground noise interfering with the measurement, the more negative terminal of the sensor is not referenced to ground, but is biased above ground by an internal resistor at the d? input. c1 may be added as a noise filter (a recommended maximum value of 1000 pf). however, a better option in noisy environments is to add a filter, as described in the noise filtering section. see the layout considerations section for more information on c1. to measure  v be , the operating current through the sensor is switched among three related currents. as shown in figure 4, n1 x i and n2 x i are different multiples of the current, i. the currents through the temperature diode are switched between i and n1 x i, giving  v be1 ; and then between i and n2 x i, giving  v be2 . the temperature is then calculated using the two  v be measurements. this method also cancels the effect of any series resistance on the temperature measurement. the resulting  v be waveforms are passed through a 65 khz low?pass filter to remove noise and then to a chopper?stabilized amplifier. this amplifies and rectifies the waveform to produce a dc voltage proportional to  v be . the adc digitizes this voltage producing a temperature measurement. to reduce the ef fects of noise, digital filtering is performed by averaging the results of 16 measurement cycles for low conversion rates. at rates of 16?, 32? and 64?conversions/second, no digital averaging occurs. signal conditioning and measurement of the internal temperature sensor are performed in the same manner.
NCT218 http://onsemi.com 6 figure 4. input signal conditioning lpf n2 x i i biasing resistor d+ d? c1* remote sensing transistor to adc n1 x i i bias v dd f c = 65 khz v out? v out+ * capacitor c1 is optional. it is only necessary in noisy environments. c1 = 1000 pf max. temperature measurement results the results of the local and remote temperature measurements are stored in the local and remote temperature value registers and compared with limits programmed into the local and remote high and low limit registers. the local temperature value is in register 0x00 and has a resolution of 1 c. the external temperature value is stored in two registers, with the upper byte in register 0x01 and the lower byte in register 0x10. only the two msbs in the external temperature low byte are used giving the external temperature measurement a resolution of 0.25 c. table 5 lists the data format for the external temperature low byte. table 5. extended temperature resolution (remote temperature low byte) extended resolution remote temperature low byte 0.00 c 0 000 0000 0.25 c 0 100 0000 0.50 c 1 000 0000 0.75 c 1 100 0000 when reading the full external temperature value, read the lsb first. this causes the msb to be locked (that is, the adc does not write to it) until it is read. this feature ensures that the results read back from the two registers come from the same measurement. temperature measurement range the temperature measurement range for both internal and external measurements is, by default, 0 c to +127 c. however, the NCT218 can be operated using an extended temperature range. the extended measurement range is ?64 c to +191 c. therefore, the NCT218 can be used to measure the full temperature range of an external diode, from ?55 c to +150 c. the extended temperature range is selected by setting bit 2 of the configuration register to 1. the temperature range is 0 c to 127 c when bit 2 equals 0. a valid result is available in the next measurement cycle after changing the temperature range. in extended temperature mode, the upper and lower temperature that can be measured by the NCT218 is limited by the remote diode selection. the temperature registers can have values from ?64 c to +191 c. however, most temperature sensing diodes have a maximum temperature range of ?55 c to +150 c. above +150 c, they may lose their semiconductor characteristics and approximate conductors i nstead. this results in a diode short. in this case, a read of the temperature result register gives the last good temperature measurement. therefore, the temperature measurement on the external channel may not be accurate for temperatures that are outside the operating range of the remote sensor. it should be noted that although both local and remote temperature measurements can be made while the part is in extended temperature mode, the NCT218 itself should not be exposed to temperatures greater than those specified in the absolute maximum ratings section. further, the device is only guaranteed to operate as specified at ambient temperatures from ?40 c to +125 c. temperature data format the NCT218 has two temperature data formats. when the temperature measurement range is from 0 c to 127 c (default), the temperature data format for both internal and external temperature results is binary. when the measurement range is in extended mode, an offset binary data format is used for both internal and external results. temperature values are offset by 64 c in the offset binary data format. examples of temperatures in both data formats are shown in table 6.
NCT218 http://onsemi.com 7 table 6. temperature data format (temperature high byte) temperature binary offset binary (note 1) -55 c 0 000 0000 (note 2) 0 000 1001 0 c 0 000 0000 0 100 0000 +1 c 0 000 0001 0 100 0001 +10 c 0 000 1010 0 100 1010 +25 c 0 001 1001 0 101 1001 +50 c 0 011 0010 0 111 0010 +75 c 0 100 1011 1 000 1011 +100 c 0 110 0100 1 010 0100 +125 c 0 111 1101 1 011 1101 +127 c 0 111 1111 1 011 1111 +150 c 0 111 1111 (note 3) 1 101 0110 1. offset binary scale temperature values are offset by 64 c. 2. binary scale temperature measurement returns 0 c for all temperatures < 0 c. 3. binary scale temperature measurement returns 127 c for all temperatures > 127 c. the user can switch between measurement ranges at any time. switching the range likewise switches the data format. the next temperature result following the switching is reported back to the register in the new format. however, the contents of the limit registers do not change. it is up to the user to ensure that when the data format changes, the limit registers are reprogrammed as necessary . more information on this is found in the limit registers section. NCT218 registers the NCT218 contains 22, 8?bit registers in total. these registers store the results of remote and local temperature measurements, high and low temperature limits, and configure and control the device. see the address pointer register section through the consecutive alert register section of this data sheet for more information on the NCT218 registers. additional details are shown in table 7 through table 11. the entire register map is available in table 12. address pointer register the address pointer register itself does not have, nor does it require, an address because the first byte of every write operation is automatically written to this register. the data in this first byte always contains the address of another register on the NCT218 that is stored in the address pointer register. it is to this register address that the second byte of a write operation is written, or to which a subsequent read operation is performed. the power?on default value of the address pointer register is 0x00. therefore, if a read operation is performed immediately after power?on, without first writing to the address pointer, the value of the local temperature is returned because its register address is 0x00. temperature value registers the NCT218 has three registers to store the results of local and remote temperature measurements. these registers can only be written to by the adc and can be read by the user over the i 2 c. the local temperature value register is at address 0x00. the external temperature value high byte register is at address 0x01, with the low byte register at address 0x10. the power?on default for all three registers is 0x00. configuration register the configuration register is address 0x03 at read and address 0x09 at write. its power?on default is 0x00. only four bits of the configuration register are used. bit 0, bit 1, bit 3, and bit 4 are reserved; only zeros should be written to these. bit 7 of the configuration register masks the alert output. if bit 7 is 0, the alert output is enabled. this is the power?on default. it bit 7 is set to 1, the alert output is disabled. this applies only if pin 6 is configured as alert . if pin 6 is configured as therm2 , then the value of bit 7 has no effect. if bit 6 is set to 0, which is power?on default, the device is in operating mode with adc converting. if bit 6 is set to 1, the device is in standby mode and the adc does not convert. the i 2 c does, however, remain active in standby mode; therefore, values can be read from or written to the NCT218 via the i 2 c. the alert and therm output are also active in standby mode. changes made to the register in standby mode that affect the therm or alert outputs cause these signals to be updated. bit 5 determines the configuration of pin 6 on the NCT218. if bit 5 is 0 (default), then pin 6 is configured as a alert output. if bit 5 is 1, then pin 6 is configured as a therm2 output. bit 7, the alert mask bit, is only active when pin 6 is configured as an alert output. if pin 6 is set up as a therm2 output, then bit 7 has no effect. bit 2 sets the temperature measurement range. if bit 2 is 0 (default value), the temperature measurement range is set between 0 c to +127 c. setting bit 2 to 1 sets the measurement range to the extended temperature range (?64 c to +191 c). table 7. configuration register bit assignments bit name function power?on default 7 mask1 0 = alert enabled 1 = alert masked 0 6 run/stop 0 = run 1 = standby 0 5 alert / therm2 0 = alert 1 = therm2 0 4, 3 reserved 0 2 temperature range select 0 = 0 c to 127 c 1 = extended range 0 1, 0 reserved 0
NCT218 http://onsemi.com 8 conversion rate register the conversion rate register is address 0x04 at read and address 0x0a at write. the lowest four bits of this register are used to program the conversion rate by dividing the internal oscillator clock by 1, 2, 4, 8, 16, 32, 64, 128, 256, 512, 1024 to give conversion times from 15.5 ms (code 0x0a) to 16 seconds (code 0x00). for example, a conversion rate of eight conversions per second means that beginning at 125 ms intervals, the device performs a conversion on the internal and the external temperature channels. the conversion rate register can be written to and read back over the i 2 c. the higher four bits of this register are unused and must be set to 0. the default value of this register is 0x08, giving a rate of 16 conversions per second. use of slower conversion times greatly reduces the device power consumption. table 8. conversion rates code conversion/second time (seconds) 0x00 0.0625 16 0x01 0.125 8 0x02 0.25 4 0x03 0.5 2 0x04 1 1 0x05 2 500 m 0x06 4 250 m 0x07 8 125 m 0x08 16 62.5 m 0x09 32 31.25 m 0x0a 64 15.5 m 0x0b to 0xff reserved limit registers the NCT218 has eight limit registers: high, low, and therm temperature limits for both local and remote temperature measurements. the remote temperature high and low limits span two registers each, to contain an upper and lower byte for each limit. there is also a therm hysteresis register. all limit registers can be written to, and read byck over i 2 c. see table 12 for details of the limit register addresses and their power?on default values. when pin 6 is configured as an alert output, the high limit registers perform a > comparison, while the low limit registers perform a comparison. for example, if the high limit register is programmed with 80 c, then measuring 81 c results in an out?of?limit condition, setting a flag in the status register. if the low limit register is programmed with 0 c, measuring 0 c or lower resutls in an out?of?limit condition. exceeding either the local or remote therm limit asserts therm low. when pin 6 is configured as therm2 , exceeding either the local or remote high limit asserts therm2 low. a default hysteresis value of 10 c is provided which applies to both therm channels. this hysteresis value can be reprogrammed to any value after powerup (register address 0x21). it is important to remember that the temperature limits data format is the same as the temperature measurement data format. therefore, if the temperature measurement uses default binary, then the temperature limits also use the binary scale. if the temperature measurement scale is switched, however, the temperature limits do not automatically switch. the user must reprogram the limit registers to the desired value in the correct data format. for example, if the remote low limit is set at 10 c with the default binary scale, the limit register value is 0000 1010b. if the scale is switched to offset binary, the value in the low temperature limit register needs to be reprogrammed to 0100 1010b. status register the status register is a read?only register at address 0x02. it contains status information for the NCT218. when bit 7 of the status register is high, it indicates that the adc is bisy converting. the other bits in this register flag the out?of?limit temperature measurements (bit 6 to bit 3, and bit 1 to bit 0) and the remote sensor open circuit (bit 2). if pin 6 is configured as an alert output, the following applies: if the local temperature measurement exceeds its limits, bit 6 (high limit) or bit 5 (low limit) of the status register asserts to flag this condition. if the remote temperature measurement exceeds its limits, then bit 4 (high limit) or bit 3 (low limit) asserts. bit 2 asserts to flag an open circuit condition on the remote sensor. these five flags are nor?ed together, so if any of them is high, the alert interrupt latch is set and the alert output goes low. reading the status register clears the five flags, bit 6 to bit 2, provided the error conditions causing the flags to be set have gone away. a flag bit can be reset only if the corresponding value register contains an in?limit measurement or if the sensor is good. the alert interrupt latch (output) is reset by either reading the status register or by issuing the device with an ara. in order for either of the above to work the error condition must have gone away. when flag 1 and/or flag 0 are set, the therm output goes low to indicate that the temperature measurements are outside the programmed limits. the therm output does not need to be reset, unlike the alert output. once the measurements are within the limits, the corresponding status register bits are automatically reset and the therm output goes high. the user may add hysteresis by programming register 0x21. the therm output is reset only when the temperature falls to limit value minus the hysteresis value. when pin 6 is configured as therm2 , only the high temperature limits are relevant. if flag 6 and/or flag 4 are set, the therm2 output goes low to indicate that the temperature measurements are outside the programmed limits. flag 5 and flag 3 have no effect on therm2 . the behavior of therm2 is otherwise the same as therm .
NCT218 http://onsemi.com 9 table 9. status register bit assignments bit name function 7 busy 1 when adc is converting 6 lhigh (note 4) 1 when local high temperature limit is tripped 5 llow (note 4) 1 when local low temperature limit is tripped 4 rhigh (note 4) 1 when remote high temperature limit is tripped 3 rlow (note 4) 1 when remote low temperature limit is tripped 2 open (note 4) 1 when remote sensor is an open circuit 1 rthrm 1 when remote therm limit is tripped 0 lthrm 1 when local therm limit is tripped 4. these flags stay high until the status register is read or they are reset by por unless pin 6 is configured as therm2 . then, only bit 2 remains high until the status register is read or is reset by por. offset register offset errors can be introduced into the remote temperature measurement by clock noise or when the thermal diode is located away from the hot spot. to achieve the specified accuracy on this channel, these offsets must be removed. the offset register can also be used to nullify the effect of varying nf, the non?ideality factor of the remote sensing diode. by default the NCT218 is trimmed to operate with an nf value of 1.008 but the offset register allows other diodes to be used without affecting the temperature result. the offset value is stored as a 10?bit, twos complement value in register 0x11 (high byte) and register 0x12 (low byte, left justified). only the upper two bits of register 0x12 are used. the msb of register 0x11 is the sign bit. the minimum, programmable offset is ?128 c, and the maximum is +127.75 c. the value in the offset register is added to, or subtracted from, the measured value of the remote temperature. the offset register powers up with a default value of 0 c and has no effect unless the user writes a different value to it. table 10. sample offset register codes offset value 0x11 0x12 -128 c 1000 0000 00 00 0000 -4 c 1111 1100 00 00 0000 -1 c 1111 1111 00 00 0000 -0.25 c 1111 1111 10 00 0000 0 c 0000 0000 00 00 0000 +0.25 c 0000 0000 01 00 0000 +1 c 0000 0001 00 00 0000 +4 c 0000 0100 00 00 0000 +127.75 c 0111 1111 11 00 0000 one?shot register the one?shot register is used to initiate a conversion and comparison cycle when the NCT218 is in standby mode, after which the device returns to standby. writing to the one?shot register address (0x0f) causes the NCT218 to perform a conversion and comparison on both the internal and the external temperature channels. this is not a data register as such, and it is the write operation to address 0x0f that causes the one?shot conversion. the data written to this address is irrelevant and is not stored. consecutive alert register the value written to this register determines how many out?of?limit measurements must occu r before an alert is generated. the default value is that one out?of?limit measurement generates an alert . the maximum value that can be chosen is 4. the purpose of this register is to allow the user to perform some filtering of the output. this is particularly useful at the fastest three conversion rates, where no averaging takes place. this register is at address 0x22. table 11. consecutive alert register codes register value number of out-of-limit measurements required yxxx 000x 1 yxxx 001x 2 yxxx 011x 3 yxxx 111x 4 note: x = don?t care bits, and y = bus timeout bit. default = 0. see interface section for more information.
NCT218 http://onsemi.com 10 table 12. list of registers read address (hex) write address (hex) name power?on default not applicable not applicable address pointer undefined 00 not applicable local temperature value 0000 0000 (0x00) 01 not applicable external temperature value high byte 0000 0000 (0x00) 02 not applicable status undefined 03 09 configuration 0000 0000 (0x00) 04 0a conversion rate 0000 1000 (0x08) 05 0b local temperature high limit 0101 0101 (0x55) (85 c) 06 0c local temperature low limit 0000 0000 (0x00) (0 c) 07 0d external temperature high limit high byte 0101 0101 (0x55) (85 c) 08 0e external temperature low limit high byte 0000 0000 (0x00) (0 c) not applicable 0f (note 1) one?shot 10 not applicable external temperature value low byte 0000 0000 (0x00) 11 11 external temperature offset high byte 0000 0000 (0x00) 12 12 external temperature offset low byte 0000 0000 (0x00) 13 13 external temperature high limit low byte 0000 0000 (0x00) 14 14 external temperature low limit low byte 0000 0000 (0x00) 19 19 external therm limit 0110 1100 (0x6c) (108 c) 20 20 local therm limit 0101 0101 (0x55) (85 c) 21 21 therm hysteresis 0000 1010 (0x0a) (0x10 c) 22 22 consecutive alert 0000 0001 (0x01) fe not applicable manufacturer id 0001 1010 (0x1a) ff not applicable die revision code 0xxx
NCT218 http://onsemi.com 11 serial interface control of the NCT218 is carried out via the i 2 c compatible serial interface. the NCT218 is connected to this bus as a slave device, under the control of a master device. the NCT218 has a bus timeout feature. when this is enabled, the bus times out after typically 25 ms of no activity. after this time, the NCT218 resets the sda line back to its idle state (high impedance) and waits for the next start condition. however, this feature is not enabled by default. bit 7 of the consecutive alert register (address = 0x22) should be set to enable it. addressing the device in general, every i 2 c device has a 7?bit device address, except for some devices that have extended 10?bit addresses. when the master device sends a device address over the bus, the slave device with that address responds. the NCT218 is available with one device address, 0x4c. an NCT218 with address 0x4d is also available for systems requiring more than one NCT218 devices. the serial bus protocol operates as follows: 1. the master initiates data transfer by establishing a start condition, defined as a high to low transition on the serial data line sda, while the serial clock line scl remains high. this indicates that an address/data stream is going to follow. all slave peripherals connected to the serial bus respond to the start condition and shift in the next eight bits, consisting of a 7?bit address (msb first) plus a read/write (r/w) bit, which deternimes the direction of the data transfer i.e. whether data is written to, or read from, the slave device. the peripheral with the address corresponding to the transmitted address responds by pulling the data line low during the low period before the ninth clock pulse, known as the acknowledge bit. all other devices on the bus now remain idle while the selected device waits for data to be read from or written to it. if the r/w bit is a zero then the master writes to the slave device. if the r/w bit is a one then the master reads from the slave device. 2. data is sent over the serial bus in sequences of nine clock pulses, eight bits of data followed by an acknowledge bit from the receiver of data. transitions on the data line must occur during the low period of the clock signal and remain stable during the high period, since a low?to?high transition when the clock is high can be interpreted as a stop signal. 3. when all data bytes have been read or written, stop conditions are established. in write mode, the master pulls the data line high during the tenth clock pulse to assert a stop condition. in read mode, the master overrides the acknowledge bit by pulling the data line high during the low period before the ninth clock pulse. this is known as no acknowledge. the master takes the data line low during the low period before the tenth clock pulse, then high during the tenth clock pulse to assert a stop condition. to write data to one of the device data registers, or to read data from it, the address pointer register must be set so that the correct data register is addressed. the first byte of a write operation always contains a valid address that is stored in the address pointer register. if data is to be written to the device, the write operation contains a second data byte that is written to the register selected by the address pointer register. this procedure is illustrated in figure 5. the device address is sent over the bus followed by r/w set to 0. this is followed by two data bytes. the first data byte is the address of the internal data register to be written to, which is stored in the address pointer register. the second data byte is the data to be written to the internal data register. when reading data from a register there are two possibilities. ? if the address pointer register value of the NCT218 is unknown or not the desired value, it is first necessary to set it to the correct value before data can be read from the desired data register. this is done by writing to the NCT218 as before, but only the data byte containing the register read address is sent, because data is not to be written to the register see figure 5. a read operation is then performed consisting of the serial bus address, r/w bit set to 1, followed by the data byte read from the data register see figure 7. ? if the address pointer register is known to be at the desired address, data can be read from the corresponding data register without first writing to the address pointer register and the bus transaction shown in figure 6 can be omitted. notes: ? it is possible to read a data byte from a data register without first writing to the address pointer register. however, if the address pointer register is already at the correct value, it is not possible to write data to a register without writing to the address pointer register because the first data byte of a write is always written to the address pointer register. ? some of the registers have different addresses for read and write operations. the write address of a register must be written to the address pointer if data is to be written to that register, but it may not be possible to read data from that address. the read address of a register must be written to the address pointer before data can be read from that register.
NCT218 http://onsemi.com 12 figure 5. writing to the address pointer register frame 1 serial bus address byte sda scl start by master frame 2 address pointer register byte d7 d6 d5 d4 d3 d2 d1 d0 a6 a5 a4 a3 a2 a1 a0 11 9 9 stop by master ack. by NCT218 ack. by NCT218 r/w figure 6. writing a register address to the address pointer register, then writing a single byte of data to a register d7 d6 d5 d4 d3 d2 d1 d0 frame 3 data byte ack. by NCT218 stop by master sda (continued) scl (continued) frame 1 serial bus address byte ack. by NCT218 sda scl start by master frame 2 address pointer register byte d7 d6 d5 d4 d3 d2 d1 d0 a6 a5 a4 a3 a2 a1 a0 ack. by NCT218 1 1 9 9 19 r/w figure 7. reading a byte of data from a register frame 1 serial bus address byte sda scl start by master frame 2 data byte from register d7 d6 d5 d4 d3 d2 d1 d0 a6 a5 a4 a3 a2 a1 a0 11 9 9 stop by master ack. by NCT218 no ack. by master r/w alert output this is applicable when pin 6 is configured as an alert output. the alert output goes low whenever an out?of?limit measurement is detected, or if the remote temperature sensor is open circuit. it is an open?drain output and requires a pullup resistor to v dd . several alert outputs can be wire?or?ed together, so that the common line goes low if one or more of the alert outputs goes low. the alert output can be used as an interrupt signal to a processor, or as an smbalert . slave devices on the bus cannot normally signal to the bus master that they want to talk, but the smbalert function allows them to do so. one or more alert outputs can be connected to a common smbalert line that is connected to the master. when the smbalert line is pulled low by one of the devices, the following procedure occurs (see figure 8): figure 8. use of smbalert alert response address master sends ara and read command device sends its address rd start ack device address no ack stop master receives smbalert 1. smbalert is pulled low. 2. master initiates a read operation and sends the alert response address (ara = 0001 100). this is a general call address that must not be used as a specific device address. 3. the device whose alert output is low responds to the alert response address and the master reads its device address. as the device address is seven bits, an lsb of 1 is added. the address of the device is now known and it can be interrogated in the usual way. 4. if more than one device?s alert output is low, the one with the lowest device address takes
NCT218 http://onsemi.com 13 priority, in accordance with normal bus arbitration. once the NCT218 has responded to the alert response address, it resets its alert output, provided that the error condition that caused the alert no longer exists. if the smbalert line remains low, the master sends the ara again, and so on until all devices whose alert outputs were low have responded. low power standby mode the NCT218 can be put into low power standby mode by setting bit 6 of the configuration register. when bit 6 is low, the NCT218 operates normally. when bit 6 is high, the adc is inhibited, and any conversion in progress is terminated without writing the result to the corresponding value register. however, the i 2 c is still enabled. power consumption in the standby mode is reduced to 12  a if there is no bus activity. when the device is in standby mode, it is possible to initiate a one?shot conversion of both channels by writing to the one?shot register (address 0x0f), after which the device returns to standby. it does not matter what is written to the one?shot register, all data written to it is ignored. it is also possible to write new values to the limit register while in standby mode. if the values stored in the temperature value registers are outside the new limits, an alert is generated, even though the NCT218 is still in standby. sensor fault detection at its d+ input, the NCT218 contains internal sensor fault detection circuitry. this circuit can detect situations where an external remote diode is either not connected or incorrectly connected to the NCT218. a simple voltage comparator trips if the voltage at d+ exceeds vdd ? 300 mv (typical), signifying an open circuit between d+ and d?. the output of this comparator is checked when a conversion is init iated. bit 2 of the status register (open flag) is set if a fault is detected. if the alert pin is enabled, setting this flag causes alert to assert low. if the user does not wish to use an external sensor with the NCT218, tie the d+ and d? inputs together to prevent continuous setting of the open flag. the NCT218 interrupt system the NCT218 has two interrupt outputs, alert and therm . both have different functions and behavior. alert is maskable and responds to violations of software programmed temperature limits or an open?circuit fault on the external diode. therm is intended as a fail?safe interrupt output that cannot be masked. if the external or local temperature exceeds the programmed high temperature limits, or equals or exceeds the low temperature limits, the alert output is asserted low. an open?circuit fault on the external diode also causes alert to assert. alert is reset when serviced by a master reading its device address, provided the error condition has gone away and the status register has been reset. the therm output asserts low if the external or local temperature exceeds the programmed therm limits. therm temperature limits should normally be equal to or greater than the high temperature limits. therm is reset automatically when the temperature falls back within the therm limit. a hysteresis value can be programmed; in which case, therm resets when the temperature falls to the limit value minus the hysteresis value. this applies to both local and remote measurement channels. the power?on hysteresis default value is 10 c, but this can be reprogrammed to any value after powerup. the hysteresis loop on the therm outputs is useful when therm is used, for example, as an on/off controller for a fan. the user?s system can be set up so that when therm asserts, a fan is switched on to cool the system. when therm goes high again, the fan can be switched off. programming a hysteresis value protects from fan jitter, where the temperature hovers around the therm limit, and the fan is constantly switched. table 13. therm hysteresis therm hysteresis binary representation 0 c 0 000 0000 1 c 0 000 0001 10 c 0 000 1010 figure 9 shows how the therm and alert outputs operate. the alert output can be used as a smbalert to signal to the host via the i 2 c that the temperature has risen. the user can use the therm output to turn on a fan to cool the system, if the temperature continues to increase. this method ensures that there is a fail?safe mechanism to cool the system, without the need for host intervention. figure 9. operation of the alert and therm interrupts 100  c therm limit 90  c 80  c 70  c 60  c 50  c 40  c therm limit ? hysteresis high temp limit reset by master temperature 1 23 4 alert therm ? if the measured temperature exceeds the high temperature limit, the alert output asserts low. ? if the temperature continues to increase and exceeds the therm limit, the therm output asserts low. this can be used to throttle the cpu clock or switch on a fan.
NCT218 http://onsemi.com 14 ? the therm output deasserts (goes high) when the temperature falls to therm limit minus hysteresis. the default hysteresis value is 10 c. ? the alert output deasserts only when the temperature has fallen below the high temperature limit, and the master has read the device address and cleared the status register. ? pin 6 on the NCT218 can be configured as either an alert output or as an additional therm output. ? therm2 asserts low when the temperature exceeds the programmed local and/or remote high temperature limits. it is reset in the same manner as therm and is not maskable. ? the programmed hysteresis value also applies to therm2 . figure 10 shows how therm and therm2 operate together to implement two methods of cooling the system. in this example, the therm2 limits are set lower than the therm limits. the therm2 output is used to turn on a fan. if the temperature continues to rise and exceeds the therm limits, the therm output provides additional cooling by throttling the cpu. figure 10. operation of the therm and therm2 interrupts therm2 limit 90  c 80  c 70  c 60  c 50  c 40  c temperature 1 23 4 therm 30  c therm limit therm2 ? when the therm2 limit is exceeded, the therm2 signal asserts low. ? if the temperature continues to increase and exceeds the therm limit, the therm output asserts low. ? the therm output deasserts (goes high) when the temperature falls to therm limit minus hysteresis. in figure 10, there is no hysteresis value shown. ? as the system cools further, and the temperature falls below the therm2 limit, the therm2 signal resets. again, no hysteresis value is shown for therm2 . both the external and internal temperature measurements cause therm and therm2 to operate as described. application information noise filtering for temperature sensors operating in noisy environments, the industry standard practice was to place a capacitor across the d+ and d? pins to help combat the effects of noise. however, large capacitances affect the accuracy of the temperature measurement, leading to a recommended maximum capacitor value of 1,000 pf. although this capacitor reduces the noise, it does not eliminate it, making it difficult to use the sensor in a very noisy environment. the NCT218 has a major advantage over other devices when it comes to eliminating the effects of noise on the external sensor. the series resistance cancellation feature allows a filter to be constructed between the external temperature sensor and the part. the effect of any filter resistance seen in series with the remote sensor is automatically cancelled from the temperature result. the construction of a filter allows the NCT218 and the remote temperature sensor to operate in noisy environments. figure 11 shows a low?pass r?c?r filter, where r = 100  and c = 1 nf. this filtering reduces both common?mode and differential noise. figure 11. filter between remote sensor and NCT218 factors affecting diode accuracy 100  100  1 nf d+ d? remote temperature sensor remote sensing diode the NCT218 is designed to work with substrate transistors built into processors or with discrete transistors. substrate transistors are generally pnp types with the collector co nnected to the substrate. discrete types are either pnp or npn transistors connected as diodes (base?shorted to collector). if an npn transistor is used, the collector and base are connected to d+ and the emitter to d?. if a pnp transistor is used, the collector and base are connected to d? and the emitter to d+. to reduce the error due to variations in both substrate and discrete transistors, consider several factors: ? the ideality factor, nf, of the transistor is a measure of the deviation of the thermal diode from ideal behavior. the NCT218 is trimmed for an nf value of 1.008. the following equation may be used to calculate the error introduced at a temperature, t ( c), when using a transistor whose nf does not equal 1.008. consult the processor data sheet for the nf values.  t  (nf  1.008)  1.008  (273.15 kelvin  t)
NCT218 http://onsemi.com 15 to factor this in, the user writes the  t value to the ofset register. it is then automatically added to, or subtracted from, the temperature measurement. ? some cpu manufacturers specify the high and low current levels of the substrate transistors. the high current level of the NCT218, i high , is 200  a, imid is 75  a and the low level current, ilow, is 12.5  a. if the NCT218 current levels do not match the current levels specified by the cpu manufacturer, it may become necessary to remove an offset. the cpu data sheet should advise whether this offset needs to be removed and how to calculate it. this offset is programmed to the ofset register. it is important to note that if more than one offset must be considered, the algebraic sum of these offsets must be programmed to the offset register. thermal inertia and self?heating accuracy depends on the temperature of the remote sensing diode and/or the internal temperature sensor being at the same temperature as that being measured. many factors can affect this. ideally, place the sensor in good thermal contact with the part of the system being measured. if it is not, the thermal inertia caused by the sensor?s mass causes a lag in the response of the sensor to a temperature change. in the case of the remote sensor, this should not be a problem since it is either a substrate transistor in the processor or a small package device, such as the sot?23, placed in close proximity to it. the on?chip sensor, however, is often remote from the processor and only monitors the general ambient temperature around the package. how accurately the temperature of the board and/or the forced airflow reflects the temperature to be measured dictates the accuracy of the measurement. self?heating due to the power dissipated in the NCT218 or the remote sensor causes the chip temperature of the device or remote sensor to rise above ambient. however, the current forced through the remote sensor is so small that self?heating is negligible. layout considerations digital boards can be electrically noisy environments, and the NCT218 is measuring very small voltages from the remote sensor, so care must be taken to minimize noise induced at the sensor inputs. t ake the following precautions: ? place the NCT218 as close as possible to the remote sensing diode. provided that the worst noise sources, that is, clock generators, data/address buses, and crts are avoided, this distance can be 4 inches to 8 inches. ? route the d+ and d? tracks close together, in parallel, with grounded guard tracks on each side. to minimize inductance and reduce noise pickup, a 5 mil track width and spacing is recommended. provide a ground plane under the tracks, if possible. figure 12. typical assignment of signal tracks 5 mil 5 mil 5 mil 5 mil 5 mil 5 mil 5 mil gnd d? d+ gnd ? try to minimize the number of copper/solder joints that can cause thermocouple effects. where copper/solder joints are used, make sure that they are in both the d+ and d? path and at the same temperature. ? thermocouple effects should not be a major problem as 1 c corresponds to about 200 mv, and thermocouple voltages are about 3 mv/ c of temperature difference. unless there are two thermocouples with a big temperature differential between them, thermocouple voltages should be much less than 200 mv. ? place a 0.1  f bypass capacitor close to the vdd pin. in extremely noisy environments, place an input filter capacitor across d+ and d? close to the NCT218. this capacitance can effect the temperature measurement, so ensure that any capacitance seen at d+ and d? is, at maximum, 1,000 pf. this maximum value includes the filter capacitance, plus any cable or stray capacitance between the pins and the sensor diode. ? if the distance to the remote sensor is more than 8 inches, the use of twisted pair cable is recommended. a total of 6 feet to 12 feet is needed. for really long distances (up to 100 feet), use a shielded twisted pair, such as the belden no. 8451 microphone cable. connect the twisted pair to d+ and d? and the shield to gnd close to the NCT218. leave the remote end of the shield unconnected to avoid ground loops. because the measurement technique uses switched current sources, excessive cable or filter capacitance can affect the measurement. when using long cables, the filter capacitance can be reduced or removed. power supply rise time when powering up the NCT218 you must ensure that the power supply voltage rises above 1.32 in less than 5 ms. if a rise time of longer than this occurs then power-on-reset will be caused and yield unpredictable results.
NCT218 http://onsemi.com 16 table 14. ordering information device number package type shipping ? NCT218mtr2g wdfn8 (pb?free) 3000 / tape & reel NCT218fct2g wlcsp8 (pb?free) 3000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
NCT218 http://onsemi.com 17 package dimensions seating plane 0.10 c a3 a a1 0.10 c wdfn8 2x1.8, 0.5p case 511bu issue o dim a min max millimeters 0.70 0.80 a1 0.00 0.05 a3 0.20 ref b 0.20 0.30 d e e l pin one reference 0.08 c 0.10 c a 0.10 c note 3 l2 e b b 4 8 8x 1 5 0.05 c l1 2.00 bsc 1.80 bsc 0.50 bsc 0.45 0.55 --- 0.15 bottom view l 7x l1 detail a l alternate terminal constructions l l2 0.55 0.65 b top view side view notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.15 and 0.20 mm from terminal tip. 4. coplanarity applies to the exposed pad as well as the terminals. *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 2.10 0.50 0.73 7x dimensions: millimeters 0.32 pitch 8x 1 package outline recommended 0.83 2x 2x note 4 e/2 m m d e
NCT218 http://onsemi.com 18 package dimensions wlcsp8, 1.155x1.655 case 567dh issue o seating plane 0.05 c notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. coplanarity applies to spherical crowns of solder balls. 2x dim a min max 0.50 millimeters a1 d 1.155 bsc e b 0.24 0.29 ed 0.40 bsc 0.60 d e a b pin a1 reference a 0.05 b c 0.03 c 0.05 c 8x b ab c 1 2 3 0.05 c a a1 a2 c 0.17 0.24 1.655 bsc 0.40 0.23 8x dimensions: millimeters *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.05 c 2x top view side view bottom view note 3 ee a2 0.36 ref recommended a1 package outline ed pitch 0.40 pitch ee 0.40 bsc on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s pr oduct/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 NCT218/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: on semiconductor: ? NCT218mtr2g? NCT218fct2g


▲Up To Search▲   

 
Price & Availability of NCT218

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X