absolute maximum ratings (ta=25oc) i t e m s s y m b o l r a t i n g s u n i t forward current if 100 ma forward current (pulse)*1 ifp 1 a reverse voltage vr 5 v power dissipation pd 190 mw operating temperature range topr -20 ~ +85 oc storage temperature range tstg -30 ~ +100 oc junction temperature tj 100 oc lead soldering temperature*2 tls 260 oc peak emission wavelength: 950nm the 950nm ir emitter series is designed for applications requiring high output and precise optical / mechanical axis alignment. custom package solutions and sorting are available. f e a t u r e s > to-18 metal can flat package > high output power > high reliability > wide beam angle a p p l i c a t i o n s > optical switches > optical sensors electrical & optical characteristics (ta = 25oc) i t e m s s y m b o l c o n d i t i o n s m i n t y p m a x u n i t power output po if=50ma -- 15 -- mw forward voltage vf if=50ma -- 1.30 1.9 v reverse current ir vr=5v -- -- 10 a peak emission wavelength p if=50ma -- 950 -- nm spectral line half width ? if=50ma -- 40 -- nm half intensity beam angle ? if=50ma -- 45 -- deg high power infrared emitter product no: m t e 9 4 6 0 w c global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com 1 *1: tw=10sec, t=10msec; *2: time 5 sec max, position: up to 3mm from the body. 2013-01-08
unit: mm, tolerance: 0.2 global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com high power infrared emitter product no: m t e 9 4 6 0 w c 2 2013-01-08
global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com high power infrared emitter product no: m t e 9 4 6 0 w c 3 the information contained herein is subject to change without notice. 2013-01-08
|