Part Number Hot Search : 
SA102 24C02C SA102 9729K C2525A LM2402 10ETF02 9729K
Product Description
Full Text Search
 

To Download MB84VD2229XEE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds05-50207-1e fujitsu semiconductor data sheet stacked mcp (multi-chip package) flash memory & sram cmos 32m ( 8 / 16) flash memory & 8m ( 8 / 16) static ram mb84vd2228xea -90 /mb84vd2229xea -90 mb84vd2228xee -90 /MB84VD2229XEE -90 n n n n features ? power supply voltage of 2.7 v to 3.3 v ? high performance 90 ns maximum access time (flash) 70 ns maximum access time (sram) ? operating temperature C25 c to +85 c ? package 71-ball bga (continued) n n n n product line up n n n n pac k ag e flash memory sram ordering part no. v cc f, v cc s= 3.0v mb84vd2228xea/ee-90/mb84vd2229xea/ee-90 max. address access time (ns) 90 70 max. ce access time (ns) 90 70 max. oe access time (ns) 40 35 +0.3 v C0.3 v 71-ball plastic fbga (bga-71p-m01) ( datasheet : )
mb84vd2228xea/ee/2229xea/ee -90 2 (contin u ed) 1.flash memory ? simultaneous read/write operations (dual bank) m u ltiple d e vices a v aila b l e with dif f erent bank si z e s host system can program or erase in one bank, then immediately and simultaneously read from the other bank zero latency between read and write operations read-while-erase read-while-program ? minimum 100,000 write/erase cycles ? sector erase architecture eight 4 k words and sixty three 32 k words. any combination of sectors can be concurrently erased. also supports full chip erase. ? boot code sector architecture mb84vd2228x: top sector mb84vd2229x: bottom sector ? embedded erase tm algorithms automatically pre-programs and erases the chip or any sector ? embedded program tm algorithms automatically writes and verifies data at specified address ?data polling and toggle bit feature for detection of program or erase cycle completion ? ready-busy output (ry/by ) hardware method for detection of program or erase cycle completion ? automatic sleep mode when addresses remain stable, automatically switch themselves to low power mode. ?low v cc f write inhibit 2.5 v ? hidden rom (hi-rom) region 64k byte of hi-rom, accessible through a new hi-rom enable command sequence factory serialized and protected to provide a secure electronic serial number (esn) ?wp /acc input pin at v il , allows protection of boot sectors, regardless of sector protection/unprotection status (mb84vd2228xea/ee:sa69,sa70 mb84vd2229xea/ee:sa0,sa1) at v ih , allows removal of boot sector protection at v acc , program time will reduse by 40%. ? erase suspend/resume suspends the erase operation to allow a read in another sector within the same device ? please refer to mbm29dl32xte/be data sheet in detailed function 2.sram ? power dissipation operating : 50 ma max. standby : 25 m a max. ? power down features using ce1 s and ce2s ? data retention supply voltage: 1.5 v to 3.3 v ?ce1 s and ce2s chip select ? byte data control: lb s (dq 0 to dq 7 ), ub s (dq 8 to dq 15 )
mb84vd2228xea/ee/2229xea/ee -90 3 n n n n pin assignment e7 a 13 e6 a 9 e5 a 20 e4 ry/by e3 a 18 e2 a 5 e1 a 2 e8 n.c. g7 sa g6 dq 6 g3 dq 1 g2 v ss g1 a 0 g8 a 16 h7 dq 15 /a -1 h6 dq 13 h5 dq 4 h4 dq 3 h3 dq 9 h2 oe h1 cef h8 ciof f7 a 14 f6 a 10 f3 a 17 f2 a 4 f1 a 1 f8 n.c. j7 dq 7 j6 dq 12 j5 vccs j4 vccf j3 dq 10 j2 dq 0 j1 ce1s j8 vss k7 dq 14 k6 dq 5 k5 cios k4 dq 11 k3 dq 2 k2 dq 8 l7 n.c. l2 n.c. l1 n.c. l8 n.c. d7 a 12 d6 a 19 d5 ce2s d4 reset d3 ubs d2 a 6 d1 a 3 d8 a 15 m7 n.c. m2 n.c. m1 n.c. m8 n.c. c7 a 11 c6 a 8 c5 we c4 wp/acc c3 lbs c2 a 7 b7 n.c. b1 n.c. b8 n.c. a7 n.c. a2 n.c. a1 n.c. a8 n.c. (bga-71p-m01) (top view) marking side
mb84vd2228xea/ee/2229xea/ee -90 4 n n n n pin description (continued) pin no. pin name function input/output g1 a 0 address inputs (common) i f1 a 1 e1 a 2 d1 a 3 f2 a 4 e2 a 5 d2 a 6 c2 a 7 c6 a 8 e6 a 9 f6 a 10 c7 a 11 d7 a 12 e7 a 13 f7 a 14 d8 a 15 g8 a 16 f3 a 17 e3 a 18 h7 a -1 address input (flash) i d6 a 19 e5 a 20 g7 sa address input (sram) i
mb84vd2228xea/ee/2229xea/ee -90 5 (continued) (continued) pin no. pin name function input/output j2 dq 0 data inputs / outputs (common) i/o g3 dq 1 k3 dq 2 h4 dq 3 h5 dq 4 k6 dq 5 g6 dq 6 j7 dq 7 k2 dq 8 h3 dq 9 j3 dq 10 k4 dq 11 j6 dq 12 h6 dq 13 k7 dq 14 h7 dq 15 h1 ce f chip enable (flash) i j1 ce1 s chip enable (sram) i d5 ce2s chip enable (sram) i h2 oe output enable (common) i c5 we write enable (common) i e4 ry/by ready/busy outputs (flash) open drain output o d3 ub s upper byte control (sram) i c3 lb s lower byte control (sram) i h8 ciof i/o configuration (flash) ciof = v cc f is word mode ( 16), ciof = v ss is byte mode ( 8) i k5 cios i/o configuration (sram) cios = v cc s is word mode ( 16), cios = v ss is byte mode ( 8) i d4 reset hardware reset pin / sector protection unlock (flash) i c4 wp /acc write protect / acceleration (flash) i
mb84vd2228xea/ee/2229xea/ee -90 6 (continued) pin no. pin name function input/output a1,a2,a7,a8 b1,b7,b8, e8,f8, l1,l2,l7,l8, m1,m2,m7,m8 n.c. no internal connection j8,g2 v ss device ground (common) power j4 v cc f device power supply (flash) power j5 v cc s device power supply (sram) power
mb84vd2228xea/ee/2229xea/ee -90 7 n n n n block diagram v ss v cc s 32 m bit reset flash memory we 8 m bit static ram ce f a 0 to a 20 oe ce1 s v ss v cc f a 0 to a 20 a 0 to a 18 dq 0 to dq 15 /a C 1 ry/by lb s ub s ciof wp /acc ce2s dq 0 to dq 15 /a C 1 dq 0 to dq 15 a C1 sa cios
mb84vd2228xea/ee/2229xea/ee -90 8 n n n n device bus operations table 1. 1 user bus operations (flash=word mode; ciof=v cc f, sram=word mode; cios=v cc s) legend: l = v il , h = v ih , x = v il or v ih . see dc characteristics for voltage levels. notes: 1. other operations except for indicated this column are inhibited. 2. we can be v il if oe is v il , oe at v ih initiates the write operations. 3. do not apply ce f = v il , ce1 s = v il and ce2s = v ih at a time. 4. it is also used for the extended sector group protections. 5. wp /acc = v il ; protection of boot sectors. wp /acc = v ih ; removal of boot sectors protection. wp /acc = v acc (9v) ; program time will reduce by 40%. 6. sa; dont care or open. operation (1), (3) ce fce1 sce2s oe we sa (6) lb sub sdq 0 to dq 7 dq 8 to dq 15 reset wp / acc (5) full standby h hx x x x x x high-z high-z h x xl output disable hl h h h x x x high-z high-z hx x x x h h high-z high-z l hx h h x x x high-z high-z xl read from flash (2) l hx lhxxx d out d out hx xl write to flash l hx hlxxx d in d in hx xl read from sram h l h l h x ll d out d out hx hl high-z d out lh d out high-z write to sram h l h x l x ll d in d in hx hl high-z d in lh d in high-z temporary sector group unprotection(4) x x x xxxxx x x v id x flash hardware reset x hx x x x x x high-z high-z l x xl boot block sector write protection x x x xxxxx x x x l
mb84vd2228xea/ee/2229xea/ee -90 9 table 1. 2 user bus operations (flash=word mode; ciof=v cc f, sram=byte mode; cios=v ss ) legend: l = v il , h = v ih , x = v il or v ih . see dc characteristics for voltage levels. notes: 1. other operations except for indicated this column are inhibited. 2. we can be v il if oe is v il , oe at v ih initiates the write operations. 3. do not apply ce f = v il , ce1 s = v il and ce2s = v ih at a time. 4. it is also used for the extended sector group protections. 5. wp /acc = v il ; protection of boot sectors. wp /acc = v ih ; removal of boot sectors protection. wp /acc = v acc (9v); program time will reduce by 40%. 6. lb s , u b s ; dont care or open. operation (1), (3) ce fce1 sce2s oe we sa lb s (6) ub s (6) dq 0 to dq 7 dq 8 to dq 15 reset wp / acc (5) full standby h hx x x x x x high-z high-z h x xl output disable hl h h h x x x high-z high-z hx x x x x x high-z high-z l hx h h x x x high-z high-z xl read from flash (2) l hx lhxxx d out d out hx xl write to flash l hx hlxxx d in d in hx xl read from sram h l h l h sa x x d out high-z h x write to sram h l h x l sa x x d in high-z h x temporary sector group unprotection(4) x x x xxxxx x x v id x flash hardware reset x hx x x x x x high-z high-z l x xl boot block sector write protection x x x xxxxx x x x l
mb84vd2228xea/ee/2229xea/ee -90 10 table 1. 3 user bus operations (flash=byte mode; ciof=v ss , sram=byte mode; cios=v ss ) legend: l = v il , h = v ih , x = v il or v ih . see dc characteristics for voltage levels. notes: 1. other operations except for indicated this column are inhibited. 2. we can be v il if oe is v il , oe at v ih initiates the write operations. 3. do not apply ce f = v il , ce1 s = v il and ce2s = v ih at a time. 4. it is also used for the extended sector group protections. 5. wp /acc = v il ; protection of boot sectors. wp /acc = v ih ; removal of boot sectors protection. wp /acc = v acc (9v); program time will reduce by 40%. 6. lb s , u b s ; dont care or open. operation (1), (3) ce fce1 sce2sdq 15 /a C 1 oe we sa lb s (6) ub s (6) dq 0 to dq 7 dq 8 to dq 14 reset wp / acc (5) full standby h hx x x x x x x high-z high-z h x xl output disable hl h x h h x x x high-z high-z hx x x x x x x high-z high-z l hx a C1 h h x x x high-z high-z xl read from flash (2) l hx a C1 lhx x x d out xhx xl write to flash l hx a C1 hlx x x d in xhx xl read from sram h l h x l h sa x x d out high-z h x write to sram h l h x x l sa x x d in high-z h x temporary sector group unprotection(4) x x x x xxx x x x x v id x flash hardware reset x hx x x x x x x high-z high-z l x xl boot block sector write protection x x x x xxx x x x x x l
mb84vd2228xea/ee/2229xea/ee -90 11 n n n n flexible sector-erase architecture on flash memory ? eight 4 k words, and sixty three 32 k words. ? individual-sector, multiple-sector, or bulk-erase capability. (continued) 200000h 100000h mb84vd2228xea/ee sector architecture (top boot block) sa39 : 64kb (32kw) sa40 : 64kb (32kw) sa41 : 64kb (32kw) sa42 : 64kb (32kw) sa43 : 64kb (32kw) sa44 : 64kb (32kw) sa45 : 64kb (32kw) sa46 : 64kb (32kw) sa47 : 64kb (32kw) sa48 : 64kb (32kw) sa49 : 64kb (32kw) sa50 : 64kb (32kw) sa51 : 64kb (32kw) sa52 : 64kb (32kw) sa53 : 64kb (32kw) sa54 : 64kb (32kw) sa55 : 64kb (32kw) sa56 : 64kb (32kw) sa57 : 64kb (32kw) sa58 : 64kb (32kw) sa59 : 64kb (32kw) sa60 : 64kb (32kw) sa61 : 64kb (32kw) sa62 : 64kb (32kw) sa63 : 8kb (4kw) sa64 : 8kb (4kw) sa65 : 8kb (4kw) sa66 : 8kb (4kw) sa67 : 8kb (4kw) sa68 : 8kb (4kw) 010000h 000000h 030000h 020000h 050000h 040000h 070000h 060000h 090000h 080000h 0b0000h 0a0000h 0d0000h 0c0000h 0f0000h 0e0000h 110000h 100000h 130000h 120000h 150000h 140000h 170000h 160000h 190000h 180000h 1b0000h 1a0000h 1d0000h 1c0000h 1f0000h 1e0000h 008000h 000000h 018000h 010000h 028000h 020000h 038000h 030000h 048000h 040000h 058000h 050000h 068000h 060000h 078000h 070000h 088000h 080000h 098000h 090000h 0a8000h 0a0000h 0b8000h 0b0000h 0c8000h 0c0000h 0d8000h 0d0000h 0e8000h 0e0000h 0f8000h 0f0000h sa0 : 64kb (32kw) sa1 : 64kb (32kw) sa2 : 64kb (32kw) sa3 : 64kb (32kw) sa4 : 64kb (32kw) sa5 : 64kb (32kw) sa6 : 64kb (32kw) sa7 : 64kb (32kw) sa8 : 64kb (32kw) sa9 : 64kb (32kw) sa10 : 64kb (32kw) sa11 : 64kb (32kw) sa12 : 64kb (32kw) sa13 : 64kb (32kw) sa14 : 64kb (32kw) sa15 : 64kb (32kw) sa16 : 64kb (32kw) sa17 : 64kb (32kw) sa18 : 64kb (32kw) sa19 : 64kb (32kw) sa20 : 64kb (32kw) sa21 : 64kb (32kw) sa22 : 64kb (32kw) sa23 : 64kb (32kw) sa24 : 64kb (32kw) sa25 : 64kb (32kw) sa26 : 64kb (32kw) sa27 : 64kb (32kw) sa28 : 64kb (32kw) sa29 : 64kb (32kw) sa30 : 64kb (32kw) sa31 : 64kb (32kw) sa32 : 64kb (32kw) sa33 : 64kb (32kw) sa34 : 64kb (32kw) sa35 : 64kb (32kw) sa36 : 64kb (32kw) sa37 : 64kb (32kw) sa38 : 64kb (32kw) sa69 : 8kb (4kw) sa70 : 8kb (4kw) bank 1 mb84vd22281ea/ee bank 2 mb84vd22281ea/ee bank 1 mb84vd22282ea/ee bank 1 mb84vd22283ea/ee bank 1 mb84vd22284ea/ee bank 2 mb84vd22282ea/ee bank 2 mb84vd22283ea/ee bank 2 mb84vd22284ea/ee 210000h 230000h 220000h 250000h 240000h 270000h 260000h 290000h 280000h 2b0000h 2a0000h 2d0000h 2c0000h 2f0000h 2e0000h 310000h 300000h 330000h 320000h 350000h 340000h 370000h 360000h 390000h 380000h 3b0000h 3a0000h 3d0000h 3c0000h 3f0000h 3e0000h 3f2000h 108000h 118000h 110000h 128000h 120000h 138000h 130000h 148000h 140000h 158000h 150000h 168000h 160000h 178000h 170000h 188000h 180000h 198000h 190000h 1a8000h 1a0000h 1b8000h 1b0000h 1c8000h 1c0000h 1d8000h 1d0000h 1e8000h 1e0000h 1f8000h 1f0000h 1f9000h 3fffffh 1fffffh byte mode word mode 3f4000h 1fa000h 3f6000h 1fb000h 3f8000h 1fc000h 3fa000h 1fd000h 3fc000h 1fe000h 3fe000h 1ff000h
mb84vd2228xea/ee/2229xea/ee -90 12 (continued) mb84vd2229xea/ee sector architecture (bottom boot block) 200000h 100000h sa39 : 64kb (32kw) sa40 : 64kb (32kw) sa41 : 64kb (32kw) sa42 : 64kb (32kw) sa43 : 64kb (32kw) sa44 : 64kb (32kw) sa45 : 64kb (32kw) sa46 : 64kb (32kw) sa47 : 64kb (32kw) sa48 : 64kb (32kw) sa49 : 64kb (32kw) sa50 : 64kb (32kw) sa51 : 64kb (32kw) sa52 : 64kb (32kw) sa53 : 64kb (32kw) sa54 : 64kb (32kw) sa55 : 64kb (32kw) sa56 : 64kb (32kw) sa57 : 64kb (32kw) sa58 : 64kb (32kw) sa59 : 64kb (32kw) sa60 : 64kb (32kw) sa61 : 64kb (32kw) sa62 : 64kb (32kw) sa63 : 64kb (32kw) sa64 : 64kb (32kw) sa65 : 64kb (32kw) sa66 : 64kb (32kw) sa67 : 64kb (32kw) sa68 : 64kb (32kw) 010000h 000000h 030000h 020000h 050000h 040000h 070000h 060000h 090000h 080000h 0b0000h 0a0000h 0d0000h 0c0000h 0f0000h 0e0000h 110000h 100000h 130000h 120000h 150000h 140000h 170000h 160000h 190000h 180000h 1b0000h 1a0000h 1d0000h 1c0000h 1f0000h 1e0000h 008000h 000000h 018000h 010000h 028000h 020000h 038000h 030000h 048000h 040000h 058000h 050000h 068000h 060000h 078000h 070000h 088000h 080000h 098000h 090000h 0a8000h 0a0000h 0b8000h 0b0000h 0c8000h 0c0000h 0d8000h 0d0000h 0e8000h 0e0000h 0f8000h 0f0000h sa0 : 8kb (4kw) sa1 : 8kb (4kw) sa2 : 8kb (4kw) sa3 : 8kb (4kw) sa4 : 8kb (4kw) sa5 : 8kb (4kw) sa6 : 8kb (4kw) sa7 : 8kb (4kw) sa8 : 64kb (32kw) sa9 : 64kb (32kw) sa10 : 64kb (32kw) sa11 : 64kb (32kw) sa12 : 64kb (32kw) sa13 : 64kb (32kw) sa14 : 64kb (32kw) sa15 : 64kb (32kw) sa16 : 64kb (32kw) sa17 : 64kb (32kw) sa18 : 64kb (32kw) sa19 : 64kb (32kw) sa20 : 64kb (32kw) sa21 : 64kb (32kw) sa22 : 64kb (32kw) sa23 : 64kb (32kw) sa24 : 64kb (32kw) sa25 : 64kb (32kw) sa26 : 64kb (32kw) sa27 : 64kb (32kw) sa28 : 64kb (32kw) sa29 : 64kb (32kw) sa30 : 64kb (32kw) sa31 : 64kb (32kw) sa32 : 64kb (32kw) sa33 : 64kb (32kw) sa34 : 64kb (32kw) sa35 : 64kb (32kw) sa36 : 64kb (32kw) sa37 : 64kb (32kw) sa38 : 64kb (32kw) sa69 : 64kb (32kw) sa70 : 64kb (32kw) bank 2 mb84vd22291ea/ee bank 1 mb84vd22291ea/ee bank 2 mb84vd22292ea/ee bank 2 mb84vd22293ea/ee bank 2 mb84vd22294ea/ee bank 1 mb84vd22292ea/ee bank 1 mb84vd22293ea/ee bank 1 mb84vd22294ea/ee 210000h 230000h 220000h 250000h 240000h 270000h 260000h 290000h 280000h 2b0000h 2a0000h 2d0000h 2c0000h 2f0000h 2e0000h 310000h 300000h 330000h 320000h 350000h 340000h 370000h 360000h 390000h 380000h 3b0000h 3a0000h 3d0000h 3c0000h 3f0000h 3e0000h 002000h 108000h 118000h 110000h 128000h 120000h 138000h 130000h 148000h 140000h 158000h 150000h 168000h 160000h 178000h 170000h 188000h 180000h 198000h 190000h 1a8000h 1a0000h 1b8000h 1b0000h 1c8000h 1c0000h 1d8000h 1d0000h 1e8000h 1e0000h 1f8000h 1f0000h 001000h 3fffffh 1fffffh byte mode word mode 004000h 002000h 006000h 003000h 008000h 004000h 00a000h 005000h 00c000h 006000h 00e000h 007000h
mb84vd2228xea/ee/2229xea/ee -90 13 table 2. 1 sector address tables (mb84vd22281ea/ee) (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa0 000000xxxx0 00000h to 00ffffh 000000h to 007fffh sa1 000001xxxx0 10000h to 01ffffh 008000h to 00ffffh sa2 000010xxxx0 20000h to 02ffffh 010000h to 017fffh sa3 000011xxxx0 30000h to 03ffffh 018000h to 01ffffh sa4 000100xxxx0 40000h to 04ffffh 020000h to 027fffh sa5 000101xxxx0 50000h to 05ffffh 028000h to 02ffffh sa6 000110xxxx0 60000h to 06ffffh 030000h to 037fffh sa7 000111xxxx0 70000h to 07ffffh 038000h to 03ffffh sa8 001000xxxx0 80000h to 08ffffh 040000h to 047fffh sa9 001001xxxx0 90000h to 09ffffh 048000h to 04ffffh sa10001010xxxx0a 0000h to 0affffh 050000h to 057fffh sa11001011xxxx0b 0000h to 0bffffh 058000h to 05ffffh sa12001100xxxx0c 0000h to 0cffffh 060000h to 067fffh sa13001101xxxx0d 0000h to 0dffffh 068000h to 06ffffh sa14001110xxxx0e 0000h to 0effffh 070000h to 077fffh sa15001111xxxx0f 0000h to 0fffffh 078000h to 07ffffh sa16010000xxxx1 00000h to 10ffffh 080000h to 087fffh sa17010001xxxx1 10000h to 11ffffh 088000h to 08ffffh sa18010010xxxx1 20000h to 12ffffh 090000h to 097fffh sa19010011xxxx1 30000h to 13ffffh 098000h to 09ffffh sa20010100xxxx1 40000h to 14ffffh 0a0000h to 0a7fffh sa21010101xxxx1 50000h to 15ffffh 0a8000h to 0affffh sa22010110xxxx1 60000h to 16ffffh 0b0000h to 0b7fffh sa23010111xxxx1 70000h to 17ffffh 0b8000h to 0bffffh sa24011000xxxx1 80000h to 18ffffh 0c0000h to 0c7fffh sa25011001xxxx1 90000h to 19ffffh 0c8000h to 0cffffh sa26011010xxxx1a 0000h to 1affffh 0d0000h to 0d7fffh sa27011011xxxx1b 0000h to 1bffffh 0d8000h to 0dffffh sa28011100xxxx1c 0000h to 1cffffh 0e0000h to 0e7fffh sa29011101xxxx1d 0000h to 1dffffh 0e8000h to 0effffh sa30011110xxxx1e 0000h to 1effffh 0f0000h to 0f7fffh sa31011111xxxx1f 0000h to 1fffffh 0f8000h to 0fffffh
mb84vd2228xea/ee/2229xea/ee -90 14 (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa32100000xxxx2 00000h to 20ffffh 100000h to 107fffh sa33100001xxxx2 10000h to 21ffffh 108000h to 10ffffh sa34100010xxxx2 20000h to 22ffffh 110000h to 117fffh sa35100011xxxx2 30000h to 23ffffh 118000h to 11ffffh sa36100100xxxx2 40000h to 24ffffh 120000h to 127fffh sa37100101xxxx2 50000h to 25ffffh 128000h to 12ffffh sa38100110xxxx2 60000h to 26ffffh 130000h to 137fffh sa39100111xxxx2 70000h to 27ffffh 138000h to 13ffffh sa40101000xxxx2 80000h to 28ffffh 140000h to 147fffh sa41101001xxxx2 90000h to 29ffffh 148000h to 14ffffh sa42101010xxxx2a 0000h to 2affffh 150000h to 157fffh sa43101011xxxx2b 0000h to 2bffffh 158000h to 15ffffh sa44101100xxxx2c 0000h to 2cffffh 160000h to 167fffh sa45101101xxxx2d 0000h to 2dffffh 168000h to 16ffffh sa46101110xxxx2e 0000h to 2effffh 170000h to 177fffh sa47101111xxxx2f 0000h to 2fffffh 178000h to 17ffffh sa48110000xxxx3 00000h to 30ffffh 180000h to 187fffh sa49110001xxxx3 10000h to 31ffffh 188000h to 18ffffh sa50110010xxxx3 20000h to 32ffffh 190000h to 197fffh sa51110011xxxx3 30000h to 33ffffh 198000h to 19ffffh sa52110100xxxx3 40000h to 34ffffh 1a0000h to 1a7fffh sa53110101xxxx3 50000h to 35ffffh 1a8000h to 1affffh sa54110110xxxx3 60000h to 36ffffh 1b0000h to 1b7fffh sa55110111xxxx3 70000h to 37ffffh 1b8000h to 1bffffh sa56111000xxxx3 80000h to 38ffffh 1c0000h to 1c7fffh sa57111001xxxx3 90000h to 39ffffh 1c8000h to 1cffffh sa58111010xxxx3a 0000h to 3affffh 1d0000h to 1d7fffh sa59111011xxxx3b 0000h to 3bffffh 1d8000h to 1dffffh sa60111100xxxx3c 0000h to 3cffffh 1e0000h to 1e7fffh sa61111101xxxx3d 0000h to 3dffffh 1e8000h to 1effffh sa62111110xxxx3e 0000h to 3effffh 1f0000h to 1f7fffh bank 1 sa63111111000x3f0000h to 3f1fffh1f8 000h to 1f8fffh sa64111111001x3f2000h to 3f3fffh1f9 000h to 1f9fffh sa65111111010x3f4000h to 3f5fffh1fa 000h to 1fafffh sa66111111011x3f6000h to 3f7fffh1fb 000h to 1fbfffh sa67111111100x3f8000h to 3f9fffh1fc 000h to 1fcfffh sa68111111101x3fa000h to 3fa fffh 1fd000h to 1fdfffh sa69111111110x3fc000h to 3fcfffh1fe 000h to 1fefffh sa70111111111x3fe 000h to 3fffffh 1ff000h to 1fffffh
mb84vd2228xea/ee/2229xea/ee -90 15 table 2. 2 sector address tables (mb84vd22291ea/ee) (continued) bank sector sector address address range (byte mode) address range (word mode) band address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 1 sa0 000000000x 000000h to 001fffh 000000h to 000fffh sa1 000000001x 002000h to 003fffh 001000h to 001fffh sa2 000000010x 004000h to 005fffh 002000h to 002fffh sa3 000000011x 006000h to 007fffh 003000h to 003fffh sa4 000000100x 008000h to 009fffh 004000h to 004fffh sa5 000000101x00a000h to 00bfffh005 000h to 005fffh sa6 000000110x00c000h to 00d fffh 006000h to 006fffh sa7 000000111x00e000h to 00 ffffh 007000h to 007fffh bank 2 sa8 000001xxxx0 10000h to 01ffffh 008000h to 00ffffh sa9 000010xxxx0 20000h to 02ffffh 010000h to 017fffh sa10000011xxxx0 30000h to 03ffffh 018000h to 01ffffh sa11000100xxxx0 40000h to 04ffffh 020000h to 027fffh sa12000101xxxx0 50000h to 05ffffh 028000h to 02ffffh sa13000110xxxx0 60000h to 06ffffh 030000h to 037fffh sa14000111xxxx0 70000h to 07ffffh 038000h to 03ffffh sa15001000xxxx0 80000h to 08ffffh 040000h to 047fffh sa16001001xxxx0 90000h to 09ffffh 048000h to 04ffffh sa17001010xxxx0a 0000h to 0affffh 050000h to 057fffh sa18001011xxxx0b 0000h to 0bffffh 058000h to 05ffffh sa19001100xxxx0c 0000h to 0cffffh 060000h to 067fffh sa20001101xxxx0d 0000h to 0dffffh 068000h to 06ffffh sa21001110xxxx0e 0000h to 0effffh 070000h to 077fffh sa22001111xxxx0f 0000h to 0fffffh 078000h to 07ffffh sa23010000xxxx1 00000h to 10ffffh 080000h to 087fffh sa24010001xxxx1 10000h to 11ffffh 088000h to 08ffffh sa25010010xxxx1 20000h to 12ffffh 090000h to 097fffh sa26010011xxxx1 30000h to 13ffffh 098000h to 09ffffh sa27010100xxxx1 40000h to 14ffffh 0a0000h to 0a7fffh sa28010101xxxx1 50000h to 15ffffh 0a8000h to 0affffh sa29010110xxxx1 60000h to 16ffffh 0b0000h to 0b7fffh sa30010111xxxx1 70000h to 17ffffh 0b8000h to 0bffffh sa31011000xxxx1 80000h to 18ffffh 0c0000h to 0c7fffh sa32011001xxxx1 90000h to 19ffffh 0c8000h to 0cffffh sa33011010xxxx1a 0000h to 1affffh 0d0000h to 0d7fffh sa34011011xxxx1b 0000h to 1bffffh 0d8000h to 0dffffh sa35011100xxxx1c 0000h to 1cffffh 0e0000h to 0e7fffh
mb84vd2228xea/ee/2229xea/ee -90 16 (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa36011101xxxx1d 0000h to 1dffffh 0e8000h to 0effffh sa37011110xxxx1e 0000h to 1effffh 0f0000h to 0f7fffh sa38011111xxxx1f 0000h to 1fffffh 0f8000h to 0fffffh sa39100000xxxx2 00000h to 20ffffh 100000h to 107fffh sa40100001xxxx2 10000h to 21ffffh 108000h to 10ffffh sa41100010xxxx2 20000h to 22ffffh 110000h to 117fffh sa42100011xxxx2 30000h to 23ffffh 118000h to 11ffffh sa43100100xxxx2 40000h to 24ffffh 120000h to 127fffh sa44100101xxxx2 50000h to 25ffffh 128000h to 12ffffh sa45100110xxxx2 60000h to 26ffffh 130000h to 137fffh sa46100111xxxx2 70000h to 27ffffh 138000h to 13ffffh sa47101000xxxx2 80000h to 28ffffh 140000h to 147fffh sa48101001xxxx2 90000h to 29ffffh 148000h to 14ffffh sa49101010xxxx2a 0000h to 2affffh 150000h to 157fffh sa50101011xxxx2b 0000h to 2bffffh 158000h to 15ffffh sa51101100xxxx2c 0000h to 2cffffh 160000h to 167fffh sa52101101xxxx2d 0000h to 2dffffh 168000h to 16ffffh sa53101110xxxx2e 0000h to 2effffh 170000h to 177fffh sa54101111xxxx2f 0000h to 2fffffh 178000h to 17ffffh sa55110000xxxx3 00000h to 30ffffh 180000h to 187fffh sa56110001xxxx3 10000h to 31ffffh 188000h to 18ffffh sa57110010xxxx3 20000h to 32ffffh 190000h to 197fffh sa58110011xxxx3 30000h to 33ffffh 198000h to 19ffffh sa59110100xxxx3 40000h to 34ffffh 1a0000h to 1a7fffh sa60110101xxxx3 50000h to 35ffffh 1a8000h to 1affffh sa61110110xxxx3 60000h to 36ffffh 1b0000h to 1b7fffh sa62110111xxxx3 70000h to 37ffffh 1b8000h to 1bffffh sa63111000xxxx3 80000h to 38ffffh 1c0000h to 1c7fffh sa64111001xxxx3 90000h to 39ffffh 1c8000h to 1cffffh sa65111010xxxx3a 0000h to 3affffh 1d0000h to 1d7fffh sa66111011xxxx3b 0000h to 3bffffh 1d8000h to 1dffffh sa67111100xxxx3c 0000h to 3cffffh 1e0000h to 1e7fffh sa68111101xxxx3d 0000h to 3dffffh 1e8000h to 1effffh sa69111110xxxx3e 0000h to 3effffh 1f0000h to 1f7fffh sa70111111xxxx3f 0000h to 3fffffh 1f8000h to 1fffffh
mb84vd2228xea/ee/2229xea/ee -90 17 table 2. 3 sector address tables (mb84vd22282ea/ee) (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa0 000000xxxx0 00000h to 00ffffh 000000h to 007fffh sa1 000001xxxx0 10000h to 01ffffh 008000h to 00ffffh sa2 000010xxxx0 20000h to 02ffffh 010000h to 017fffh sa3 000011xxxx0 30000h to 03ffffh 018000h to 01ffffh sa4 000100xxxx0 40000h to 04ffffh 020000h to 027fffh sa5 000101xxxx0 50000h to 05ffffh 028000h to 02ffffh sa6 000110xxxx0 60000h to 06ffffh 030000h to 037fffh sa7 000111xxxx0 70000h to 07ffffh 038000h to 03ffffh sa8 001000xxxx0 80000h to 08ffffh 040000h to 047fffh sa9 001001xxxx0 90000h to 09ffffh 048000h to 04ffffh sa10001010xxxx0a 0000h to 0affffh 050000h to 057fffh sa11001011xxxx0b 0000h to 0bffffh 058000h to 05ffffh sa12001100xxxx0c 0000h to 0cffffh 060000h to 067fffh sa13001101xxxx0d 0000h to 0dffffh 068000h to 06ffffh sa14001110xxxx0e 0000h to 0effffh 070000h to 077fffh sa15001111xxxx0f 0000h to 0fffffh 078000h to 07ffffh sa16010000xxxx1 00000h to 10ffffh 080000h to 087fffh sa17010001xxxx1 10000h to 11ffffh 088000h to 08ffffh sa18010010xxxx1 20000h to 12ffffh 090000h to 097fffh sa19010011xxxx1 30000h to 13ffffh 098000h to 09ffffh sa20010100xxxx1 40000h to 14ffffh 0a0000h to 0a7fffh sa21010101xxxx1 50000h to 15ffffh 0a8000h to 0affffh sa22010110xxxx1 60000h to 16ffffh 0b0000h to 0b7fffh sa23010111xxxx1 70000h to 17ffffh 0b8000h to 0bffffh sa24011000xxxx1 80000h to 18ffffh 0c0000h to 0c7fffh sa25011001xxxx1 90000h to 19ffffh 0c8000h to 0cffffh sa26011010xxxx1a 0000h to 1affffh 0d0000h to 0d7fffh sa27011011xxxx1b 0000h to 1bffffh 0d8000h to 0dffffh sa28011100xxxx1c 0000h to 1cffffh 0e0000h to 0e7fffh sa29011101xxxx1d 0000h to 1dffffh 0e8000h to 0effffh sa30011110xxxx1e 0000h to 1effffh 0f0000h to 0f7fffh sa31011111xxxx1f 0000h to 1fffffh 0f8000h to 0fffffh
mb84vd2228xea/ee/2229xea/ee -90 18 (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa32100000xxxx2 00000h to 20ffffh 100000h to 107fffh sa33100001xxxx2 10000h to 21ffffh 108000h to 10ffffh sa34100010xxxx2 20000h to 22ffffh 110000h to 117fffh sa35100011xxxx2 30000h to 23ffffh 118000h to 11ffffh sa36100100xxxx2 40000h to 24ffffh 120000h to 127fffh sa37100101xxxx2 50000h to 25ffffh 128000h to 12ffffh sa38100110xxxx2 60000h to 26ffffh 130000h to 137fffh sa39100111xxxx2 70000h to 27ffffh 138000h to 13ffffh sa40101000xxxx2 80000h to 28ffffh 140000h to 147fffh sa41101001xxxx2 90000h to 29ffffh 148000h to 14ffffh sa42101010xxxx2a 0000h to 2affffh 150000h to 157fffh sa43101011xxxx2b 0000h to 2bffffh 158000h to 15ffffh sa44101100xxxx2c 0000h to 2cffffh 160000h to 167fffh sa45101101xxxx2d 0000h to 2dffffh 168000h to 16ffffh sa46101110xxxx2e 0000h to 2effffh 170000h to 177fffh sa47101111xxxx2f 0000h to 2fffffh 178000h to 17ffffh sa48110000xxxx3 00000h to 30ffffh 180000h to 187fffh sa49110001xxxx3 10000h to 31ffffh 188000h to 18ffffh sa50110010xxxx3 20000h to 32ffffh 190000h to 197fffh sa51110011xxxx3 30000h to 33ffffh 198000h to 19ffffh sa52110100xxxx3 40000h to 34ffffh 1a0000h to 1a7fffh sa53110101xxxx3 50000h to 35ffffh 1a8000h to 1affffh sa54110110xxxx3 60000h to 36ffffh 1b0000h to 1b7fffh sa55110111xxxx3 70000h to 37ffffh 1b8000h to 1bffffh bank 1 sa56111000xxxx3 80000h to 38ffffh 1c0000h to 1c7fffh sa57111001xxxx3 90000h to 39ffffh 1c8000h to 1cffffh sa58111010xxxx3a 0000h to 3affffh 1d0000h to 1d7fffh sa59111011xxxx3b 0000h to 3bffffh 1d8000h to 1dffffh sa60111100xxxx3c 0000h to 3cffffh 1e0000h to 1e7fffh sa61111101xxxx3d 0000h to 3dffffh 1e8000h to 1effffh sa62111110xxxx3e 0000h to 3effffh 1f0000h to 1f7fffh sa63111111000x3f0000h to 3f1fffh1f8 000h to 1f8fffh sa64111111001x3f2000h to 3f3fffh1f9 000h to 1f9fffh sa65111111010x3f4000h to 3f5fffh1fa 000h to 1fafffh sa66111111011x3f6000h to 3f7fffh1fb 000h to 1fbfffh sa67111111100x3f8000h to 3f9fffh1fc 000h to 1fcfffh sa68111111101x3fa000h to 3fa fffh 1fd000h to 1fdfffh sa69111111110x3fc000h to 3fcfffh1fe 000h to 1fefffh sa70111111111x3fe 000h to 3fffffh 1ff000h to 1fffffh
mb84vd2228xea/ee/2229xea/ee -90 19 table 2. 4 sector address tables (mb84vd22292ea/ee) (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 1 sa0 000000000x 000000h to 001fffh 000000h to 000fffh sa1 000000001x 002000h to 003fffh 001000h to 001fffh sa2 000000010x 004000h to 005fffh 002000h to 002fffh sa3 000000011x 006000h to 007fffh 003000h to 003fffh sa4 000000100x 008000h to 009fffh 004000h to 004fffh sa5 000000101x00a000h to 00bfffh005 000h to 005fffh sa6 000000110x00c000h to 00d fffh 006000h to 006fffh sa7 000000111x00e000h to 00 ffffh 007000h to 007fffh sa8 000001xxxx0 10000h to 01ffffh 008000h to 00ffffh sa9 000010xxxx0 20000h to 02ffffh 010000h to 017fffh sa10000011xxxx0 30000h to 03ffffh 018000h to 01ffffh sa11000100xxxx0 40000h to 04ffffh 020000h to 027fffh sa12000101xxxx0 50000h to 05ffffh 028000h to 02ffffh sa13000110xxxx0 60000h to 06ffffh 030000h to 037fffh sa14000111xxxx0 70000h to 07ffffh 038000h to 03ffffh bank 2 sa15001000xxxx0 80000h to 08ffffh 040000h to 047fffh sa16001001xxxx0 90000h to 09ffffh 048000h to 04ffffh sa17001010xxxx0a 0000h to 0affffh 050000h to 057fffh sa18001011xxxx0b 0000h to 0bffffh 058000h to 05ffffh sa19001100xxxx0c 0000h to 0cffffh 060000h to 067fffh sa20001101xxxx0d 0000h to 0dffffh 068000h to 06ffffh sa21001110xxxx0e 0000h to 0effffh 070000h to 077fffh sa22001111xxxx0f 0000h to 0fffffh 078000h to 07ffffh sa23010000xxxx1 00000h to 10ffffh 080000h to 087fffh sa24010001xxxx1 10000h to 11ffffh 088000h to 08ffffh sa25010010xxxx1 20000h to 12ffffh 090000h to 097fffh sa26010011xxxx1 30000h to 13ffffh 098000h to 09ffffh sa27010100xxxx1 40000h to 14ffffh 0a0000h to 0a7fffh sa28010101xxxx1 50000h to 15ffffh 0a8000h to 0affffh sa29010110xxxx1 60000h to 16ffffh 0b0000h to 0b7fffh sa30010111xxxx1 70000h to 17ffffh 0b8000h to 0bffffh sa31011000xxxx1 80000h to 18ffffh 0c0000h to 0c7fffh sa32011001xxxx1 90000h to 19ffffh 0c8000h to 0cffffh sa33011010xxxx1a 0000h to 1affffh 0d0000h to 0d7fffh sa34011011xxxx1b 0000h to 1bffffh 0d8000h to 0dffffh sa35011100xxxx1c 0000h to 1cffffh 0e0000h to 0e7fffh
mb84vd2228xea/ee/2229xea/ee -90 20 (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa36011101xxxx1d 0000h to 1dffffh 0e8000h to 0effffh sa37011110xxxx1e 0000h to 1effffh 0f0000h to 0f7fffh sa38011111xxxx1f 0000h to 1fffffh 0f8000h to 0fffffh sa39100000xxxx2 00000h to 20ffffh 100000h to 107fffh sa40100001xxxx2 10000h to 21ffffh 108000h to 10ffffh sa41100010xxxx2 20000h to 22ffffh 110000h to 117fffh sa42100011xxxx2 30000h to 23ffffh 118000h to 11ffffh sa43100100xxxx2 40000h to 24ffffh 120000h to 127fffh sa44100101xxxx2 50000h to 25ffffh 128000h to 12ffffh sa45100110xxxx2 60000h to 26ffffh 130000h to 137fffh sa46100111xxxx2 70000h to 27ffffh 138000h to 13ffffh sa47101000xxxx2 80000h to 28ffffh 140000h to 147fffh sa48101001xxxx2 90000h to 29ffffh 148000h to 14ffffh sa49101010xxxx2a 0000h to 2affffh 150000h to 157fffh sa50101011xxxx2b 0000h to 2bffffh 158000h to 15ffffh sa51101100xxxx2c 0000h to 2cffffh 160000h to 167fffh sa52101101xxxx2d 0000h to 2dffffh 168000h to 16ffffh sa53101110xxxx2e 0000h to 2effffh 170000h to 177fffh sa54101111xxxx2f 0000h to 2fffffh 178000h to 17ffffh sa55110000xxxx3 00000h to 30ffffh 180000h to 187fffh sa56110001xxxx3 10000h to 31ffffh 188000h to 18ffffh sa57110010xxxx3 20000h to 32ffffh 190000h to 197fffh sa58110011xxxx3 30000h to 33ffffh 198000h to 19ffffh sa59110100xxxx3 40000h to 34ffffh 1a0000h to 1a7fffh sa60110101xxxx3 50000h to 35ffffh 1a8000h to 1affffh sa61110110xxxx3 60000h to 36ffffh 1b0000h to 1b7fffh sa62110111xxxx3 70000h to 37ffffh 1b8000h to 1bffffh sa63111000xxxx3 80000h to 38ffffh 1c0000h to 1c7fffh sa64111001xxxx3 90000h to 39ffffh 1c8000h to 1cffffh sa65111010xxxx3a 0000h to 3affffh 1d0000h to 1d7fffh sa66111011xxxx3b 0000h to 3bffffh 1d8000h to 1dffffh sa67111100xxxx3c 0000h to 3cffffh 1e0000h to 1e7fffh sa68111101xxxx3d 0000h to 3dffffh 1e8000h to 1effffh sa69111110xxxx3e 0000h to 3effffh 1f0000h to 1f7fffh sa70111111xxxx3f 0000h to 3fffffh 1f8000h to 1fffffh
mb84vd2228xea/ee/2229xea/ee -90 21 table 2. 5 sector address tables (mb84vd22283ea/ee) (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa0 000000xxxx0 00000h to 00ffffh 000000h to 007fffh sa1 000001xxxx0 10000h to 01ffffh 008000h to 00ffffh sa2 000010xxxx0 20000h to 02ffffh 010000h to 017fffh sa3 000011xxxx0 30000h to 03ffffh 018000h to 01ffffh sa4 000100xxxx0 40000h to 04ffffh 020000h to 027fffh sa5 000101xxxx0 50000h to 05ffffh 028000h to 02ffffh sa6 000110xxxx0 60000h to 06ffffh 030000h to 037fffh sa7 000111xxxx0 70000h to 07ffffh 038000h to 03ffffh sa8 001000xxxx0 80000h to 08ffffh 040000h to 047fffh sa9 001001xxxx0 90000h to 09ffffh 048000h to 04ffffh sa10001010xxxx0a 0000h to 0affffh 050000h to 057fffh sa11001011xxxx0b 0000h to 0bffffh 058000h to 05ffffh sa12001100xxxx0c 0000h to 0cffffh 060000h to 067fffh sa13001101xxxx0d 0000h to 0dffffh 068000h to 06ffffh sa14001110xxxx0e 0000h to 0effffh 070000h to 077fffh sa15001111xxxx0f 0000h to 0fffffh 078000h to 07ffffh sa16010000xxxx1 00000h to 10ffffh 080000h to 087fffh sa17010001xxxx1 10000h to 11ffffh 088000h to 08ffffh sa18010010xxxx1 20000h to 12ffffh 090000h to 097fffh sa19010011xxxx1 30000h to 13ffffh 098000h to 09ffffh sa20010100xxxx1 40000h to 14ffffh 0a0000h to 0a7fffh sa21010101xxxx1 50000h to 15ffffh 0a8000h to 0affffh sa22010110xxxx1 60000h to 16ffffh 0b0000h to 0b7fffh sa23010111xxxx1 70000h to 17ffffh 0b8000h to 0bffffh sa24011000xxxx1 80000h to 18ffffh 0c0000h to 0c7fffh sa25011001xxxx1 90000h to 19ffffh 0c8000h to 0cffffh sa26011010xxxx1a 0000h to 1affffh 0d0000h to 0d7fffh sa27011011xxxx1b 0000h to 1bffffh 0d8000h to 0dffffh sa28011100xxxx1c 0000h to 1cffffh 0e0000h to 0e7fffh sa29011101xxxx1d 0000h to 1dffffh 0e8000h to 0effffh sa30011110xxxx1e 0000h to 1effffh 0f0000h to 0f7fffh sa31011111xxxx1f 0000h to 1fffffh 0f8000h to 0fffffh
mb84vd2228xea/ee/2229xea/ee -90 22 (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa32100000xxxx2 00000h to 20ffffh 100000h to 107fffh sa33100001xxxx2 10000h to 21ffffh 108000h to 10ffffh sa34100010xxxx2 20000h to 22ffffh 110000h to 117fffh sa35100011xxxx2 30000h to 23ffffh 118000h to 11ffffh sa36100100xxxx2 40000h to 24ffffh 120000h to 127fffh sa37100101xxxx2 50000h to 25ffffh 128000h to 12ffffh sa38100110xxxx2 60000h to 26ffffh 130000h to 137fffh sa39100111xxxx2 70000h to 27ffffh 138000h to 13ffffh sa40101000xxxx2 80000h to 28ffffh 140000h to 147fffh sa41101001xxxx2 90000h to 29ffffh 148000h to 14ffffh sa42101010xxxx2a 0000h to 2affffh 150000h to 157fffh sa43101011xxxx2b 0000h to 2bffffh 158000h to 15ffffh sa44101100xxxx2c 0000h to 2cffffh 160000h to 167fffh sa45101101xxxx2d 0000h to 2dffffh 168000h to 16ffffh sa46101110xxxx2e 0000h to 2effffh 170000h to 177fffh sa47101111xxxx2f 0000h to 2fffffh 178000h to 17ffffh bank 1 sa48110000xxxx3 00000h to 30ffffh 180000h to 187fffh sa49110001xxxx3 10000h to 31ffffh 188000h to 18ffffh sa50110010xxxx3 20000h to 32ffffh 190000h to 197fffh sa51110011xxxx3 30000h to 33ffffh 198000h to 19ffffh sa52110100xxxx3 40000h to 34ffffh 1a0000h to 1a7fffh sa53110101xxxx3 50000h to 35ffffh 1a8000h to 1affffh sa54110110xxxx3 60000h to 36ffffh 1b0000h to 1b7fffh sa55110111xxxx3 70000h to 37ffffh 1b8000h to 1bffffh sa56111000xxxx3 80000h to 38ffffh 1c0000h to 1c7fffh sa57111001xxxx3 90000h to 39ffffh 1c8000h to 1cffffh sa58111010xxxx3a 0000h to 3affffh 1d0000h to 1d7fffh sa59111011xxxx3b 0000h to 3bffffh 1d8000h to 1dffffh sa60111100xxxx3c 0000h to 3cffffh 1e0000h to 1e7fffh sa61111101xxxx3d 0000h to 3dffffh 1e8000h to 1effffh sa62111110xxxx3e 0000h to 3effffh 1f0000h to 1f7fffh sa63111111000x3f0000h to 3f1fffh1f8 000h to 1f8fffh sa64111111001x3f2000h to 3f3fffh1f9 000h to 1f9fffh sa65111111010x3f4000h to 3f5fffh1fa 000h to 1fafffh sa66111111011x3f6000h to 3f7fffh1fb 000h to 1fbfffh sa67111111100x3f8000h to 3f9fffh1fc 000h to 1fcfffh sa68111111101x3fa000h to 3fa fffh 1fd000h to 1fdfffh sa69111111110x3fc000h to 3fcfffh1fe 000h to 1fefffh sa70111111111x3fe 000h to 3fffffh 1ff000h to 1fffffh
mb84vd2228xea/ee/2229xea/ee -90 23 table 2. 6 sector address tables (mb84vd22293ea/ee) (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 1 sa0 000000000x 000000h to 001fffh 000000h to 000fffh sa1 000000001x 002000h to 003fffh 001000h to 001fffh sa2 000000010x 004000h to 005fffh 002000h to 002fffh sa3 000000011x 006000h to 007fffh 003000h to 003fffh sa4 000000100x 008000h to 009fffh 004000h to 004fffh sa5 000000101x00a000h to 00bfffh005 000h to 005fffh sa6 000000110x00c000h to 00d fffh 006000h to 006fffh sa7 000000111x00e000h to 00 ffffh 007000h to 007fffh sa8 000001xxxx0 10000h to 01ffffh 008000h to 00ffffh sa9 000010xxxx0 20000h to 02ffffh 010000h to 017fffh sa10000011xxxx0 30000h to 03ffffh 018000h to 01ffffh sa11000100xxxx0 40000h to 04ffffh 020000h to 027fffh sa12000101xxxx0 50000h to 05ffffh 028000h to 02ffffh sa13000110xxxx0 60000h to 06ffffh 030000h to 037fffh sa14000111xxxx0 70000h to 07ffffh 038000h to 03ffffh sa15001000xxxx0 80000h to 08ffffh 040000h to 047fffh sa16001001xxxx0 90000h to 09ffffh 048000h to 04ffffh sa17001010xxxx0a 0000h to 0affffh 050000h to 057fffh sa18001011xxxx0b 0000h to 0bffffh 058000h to 05ffffh sa19001100xxxx0c 0000h to 0cffffh 060000h to 067fffh sa20001101xxxx0d 0000h to 0dffffh 068000h to 06ffffh sa21001110xxxx0e 0000h to 0effffh 070000h to 077fffh sa22001111xxxx0f 0000h to 0fffffh 078000h to 07ffffh bank 2 sa23010000xxxx1 00000h to 10ffffh 080000h to 087fffh sa24010001xxxx1 10000h to 11ffffh 088000h to 08ffffh sa25010010xxxx1 20000h to 12ffffh 090000h to 097fffh sa26010011xxxx1 30000h to 13ffffh 098000h to 09ffffh sa27010100xxxx1 40000h to 14ffffh 0a0000h to 0a7fffh sa28010101xxxx1 50000h to 15ffffh 0a8000h to 0affffh sa29010110xxxx1 60000h to 16ffffh 0b0000h to 0b7fffh sa30010111xxxx1 70000h to 17ffffh 0b8000h to 0bffffh sa31011000xxxx1 80000h to 18ffffh 0c0000h to 0c7fffh sa32011001xxxx1 90000h to 19ffffh 0c8000h to 0cffffh sa33011010xxxx1a 0000h to 1affffh 0d0000h to 0d7fffh sa34011011xxxx1b 0000h to 1bffffh 0d8000h to 0dffffh sa35011100xxxx1c 0000h to 1cffffh 0e0000h to 0e7fffh
mb84vd2228xea/ee/2229xea/ee -90 24 (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa36011101xxxx1d 0000h to 1dffffh 0e8000h to 0effffh sa37011110xxxx1e 0000h to 1effffh 0f0000h to 0f7fffh sa38011111xxxx1f 0000h to 1fffffh 0f8000h to 0fffffh sa39100000xxxx2 00000h to 20ffffh 100000h to 107fffh sa40100001xxxx2 10000h to 21ffffh 108000h to 10ffffh sa41100010xxxx2 20000h to 22ffffh 110000h to 117fffh sa42100011xxxx2 30000h to 23ffffh 118000h to 11ffffh sa43100100xxxx2 40000h to 24ffffh 120000h to 127fffh sa44100101xxxx2 50000h to 25ffffh 128000h to 12ffffh sa45100110xxxx2 60000h to 26ffffh 130000h to 137fffh sa46100111xxxx2 70000h to 27ffffh 138000h to 13ffffh sa47101000xxxx2 80000h to 28ffffh 140000h to 147fffh sa48101001xxxx2 90000h to 29ffffh 148000h to 14ffffh sa49101010xxxx2a 0000h to 2affffh 150000h to 157fffh sa50101011xxxx2b 0000h to 2bffffh 158000h to 15ffffh sa51101100xxxx2c 0000h to 2cffffh 160000h to 167fffh sa52101101xxxx2d 0000h to 2dffffh 168000h to 16ffffh sa53101110xxxx2e 0000h to 2effffh 170000h to 177fffh sa54101111xxxx2f 0000h to 2fffffh 178000h to 17ffffh sa55110000xxxx3 00000h to 30ffffh 180000h to 187fffh sa56110001xxxx3 10000h to 31ffffh 188000h to 18ffffh sa57110010xxxx3 20000h to 32ffffh 190000h to 197fffh sa58110011xxxx3 30000h to 33ffffh 198000h to 19ffffh sa59110100xxxx3 40000h to 34ffffh 1a0000h to 1a7fffh sa60110101xxxx3 50000h to 35ffffh 1a8000h to 1affffh sa61110110xxxx3 60000h to 36ffffh 1b0000h to 1b7fffh sa62110111xxxx3 70000h to 37ffffh 1b8000h to 1bffffh sa63111000xxxx3 80000h to 38ffffh 1c0000h to 1c7fffh sa64111001xxxx3 90000h to 39ffffh 1c8000h to 1cffffh sa65111010xxxx3a 0000h to 3affffh 1d0000h to 1d7fffh sa66111011xxxx3b 0000h to 3bffffh 1d8000h to 1dffffh sa67111100xxxx3c 0000h to 3cffffh 1e0000h to 1e7fffh sa68111101xxxx3d 0000h to 3dffffh 1e8000h to 1effffh sa69111110xxxx3e 0000h to 3effffh 1f0000h to 1f7fffh sa70111111xxxx3f 0000h to 3fffffh 1f8000h to 1fffffh
mb84vd2228xea/ee/2229xea/ee -90 25 table 2. 7 sector address tables (mb84vd22284ea/ee) (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 2 sa0 000000xxxx0 00000h to 00ffffh 000000h to 007fffh sa1 000001xxxx0 10000h to 01ffffh 008000h to 00ffffh sa2 000010xxxx0 20000h to 02ffffh 010000h to 017fffh sa3 000011xxxx0 30000h to 03ffffh 018000h to 01ffffh sa4 000100xxxx0 40000h to 04ffffh 020000h to 027fffh sa5 000101xxxx0 50000h to 05ffffh 028000h to 02ffffh sa6 000110xxxx0 60000h to 06ffffh 030000h to 037fffh sa7 000111xxxx0 70000h to 07ffffh 038000h to 03ffffh sa8 001000xxxx0 80000h to 08ffffh 040000h to 047fffh sa9 001001xxxx0 90000h to 09ffffh 048000h to 04ffffh sa10001010xxxx0a 0000h to 0affffh 050000h to 057fffh sa11001011xxxx0b 0000h to 0bffffh 058000h to 05ffffh sa12001100xxxx0c 0000h to 0cffffh 060000h to 067fffh sa13001101xxxx0d 0000h to 0dffffh 068000h to 06ffffh sa14001110xxxx0e 0000h to 0effffh 070000h to 077fffh sa15001111xxxx0f 0000h to 0fffffh 078000h to 07ffffh sa16010000xxxx1 00000h to 10ffffh 080000h to 087fffh sa17010001xxxx1 10000h to 11ffffh 088000h to 08ffffh sa18010010xxxx1 20000h to 12ffffh 090000h to 097fffh sa19010011xxxx1 30000h to 13ffffh 098000h to 09ffffh sa20010100xxxx1 40000h to 14ffffh 0a0000h to 0a7fffh sa21010101xxxx1 50000h to 15ffffh 0a8000h to 0affffh sa22010110xxxx1 60000h to 16ffffh 0b0000h to 0b7fffh sa23010111xxxx1 70000h to 17ffffh 0b8000h to 0bffffh sa24011000xxxx1 80000h to 18ffffh 0c0000h to 0c7fffh sa25011001xxxx1 90000h to 19ffffh 0c8000h to 0cffffh sa26011010xxxx1a 0000h to 1affffh 0d0000h to 0d7fffh sa27011011xxxx1b 0000h to 1bffffh 0d8000h to 0dffffh sa28011100xxxx1c 0000h to 1cffffh 0e0000h to 0e7fffh sa29011101xxxx1d 0000h to 1dffffh 0e8000h to 0effffh sa30011110xxxx1e 0000h to 1effffh 0f0000h to 0f7fffh sa31011111xxxx1f 0000h to 1fffffh 0f8000h to 0fffffh
mb84vd2228xea/ee/2229xea/ee -90 26 (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 1 sa32100000xxxx2 00000h to 20ffffh 100000h to 107fffh sa33100001xxxx2 10000h to 21ffffh 108000h to 10ffffh sa34100010xxxx2 20000h to 22ffffh 110000h to 117fffh sa35100011xxxx2 30000h to 23ffffh 118000h to 11ffffh sa36100100xxxx2 40000h to 24ffffh 120000h to 127fffh sa37100101xxxx2 50000h to 25ffffh 128000h to 12ffffh sa38100110xxxx2 60000h to 26ffffh 130000h to 137fffh sa39100111xxxx2 70000h to 27ffffh 138000h to 13ffffh sa40101000xxxx2 80000h to 28ffffh 140000h to 147fffh sa41101001xxxx2 90000h to 29ffffh 148000h to 14ffffh sa42101010xxxx2a 0000h to 2affffh 150000h to 157fffh sa43101011xxxx2b 0000h to 2bffffh 158000h to 15ffffh sa44101100xxxx2c 0000h to 2cffffh 160000h to 167fffh sa45101101xxxx2d 0000h to 2dffffh 168000h to 16ffffh sa46101110xxxx2e 0000h to 2effffh 170000h to 177fffh sa47101111xxxx2f 0000h to 2fffffh 178000h to 17ffffh sa48110000xxxx3 00000h to 30ffffh 180000h to 187fffh sa49110001xxxx3 10000h to 31ffffh 188000h to 18ffffh sa50110010xxxx3 20000h to 32ffffh 190000h to 197fffh sa51110011xxxx3 30000h to 33ffffh 198000h to 19ffffh sa52110100xxxx3 40000h to 34ffffh 1a0000h to 1a7fffh sa53110101xxxx3 50000h to 35ffffh 1a8000h to 1affffh sa54110110xxxx3 60000h to 36ffffh 1b0000h to 1b7fffh sa55110111xxxx3 70000h to 37ffffh 1b8000h to 1bffffh sa56111000xxxx3 80000h to 38ffffh 1c0000h to 1c7fffh sa57111001xxxx3 90000h to 39ffffh 1c8000h to 1cffffh sa58111010xxxx3a 0000h to 3affffh 1d0000h to 1d7fffh sa59111011xxxx3b 0000h to 3bffffh 1d8000h to 1dffffh sa60111100xxxx3c 0000h to 3cffffh 1e0000h to 1e7fffh sa61111101xxxx3d 0000h to 3dffffh 1e8000h to 1effffh sa62111110xxxx3e 0000h to 3effffh 1f0000h to 1f7fffh sa63111111000x3f0000h to 3f1fffh1f8 000h to 1f8fffh sa64111111001x3f2000h to 3f3fffh1f9 000h to 1f9fffh sa65111111010x3f4000h to 3f5fffh1fa 000h to 1fafffh sa66111111011x3f6000h to 3f7fffh1fb 000h to 1fbfffh sa67111111100x3f8000h to 3f9fffh1fc 000h to 1fcfffh sa68111111101x3fa000h to 3fa fffh 1fd000h to 1fdfffh sa69111111110x3fc000h to 3fcfffh1fe 000h to 1fefffh sa70111111111x3fe 000h to 3fffffh 1ff000h to 1fffffh
mb84vd2228xea/ee/2229xea/ee -90 27 table 2. 8 sector address tables (mb84vd22294ea/ee) (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 1 sa0 000000000x 000000h to 001fffh 000000h to 000fffh sa1 000000001x 002000h to 003fffh 001000h to 001fffh sa2 000000010x 004000h to 005fffh 002000h to 002fffh sa3 000000011x 006000h to 007fffh 003000h to 003fffh sa4 000000100x 008000h to 009fffh 004000h to 004fffh sa5 000000101x00a000h to 00bfffh005 000h to 005fffh sa6 000000110x00c000h to 00d fffh 006000h to 006fffh sa7 000000111x00e000h to 00 ffffh 007000h to 007fffh sa8 000001xxxx0 10000h to 01ffffh 008000h to 00ffffh sa9 000010xxxx0 20000h to 02ffffh 010000h to 017fffh sa10000011xxxx0 30000h to 03ffffh 018000h to 01ffffh sa11000100xxxx0 40000h to 04ffffh 020000h to 027fffh sa12000101xxxx0 50000h to 05ffffh 028000h to 02ffffh sa13000110xxxx0 60000h to 06ffffh 030000h to 037fffh sa14000111xxxx0 70000h to 07ffffh 038000h to 03ffffh sa15001000xxxx0 80000h to 08ffffh 040000h to 047fffh sa16001001xxxx0 90000h to 09ffffh 048000h to 04ffffh sa17001010xxxx0a 0000h to 0affffh 050000h to 057fffh sa18001011xxxx0b 0000h to 0bffffh 058000h to 05ffffh sa19001100xxxx0c 0000h to 0cffffh 060000h to 067fffh sa20001101xxxx0d 0000h to 0dffffh 068000h to 06ffffh sa21001110xxxx0e 0000h to 0effffh 070000h to 077fffh sa22001111xxxx0f 0000h to 0fffffh 078000h to 07ffffh sa23010000xxxx1 00000h to 10ffffh 080000h to 087fffh sa24010001xxxx1 10000h to 11ffffh 088000h to 08ffffh sa25010010xxxx1 20000h to 12ffffh 090000h to 097fffh sa26010011xxxx1 30000h to 13ffffh 098000h to 09ffffh sa27010100xxxx1 40000h to 14ffffh 0a0000h to 0a7fffh sa28010101xxxx1 50000h to 15ffffh 0a8000h to 0affffh sa29010110xxxx1 60000h to 16ffffh 0b0000h to 0b7fffh sa30010111xxxx1 70000h to 17ffffh 0b8000h to 0bffffh sa31011000xxxx1 80000h to 18ffffh 0c0000h to 0c7fffh sa32011001xxxx1 90000h to 19ffffh 0c8000h to 0cffffh sa33011010xxxx1a 0000h to 1affffh 0d0000h to 0d7fffh sa34011011xxxx1b 0000h to 1bffffh 0d8000h to 0dffffh
mb84vd2228xea/ee/2229xea/ee -90 28 (continued) bank sector sector address address range (byte mode) address range (word mode) bank address a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 bank 1 sa35011100xxxx1c 0000h to 1cffffh 0e0000h to 0e7fffh sa36011101xxxx1d 0000h to 1dffffh 0e8000h to 0effffh sa37011110xxxx1e 0000h to 1effffh 0f0000h to 0f7fffh sa38011111xxxx1f 0000h to 1fffffh 0f8000h to 0fffffh bank 2 sa39100000xxxx2 00000h to 20ffffh 100000h to 107fffh sa40100001xxxx2 10000h to 21ffffh 108000h to 10ffffh sa41100010xxxx2 20000h to 22ffffh 110000h to 117fffh sa42100011xxxx2 30000h to 23ffffh 118000h to 11ffffh sa43100100xxxx2 40000h to 24ffffh 120000h to 127fffh sa44100101xxxx2 50000h to 25ffffh 128000h to 12ffffh sa45100110xxxx2 60000h to 26ffffh 130000h to 137fffh sa46100111xxxx2 70000h to 27ffffh 138000h to 13ffffh sa47101000xxxx2 80000h to 28ffffh 140000h to 147fffh sa48101001xxxx2 90000h to 29ffffh 148000h to 14ffffh sa49101010xxxx2a 0000h to 2affffh 150000h to 157fffh sa50101011xxxx2b 0000h to 2bffffh 158000h to 15ffffh sa51101100xxxx2c 0000h to 2cffffh 160000h to 167fffh sa52101101xxxx2d 0000h to 2dffffh 168000h to 16ffffh sa53101110xxxx2e 0000h to 2effffh 170000h to 177fffh sa54101111xxxx2f 0000h to 2fffffh 178000h to 17ffffh sa55110000xxxx3 00000h to 30ffffh 180000h to 187fffh sa56110001xxxx3 10000h to 31ffffh 188000h to 18ffffh sa57110010xxxx3 20000h to 32ffffh 190000h to 197fffh sa58110011xxxx3 30000h to 33ffffh 198000h to 19ffffh sa59110100xxxx3 40000h to 34ffffh 1a0000h to 1a7fffh sa60110101xxxx3 50000h to 35ffffh 1a8000h to 1affffh sa61110110xxxx3 60000h to 36ffffh 1b0000h to 1b7fffh sa62110111xxxx3 70000h to 37ffffh 1b8000h to 1bffffh sa63111000xxxx3 80000h to 38ffffh 1c0000h to 1c7fffh sa64111001xxxx3 90000h to 39ffffh 1c8000h to 1cffffh sa65111010xxxx3a 0000h to 3affffh 1d0000h to 1d7fffh sa66111011xxxx3b 0000h to 3bffffh 1d8000h to 1dffffh sa67111100xxxx3c 0000h to 3cffffh 1e0000h to 1e7fffh sa68111101xxxx3d 0000h to 3dffffh 1e8000h to 1effffh sa69111110xxxx3e 0000h to 3effffh 1f0000h to 1f7fffh sa70111111xxxx3f 0000h to 3fffffh 1f8000h to 1fffffh
mb84vd2228xea/ee/2229xea/ee -90 29 table 3. 1 sector group addresses (mb84vd2228xea/ee) (top boot block) sector group a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 sectors sga0 000000xxx sa0 sga1 0000 01 xxx sa1 to sa3 10 11 sga2 0 0 0 1xxxxx sa4 to sa7 sga3 0 0 1 0xxxxxsa8 to sa11 sga4 0 0 1 1xxxxxsa12 to sa15 sga5 0 1 0 0xxxxxsa16 to sa19 sga6 0 1 0 1xxxxxsa20 to sa23 sga7 0 1 1 0xxxxxsa24 to sa27 sga8 0 1 1 1xxxxxsa28 to sa31 sga9 1 0 0 0xxxxxsa32 to sa35 sga10 1 0 0 1xxxxxsa36 to sa39 sga11 1 0 1 0xxxxxsa40 to sa43 sga12 1 0 1 1xxxxxsa44 to sa47 sga13 1 1 0 0xxxxxsa48 to sa51 sga14 1 1 0 1xxxxxsa52 to sa55 sga15 1 1 1 0xxxxxsa56 to sa59 sga16 1 1 1 1 00 x x x sa60 to sa62 01 10 sga17 111111000 sa63 sga18 111111001 sa64 sga19 111111010 sa65 sga20 111111011 sa66 sga21 111111100 sa67 sga22 111111101 sa68 sga23 111111110 sa69 sga24 111111111 sa70
mb84vd2228xea/ee/2229xea/ee -90 30 table 3. 2 sector group addresses (mb84vd2229xea/ee) (bottom boot block) sector group a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 sectors sga0 000000000 sa0 sga1 000000001 sa1 sga2 000000010 sa2 sga3 000000011 sa3 sga4 000000100 sa4 sga5 000000101 sa5 sga6 000000110 sa6 sga7 000000111 sa7 sga8 0000 01 x x x sa8 to sa10 10 11 sga9 0 0 0 1xxxxxsa11 to sa14 sga10 0 0 1 0xxxxxsa15 to sa18 sga11 0 0 1 1xxxxxsa19 to sa22 sga12 0 1 0 0xxxxxsa23 to sa26 sga13 0 1 0 1xxxxxsa27 to sa30 sga14 0 1 1 0xxxxxsa31 to sa34 sga15 0 1 1 1xxxxxsa35 to sa38 sga16 1 0 0 0xxxxxsa39 to sa42 sga17 1 0 0 1xxxxxsa43 to sa46 sga18 1 0 1 0xxxxxsa47 to sa50 sga19 1 0 1 1xxxxxsa51 to sa54 sga20 1 1 0 0xxxxxsa55 to sa58 sga21 1 1 0 1xxxxxsa59 to sa62 sga22 1 1 1 0xxxxxsa63 to sa66 sga23 1 1 1 1 00 x x x sa67 to sa69 01 10 sga24 111111xxx sa70
mb84vd2228xea/ee/2229xea/ee -90 31 table 4 flash memory autoselect codes *1: a C1 is for byte mode. *2: output 01h at protected sector address and output 00h at unprotected sector address. type a 12 to a 19 a 6 a 1 a 0 a C1 * 1 code (hex) manufacturers code x v il v il v il v il 04h device code mb84vd22281ea mb84vd22281ee byte xv il v il v ih v il 59h word x 2259h mb84vd22291ea mb84vd22291ee byte xv il v il v ih v il 5ah word x 225ah mb84vd22282ea mb84vd22282ee byte xv il v il v ih v il 55h word x 2255h mb84vd22292ea mb84vd22292ee byte xv il v il v ih v il 56h word x 2256h mb84vd22283ea mb84vd22283ee byte xv il v il v ih v il 50h word x 2250h mb84vd22293ea mb84vd22293ee byte xv il v il v ih v il 53h word x 2253h mb84vd22284ea mb84vd22284ee byte xv il v il v ih v il 5ch word x 225ch mb84vd22294ea mb84vd22294ee byte xv il v il v ih v il 5fh word x 225fh sector group protect sector group address v il v ih v il v il 01h* 2
mb84vd2228xea/ee/2229xea/ee -90 32 notes: 1. both read/reset commands are functionally equivalent, resetting the device to the read mode. 2. this command is valid while fast mode. 3. this command is valid while reset =v id . 4. the valid address is a 0 to a 6 . table 5 flash memory command definitions command sequence bus write cycles reqd first bus write cycle second bus write cycle third bus write cycle fourth bus read/write cycle fifth bus write cycle sixth bus write cycle addr. data addr. data addr. data addr. data addr. data addr. data read/reset (note 1) 1 xxxh f0h read/reset (note 1) word 3 555h aah 2aah 55h 555h f0h ra rd byte aaah 555h aaah autoselect word 3 555h aah 2aah 55h (ba) 555h 90h byte aaah 555h (ba) aaah program word 4 555h aah 2aah 55h 555h a0h pa pd byte aaah 555h aaah chip erase word 6 555h aah 2aah 55h 555h 80h 555h aah 2aah 55h 555h 10h byte aaah 555h aaah aaah 555h aaah sector erase word 6 555h aah 2aah 55h 555h 80h 555h aah 2aah 55h sa 30h byte aaah 555h aaah aaah 555h sector erase suspend 1 bab0h sector erase resume 1 ba30h set to fast mode word 3 555h aah 2aah 55h 555h 20h byte aaah 555h aaah fast program (note 2) word 2 xxxh a0h pa pd byte reset from fast mode (note 2) word 2 ba 90h xxxh f0h (note6) byte extended sector group protection (note 3) word 4 xxxh 60h spa 60h spa 40h spa sd byte query (note 4) word 1 55h 98h byte aah hi-rom entry word 3 555h aah 2aah 55h 555h 88h byte aaah 555h aaah hi-rom program (note 5) word 4 555h aah 2aah 55h 555h a0h pa pd byte aaah 555h aaah hi-rom erase (note 5) word 6 555h aah 2aah 55h 555h 80h 555h aah 2aah 55h hra 30h byte aaah 555h aaah aaah 555h hi-rom exit (note 5) word 4 555h aah 2aah 55h (hrba) 555h 90h xxxh 00h byte aaah 555h (hrba) aaah
mb84vd2228xea/ee/2229xea/ee -90 33 5: this command is valid while hi-rom mode. 6: the data 00h is also acceptable. address bits a 11 to a 20 = x = h or l for all address commands except for program address (pa), sector address (sa),and bank address (ba). bus operations are defined in table 2 "user bus operations". ra = address of the memory location to be read. pa = address of the memory location to be programmed. addresses are latched on the falling edge of the write pulse. sa = address of the sector to be erased. the combination of a 20 , a 19 , a 18 , a 17 , a 16 , a 15 , a 14 , a 13 , and a 12 will uniquely select any sector. ba = bank address (a 15 to a 20 ) spa = sector group address to be protected. set sector group address (sga) and (a 6 , a 1 , a 0 ) = (0, 1, 0). hra= address of the hidden-rom area. mb84vd2228xea/ee (top boot type) word mode: 1f8000h to 1fffffh byte mode: 3f0000h to 3fffffh mb84vd2229xea/ee (bottom boot type) word mode: 000000h to 007fffh byte mode: 000000h to 00ffffh hrba = bank address of the hidden-rom area mb84vd2228xea/ee (top boot type) : a 15 = a 16 = a 17 = a 18 = a 19 = a 20 = 1 mb84vd2229xea/ee (bottom boot type) : a 15 = a 16 = a 17 = a 18 = a 19 = a 20 = 0 rd = data read from location ra during read operation. pd = data to be programmed at location pa. sd = sector protection verify data. output 01h at protected sector addresses and output 00h at unprotectedsector addresses. the system should generate the following address patterns; word mode : 555h or 2aah to addresses a 0 to a 10 byte mode : aaah or 555h to addresses a C1 and a 0 to a 10
mb84vd2228xea/ee/2229xea/ee -90 34 n n n n absolute maximum ratings notes: 1. minimum dc voltage on input or i/o pins is C0.3 v. during voltage transitions, input or i/o pins may undershoot v ss to C2.0 v for periods of up to 20 ns. maximum dc voltage on input or i/o pins is v cc f +0.3 v or v cc s+0.4 v. during voltage transitions, input or i/o pins may overshoot to v cc f+2.0 v or v cc s+2.0 v for periods of up to 20 ns. 2. minimum dc input voltage on a 9 and oe pin is C0.3 v. minimum dc input voltage on reset pin is C0.5 v. during voltage transitions, a 9 , oe , and reset pins may undershoot v ss to C2.0 v for periods of up to 20 ns. voltage difference between input and supply voltage (vin-v cc f or v cc s) does not exceed 9.0 v. maximum dc input voltage on a 9 , oe , and reset pins is +13.0 v which may overshoot to +14.0 v for periods of up to 20 ns. 3. minimum dc input voltage on wp /acc pin is C0.5 v. during voltage transitions, wp /acc pin may undershoot vss to C2.0 v for periods of up to 20 ns. maximum dc input voltage on wp /acc pin is +10.5 v which may overshoot to +12.0 v for periods of up to 20 ns, when v cc f is applied. warning: semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. do not exceed these ratings. n n n n recommended operating conditions note: operating ranges define those limits between which the functionality of the device is guaranteed. warning: the recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. all of the devices electrical characteristics are warranted when the device is operated within these ranges. always use semiconductor devices within the recommended operating conditions. operation outside these ranges may adversely affect reliability and could result in device failure. no warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. users considering application outside the listed conditions are advised to contact their fujitsu representative beforehand. parameter symbol rating unit min. max. storage temperature tstg C55 +125 c ambient temperature with power applied t a C25 +85 c voltage with respect to ground all pins except a 9 , oe , reset , wp /acc (note 1) v in , v out C0.3 v cc f +0.3 v v cc s +0.4 v v cc f/v cc s supply (note 1) v cc f,v cc s C0.3 +4.0 v a 9 and oe (note2) v in C0.3 +13.0 v reset (note 2) v in C0.5 + 13.0 v wp /acc (note 3) v in C0.5 +10.5 v parameter symbol value unit min. max. ambient temperature t a C25 +85 c v cc f/v cc s supply voltages vccf, vccs +2.7 +3.3 v
mb84vd2228xea/ee/2229xea/ee -90 35 n n n n electrical characteristics 1. dc characteristics (continued) parameter symbol parameter description test conditions min. typ. max. unit i li input leakage current v in = v ss to v cc f, v cc s C1.0 +1.0 m a i lo output leakage current v out = v ss to v cc f, v cc s C1.0 +1.0 m a i lit reset inputs leakage current v cc f = v cc f max.,v cc s = v cc s max., reset = 12.5v 35 a i lia acc input leakage current v cc f = v cc f max.,v cc s = v cc s max., wp /a cc = v acc max 20ma i cc1 f flash v cc active current (read) (note 1) ce f = v il , oe = v ih t cycle = 5 mhz byte 16 ma t cycle = 5 mhz word 18 t cycle = 1 mhz byte 7 ma t cycle = 1 mhz word 7 i cc2 f flash v cc active current (program/erase) (note 2) ce f = v il , oe = v ih 35ma i cc3 f flash v cc active current (read-while-program) (note 5) ce f = v il , oe = v ih byte 51 ma word 53 i cc4 f flash v cc active current (read-while-erase) (note 5) ce f = v il , oe = v ih byte 51 ma word 53 i cc5 f flash v cc active current (erase-suspend-program) ce f = v il , oe = v ih 35ma i cc1 ssram v cc active current v cc s = v cc max., ce1 s = v il , ce2s = v ih t cycle =10 mhz 50 ma i cc2 ssram v cc active current ce1 s = 0.2 v, ce2s = v cc s C 0.2 v t cycle = 10 mhz 50 ma t cycle = 1 mhz 8 ma i sb1 fflash v cc standby current v cc f = v cc max., ce f = v cc f 0.3 v reset = v cc f 0.3 v, wp /a cc = v cc f 0.3 v 15 m a i sb2 f flash v cc standby current (reset ) v cc f = v cc max., reset = v ss 0.3 v, wp /a cc = v cc f 0.3 v 15 m a i sb3 f flash v cc current (automatic sleep mode) (note 3) v cc f = v cc max., ce f = v ss 0.3 v reset = v cc f 0.3 v, wp /a cc = v cc f 0.3 v v in = v cc f 0.3 v or v ss 0.3 v 15 m a i sb1 ssram v cc standby current ce1 s > v cc s C 0.2 v, ce2s > v cc s C 0.2 v 25 m a i sb2 ssram v cc standby current ce2s < 0.2 v 25 m a
mb84vd2228xea/ee/2229xea/ee -90 36 (continued) *: v cc indicates lower of v cc f or v cc s. notes: 1. the i cc current listed includes both the dc operating current and the frequency dependent component. 2. i cc active while embedded algorithm (program or erase) is in progress. 3. automatic sleep mode enables the low power mode when address remain stable for 150 ns. 4. applicable for only v cc f applying. 5. embedded alogorithm (program or erase) is in progress. (@5 mhz) parameter symbol parameter description test conditions min. typ. max. unit v il input low level C0.3 0.5 v v ih input high level 2.4 v cc +0.3* v v id voltage for sector protection, and temporary sector unprotection (reset ) (note 4) 11.5 12.5 v v acc voltage for program acceleration (wp /acc) (note4) 8.59.09.5v v ol output low voltage level v cc f = v cc f min., v cc s = v cc s min., i ol =1.0 ma 0.4v v oh output high voltage level v cc f = v cc f min., v cc s = v cc s min., i oh =C0.5 ma 2.4 v v lko flash low v cc f lock-out voltage 2.32.5v
mb84vd2228xea/ee/2229xea/ee -90 37 2. ac characteristics ?ce timing ? timing diagram for alternating sram to flash parameter symbols description test setup -90 unit jedec standard t ccr ce recover time min. 0 ns ce f t ccr t ccr ce1 s ce2s t ccr t ccr
mb84vd2228xea/ee/2229xea/ee -90 38 ? read only operations characteristics (flash) note: test conditionsCoutput load: 1 ttl gate and 30 pf input rise and fall times: 5 ns input pulse levels: 0.0 v to 3.0 v timing measurement reference level input: 1.5 v output: 1.5 v parameter symbols description test setup -90 (note) unit jedec standard min. max. t avav t rc read cycle time 90 ns t avqv t acc address to output delay ce f = v il oe = v il 90ns t elqv t ce f chip enable to output delay oe = v il 90ns t glqv t oe output enable to output delay 40 ns t ehqz t df chip enable to output high-z 30 ns t ghqz t df output enable to output high-z 30 ns t axqx t oh output hold time from addresses, ce f or oe , whichever occurs first 0ns t ready reset pin low to read mode 20 s
mb84vd2228xea/ee/2229xea/ee -90 39 ? read cycle (flash) we oe ce f t ce f t oe dq addresses stable high-z output valid high-z t oeh t acc t rc reset t acc t oh dq t rc addresses stable high-z output valid t rh t df t rh t ce f t rp ce f address address
mb84vd2228xea/ee/2229xea/ee -90 40 ? erase/program operations (flash) (continued) parameter symbols description -90 unit jedec standard min. typ. max. t avav t wc write cycle time 90 ns t avwl t as address setup time (we to addr.) 0 ns t aso address setup time to ce low during toggle bit polling 15 ns t wlax t ah address hold time (we to addr.) 45 ns t aht address hold time from ce or oe high during toggle bit polling 0ns t dvwh t ds data setup time 35 ns t whdx t dh data hold time 0 ns t oes output enable setup time 0 ns t oeh output enable hold time read 0 ns toggle and data polling 10 ns t ceph ce high during toggle bit polling 20 ns t oeph oe high during toggle bit polling 20 ns t ghel t ghel read recover time before write (oe to ce f) 0 ns t ghwl t ghwl read recover time before write (oe to we )0ns t wlel t ws we setup time (ce f to we )0ns t elwl t cs ce f setup time (we to ce f) 0 ns t ehwh t wh we hold time (ce f to we )0ns t wheh t ch ce f hold time (we to ce f) 0 ns t wlwh t wp write pulse width 35 ns t eleh t cp ce f pulse width 35 ns t whwl t wph write pulse width high 30 ns t ehel t cph ce f pulse width high 30 ns t whwh1 t whwh1 byte programming operation 8 s word programming operation 16 s t whwh2 t whwh2 sector erase operation (note 1) 1 s
mb84vd2228xea/ee/2229xea/ee -90 41 (continued) notes: 1. this does not include the preprogramming time. 2. this timing is for sector protection operation. 3. the time between writes must be less than t tow otherwise that command will not be accepted and erasure will start. a time-out or t tow from the rising edge of last ce or we whichever happens first will initiate the execution of the sector erase command(s). 4. when the erase suspend command is written during the sector erase operation, the device will take a maximum of t spd to suspend the erase operation. parameter symbols description -90 unit jedec standard min. typ. max. t vcs v cc f setup time 50 s t vlht voltage transition time (note 2) 4 s t vidr rise time to v id (note 2) 500 ns t vaccr rise time to v acc 500 ns t rb recover time from ry/by 0ns t rp reset pulse width 500 ns t eoe delay time from embedded output enable 90 ns t rh reset high level period before read 200 ns t busy program/erase valid to ry/by delay 90 ns t tow erase time-out time (note 3) 50 s t spd erase suspend transition time (note 4) 20 s
mb84vd2228xea/ee/2229xea/ee -90 42 ? write cycle (we control) (flash) t ch t wp t whwh1 t wc t ah ce f oe t rc dq t as t oe t wph t ghwl t dh dq 7 pd a0h d out we 555h pa pa t oh data polling 3rd bus cycle t cs t ce f t ds d out notes: pa is address of the memory location to be programmed. pd is data to be programmed at byte address. dq 7 is the output of the complement of the data written to the device. d out is the output of the data written to the device. figure indicates last two bus cycles out of four bus cycle sequence. these waveforms are for the 16 mode. (the addresses differ from 8 mode.) address
mb84vd2228xea/ee/2229xea/ee -90 43 ? write cycle (ce f control) (flash) notes: pa is address of the memory location to be programmed. pd is data to be programmed at byte address. dq 7 is the output of the complement of the data written to the device. d out is the output of the data written to the device. figure indicates last two bus cycles out of four bus cycle sequence. these waveforms are for the 16 mode. (the addresses differ from 8 mode.) t cp t ds t whwh1 t wc t ah we oe dq t as t cph t dh dq 7 a0h d out ce f 555h pa pa data polling 3rd bus cycle t ws t wh t ghel pd address
mb84vd2228xea/ee/2229xea/ee -90 44 ? ac waveforms chip/sector erase operations (flash) v cc f ce f oe dq we 555h 2aah 555h 555h 2aah sa * t ds t ch t as t ah t cs t wph t dh t ghwl t vcs t wc t wp aah 55h 80h aah 55h 10h/ 30h for sector erase 30h *: sa is the sector address for sector erase. addresses = 555h for chip erase. note: these waveforms are for the 16 mode. (the addresses differ from 8 mode.) address
mb84vd2228xea/ee/2229xea/ee -90 45 ? ac waveforms for data polling during embedded algorithm operations (flash) *: dq 7 = valid data (the device has completed the embedded operation.) t oeh t oe t whwh1 or 2 ce f oe we dq 7 t df t ch t ce f dq 7 = valid data dq 7 * dq dq 0 to dq 6 = output flag t eoe dq 0 to dq 6 valid data high-z high-z (dq 0 to dq 6 ) data in data in t busy ry/by
mb84vd2228xea/ee/2229xea/ee -90 46 ? ac waveforms for toggle bit during embedded algorithm operations (flash) * : dq 6 stops toggling (the device has completed the embedded operation). address ry/by ce f we dq 6 /dq 2 oe t as t busy toggle t aht t aht t aso t oeh t oeh t oe data toggle data toggle data stop toggling data t ce f * output valid t dh t ceph t oeph
mb84vd2228xea/ee/2229xea/ee -90 47 ? back-to-back read/write timing diagram (flash) note: this is example of read for bank 1 and embedded algorithm (program) for bank 2. ba1: address of bank 1. ba2: address of bank 2. ce dq we address ba1 ba1 ba1 ba2 (555h) ba2 (pa) ba2 (pa) oe valid output valid output valid output status valid intput valid intput t rc t rc t rc t rc t wc t wc t aht t as t as t ah t acc t ce t oe t oeh t wp t ghwl t ds t df t dh t df t ceph read command command read read read (a0h) (pd)
mb84vd2228xea/ee/2229xea/ee -90 48 ?ry/by timing diagram during write/erase operations (flash) ? reset , ry/by timing diagram (flash) the rising edge of the last write pulse ce f ry/by we t busy entire programming or erase operations t rp reset t ready ry/by we t rb
mb84vd2228xea/ee/2229xea/ee -90 49 ? temporary sector unprotection (flash) v cc f v id reset 3v ce f we ry/by program or erase command sequence t vidr t vlht t vcs t vlht t vlht unprotection period 3v
mb84vd2228xea/ee/2229xea/ee -90 50 ? extended sector protection (flash) sgax: sector group address to be protected sgay : next group sector address to be protected time-out : time-out window = 250 m s (min.) sgay reset a 6 oe we ce f data a 1 v cc f a 0 add sgax sgax 60h 01h 40h 60h 60h time-out t vcs t vlht t vidr t oe t wp t wc t wc
mb84vd2228xea/ee/2229xea/ee -90 51 ? accelerated program (flash) 3 v wp/acc v cc f ce we ry/by t vlht program or erase command sequence 3 v t vlht t vcs t vaccr v acc t vlht acceleration period
mb84vd2228xea/ee/2229xea/ee -90 52 ?read cycle (sram) parameter symbol parameter description min. max. unit t rc read cycle time 70 ns t aa address access time 70 ns t co1 chip enable (ce1 s) access time 70 ns t co2 chip enable (ce2s) access time 70 ns t oe output enable access time 35 ns t ba lb , ub to output valid 70 ns t coe chip enable (ce1 s low and ce2s high) to output active 5 ns t oee output enable low to output active 0 ns t be ub , lb enable low to output active 0 ns t od chip enable (ce1 s high or ce2s low) to output high-z 25 ns t odo output enable high to output high-z 25 ns t bd ub , lb output enable to output high-z 25 ns t oh output data hold time 10 ns
mb84vd2228xea/ee/2229xea/ee -90 53 ? read cycle (note 1) (sram) note: we remains high for the read cycle. t rc t aa t oh t co1 t od t odo t oee t coe valid data out address ce1 s oe dq ce2s t coe t oe t co2 t od lb s, ub s t ba t bd t be
mb84vd2228xea/ee/2229xea/ee -90 54 ? write cycle (sram) parameter symbol parameter description min. max. unit t wc write cycle time 70 ns t wp write pulse width 55 ns t cw chip enable to end of write 60 ns t aw address valid to end of write 60 ns t bw ub , lb to end of write 60 ns t as address setup time 0 ns t wr write recovery time 0 ns t odw we low to output high-z 25 ns t oew we high to output active 0 ns t ds data setup time 30 ns t dh data hold time 0 ns
mb84vd2228xea/ee/2229xea/ee -90 55 ? write cycle (note 3) (we control) (sram) t wc t as t wp t wr t cw t odw t oew t ds t dh valid data in address we ce1 s d out d in ce2s t cw notes: 1. if ce1 s goes low (or ce2s goes high) coincident with or after we goes low, the output will remain at high impedance. 2. if ce1 s goes high (or ce2s goes low) coincident with or before we goes high, the output will remain at high impedance. 3. if oe is high during the write cycle, the outputs will remain at high impedance. 4. because i/o signals may be in the output state at this time, input signals of reverse polarity must not be applied. note 1 note 4 note 2 note 4 t bw lb s, ub s t aw
mb84vd2228xea/ee/2229xea/ee -90 56 ? write cycle (note 1) (ce 1s control) (sram) t wc t as t wp t wr t cw t odw t coe t ds t dh valid data in address we ce1 s d out d in ce2s t cw notes: 1. if oe is high during the write cycle, the outputs will remain at high impedance. 2. because i/o signals may be in the output state at this time, input signals of reverse polarity must not be applied. note 2 lb s, ub s t bw t be t aw
mb84vd2228xea/ee/2229xea/ee -90 57 ? write cycle (note 1) (ce2s control) (sram) t wc t as t wp t wr t cw t odw t coe t ds t dh valid data in address we ce1 s d out d in ce2s notes: 1. if oe is high during the write cycle, the outputs will remain at high impedance. 2.because i/o signals may be in the output state at this time, input signals of reverse polarity must not be applied. note 2 t cw lb s, ub s t bw t be t aw
mb84vd2228xea/ee/2229xea/ee -90 58 ? write cycle (note 1) (lb , ub control) (sram) t wc t ds t dh address lb s, ub s we d in notes: 1. if oe is high during the write cycle, the outputs will remain at high impedance. 2. because i/o signals may be in the output state at this time, input signals of reverse polarity must not be applied. t wp ce2s t cw ce1 s t as t wr t bw t odw t coe d out t be valid data in note 2 t cw t aw
mb84vd2228xea/ee/2229xea/ee -90 59 n n n n erase and programming performance (flash) n n n n data retention characteristics (sram) note: t rc : read cycle time ?ce1 s controlled data retention mode (note 1) parameter limits unit comment min. typ. max. sector erase time 1 10 s excludes programming time prior to erasure byte programming time 8 300 m s excludes system-level overhead word programming time 16 360 m s excludes system-level overhead chip programming time 100 s excludes system-level overhead erase/program cycle 100,000 cycle parameter symbol parameter description min. typ. max. unit v dh data retention supply voltage 1.5 3.3 v i dds2 standby current v dh = 3.0 v tbd tbd m a t cdr chip deselect to data retention mode time 0 ns t r recovery time t rc ns v cc s 2.7 v v ih gnd data retention mode see note 2 t cdr ce1 s v ccs C0.2 v see note 2 t r v dh
mb84vd2228xea/ee/2229xea/ee -90 60 ? ce2s controlled data retention mode (note 3) notes: 1. in ce1 s controlled data retention mode, input level of ce2s should be fixed vccs to vccsC0.2 v or vss to 0.2 v during data retention mode. other input and input/output pins can be used between C0.3 v to vccs+0.3 v. 2. when ce1 s is operating at the v ih min. level (2.2 v), the standby current is given by i sb1 s during the transition of v cc s from 3.6 to 2.2 v. 3. in ce2s controlled data retention mode, input and input/output pins can be used between C0.3 v to vccs+0.3 v. n n n n pin capacitance note: test conditions t a = 25c, f = 1.0 mhz n n n n handling of package please handle this package carefully since the sides of packages are right angle. n n n n caution 1) the high voltage (v id ) can not apply to address pins and control pins except reset . therefore, it can not use autoselect and sector protect function by applying the high voltage (v id ) to specific pins. 2) for the sector protection, since the high voltage (v id ) can be applied to the reset , it can be protected the sector useing extended sector protect command. parameter symbol parameter description test setup typ. max. unit c in input capacitance v in = 0 11 14 pf c out output capacitance v out = 0 12 16 pf c in2 control pin capacitance v in = 0 14 16 pf c in3 wp /acc pin capacitance v in = 0 21.5 26 pf v cc s 2.7 v gnd data retention mode v ih v il ce2s t cdr t r 0.2 v v dh
mb84vd2228xea/ee/2229xea/ee -90 61 n n n n ordering information mb84vd2228 x ea -90 -pbs device number/description 32mega-bit (4m 8-bit or 2m 16-bit) dual operation flash memory 3.0 v-only read, program, and erase 8mega-bit (1m 8-bit or 512k 16-bit) sram boot code sector architecture 84vd2228 = top sector 84vd2229 = bottom sector pa c k a g e t y p e pbs = 71-ball bga speed option see product selector guide device revision (valid combination) ea ee bank size 1 = 0.5mbit / 31.5mbit 2 = 4mbit / 28mbit 3 = 8mbit / 24mbit 4 = 16mbit / 16mbit
mb84vd2228xea/ee/2229xea/ee -90 62 n n n n package dimension c 2000 fujitsu limited b71001s-1c-1 12.00?.10(.472?004) 7.00?.10 (.276?004) index-mark area 0.10(.004) 0.38?.10 (.015?004) (stand off) .041 ?004 +.006 ?.10 +0.15 1.05 (mounting height) 0.80 (.031) 5.60(.220)ref 7.20(.283) 8.80(.346) 0.80 (.031) 5.60(.220) ref a b c d e f g h j k l m 1 2 3 4 5 6 7 8 71-.018 ?002 +.004 ?.05 +0.10 71-0.45 m 0.08(.003) 71-ball plastic fbga (bga-71p-m01) dimensions in mm (inches)
mb84vd2228xea/ee/2229xea/ee -90 fujitsu limited for further information please contact: japan fujitsu limited corporate global business support division electronic devices shinjuku dai-ichi seimei bldg. 7-1, nishishinjuku 2-chome, shinjuku-ku, tokyo 163-0721, japan tel: +81-3-5322-3347 fax: +81-3-5322-3386 http://www.fujitsu.co.jp/ north and south america fujitsu microelectronics, inc. 3545 north first street, san jose, ca 95134-1804, u.s.a. tel: +1-408-922-9000 fax: +1-408-922-9179 customer response center mon. - fri.: 7 am - 5 pm (pst) tel: +1-800-866-8608 fax: +1-408-922-9179 http://www.fujitsumicro.com/ europe fujitsu microelectronics europe gmbh am siebenstein 6-10, d-63303 dreieich-buchschlag, germany tel: +49-6103-690-0 fax: +49-6103-690-122 http://www.fujitsu-fme.com/ asia pacific fujitsu microelectronics asia pte. ltd. #05-08, 151 lorong chuan, new tech park, singapore 556741 tel: +65-281-0770 fax: +65-281-0220 http://www.fmap.com.sg/ korea fujitsu microelectronics korea ltd. 1702 kosmo tower, 1002 daechi-dong, kangnam-gu,seoul 135-280 korea tel: +82-2-3484-7100 fax: +82-2-3484-7111 f0008 ? fujitsu limited printed in japan all rights reserved. the contents of this document are subject to change without notice. customers are advised to consult with fujitsu sales representatives before ordering. the information and circuit diagrams in this document are presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. also, fujitsu is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. the contents of this document may not be reproduced or copied without the permission of fujitsu limited. fujitsu semiconductor devices are intended for use in standard applications (computers, office automation and other office equipments, industrial, communications, and measurement equipments, personal or household devices, etc.). caution: customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with fujitsu sales representatives before such use. the company will not be responsible for damages arising from such use without prior approval. any semiconductor devices have inherently a certain rate of failure. you must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. if any products described in this document represent goods or technologies subject to certain restrictions on export under the foreign exchange and foreign trade control law of japan, the prior authorization by japanese government should be required for export of those products from japan.


▲Up To Search▲   

 
Price & Availability of MB84VD2229XEE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X