Part Number Hot Search : 
10C60 SL900 IRFNG50 CPH3223 LMR67802 3S12HZ64 D1020 IRF7205
Product Description
Full Text Search
 

To Download MB1608300Y5X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.7 0.7 0.7 0.300.20 0.800.15 0.800.15 1.600.15 abc g di time ( seconds ) 150 temperature ( ) j 050100 100 50 150 temperature +4.0 / sec max. j rising area 200 250 preheat area 150 ~ 200 / 60 ~ 120sec j max time above 200 70sec max. j?g max time above 230 50sec max. j?g peak temp 260 max. ?gj 250 200 70sec max. -(1.0 ~ 5.0) / sec max. j 260 j 50sec max. 230 j forced cooling area +2.0 ~ 4.0 j / sec max. reflow area p eak tem perature: d solderability ?o?g solder temp. : 2605 j dip time : 41 seconds flux : rosin or equivalent solder : sn96.5 / ag3 / cu0.5 d remark lead content 1600ppm typ. include ferrite ?o?g c terminal electrode ag/ni/sn (lead contant 100ppm max.) ?o?g ae-001a configuration & dimensions 1?o ?g schematic diagram o?o ?g materials ??o ?g general specification ??o ?g abodyferrite ?o?g b internal conductor silver or ag / pd ?o?g c terminal strength ?o?g a storage temp. -40 ---- +105 ?o?gj b operating temp. -25 ---- +85 ?o?gj multilayer chip bead mb1608 5 h unit : m/m mb1608 series d d a c b pcb pattern i g i h f type f ( kgf ) time ( sec ) 305 mb1608 0.5 ref : page: 1 specification for approval prod. name abc's dwg no. abc's item no. a c b
electrical characteristics ??o ?g specification for approval abc's item no. abc's dwg no. ref : page: 2 prod. name mb1608 5 multilayer chip bead impedance vs. frequency characteristics ??o ?g mb1608-221 mb1608-300 mb1608-121 mb1068-100 mb1608-600 mb1608600y5 mb1608300y5 mb1608100y5 mb1608121y5 mb1608221y5 dwg no. 220.025% 120.025% 60.025% 30.025% impedance ( ? ) 100 100 100 100 100 100 ( mhz ) z test freq. 0.15 0.20 0.03 0.10 max. 0.03 0.02 rdc ( ? ) 800 2000 2000 2000 600 max. ( ma ) ir 1). packaging information? a bulk b taping reel ?g?g?g mb1608301y5 300.025% 10.025% 1000 mb1608-301 ae-001a
components 160 m/m min. no component leader user direction of feed 400 m/m min. no component trailer end p:4 m/m 4 m/m start carrier tape width : d ? abc's dwg no. abc's item no. specification for approval ref : page: 3 prod. name mb1608 5 outer : carton g.w. (kg) q'ty (pcs) ( 3 ) q'ty & g.w. per package mb1608 series 4,000 07 - 08 style g.w. (gw) 90 inner : reel 200,000 q'ty(pcs) 41 x 39 x 22 size (cm) 7.0 packaging information ??o 2.00.5 c ? ( 2 ) dimensions a style 07 - 08 178 a b g c 13 b 210.8 d 8 c ? n ( 1 ) confihuration t d embossed carrier n g +0 10 50 -0 t 12.5 unit:m/m cover tape multilayer chip bead ae-001a
appendix code 2 appendix code 1 electrical code dimension code type code tolerance code appendix code 1 s standard products ?g?g appendix code 2 ?g code b a remark 4000 inner package q'ty empty inner package t / r ( reel package ) empty pcs dwg expression j?o ?g b m 16 specification for approval ref : page: 4 abc's item no. abc's dwg no. prod. name mb1608 5 l standard lead free products ?g 1 ~ 9 special lead free products ?g a k m r t z special products ???a ???a???g 08 multilayer chip bead ae-001a


▲Up To Search▲   

 
Price & Availability of MB1608300Y5X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X