Part Number Hot Search : 
IWS505 LV8402GP A5348CA NJW1328 KBPC251 71000 T523C SAA7335
Product Description
Full Text Search
 

To Download KMM53232004CK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dram module KMM53232004CK/ckg 4byte 32mx32 simm revision 0.0 june 1999 (16mx4 base)
dram module KMM53232004CK/ckg revision history version 0.0 (june 1999) ? the 4th. generation of 64mb dram components are applied for this module.
dram module KMM53232004CK/ckg KMM53232004CK/ckg edo mode 32m x 32 dram simm using 16mx4, 4k refresh, 5v the samsung kmm53232004c is a 32mx32bits dynamic ram high density memory module. the samsung kmm53232004c consists of sixteen cmos 16mx4bits drams in soj packages mounted on a 72-pin glass-epoxy substrate. a 0.1 or 0.22uf decoupling capacitor is mounted on the printed circuit board for each dram. the kmm53232004c is a single in-line memory module with edge connections and is intended for mounting into 72 pin edge connector sockets. ? part identification - KMM53232004CK(4k cycles/64ms ref, soj, solder) - KMM53232004CKg(4k cycles/64ms ref, soj, gold) ? extended data out mode operation ? cas -before- ras & hidden refresh capability ? ras -only refresh capability ? ttl compatible inputs and outputs ? single +5v 10% power supply ? jedec standard pdpin & pinout ? pcb : height(1420mil), double sided component general description features performance range speed t rac t cac t rc t hpc -5 50ns 13ns 84ns 20ns -6 60ns 15ns 104ns 25ns pin names pin name function a0 - a11 address inputs dq0-7, dq9-16 dq18-25, dq27-34 data in/out w read/write enable ras0 - ras3 row address strobe cas0 - cas3 column address strobe pd1 -pd4 presence detect vcc power(+5v) vss ground nc no connection presence detect pins (optional) pin 50ns 60ns pd1 pd2 pd3 pd4 nc vss vss vss nc vss nc nc pin configurations pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 symbol v ss dq0 dq18 dq1 dq19 dq2 dq20 dq3 dq21 vcc nc a0 a1 a2 a3 a4 a5 a6 a10 dq4 dq22 dq5 dq23 dq6 dq24 dq7 dq25 a7 a11 vcc a8 a9 ras3 ras2 nc nc pin 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 symbol nc nc vss cas0 cas2 cas3 cas1 ras0 ras1 nc w nc dq9 dq27 dq10 dq28 dq11 dq29 dq12 dq30 dq13 dq31 vcc dq32 dq14 dq33 dq15 dq34 dq16 nc pd1 pd2 pd3 pd4 nc vss samsung electronics co., ltd. reserves the right to change products and specifications without notice.
dram module KMM53232004CK/ckg functional block diagram cas ras oe dq1 dq2 dq3 dq4 w a0-a11 cas0 ras0 u0 vcc vss 0.1 or 0.22uf capacitor for each dram cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u1 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u2 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u3 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u4 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u5 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u6 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u7 to all drams cas1 cas2 ras2 cas3 w a0-a11 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 cas0 ras1 u8 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u9 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u10 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u11 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u12 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u13 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u14 cas ras oe dq1 dq2 dq3 dq4 w a0-a11 u15 cas1 cas2 ras3 cas3 dq0~dq3 dq4~dq7 dq9~dq12 dq13~dq16 dq18~dq21 dq22~dq25 dq27~dq30 dq31~dq34
dram module KMM53232004CK/ckg i cc1 , i cc3 , i cc4 and i cc6 are dependent on output loading and cycle rates. specified values are obtained with the output open. i cc is specified as an average current. in i cc1 and i cc3 , address can be changed maximum once while ras =v il . in i cc4 , address can be changed maximum once within one edo mode cycle time, t hpc . * note : absolute maximum ratings * * permanent device damage may occur if absolute maximum ratings are exceeded. functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for in tended periods may affect device reliability. item symbol rating unit voltage on any pin relative to v ss voltage on v cc supply relative to v ss storage temperature power dissipation short circuit output current v in , v out v cc t stg p d i os -1 to +7.0 -1 to +7.0 -55 to +125 16 50 v v c w ma recommended operating conditions (voltage referenced to v ss , t a = 0 to 70 c) *1 : v cc +2.0v at pulse width 20ns, which is measured at v cc . *2 : -2.0v at pulse width 20ns, whcih is measured at v ss . item symbol min typ max unit supply voltage ground input high voltage input low voltage v cc v ss v ih v il 4.5 0 2.4 -1.0 *2 5.0 0 - - 5.5 0 v cc *1 0.8 v v v v dc and operating characteristics (recommended operating conditions unless otherwise noted) i cc1 i cc2 i cc3 i cc4 i cc5 i cc6 i( il) i( ol) v oh v ol symbol speed KMM53232004CK/ckg unit min max i cc1 -5 -6 - - 976 896 ma ma i cc2 don t care - 32 ma i cc3 -5 -6 - - 976 896 ma ma i cc4 -5 -6 - - 896 816 ma ma i cc5 don t care - 16 ma i cc6 -5 -6 - - 976 896 ma ma i i(l) i o(l) don t care -10 -10 10 10 ua ua v oh v ol don t care 2.4 - - 0.4 v v : operating current * ( ras , cas , address cycling @ t rc =min) : standby current ( ras = cas = w =v ih ) : ras only refresh current * ( cas =v ih , ras cycling @ t rc =min) : hyper page mode current * ( ras =v il , cas cycling : t hpc =min) : standby current ( ras = cas = w =vcc-0.2v) : cas -before- ras refresh current * ( ras and cas cycling @ t rc =min) : input leakage current (any input 0 v in vcc+0.5v, all other pins not under test=0 v) : output leakage current(data out is disabled, 0v v out vcc) : output high voltage level (i oh = -5ma) : output low voltage level (i ol = 4.2ma)
dram module KMM53232004CK/ckg capacitance (t a = 25 c, v cc =5v, f = 1mhz) item symbol min max unit input capacitance[a0-a11] input capacitance[ w ] input capacitance[ ras0 - ras3 ] input capacitance[ cas0 - cas3 ] input/output capacitance[dq0-7, 9-16,18-25, 27-34] c in1 c in2 c in3 c in4 c dq - - - - - 90 122 38 38 17 pf pf pf pf pf ac characteristics (0 c t a 70 c, vcc=5.0v 10%. see notes 1,2.) test condition : v ih /v il =2.4/0.8v, v oh /v ol =2.0/0.8v, output loading cl=100pf parameter symbol -5 -6 unit note min max min max random read or write cycle time t rc 84 104 ns access time from ras t rac 50 60 ns 3,4,10 access time from cas t cac 13 15 ns 3,4,5 access time from column address t aa 25 30 ns 3,10 cas to output in low-z t clz 3 3 ns 3 output buffer turn-off delay from cas t cez 3 13 3 13 ns 6,12 transition time(rise and fall) t t 1 50 1 50 ns 2 ras precharge time t rp 30 40 ns ras pulse width t ras 50 10k 60 10k ns ras hold time t rsh 13 15 ns cas hold time t csh 38 45 ns cas pulse width t cas 8 10k 10 10k ns 4 ras to cas delay time t rcd 20 37 20 45 ns 9 ras to column address delay time t rad 15 25 15 30 ns cas to ras precharge time t crp 5 5 ns row address set-up time t asr 0 0 ns row address hold time t rah 10 10 ns column address set-up time t asc 0 0 ns column address hold time t cah 8 10 ns column address to ras lead time t ral 25 30 ns read command set-up time t rcs 0 0 ns read command hold referenced to cas t rch 0 0 ns 8 read command hold referenced to ras t rrh 0 0 ns 8 write command set-up time t wcs 0 0 ns 7 write command hold time t wch 10 10 ns write command pulse width t wp 10 10 ns write command to ras lead time t rwl 13 15 ns write command to cas lead time t cwl 8 10 ns data set-up time t ds 0 0 ns 9 data hold time t dh 8 10 ns 9 refresh period t ref 64 64 ms cas setup time ( cas -before- ras refresh) t csr 5 5 ns cas hold time ( cas -before- ras refresh) t chr 10 10 ns ras to cas precharge time t rpc 5 5 ns access time from cas precharge t cpa 28 35 ns 3
dram module KMM53232004CK/ckg test condition : v ih /v il =2.4/0.8v, v oh /v ol =2.0/0.8v, output loading cl=100pf parameter symbol -5 -6 unit note min max min max hyper page mode cycle time t hpc 20 25 ns 11 cas precharge time (hyper page cycle) t cp 8 10 ns ras pulse width (hyper page cycle) t rasp 50 200k 60 200k ns ras hold time from cas precharge t rhcp 30 35 ns w to ras precharge time(c-b-r refresh) t wrp 10 10 ns w to ras hold time(c-b-r refresh) t wrh 10 10 ns output data hold time t doh 5 5 ns output buffer turn off delay from ras t rez 3 13 3 15 ns 6,12 output buffer turn off delay from w t wez 3 13 3 15 ns 6 w to data delay t wed 15 15 ns w pulse width t wpe 5 5 ns ac characteristics (0 c t a 70 c, vcc=5.0v 10%. see notes 1,2.) notes an initial pause of 200us is required after power-up followed by any 8 ras -only or cas -before- ras refresh cycles before proper device operation is achieved. input voltage levels are v ih /v il . v ih (min) and v il (max) are ref- erence levels for measuring timing of input signals. transition times are measured between v ih (min) and v il (max) and are assumed to be 5ns for all inputs. measured with a load equivalent to 2 ttl loads and 100pf. operation within the t rcd (max) limit insures that t rac (max) can be met. t rcd (max) is specified as a reference point only. if t rcd is greater than the specified t rcd (max) limit, then access time is controlled exclusively by t cac . assumes that t rcd 3 t rcd (max). this parameter defines the time at which the output achieves the open circuit and is not referenced for v oh or v ol. t wcs is non-restrictive operating parameter. it is included in the data sheet as electrical characteristics only. if t wcs 3 t wcs (min), the cycle is an early write cycle and the data out pin will remain high impedance for the duration of the cycle. either t rch or t rrh must be satisfied for a read cycle. these parameters are referenced to the cas leading edge in early write cycles. operation within the t rad (max) limit insures that t rac (max) can be met. t rad (max) is specified as reference point only. if t rad is greater than the specified t rad (max) limit access time is controlled by t aa . t asc 3 6ns, assume t t =2.0ns. if ras goes high before cas high going, the open circuit condition of the output is achieved by cas high going. if cas goes high before ras high going , the open circuit condition of the output is achieved by ras going. 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12.
dram module KMM53232004CK/ckg ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v oh - v ol - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t asr t rah t asc t cah t crp t aa t oea t clz t rac open t rch don t care undefined t rad t rrh data-out t rez t rcs read cycle t oez t cez t wez dq t olz t cac
dram module KMM53232004CK/ckg t wcs note : d out = open write cycle ( early write ) ras v ih - v il - v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care undefined t wch t wp cas t rwl t cwl t ds t dh data-in dq
dram module KMM53232004CK/ckg note : d out = open write cycle ( oe controlled write ) ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v ih - v il - dq column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp t wp don t care undefined cas v ih - v il - t rwl t cwl t dh t oeh t oed data-in t ds
dram module KMM53232004CK/ckg read - modify - write cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - dq row addr t ras t rwc t rp t rsh t rcd t cas t csh t rad t asr t rah t asc t cah t crp valid t wp don t care t rwl t cwl t oez t oea t oed t awd t cwd t rwd data-out undefined valid data-in t rac t aa t cac t clz t ds t dh column address t olz
dram module KMM53232004CK/ckg t doh hyper page read cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t rcd t asr t crp don t care undefined v oh - v ol - dq t oep column address t cas t cas t cas t cas t cp t cp t cp t hpc t hpc t hpc t rhcp t csh t rad t rah t asc t cah t cah t cah t asc t cah t rcs t aa t rch t asc column address column addr valid data-out t oez t oea t oep t aa t cac t oea t aa t cpa t cac t cpa valid data-out valid data-out t oez t clz t rac t oea t olz t cac t rrh t cho t rez t oez t cac t och t cpa t cac valid data-out ? t asc t aa
dram module KMM53232004CK/ckg ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr. t rasp t rp t rcd t asr t crp don t care hyper page write cycle ( early write ) undefined v ih - v il - dq t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wcs t wch t wp t wcs t wch t wp t wcs t wch ? ? ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh t cwl t cwl t cwl t rwl note : d out = open t hpc t hpc
dram module KMM53232004CK/ckg don t care hyper page read-modify-write cycle undefined ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - row addr t csh t rasp t rp t asr t rah t rcd t cp t rad t cah t wp t dh col. addr col. addr t cas t cas t crp t asc t cah t ral t rcs t cwl t cwd t awd t rwd t wp t cwd t awd t cwl t rac t oea t clz t oez t cpwd t oed t asc t clz t oea t cac t aa t dh t oed t rwl t crp t ds t oez valid data-out valid data-in valid data-out valid data-in t ds dq t rsh t olz t olz t hprwc t cac t aa
dram module KMM53232004CK/ckg hyper page read and write mixed cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp don t care undefined v i/oh - v i/ol - dq t wez t cp t cp t hpc t hpc t hpc t rad t rah t asc t cah t cah t cah t asc t cah t rch t rcs t rcs t rch t asc column address col. addr valid data-out t rez t aa t wcs valid data-out valid data-out valid data-in t rac col. addr t cas t asr t cas t cas t cas t asc t cp t rch t wch t wpe t clz t cpa t wed t aa t wez t ds t dh t cac t oea read( t cac ) read( t cpa ) write read( t aa )
dram module KMM53232004CK/ckg don t care ras - only refresh cycle* note : w , oe , d in = don t care undefined d out = open ras v ih - v il - cas v ih - v il - a v ih - v il - row addr t rc t rp t asr t crp t ras t rah t rpc t crp open cas - before - ras refresh cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rc t rp t ras t rpc t cp t rpc t csr t chr t cez v oh - v ol - dq t wrp t wrh w v ih - v il - t rp * in ras -only refresh cycle of 64mb a-dile & b-die, when cas signal transits from low to high, the valid data may be cut off.
dram module KMM53232004CK/ckg hidden refresh cycle ( read ) t oez data-out t rp ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t chr t rcd t rsh t rad t asr t rah t asc t crp don t care undefined v oh - v ol - dq t wrh t rrh column address t oea t ras t rc t cah t rcs t aa t rac t clz t cac t cez open t rp t wez t rez t olz t wrp
dram module KMM53232004CK/ckg t crp t wcs t rp ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t rad t asr t rah t asc don t care hidden refresh cycle ( write ) undefined cas v ih - v il - v ih - v il - dq t rsh t rcd t wrh column address t ras t rc t chr t cah t wrp t ds note : d out = open t wp t wch data-in t dh t rp
dram module KMM53232004CK/ckg cas -before- ras refresh counter test cycle ras v ih - v il - cas v ih - v il - a v ih - v il - column address t ras t rsh t chr t ral t csr t cpt t rp t cas t asc t cah read cycle v oh - v ol - data-out dq t rez t clz write cycle v ih - v il - data-in dq t dh t ds w v ih - v il - t wp t cwd t cwl t rwl read-modify-write t awd v ih - v il - oe t oea t aa t cac t ds t dh valid data-out v i/oh - v i/ol - dq don t care undefined v ih - v il - oe t oea t oez oe v ih - v il - t rcs t clz t oez t oed t wrp t wrh t rrh t rch t rcs t cac t aa v ih - v il - w t wrp t wrh t wcs t wch t cwl v ih - v il - w t wp t rwl t wrp t wrh valid data-in note : this timing diagram is applied to all devices besides 64m dram based modules. t cez t wez
dram module KMM53232004CK/ckg open cas - before - ras self refresh cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rps t rass t rpc t cp t rpc t csr t cez v oh - v ol - dq t rp don t care undefined t chs t wrp t wrh w v ih - v il - open test mode in cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rp t rc t rpc t cp t rpc t csr t cez v oh - v ol - dq t wts t wth w v ih - v il - t chr t rp t ras
dram module KMM53232004CK/ckg tolerances : .005(.13) unless otherwise specified note : the used device is 16mx4 dram, soj dram part no. : KMM53232004CK/ckg -- km44c16104ck package dimensions .133(3.38) 4.250(107.95) 3.984(101.19) r.062 .004(r1.57 .10) .250 (6.35) 3.750(95.25) .250(6.35) units : inches (millimeters) gold/solder plating lead .010(.25)max .050(1.27) .041 .004(1.04 .10) .100(2.54) min .350(8.89) max .054 (1.37) 1.420(36.07) .400(10.16) .125 dia .002(3.18 .051) r.062(1.57) .250(6.35) .080(2.03) .047(1.19) ( back view ) ( front view )


▲Up To Search▲   

 
Price & Availability of KMM53232004CK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X