Part Number Hot Search : 
TA8125S 91100 2SB1589 BFE215R TM1623 MC56F 8259A 1404C
Product Description
Full Text Search
 

To Download KLT1A15DC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  onlinecomponents.com electromechanical relays hasco component's electromechanical relays range from less than an amp to 80 amps. hasco's relays are ul and csa with some tuv ratings. all relays have dc coils and many have an ac coil. they come sealed for wave soldering and washing thereby allowing the relays to be put on any assemble line. there are surface mount low current relays available as well. klt miniature power relays spdt 3, 6, 12, 15 & 20 amp file e75887 file lr49291 features highly reliable, low cost miniature size & large switch capacity up to 20a high dielectric strength type fully sealed inexpensive also available as surface mount device. call for availability. dimensions: mm (inch) part numbers home | about hasco | our factory | reed relays | electromechanical relays | reed switches/magnets | proximity reed switches | ez relay design page | request quote | hasco reps hasco distributors | site map electrical ratings 3 amp: 3a at 120vac or 28vdc resistive 6 amp: 6a at 120vac or 28vdc; 6a at 240vac general purpose; 1/4 hp at 120vac 12 & 15 amp: 12a at 120vac or 28vdc; 12a at 240vac general purpose; 7a at 277vac general purpose; 1/4 hp at 120vac; 15a at 120vac resistive pilot duty: 40a in-rush, 4a steady state at 125vac 10a in-rush, 1a steady state at 240vac n.o. only, single pole: 10a at 12vdc tungsten; 15a at 120vac tungsten 1/2 hp at 120vac; 5.4a at 277 vac ballast general data contact resistance: 50mohms max. operate time: 8ms max. (at nominal voltage) operate bounce time: 3 ms max. release time: 5 ms max. release bounce time: 8 ms max max. switching voltage: 277vac & 125vdc min. permissible load (reference value): 3 amp: 5vdc at 1ma 6, 12, 15 & 20 amp: 5vdc at 100ma insulation rating: class b & class f insulation resistance: more than 100m at 500vdc dielectric strength: 750vac (50/60hz), between open contacts 1500vac (50/60hz), between coil & contact vibration: 1.5mm double amplitude, 10 to 50hz shock: 100 m/sec 2 (approx. 10g?s) operation frequency: mechanical: 18,000 operations/hour electrical: 1,800 operations/hour (under rated load) service life: mechanical: 10 million operations electrical: 100,000 operations min. at rated resistive load temperature range: class b: ? 40c to 85c class f: ? 40c to 105c temperature rise: less than 35 degrees humidity: 45% - 85% rh approximate weight: 12 grams coil ratings nominal coil voltage coil resistance in ohms, 10% at 20c 6, 12, 15 amp coil resistance in ohms, 10% at 20c 20 amp must operate voltage at 20c must release voltage at 20c maximum voltage 3vdc 25 20 75% max. of nominal voltage 10% min. of nominal voltage 130% of nominal voltage 5vdc 70 55 6vdc 100 80 9vdc 225 180 12vdc 400 320 18vdc 900 1100 24vdc 1600 1280 48vdc 6400 5120 remark use alcohol, freon or water for cleaning. (water temperature not to exceed 50c) ordering information klt f 1c 12 dc12 1 model no. class b class f contact arrangement: contact material & rating: nominal voltage: nil = sealed 1 = unsealed a = 1 form a b = 1 form b c = 1 form c (spst-no) (spst-nc) (spdt) 3 amp = silver, gold flash 6 amp = silver cadmium oxide 12 amp = silver cadmium oxide 15 amp = silver tin indium oxide 20 amp = silver tin indium oxide 3 = 3vdc; 5= 5vdc; 6 = 6vdc; 9 = 9vdc; 12 = 12vdc; 24 = 24vdc; 48 = 48vdc mounting holes (bottom view) terminal arrangement (bottom view) klt1a6dc5 klt1b12dc5 klt1c15dc5 klt1a6dc6 klt1b12dc6 klt1c15dc6 klt1a6dc9 klt1b12dc9 klt1c15dc9 klt1a6dc12 klt1b12dc12 klt1c15dc12 klt1a6dc18 klt1b12dc18 klt1c15dc18 klt1a6dc24 klt1b12dc24 klt1c15dc24 klt1a6dc48 klt1b12dc48 klt1c15dc48 klt1b6dc5 klt1c12dc5 klt1a20dc5 klt1b6dc6 klt1c12dc6 klt1a20dc6 klt1b6dc9 klt1c12dc9 klt1a20dc9 klt1b6dc12 klt1c12dc12 klt1a20dc12 klt1b6dc18 klt1c12dc18 klt1a20dc18 klt1b6dc24 klt1c12dc24 klt1a20dc24 klt1b6dc48 klt1c12dc48 klt1a20dc48 klt1c6dc5 klt1a15dc5 klt1b20dc5 klt1c6dc6 klt1a15dc6 klt1b20dc6 klt1c6dc9 klt1a15dc9 klt1b20dc9 klt1c6dc12 KLT1A15DC12 klt1b20dc12 klt1c6dc18 klt1a15dc18 klt1b20dc18 klt1c6dc24 klt1a15dc24 klt1b20dc24 klt1c6dc48 klt1a15dc48 klt1b20dc48 klt1a12dc5 klt1b15dc5 klt1c20dc5 klt1a12dc6 klt1b15dc6 klt1c20dc6 klt1a12dc9 klt1b15dc9 klt1c20dc9 klt1a12dc12 klt1b15dc12 klt1c20dc12 klt1a12dc18 klt1b15dc18 klt1c20dc18 klt1a12dc24 klt1b15dc24 klt1c20dc24 klt1a12dc48 klt1b15dc48 klt1c20dc48 electromechanical relays - relay spdt ? relay 10 amp ? relay 12 amp ? relay sdpt power - relay manufacturers ? 2010 hasco relays and electronics international corp. free datasheet http://


▲Up To Search▲   

 
Price & Availability of KLT1A15DC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X