Part Number Hot Search : 
1N5524 1N5524 133BZ KAM1512 6F20V 56000 1N5524 24AA0
Product Description
Full Text Search
 

To Download KK74ACT10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK74ACT10 triple 3-input nand gate high-speed silicon-gate cmos ordering information kk 74act10n plastic kk 74act10d soic t a = -40 to 8 5 c for all packages the kk 74act10 is identical in pinout to the ls/als10, hc/hct10. the kk 74act10 may be used as a level converter for interfacing ttl or nm os out put s t o hi gh speed c m os i nput s. ? ttl/nmos com p atible input levels ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a; 0.1 a @ 25 c ? out put s source/ si nk 24 m a logic diagram pin 14 =v cc pin 7 = gnd pin assignment function table input s o u t put a b c y l x x h x l x h x x l h h h h l x = don?t care 1
KK74ACT10 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put si nk/ source c u rrent , per pi n 50 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t j junct i on tem p erat ure (pdip) 140 c t a operating tem p erature, all package types -40 +85 c i oh out put c u rrent - hi gh -24 m a i ol out put c u rrent - low 24 m a t r , t f input r i se and fal l ti m e * (except schm itt inputs) v cc =4.5 v v cc =5.5 v 0 0 10 8.0 ns/ v * v in from 0.8 v t o 2.0 v thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
KK74ACT10 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim its sy m bol p a r a m e t e r test c ondi t i o n s v 25 c - 4 0 c to 85 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v 4.5 5.5 0.8 0.8 0.8 0.8 v v oh m i ni m u m hi gh- level out put vol t a ge i out -50 a 4.5 5.5 4.4 5.4 4.4 5.4 v * v in =v ih or v il i oh =-24 m a i oh =-24 m a 4.5 5.5 3.86 4.86 3.76 4.76 v ol m a x i mu m l o w - level out put vol t a ge i out 50 a 4.5 5.5 0.1 0.1 0.1 0.1 v * v in =v ih i ol =24 m a i ol =24 m a 4.5 5.5 0.36 0.36 0.44 0.44 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 a ? i cct addi t i onal m a x i cc / i nput v in =v cc - 2.1 v 5.5 1.5 m a i old +min im u m dyn a m i c out put c u rrent v old =1.65 v m a x 5.5 75 m a i ohd +min im u m dyn a m i c out put c u rrent v ohd =3.85 v m i n 5.5 -75 m a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd 5.5 4 .0 40 a * al l out put s l o aded; t h reshol ds on i nput associ at ed wi t h out put under t e st . +m axi m um t e st durat i on 2.0 m s , one out put l o aded at a t i m e. 3
KK74ACT10 ac electrical characteristics (v cc =5.0 v 10%, c l =50pf,input t r =t f =3.0 ns) g u a r a n t e e d lim i t s sym b o l p a r a m e t e r 25 c - 4 0 c to 85 c un it min m ax min max t plh propagat i on del a y , input a,b or c t o out put y (fi gure 1) 1 . 0 9 . 0 1 . 0 1 0 . 0 n s t phl propagat i on del a y , input a,b or c t o out put y (fi gure 1) 1 . 0 9 . 0 1 . 0 9 . 5 n s c in m a xi m u m input c a paci t a nce 4.5 4.5 pf typical @25 c,v cc =5.0 v c pd power di ssi pat i on c a paci t a nce 25 pf fi gure 1. sw i t chi n g waveforms 4
KK74ACT10 n s u f f i x p l as t i c di p (m s - 0 0 1 a a ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a b ) sy m b o l m i n m a x a 8. 55 8. 75 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 d i me n s i o n , mm 1. 27 5. 27 2. 54 7. 62 d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0.2 5 ( 0 . 0 10 ) m t -t - 1 14 7 8 a b f g d l h se a t i n g pl a n e n k 0.25 ( 0 . 010) m t m j -t - c 1 14 7 8 5


▲Up To Search▲   

 
Price & Availability of KK74ACT10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X