Part Number Hot Search : 
EMK13G2 MBR2540 N2136 1N5948C 21N10 2SJ346 R1173 DT54FCT
Product Description
Full Text Search
 

To Download IXTH20N50D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved symbol test conditions maximum ratings v dsx t j = 25 c to 150 c 500 v v dgx t j = 25 c to 150 c 500 v v gs continuous 30 v v gsm transient 40 v i d25 t c = 25 c 20 a i dm t c = 25 c; pulse width limited by t jm 50 a p d t c = 25 c 400 w t j -55 ... + 150 c t jm 150 c t stg -55 ... + 150 c t l 1.6 mm (0.063 in) from case for 10 seconds 300 c t isol plastic case for 10 seconds 300 c m d mounting torque 1.13/10 nm/lb.in. weight to-247 6 g to-268 4 g features z normally on mode z international standard packages z molding epoxies meet ul 94 v-0 flammability classification applications z level shifting z triggers z solid state relays z current regulators z active load symbol test conditions characteristic values (t j = 25c, unless otherwise specified) min. typ. max. v dsx v gs = -10 v, i d = 250 ma 500 v v gs(off) v ds = 25 v, i d = 250 ma -1.5 -3.5 v i gss v gs = 30 v dc , v ds = 0 100 na i dsx(off) v ds = v dss t j = 25c 25 a v gs = -10 v t j = 125c 500 a r ds(on) v gs = 10 v, i d = 10 a note 1 0.33 i d(on) v gs = 0 v, v ds = 25 v note 1 1.5 a 99192(01/06) preliminary data sheet to-247 (ixfh) g = gate d = drain s = source tab = drain ixth 20n50d ixtt 20n50d high voltage mosfet n-channel , depletion mode v dss = 500 v i d25 =20a r ds(on) = 0.33 g d s (tab) to-268 (ixtt) g s d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixth 20n50d ixtt 20n50d symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 30 v, i d =10 a, note 1 4.0 7.5 s c iss 2500 pf c oss v gs = -10 v, v ds = 25 v, f = 1 mhz 400 pf c rss 100 pf t d(on) 35 ns t r v gs = 0 v to -10 v, v ds = 0.5 ? v dsx 85 ns t d(off) i d = 10 a, r g = 4.7 (external), 110 n s t f 75 ns q g(on) 125 nc q gs v gs = 10 v, v ds = 0.5 ? v dsx , i d = 0.5 ? i d25 35 nc q gd 51 nc r thjc 0.31 k/w r thck 0.25 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. v sd i f = i d25 , v gs = -10 v, note 1 0.85 1.5 v t rr i f = 20a, -di/dt = 100 a/ s, v r = 100 v 510 ns v gs = -10 v terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 to-247 ad (ixth) outline note 1: pulse test, t 300 s, duty cycle d 2 % dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 terminals: 1 - gate 2 - drain 3 - source tab - drain to-268 (ixtth) outline
? 2006 ixys all rights reserved fig. 1. output characte ristics @ 25 o c 0 2 4 6 8 10 12 14 16 18 20 012345678910 v d s - volts i d - amperes v gs = 5v 2v 1v 0v 3v 4v 0v -1v fig. 2. extended output characteristics @ 25 o c 0 5 10 15 20 25 30 35 40 0 3 6 9 12 15 18 21 24 27 30 v d s - volts i d - amperes v gs = 5v 3v 2v 4v 1v 0v fig. 3. output characteristics @ 125 o c 0 2 4 6 8 10 12 14 16 18 20 0 2 4 6 8 101214161820 v d s - volts i d - amperes v gs = 5v 2v 3v 4v 1v 0v -1v fig. 4. r ds(on ) norm alize d to 0.5 i d25 value vs. junction temperature 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s ( o n ) - normalized v gs = 5v v gs = 10v i d = 10a fig . 5. r ds(on) norm alized to 0.5 i d25 value vs. i d 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 0 5 10 15 20 25 30 i d - amperes r d s ( o n ) - normalized t j = 125oc t j = 25oc v gs = 10v v gs = 5v fig. 6. drain current vs. case temperature 0 2 4 6 8 10 12 14 16 18 20 22 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes ixth 20n50d ixtt 20n50d
ixys reserves the right to change limits, test conditions, and dimensions. ixth 20n50d ixtt 20n50d fig. 7. input adm ittance 0 5 10 15 20 25 -2-10 123 v g s - volts i d - amperes t j = 125oc 25oc -40oc v ds = 30v fig. 8. transconductance 0 2 4 6 8 10 12 14 0 5 10 15 20 25 30 i d - amperes g f s - siemens t j = -40oc 25oc 125oc v ds = 30v fig. 9. source current vs. source-to-drain voltage 0 5 10 15 20 25 30 35 40 45 50 55 60 0.5 0.6 0.7 0.8 0.9 1 v s d - volts i s - amperes t j = 125oc t j = 25oc v gs = -10v fig. 10. dependence of breakdow n and threshole voltages on tem perature 0.8 0.9 1 1.1 1.2 1.3 1.4 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade bv / v g s ( o f f ) - normalized v gs(off) @ v ds = 25v bv dss @ v gs = -10v fig. 11. gate charge -5 -3 -1 1 3 5 7 9 11 0 20 40 60 80 100 120 140 q g - nanocoulombs v g s - volts v ds = 250v i d = 10a i g = 10ma fig. 12. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - picofarads c iss c oss c rss f = 1mhz v gs = -10v
? 2006 ixys all rights reserved fig. 13. forw ard-bias safe operating area 1 10 100 10 100 1000 v d s - volts i d - amperes 100 s 1ms dc t j = 150oc t c = 25oc r d s(on) limit 10m s 25 s fig. 14. maximum transient thermal resistance 0.01 0.10 1.00 0.1 1 10 100 1000 pulse width - millisec onds r ( t h ) j c - oc / w ixth 20n50d ixtt 20n50d


▲Up To Search▲   

 
Price & Availability of IXTH20N50D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X