Part Number Hot Search : 
K3662 RB451F UPD65530 C33269 UNR1121 ZM2CR60W 30NS04 MC3479
Product Description
Full Text Search
 

To Download INTERNET750U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  internet office 750va ultra-compact standby 120v ups with usb port model number: INTERNET750U description tripp lite's INTERNET750U standby ups offers complete protection for pcs, workstations and other sensitive electronics in an attractive, ultra-compact, mountable housing. prevents data loss and system downtime by providing battery-supported ac output during brownouts and blackouts. 12 widely spaced output receptacles accommodate large transformer plugs without blocking outlets. 6 outlets provide full battery support and surge suppression for computers, monitors and other vital system components. 6 additional surge suppression-only outlets are ideal for printers and other accessories not requiring battery support. single-line telephone suppression jacks protect directly connected modems, fax machines, cordless phones or other peripherals sharing a standard dialup or dsl phone line connection. usb port with poweralert monitoring software and cabling enables a safe, unattended system shutdown. hid-compliant usb interface enables integration with built-in power management and auto-shutdown features of windows and mac os x. audible alarm and front panel leds offer status information regarding line and battery power operation. 750va/450w power handling ability supports entry-level pc with small monitor consuming 60 watts for up to 45 min. during power failures. $100,000 ultimate lifetime insurance (u.s., canada, and puerto rico only). features INTERNET750U standby ups offers complete protection from blackouts, brownouts and surges on ac and tel/dsl dataline connections 12 widely spaced outlets accommodate large transformer plugs without blocking outlets 6 battery-supported outlets protect computers and vital system peripherals. 6 surge suppression-only outlets protect system accessories that do not require battery support provides battery-derived ac output during blackouts and brownouts 750va/450w power handling ability supports a variety of pcs, workstations and other sensitive electronics supports entry-level pc with small monitor consuming 60 watts for up to 45 min. during blackouts single-line telephone suppression jacks protect directly connected modems, fax machines, cordless phones or other peripherals sharing a standard dialup or dsl phone line connection usb communications interface, free poweralert software and cabling provide monitoring of site power conditions hid-compliant usb port also enables integration with built-in power management and auto shutdown features of windows and mac os x supports tripp lite's watchdog system service to restore operation to locked equipment through soft reboot of application/os or hard power off/on reboot of connected equipment; ideal for unattended kiosk applications space-saving ultra-compact housing keyhole mounting flanges enable secure wallmount installation highlights 750va ultra-compact 120v standby ups maintains ac output during power failures 6 ups battery supported outlets, 6 surge-only outlets usb port, tel/dsl protection, wall mountable, 99% efficient nema 5-15p input plug and 12 nema 5-15r outlets package includes INTERNET750U ups system usb cable instruction manual 1 / 4
keyhole mounting flanges enable secure wallmount installation $100,000 ultimate lifetime insurance protects connected equipment from surge damage (u.s., canada, and puerto rico only) specifications output output volt amp capacity (va) 750 output watt capacity (watts) 450 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 12 5-15r outlet(s) ups output receptacles (surge suppression only) 6 ups outlets, 6 surge-only outlets hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 10a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breakers 10a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery half load runtime (min.) 9.4 min. (225w) dc system voltage (vdc) 12 leds alarms & switches led indicators 2 leds indicate power status and overload/check battery status audible alarm audible alarm indicates power-failure and overload status switches combination switch controls on/off power status and self-test operation 2 / 4
surge / noise suppression ups ac suppression joule rating 420 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out) emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower; ultra-compact desktop included mounting accessory description wallmount installation supported using keyhole mounting tabs primary form factor desktop ups power module dimensions (hwd, in.) 3.1 x 12.2 x 6.9 ups power module dimensions (hwd, cm) 7.8 x 31 x 17.6 ups power module weight (lbs.) 7.2 ups power module weight (kg) 3.3 ups shipping dimensions (hwd / in.) 4.6 x 15 x 9.8 ups shipping dimensions (hwd / cm) 11.7 x 38.2 x 25 shipping weight (lbs.) 7.8 shipping weight (kg) 3.5 ups housing material abs environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 15.5 battery mode btu / hr. (full load) 291.4 ac mode efficiency rating (100% load) 99% communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb interface cable included 3 / 4
watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications network ups tools compatibility nut compatible. see the full list of tripp lite nut compatible ups systems at http://www.networkupstools.org/stable-hcl.html?manufacturer=tripp lite line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 99 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported green energy-saving features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (u.s. & canada) 3-year limited warranty product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $100,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4


▲Up To Search▲   

 
Price & Availability of INTERNET750U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X