Part Number Hot Search : 
7SG32 TA7269P DL4934 SQ4410EY 74HCT244 MCP18 CA3096 CN8PBF
Product Description
Full Text Search
 

To Download HUR6040PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HUR6040PT symbol t est conditions maxim um ratings unit i frms i f a vm t c =140 o c; rectangular , d=0.5 70 2 x 30 a t vj t vjm t stg -55...+175 175 -55...+150 o c i fsm t vj =45 o c; t p =10ms (50hz), sine e as t vj =25 o c; non-repetitiv e; i as =tbda; l=tbduh v a =1.5 . v r typ .; f=10khz; repetitiv e tbd tbd tbd a mj i ar a p tot t c =25 o c m d mounting torque typical 165 0.8...1.2 6 w nm w eight g high-p erf ormance wide t emperature rang e ultra f ast reco ver y epitaxial diode HUR6040PT v rsm v 400 v rrm v 400 a=anode , c=cathode , t ab=cathode a a c c(tab) a c a dimensions t o-247ad dim. millimeter inches min. max. min. max. a 19.81 20.32 0.780 0.800 b 20.80 21.46 0.819 0.845 c 15.75 16.26 0.610 0.640 d 3.55 3.65 0.140 0.144 e 4.32 5.49 0.170 0.216 f 5.4 6.2 0.212 0.244 g 1.65 2.13 0.065 0.084 h - 4.5 - 0.177 j 1.0 1.4 0.040 0.055 k 10.8 11.0 0.426 0.433 l 4.7 5.3 0.185 0.209 m 0.4 0.8 0.016 0.031 n 1.5 2.49 0.087 0.102
HUR6040PT ad v ant a ges * a v alanche v oltage r ated f or reliab le oper ation * soft re v erse reco v er y f or lo w emi/rfi * lo w i rm reduces: - p o w er dissipation within the diode - t ur n-on loss in the comm utating s witch applica tions * antipar allel diode f or high frequency s witching de vices * antisatur ation diode * sn ub ber diode * f ree wheeling diode in con v er ters and motor control circuits * rectifiers in s witch mode po w er supplies (smps) * inductiv e heating * uninterr uptib le po w er supplies (ups) * ultr asonic cleaners and w elders fea tures * inter national standard pac kage * planar passiv ated chips * v er y shor t reco v er y time * extremely lo w s witching losses * lo w i rm -v alues * soft reco v er y beha viour symbol t est conditions characteristic v alues typ. max. unit t vj =25 o c; v r =v rrm t vj =150 o c; v r =v rrm 250 1 ua ma i r r thjc r thch 0.9 k/w t rr i f =1a; -di/dt=300a/us; v r =30v ; t vj =25 o c ns i rm v r =100v ; i f =50a; -di f /dt=100a/us; t vj =100 o c 6.8 a i f =30a; t vj =150 o c t vj =25 o c 1.11 1.46 v v f 0.25 30 high-p erf ormance wide t emperature rang e ultra f ast reco ver y epitaxial diode 5.5
HUR6040PT high-p erf ormance wide t emperature rang e ultra f ast reco ver y epitaxial diode 200 600 1000 0 400 800 50 60 70 80 90 0. 0000 1 0 . 0001 0. 001 0. 01 0. 1 1 0. 001 0. 01 0. 1 1 0 4 0 8 0 1 20 160 0. 0 0. 5 1. 0 1. 5 2. 0 k f t vj c -d i f /d t t s k/ w 0 2 00 400 6 00 800 1000 0 5 10 15 0. 0 0. 2 0. 4 0. 6 v fr di f /d t v 200 6 00 1000 0 4 00 800 0 10 20 30 40 50 100 1000 0 400 800 1200 1600 0. 0 0 . 5 1. 0 1 . 5 2. 0 0 10 20 30 40 50 60 70 i rm q r i f a v f -di f /d t -di f /d t a/ us a v nc a/ us a/ us t rr ns t fr z th jc a/ us  us i f = 60a i f = 30a i f = 15a t vj = 100 c v r = 200v t vj = 100 c i f = 30a fig. 3 peak reverse current i rm versus -di f /dt fig. 2 reverse recovery charge q r versus -di f /dt fig. 1 forward current i f versus v f t vj = 100 c v r = 200v t vj = 100 c v r = 200v i f = 60a i f = 30a i f = 15a q r i rm fig. 4 dynamic parameters q r , i rm versus t vj fig. 5 recovery time t rr versus -di f /dt fig. 6 peak forward voltage v fr and t fr versus di f /dt i f = 60a i f = 30a i f = 15a t fr v fr fig. 7 transient thermal resistance junction to case t vj =150 c t vj =100 c t vj = 25 c constants for z thjc calculation: ir thi (k/w) t i (s) 1 0 .465 0.0052 2 0 .179 0.0003 3 0 .256 0.0396


▲Up To Search▲   

 
Price & Availability of HUR6040PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X