Part Number Hot Search : 
RF2423 2SA1520 P25020 09032 6BG17 7052B FSE0140 HER104G
Product Description
Full Text Search
 

To Download HBNPZ1NS6R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c901s6r issued date : 2009.06.05 revised date : 2011.02.22 page no. : 1/6 HBNPZ1NS6R cystek product specification general purpose npn / pnp epitaxial planar transistors (dual transistors) HBNPZ1NS6R features ? mounting possible with sot-323 automatic mounting machines. ? transistor elements are indepe ndent, eliminating interference. ? mounting cost and area can be cut in half. ? pb-free package. equivalent circuit outline HBNPZ1NS6R sot-363r eiaj:sc-88/sc-70-6 jedec: sot-363 absolute maximum ratings (ta=25 c) limits parameter symbol tr1 (npn) tr2 (pnp) unit collector-base voltage v cbo 50 -50 v collector-emitter voltage v ceo 45 -45 v emitter-base voltage v ebo 6 -5 v collector current i c 150 -150 ma power dissipation pd 200(total) *1 mw junction temperature tj 150 c storage temperature tstg -55~+150 c note: *1 150mw per element must not be exceeded.
cystech electronics corp. spec. no. : c901s6r issued date : 2009.06.05 revised date : 2011.02.22 page no. : 2/6 HBNPZ1NS6R cystek product specification characteristics (ta=25c) ? tr1 (npn) symbol min. typ. max. unit test conditions bv cbo 50 - - v i c =100 a bv ceo 45 - - v i c =1ma bv ebo 6 - - v i e =50 a i cbo - - 15 na v cb =30v i ebo - - 100 na v eb =5v *v ce(sat) - 0.2 0.4 v i c =50ma, i b =5ma *h fe 200 - 600 v ce =6v, i c =1ma f t 80 180 - mhz v ce =12v, i c =2ma, f=100mhz cob - 2 3.5 pf v cb =12v, f=1mhz *pulse test: pulse width 380 s, duty cycle 2% ? tr2 (pnp) symbol min. typ. max. unit test conditions bv cbo -50 - - v i c =-50 a bv ceo -45 - - v i c =-1ma bv ebo -5 - - v i e =-50 a i cbo - - -15 na v cb =-30v i ebo - - -100 na v eb =-4v *v ce(sat) - -0.25 -0.5 v i c =-50ma, i b =-5ma *h fe 200 - 600 v ce =-6v, i c =-1ma f t 60 140 - mhz v ce =-12v, i c =-2ma, f=100mhz cob - 4 5 pf v cb =-12v, f=1mhz *pulse test: pulse width 380 s, duty cycle 2%
cystech electronics corp. spec. no. : c901s6r issued date : 2009.06.05 revised date : 2011.02.22 page no. : 3/6 HBNPZ1NS6R cystek product specification characteristic curves ? tr1 (npn) current gain vs collector current 100 1000 0.1 1 10 100 1000 collector current--- ic(ma) current gain--- hfe hfe@vce=6v saturation voltage vs collector current 10 100 1000 0.1 1 10 100 1000 collector current--- ic(ma) saturation voltage-(mv) vce(sat)@ic=10ib saturation voltage vs collector current 100 1000 0.1 1 10 100 1000 collector current ---ic(ma) saturation voltage---(mv) vbe(sat)@ic=10ib cutoff frequency vs collector current 0.1 1 1 10 100 collector current---ic(ma) cutoff frequency---ft(ghz) ft@vce=12v
cystech electronics corp. spec. no. : c901s6r issued date : 2009.06.05 revised date : 2011.02.22 page no. : 4/6 HBNPZ1NS6R cystek product specification ? tr2 (pnp) current gain vs collector current 10 100 1000 0.1 1 10 100 1000 collector current---ic(ma) current gain--- hfe hfe@vce=6v saturation voltage vs collector current 10 100 1000 0.1 1 10 100 1000 collector current---ic(ma) saturation voltage---(mv) vce(sat)@ic=10ib saturation voltage vs collector current 100 1000 0.1 1 10 100 1000 collector current---ic(ma) saturation voltage---(mv) vbe(sat)@ic=10ib cutoff frequency vs collector current 0.1 1 1 10 100 collector current---ic(ma) cutoff frequency---ft(ghz) ft@vce=12v power derating curves 0 50 100 150 200 250 0 50 100 150 200 ambient temperature---ta() power dissipation---pd(mw ) d ual single
cystech electronics corp. spec. no. : c901s6r issued date : 2009.06.05 revised date : 2011.02.22 page no. : 5/6 HBNPZ1NS6R cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c901s6r issued date : 2009.06.05 revised date : 2011.02.22 page no. : 6/6 HBNPZ1NS6R cystek product specification sot-363 dimension style: pin 1. emitter1 (e1) pin 2. base1 (b1) pin 3. collector2 (c2) pin 4. emitter2 (e2) pin 5. base2 (b2) pin 6. collector1 (c1) 6-lead sot-363r plastic surface mounted package cystek package code: s6r marking: bf device code millimeters inches millimeters inches dim min. max. min. max. dim min. max. min. max. a 0.900 1.100 0.035 0.043 e1 2.150 2.450 0.085 0.096 a1 0.000 0.100 0.000 0.004 e 0.650 typ 0.026 typ a2 0.900 1.000 0.035 0.039 e1 1.200 1.400 0.047 0.055 b 0.150 0.350 0.006 0.014 l 0.525 ref 0.021 ref c 0.080 0.150 0.003 0.006 l1 0.260 0.460 0.010 0.018 d 2.000 2.200 0.079 0.087 0 c 8 c 0 c 8 c e 1.150 1.350 0.045 0.053 notes : 1 .controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of HBNPZ1NS6R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X