Part Number Hot Search : 
SMDJ10 32U02 SEMICO YG802C06 NTE1439 MRF2001M NTE1439 8C0G1H4
Product Description
Full Text Search
 

To Download GS432YF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 gs432 www.gs-power.com adjustable precision shunt regulators product description features ? precise reference voltage to 1.240v ? guaranteed 1% reference voltage to l e r a n c e ? sink current capability, 80 a to 100ma ? quick turn-on ? adjustable output voltage, v o = v ref to 16v ? 0.2 ? typical output impedance ? to-92 and sot-23 and sot-89 package applications the gs432 is a 3 terminal adjustable voltage reference with specifie d thermal stability over applicable commercial temperature ranges. output voltage may be set to any value between v ref (1.24v) and 16v with two external resistors (see figure 2). when used with a photo-coupler, the gs432 is an ideal voltage reference in isolated feedback circuits for 1.24v to 16v switching-mode power supplies. this device has a typical output impedance of 0.05 ? . active output circuitry provides a very sharp turn-on characteristic, making the gs432 excellent replacements for zener diodes in many applications, including on-board regulation and adjustable power supplies. ? linear regulators ? adjustable power supplies ? switching power supplies block diagram & symbol block diagram symbol ref cathode vref anode + -
2 www.gs-power.com gs432 packages & pin assignments gs432jw (sot-23) gs432jz (sot-23) gs432z (sot-23-3l) gs432w (sot-23-3l) 1 ref 1 cathode 1 ref 1 cathode 2 cathode 2 ref 2 cathode 2 ref 3 anode 3 anode 3 anode 3 anode gs432y (sot-89) gs432l (to-23-5l) gs432s (sop-8) 1 ref 1 nc 1 cathode 5 nc 2 anode 2 nc 2 anode 6 anode 3 cathode 3 cathode 3 anode 7 anode 4 ref 4 nc 8 ref 5 anode 1 cathode 5 nc ordering information device package gs432jwf sot-23 gs432jzf sot-23 gs432wf sot-23-3l gs432zf sot-23-3l gs432lf sot-23-5l gs432sf sop-8 GS432YF sot-89
3 www.gs-power.com gs432 marking information sot-23 sop-8 & sot-89 absolute maximum ratings symbol parameter rating unit v ka cathode voltage 20 v i k continuous cathode current range 100 ma i ref reference current range 3 ma ja thermal resistance junction to ambient sot-23 sot-23-5l sop-8 sot-89 833 833 192 250 oc/w p d power dissipation sot-23 sot-23-5l sop-8 sot-89 0.15 0.15 0.625 0.5 w t opr ambient temperature range -40 to 85 oc t j junction temperature range 0 to 125 oc t stg storage temperature range -65 to 150 oc t lead lead temperature range, (soldering, 10sec) 260 oc
4 www.gs-power.com gs432 electrical characteristics t a =25oc (unless otherwise noted) gs432(a) gs432(b) symbol parameter test conditions min typ max min typ max unit v ref reference voltage v ka = v ref , i k =10ma (fig.1) 1.234 1.240 1.246 1.228 1.240 1.252 v v dev v ref te m p deviation t a = full range ( note 1 ) v ka = v ref , i k =10ma (fig.1) 10 25 10 25 mv v ref v ka voltage ration (open loop gain) i k =10ma, v ka = 14.5v to v ref (fig.2) -2.7 -1 -2.7 -1 mv/v i ref reference input current i k =10ma r 1 =10k ? , r 2 = (fig.2) 0.15 0.5 0.15 0.5 a i ref(dev) i ref te m p deviation t a = full range ( note 1 ) r 1 =10k ? , r 2 = , i k =10ma (fig.2) 0.1 0.4 0.1 0.4 a i k (min) min.cathode current v ka = v ref (fig.1) 20 80 20 80 a i k (off) off-state cathode current v ka =14.5v, v ref =0v (fig.3) 0.135 0.15 0.135 0.15 a | z ka | dynamic output impedance v ka =v ref , i k =1ma to 100ma, f 1khz (fig.1) 0.05 0.15 0.05 0.15 ? note 1: full temperature range is -40oc to 105oc
5 www.gs-power.com gs432 test circuits v ka = v ref , v o = v ka = v ref figure 1. input v ka i k vref r1 r2 i ref v ka= vref(1+ )+ i ref r1 r1 r2 v ka < v ref , v o = v ka figure 2. figure 3. i k(off)
6 www.gs-power.com gs432 typical performance characteristics 0 50 100 150 1.23 vref.vs free-air temperature v r e f . ( v ) 1.250v 1.241v 1.227v c 1.22 1.24 1.25 1.26 o temperature( ) iref. vs free-air temperature 0.25 0.2 0.15 0.1 0.05 0 0 20 40 60 80 100 120 ire f . ( u a ) c o temperature( ) 0 20 40 60 80 100 120 0.15 0.1 0.05 0 -0.05 ik(off)vs. free-air temperature ik ( o f f )- ( u a ) c o temperature( ) temperature( ) 0 204060 80100120 0.0015 0.001 0.0005 raito of delta vref to delta vk vs temperature d v r ef / d v k ( m v / v ) c o -1 -0.5 10 0 -5 5 -10 -15 0.5 1 1.5 0 vka(v) ik ( m a ) cathode current vs cathode voltage
7 www.gs-power.com gs432 typical applications v+ v ref r2 r1 v o v o = (1+r1/r2)v ref shunt regulator v on ? 2v v off = v+ v+ out gnd in v th ? 2.5v single supply comparator with temperature compensated threshold figure 4. figure 5. gs432 common r2 r1 vo out in vi ua7805 vo=[1+( r1/r2)]*vr e min vo=vref+5v gs7805 output control of a 3-terminal fixed regulator gs7805 vi gs432 30 0.01 uf r1 r2 vo vo=( 1+r1/r2)vref 0.01uf 30 series regulator figure 6. figure 7. vi r1 r2 gs432 r vo c crowbar circuit rc 0.1% r vi io io=( vref / rc)+ika r=vi / [ (io / hfe) + gs432 precision current limiter figure 8. figure 9.
8 www.gs-power.com gs432 typical applications (continued) r 0.1% io=v ref/r vi io gs432 i o =vref / r r precision constant-current sink r2 vi vo gs432 r1 vo=( 1+r1/r2)vref high current shunt regulator figure 10. figure 11. r4 r1 r3 r2 gs432 out on when low 9 www.gs-power.com gs432 package dimension so-8 plastic package a1 a a2 e1/2 e1 d b e e/2 pin 1 marking c h e r1 r gauge plane l2 1 2 1 l l1 dimensions millimeters inches symbol min max min max a 1.35 1.75 .053 .069 a1 0.10 0.25 .004 .010 a2 1.25 1.65 .049 .065 b 0.31 0.51 .012 .020 c 0.17 0.25 .007 .010 d 4.90 (typ) .193 (typ) e 6.00 (typ) .236 (typ) e1 3.90 (typ) .154 (typ) e 1.27 (typ) .050 (typ) l 0.40 1.27 .016 .050 l1 1.04 (typ) .041 (typ) l2 0.25 (typ) .010 (typ) r 0.07 - .003 - r1 0.07 - .003 - h 0.25 0.50 .010 .020 0 8 0 8 1 5 15 5 15 2 0 - 0 -
10 www.gs-power.com gs432 sot-89 plastic package d d1 h l b1 b e e1 ee1 a c dimensions millimeters inches symbol min max min max a 1.40 1.60 .055 .063 b 0.44 0.56 .017 .022 b1 0.36 0.48 .014 .019 c 0.35 0.44 .014 .017 d 4.40 4.60 .173 .181 d1 1.62 1.83 .064 .072 e 2.29 2.60 .090 .102 e1 2.13 2.29 .084 .090 e 1.50 (typ) .059 (typ) e1 3.00 (typ) .118 (typ) h 3.94 4.25 .155 .167 l 0.89 1.20 .035 .047
11 www.gs-power.com gs432 sot-23 plastic package d e e1 b e1 e a2 a a1 l l1 g c dimensions millimeters inches symbol min max min max a 0.75 1.17 .030 .046 a1 0.05 0.15 .002 .006 a2 0.70 1.02 .028 .040 b 0.30 0.50 .012 .020 c 0.08 0.20 .003 .008 d 2.80 3.04 .110 .120 e 2.10 2.64 .083 .104 e1 1.20 1.40 .047 .055 e 0.95 (typ) .037 (typ) e1 1.90 (typ) .075 (typ) l 0.40 0.60 .016 .024 l1 0.54 (typ) .021 (typ) g 0.25 (typ) .010 (typ) 0 8 0 8
12 www.gs-power.com gs432 sot-23-3l plastic package dimensions millimeters inches symbol min max min max a 1.05 1.25 0.041 0.049 a1 0 0.1 0 0.004 a2 1.05 1.15 0.041 0.045 b 0.3 0.5 0.012 0.020 c 0.1 0.2 0.004 0.008 d 2.82 3.02 0.111 0.119 e 1.5 1.7 0.059 0.067 e1 2.65 2.95 0.104 0.116 e 0.950 (typ) 0.037 (typ) e1 1.8 2 0.071 0.079 l 0.3 0.6 0.012 0.024 q 0 8 0 8
13 www.gs-power.com gs432 sot-23-5l plastic package d e e1 b e1 e a2 a a1 l (l1) c g dimensions millimeters inches symbol min max min max a 0.95 1.45 .037 .057 a1 0.05 0.15 .002 .006 a2 0.90 1.30 .035 .051 b 0.30 0.50 .012 .020 c 0.08 0.20 .003 .008 d 2.80 3.00 .110 .118 e 2.60 3.00 .102 .118 e1 1.50 1.70 .059 .067 e 0.95 (typ) .037 (typ) e1 1.90 (typ) .075 (typ) l 0.35 0.55 .014 .022 l1 0.60 (typ) .024 (typ) g 0.25 (typ) .010 (typ) 0 8 0 8
additional information : ?? ??? : ????? (diwell electronics co., ltd.) ??? ??? ??? 358 ???????? 202? 202, kunpo business incubator center, 358, dangjung-dong, gunpo-city, gyeonggi-do, south korea phone : 070-8235-0820 (+82-70-8235-0820) fax : 031-429-0821 (+82-31-429-0821) ?? ? ?? ?? email : expoeb2@diwell.com , dsjeong@diwell.com


▲Up To Search▲   

 
Price & Availability of GS432YF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X