Part Number Hot Search : 
80C186 18F66 C78N05 3216S SD103B LT6200 K3702 VSKT152
Product Description
Full Text Search
 

To Download GF30DLH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (200v~1000v / 3.0a) GF30DLH thru gf30mlh super low vf rectifier diode * halogen-free type * compliance to rohs product * gprc (glass passivated rectifier chip) inside * glass passivated cavity-free junction * ideal for surface mount automotive applications * plastic package has underwriters laboratory flammability classification 94v-0 features 2009/06 rev. 0 absolute maximum ratings (ta = 25 o c) v rrm GF30DLH 200 gf30glh 400 gf30jlh 600 gf30klh 800 gf30mlh 1000 v i f(av) i fsm a t j t stg 140 125 -65 to +175 -65 to +175 item average forward current symbol unit peak forward surge current (8.3ms single half sine-wave) operating junction temperature range rating 3.0 repetitive peak reverse voltage storage temperature range o c electrical characteristics (ta = 25 o c) item symbol conditions type min. typ. max. unit - 47 - r th(ja) junction to ambient * thermal resistance o c/w - 13 - r th(jl) junction to lead * pf - 40 - c j v r = 4v, f = 1.0 mhz junction capacitance ua - 0.08 5 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c v f i f = 3.0 v forward voltage * general purpose rectification of power supplies and inverters. * surge absorption. application case : do-214aa molded plastic terminals : tin plated, solderable per mil-std-750, method 2026. polarity : color band denotes cathode end weight : 0.12 gram mechanical data * thermal resistance from junction to ambient and from junction to lead p.c.b. mounted on 0.2 x 0.2" (5.0mm x 5.0mm) copper pad areas. 7" (178mm 2mm) reel : packing * 850 pieces per reel * 4 reels per box * 6 boxes per carton * 3,000 pieces per reel * 2 reels per box * 5 boxes per carton 13" (330mm 2mm) reel : cathode mark zowie logo standard series code voltage class low vf s 30dl amps class uni t : mm case : do-214aa outline dimensions marking jedec : do-214aa smb 4.50 0.26 2.05 0.15 2.22 0.20 1.20 0.20 5.50 0.50 0.28 0.12 3.55 0.25 i fsm = 140amp v f < 0.91v @if = 3a voltage class : d = 200v, g = 400v, j = 600v k = 800v, m = 1000v - 0.88 0.91 GF30DLH gf20glh gf30jlh - 0.89 0.92 gf30klh gf30mlh halogen-free type .
zowie (200v~1000v / 3.0a) GF30DLH thru gf30mlh 2009/06 rev. 0 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse leakage current, microamperes tj=150 o c tj=125 o c tj=25 o c 0.01 .001 0 20 0.10 1.0 10 100 40 60 80 100 fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 3.0 2.5 2.0 1.5 1.0 iinstantaneous forward current, amperes 1.0 10.0 100.0 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.5 0 0 25 50 75 100 125 150 175 60hz resistive or inductive load lead temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave GF30DLH ~ gf30jlh gf30klh & gf30mlh 20 40 60 80 100 120 140 160 1 10 100 fig.5 - typical junction capacitance reverse voltage, volts .1 1 junction capacitance, pf 40 200 .2 .4 1.0 2 4 10 20 40 100 2 4 10 6 20 60 100 tj = 25 o c


▲Up To Search▲   

 
Price & Availability of GF30DLH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X