Part Number Hot Search : 
14012 CF4558 XP04216 MFL2805S SD202 SW5N60 MM3093H SSH103
Product Description
Full Text Search
 

To Download GDS02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a3 a thomas & betts 8155 t&b blvd. memphis, tn 38125 (901) 252-5000 fax (901) 252-1380 need more technical information? consult your thomas & betts sales office listed on the back cover gd series dip switches ?nd to end stackable through hole and surface mount environmental specifications: operating temperature -30? to +85? storage temperature -45? to +100? solder heat resistance see page m6-7 gds08 pc model s model poles length dim. m GDS02 GDS02s 2 .194(4.94) .100 (2.54) gds04 gds04s 4 .394(10.02) .300(7.62) gds06 gds06s 6 .594(15.10) .500(12.7) gds08 gds08s 8 .794(20.18) .700(17.78) gds10 gds10s 10 .994(25.26) .900(22.86) features: ?conventional gold wiping contact system ?available in pc and surface mount configurations ?traditional tape seal standard ?95% minimum solder coverage (90/10 tin lead) ?withstands wave soldering temperature of 245? for 3-5 seconds ?heat deflection temperature of 260? for surface mount compatibility ?end stackable (gds version) ?auto-insertable (gds and gdb version) ?vacuum pick and place compatible (gds, gdb and gdh) ?half pitch .050 terminal spacing (gdh version) ?available in optional tape & reel packaging material specifications: moving contact gold over nickel over copper alloy fixed contact gold over copper alloy base material pps ul94v-0 cover material pps ul94v-0 actuator material high temperature polyester/polyamide terminal tin lead plated over nickel over copper alloy typical performance characteristics: contact rating 0.4 va 25ma @ 24 vdc initial contact resistance 100 milliohms max. insulation resistance 100 megohms min. @ 250 vdc dielectric strength 300 vac life expectancy 1,000 cycles operating force 60-600 grams gds low profile slide actuator pc s pc s length .024 (0.60) .047 (1.20) on 18 .047 (1.20) .024 (0.60) .100 (2.54) .106 (2.70) .169 (4.30) .232 (5.90) .244 (6.20) .228 (5.80) .010 (0.25) .335 (8.50) .240 (6.10) max. .100 (2.54) .100 (2.54) typ. .300 (7.60) dim. m .325 (8.26) .060 (1.52) min. .409 (10.39) min. .004/.012 (0.10/0.30) .015 (0.40) .024 .004 (0.61) (0.10) typ. .047 (1.20) .106 (2.70) .047 .008 (1.20) (0.20) typ. .100 (2.54) typ. .035 .008 (0.89) ( 0.20) .232 (5.89) .228 (5.79) .366 .020 (9.30) ( 0.51) l ?031 (0.80) typ. end to end stackable! see pages m2-m4 for application specific indexing.
a4 a thomas & betts 8155 t&b blvd. memphis, tn 38125 (901) 252-5000 fax (901) 252-1380 quality & innovation from name brand products pc model s model poles length dim. m gdb02 gdb02s 2 .238(6.04) .100 (2.54) gdb04 gdb04s 4 .438(11.12) .300(7.62) gdb06 gdb06s 6 .638(16.20) .500(12.7) gdb08 gdb08s 8 .838(21.28) .700(17.78) gdb10 gdb10s 10 1.038(26.36) .900(22.86) gdb08 gdp08 pc model s model poles length dim. m gdp02 gdp02s 2 .238(6.04) .100 (2.54) gdp04 gdp04s 4 .438(11.12) .300(7.62) gdp06 gdp06s 6 .638(16.20) .500(12.7) gdp08 gdp08s 8 .838(22.28) .700(17.78) gdp10 gdp10s 10 1.038(26.36) .900(22.86) gd series dip switches ?iano and rocker actuator through hole and surface mount gdp classic profile piano actuator gdb flush rocker actuator pc s 1 o n o f f 2 3 .069 (1.75) length 4 5 6 7 8 .024 (0.60) .100 (2.54) .047 (1.20) .152 (3.85) .169 (4.30) .055 (1.40) .378 (9.60) .203 (5.16) .055 (1.40) .010 (0.25) .300 (7.62) dim. m .100 (2.54) typ. .240 (6.10) max. .060 (1.52) min. typ. .325 (8.26) .476 (12.1) min. .039 (1.00) .433 (11.0) .010 (0.25) typ. .072 (1.82) typ. .072 (1.82) typ. .008 (0.20) .209 (5.30) .378 (9.60) .100 (2.54) typ. .300 (7.60) l ?031 (0.80) typ. pc s length .100 (2.54) .069 (1.75) o n 12345 .100 (2.54) .140 (3.56) .051 (1.30) .024 (0.60) .047 (1.20) .303 (7.70) 67 8 .378 (9.60) .300 (7.62) .010 (0.25) .240 (6.10) max. .100 (2.54) typ. dim. m .325 (8.26) .060 (1.52) min. .476 (12.10) min. o n 12345678910 .433 (11.00) .378 (9.60) .071 (1.82) typ. .040 (1.00) .008 (0.20) .010 (0.25) .343 (8.710) .100 (2.54) typ. .300 (7.60) l ?.03 (0.80) typ. pc s pc s
a5 a thomas & betts 8155 t&b blvd. memphis, tn 38125 (901) 252-5000 fax (901) 252-1380 need more technical information? consult your thomas & betts sales office listed on the back cover gd series dip switches ?ecessed rocker surface mount ?alf pitch .050" low profile gdh half pitch .050 terminal spacing gdh08s gdr classic profile recessed rocker actuator gdr08 pc model s model poles length dim. m gdr02 gdr02s 2 .238(6.04) .100 (2.54) gdr04 gdr04s 4 .438(11.12) .300(7.62) gdr06 gdr06s 6 .638(16.20) .500(12.70) gdr08 gdr08s 8 .838(21.28) .700(17.78) gdr10 gdr10s 10 1.038(26.36) .900(22.86) s model poles length dim. m gdh02s 2 .144(3.66) .050(1.27) gdh04s 4 .244(6.20) .150(3.81) gdh06s 6 .344(8.75) .250(6.35) gdh08s 8 .444(11.29) .350(8.89) gdh10s 10 .544(13.82) .450(11.43) pc s .024 (0.60) .069 (1.75) .100 (2.54) .047 (1.20) .152 (3.85) .270 (6.85) .378 (9.60) .010 (0.25) .300 (7.62) 1 2 3 .100 (2.54) typ. .047 (1.20) length 4 5 6 7 8 .100 (2.54) typ. .240 (6.10) max. .060 (1.52) min. typ. .325 (8.26) .476 (12.1) min. .039 (1.00) .433 (11.00) .010 (0.25) typ. .309 (7.85) .072 (1.82) typ. .008 (0.20) .378 (9.60) dim. m .100 (2.54) typ. .300 (7.60) l ?.03 (0.80) typ. on off


▲Up To Search▲   

 
Price & Availability of GDS02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X