Part Number Hot Search : 
CAT4137 NCP150 ZL30106 09081 XC4002XL 0GD06 TPV695A KBP01M
Product Description
Full Text Search
 

To Download G081PU1600M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  09.08.2010 G081PU1600M.doc 1 of 4 G081PU1600M technical data high power fiber coupled infrared laser diode specifications (25c) type G081PU1600M unit optical specification cw output power from fiber p f 600 mw center wavelength c 808 nm wavelength tolerance 800 ? 820 nm spectral width ? < 4 nm wavelength temperature coefficient 0.3 nm/c fiber characteristics fiber core size 50 m n.a. 0.22 fiber length 1 m connector fc/st/sma-905 electrical specification slope efficiency e s > 0.6 w/a threshold current i th 250 ma operation current i o 1250 ma operation voltage v f < 2 v series resistance r d < 0.2 ? package style p1-package absolute maximum ratings reverse voltage v r 2 v operating temperature t o -10 ? 45 c storage temperature t stg -40 ? 85 c features ? cw output power: 600 mw ? typical 808 nm emission wavelength ? high reliability ? high efficiency applications ? laser pumping ? medical usage ? printing ? heating ? material dealing ? marking
09.08.2010 G081PU1600M.doc 2 of 4 package dimensons p1-package ( unit:mm )
09.08.2010 G081PU1600M.doc 3 of 4 typical performance curves
09.08.2010 G081PU1600M.doc 4 of 4 notes 1. laser beam is harmful especially for your ey es. don't look at the laser beam directly. 2. lifetime of the diode laser variated with the operating temperature inversely. we advise that the tec cooler should be used to keep the temperature suitable. 3. for turning on the diode laser, please increase the current gradually to the specified operating value. for shutting down the diode laser, please decrease the current to zero gradually, and then turn off the power. 4. please wear staticproof bracelet when operating. 5. please connect the pins of the diode laser correctly as the picture showen in the manual. 6. the operating current must less than the rated current. otherelse the diode laser should be damaged. 7. the fiber facet should be keep clean befor the diode laser is operating. 8. please use the constant-current source to avoid the surge. 9. diode laser should be short circuit when stop using. 10. bend diameter of the fiber must be la rger than 4cm temporarily and 8cm permanently.


▲Up To Search▲   

 
Price & Availability of G081PU1600M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X