Part Number Hot Search : 
B32436 APE34024 VTB1013 R800CH04 6M181RPA SI3585DV SMBJ58CA R0866P06
Product Description
Full Text Search
 

To Download FL7M-2J6HD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 6 specifications click no. cp-pc-2216e fl7n/m series dc 2-wire type (shielded/unshielded) cylindrical proximity sensors features rigid structure, highly water-proof dc 2-wire type with improved visibility indi- cator lamps.  dc 2-wire reducing wiring costs.  stable sensing area displayed by setting indicator.  rigid housing allows higher tightening torque.  indicator lamp can be confirmed from any direction. (firefly-glow indicator)  lowest current consumption: 0.55ma. (shielded type with a firefly-glow indi- cator)  high seal capability: ip67g, core leads shielded. (shielded type with a firefly-glow indicator)  highest response: 2khz. (m8 shielded type with a firefly-glow indicator)  non-polar dc 2-wire long sensing distance model available. order guide  shielded  general type (threaded) appearance sensing distance operation mode setting indication cord characteristics catalog listing sensor package style dimensions (o.d.) oil resistance fire-fly indicator pre-leaded type (cord length 2m) m8 2mm n.o. FL7M-2J6HD n.c. fl7m-2k6h m12 3mm n.o. fl7m-3j6hd fl7m-3j6hdg n.c. fl7m-3k6h fl7m-3k6hg m18 7mm n.o. fl7m-7j6hd n.c. fl7m-7k6h m30 10mm n.o. fl7m-10j6d n.c. fl7m-10k6 fire-fly indicator pre-leaded connector type (cord length 30cm) m8 2mm n.o. FL7M-2J6HD-cn03 n.c. fl7m-2k6h-cn03 m12 3mm n.o. fl7m-3j6hd-cn03 n.c. fl7m-3k6h-cn03 m18 7mm n.o. fl7m-7j6hd-cn03 n.c. fl7m-7k6h-cn03 m30 10mm n.o. fl7m-10j6d-cn03 n.c. fl7m-10k6-cn03 window indicator connector type m12 3mm n.o. fl7m-3j6hd-cn n.c. fl7m-3k6h-cn m18 7mm n.o. fl7m-7j6hd-cn n.c. fl7m-7k6h-cn m30 10mm n.o. fl7m-10j6d-cn n.c. fl7m-10k6-cn free datasheet http:///
2  general type (non-threaded) pre-leaded type appearance sensing distance operation mode setting indication cord characteristics catalog listing sensor package style dimensions (o.d.) oil resistance window indicator 6.5dia. 2mm n.o. fl7n-2j6hd n.c. fl7n-2k6h  spatter-guarded type (threaded, with a window indicator) appearance sensing distance operation mode setting indication spatter- guarded cord characteri- stics catalog listing sensor package style dimensions (o.d.) oil resistance window indicator pre-leaded type m12 3mm n.o. fl7m-3j6hw n.c. fl7m-3k6hwe m18 7mm n.o. fl7m-7j6hw n.c. fl7m-7k6hwe m30 10mm n.o. fl7m-10j6w n.c. fl7m-10k6we window indicator pre-leaded connector type m12 3mm n.o. fl7m-3j6hw-cn03 n.c. fl7m-3k6hwe-cn03 m18 7mm n.o. fl7m-7j6hw-cn03 n.c. fl7m-7k6hwe-cn03 m30 10mm n.o. fl7m-10j6w-cn03 n.c. fl7m-10k6we-cn03 note: black cap for fl7m-10k6wet-cn  long sensing distance non-polar type (thrended) appearance sensing distance operation mode setting indication cord characteristics catalog listing sensor package style dimensions (o.d.) oil resistance fire-fly indicator pre-leaded type (cordlength2m) m12 4mm n.o. fl7m-4w6 fl7m-4y6 m18 8mm n.o. fl7m-8w6 n.c. fl7m-8y6 m30 15mm n.o. fl7m-15w6 n.c. fl7m-15y6 fire-fly indicator pre-leaded type (cordlength30cm) m12 4mm n.o. fl7m-4w6-cn03 n.c. fl7m-4y6-cn03 m18 8mm n.o. fl7m-8w6-cn03 n.c. fl7m-8y6-cn03 m30 15mm n.o. fl7m-15jw6-cn03 n.c. fl7m-15y6-cn03 free datasheet http:///
3  unshielded (threaded) appearance sensing distance operation mode setting indication cord characteristics catalog listing sensor package style dimensions (o.d.) oil resistance fire-fly indicator pre-leaded type (cord length 2m) m8 4mm n.o. fl7m-4j6nd n.c. fl7m-4k6n m12 8mm n.o. fl7m-8j6nd n.c. fl7m-8k6n m18 14mm n.o. fl7m-14j6nd n.c. fl7m-14k6n m30 24mm n.o. fl7m-24j6nd n.c. fl7m-24k6n fire-fly indicator pre-leaded connector type (cord length 30cm) m8 4mm n.o. fl7m-4j6nd-cn03 n.c. fl7m-4k6n-cn03 m12 8mm n.o. fl7m-8j6nd-cn03 n.c. fl7m-8k6n-cn03 m18 14mm n.o. fl7m-14j6nd-cn03 n.c. fl7m-14k6n-cn03 m30 24mm n.o. fl7m-24j6nd-cn03 n.c. fl7m-24k6n-cn03 window indicator connector type m12 8mm n.o. fl7m-8j6nd-cn n.c. fl7m-8k6n-cn m18 14mm n.o. fl7m-14j6nd-cn n.c. fl7m-14k6n-cn m30 24mm n.o. fl7m-24j6nd-cn n.c. fl7m-24k6n-cn free datasheet http:///
4 specifications  shielded  general type catalog listing fl7m-2 6h fl7m-3 6h fl7m-7 6h fl7m-10 6 actuation method high-frequency oscillation type rated sensing distance 2 0.2mm 3 0.3mm 7 0.7mm 10 +2 ~1 mm usable sensing distance 0to1.4mm 0to2.1mm 0to4.9mm 0to7.0mm standard target object 8 8mm, 1mm thick iron 12 12mm, 1mm thick iron 18 18mm, 1mm thick iron 30 30mm, 1mm thick iron differential travel 15% max. of sensing distance rated supply voltage 12/24vdc operating voltage range 10 to 30vdc leakage current 0.55ma max. control output switching current: 3 to 100ma, voltage drop: 3v max., output dielectric strength: 30vdc operating frequency 2khz 1.5khz 500hz temperature characteristics 10% max. for the range of ~25 to +70?c when +25?c is taken as standard temperature in sensing distance ( 15% max. for the -2 6h ) supply voltage characteristics 1% max. with 15% voltage fluctuation with rated supply voltage as standard voltage in sensing distance indicator lamps n.o. type: operation indication: lights (red or green) at output setting indication: lights (green) in stable sensing area n.c. type: operation indication: goes out (red) in sensing area operating temperature range ~25 to +70?c storage temperature range ~40 to +85?c insulation resistance 50m min. (by 500vdc megger) dielectric strength 1,000vac, 50/60hz for 1 minute vibration resistance 10 to 55hz, 1.5mm peak-to-peak amplitude, 2 hrs in x, y and z directions shock resistance 490m/s 2 10 times in x, y and z directions protection ip67g weight approx. 50g main unit with 2m pre-leaded cable approx. 60g main unit with 2m pre-leaded cable approx. 130g main unit with 2m pre-leaded cable approx. 230g main unit with 2m pre-leaded cable circuit protection surge absorption, load short-circuit protection, reverse connection protection circuit wiring method pre-leaded connector, pre-leaded material sensor case sus ni-plated brass sensing face pbt connector housing -cn03 : polyester elastomer holder glass-lined polyester resin contact gold-plated brass installation instructions no.: cp-um-5110e free datasheet http:///
5  non-threaded type/spatter-guarded type catalog listing fl7 -2 6h fl7m-3 6hw fl7m-7 6hw fl7m-10 6w actuation method high-frequency oscillation type rated sensing distance 2 0.2mm 3 0.3mm 7 0.7mm 10 1mm usable sensing distance 0to1.4mm 0to2.1mm 0to4.9mm 0to7.0mm standard target object 8 8mm, 1mm thick iron 12 12mm, 1mm thick iron 18 18mm, 1mm thick iron 30 30mm, 1mm thick iron differential travel 15% max. of sensing distance rated supply voltage 12/24vdc operating voltage range 10 to 30vdc leakage current 0.55ma max. control output switching current: 3 to 100ma voltage drop: 3.0v max. output dielectric strength: 30vdc operating frequency 1khz 1,500hz 500hz 500hz temperature characteristics 10% max. for the range of ~25 to +70 ? c when +25 ? c is taken as standard temperature in sensing distance ( 15% max. for the -2 6h ) supply voltage characteristics 1% max. with 15% voltage fluctuation with rated supply voltage as standard voltage in sensing distance indicator lamps n.o. type: operation indication: lights (orange or green) at output setting indication: lights (green) in stable sensing area n.c. type: operation indication: goes out (orange) in sensing area operating temperature range ~25 to +70 ? c storage temperature range ~40 to +85 ? c insulation resistance 50m min. (by 500vdc megger) dielectric strength 1,000vac, 50/60hz for 1 minute vibration resistance 10 to 55hz, 1.5mm peak-to-peak amplitude, 2 hrs in x, y and z directions shock resistance 980m/s 2 10 times in x, y and z directions protection ip67 (iec standard), ip67g (jam standard) weight approx. 50g main unit with 2m pre-leaded cable approx. 60g main unit with 2m pre-leaded cable approx. 130g main unit with 2m pre-leaded cable approx. 230g main unit with 2m pre-leaded cable circuit protection surge absorption, load short-circuit protection, reverse connection protection circuit wiring method connector, pre-leaded connector, pre-leaded material sensor case sus ni-plated brass, w type: ni-plated brass, fluorine resin coated sensing face pbt, w type: fluorine resin connector housing -cn03 : polyester elastomer holder glass-lined polyester resin contact gold-plated brass free datasheet http:///
6  long sensing distance non-polar type catalog listing fl7m-4 6 fl7m-8 6 fl7m-15 6 actuation method high-frequency oscillation type (shielded) rated sensing distance 4 0.4mm 8 0.8mm 15 1.5mm usable sensing distance 0to3.2mm 0to6.4mm 0to12mm standard target object 12 12mm, 1mm thick iron 18 18mm, 1mm thick iron 30 30mm, 1mm thick iron differential travel 15% max. of sensing distance rated supply voltage 12/24vdc operating voltage range 10 to 30vdc leakage current 0.55ma max. output operational mode dc 2-wire type, tramsistor output control output switching current: 3 to 100ma, voltage drop: 5.0v max. (swoting current: 100ma, cord length: 2mm) output dielectric strength: 30vdc operating frequency 1,000hz 500hz 300hz temperature characteristics 10% max. for the range of ~25 to +70 ? c when +25 ? c is taken as standard temperature in sensing distance supply voltage characteristics 1% max. with 15% voltage fluctuation with rated supply voltage as standard voltage in sensing distance indicator lamps n.o. type: operation indication: lights (orange or green) at output setting indication: lights (green) in stable sensing area n.c. type: operation indication: goes out (orange) in sensing area operating temperature range ~25 to +70 ? c storage temperature range ~40 to +85 ? c insulation resistance 50m min. (by 500vdc megger) dielectric strength 1,000vac, 50/60hz for 1 minute vibration resistance 10 to 55hz, 1.5mm peak-to-peak amplitude, 2 hrs in x, y and z directions shock resistance 980m/s 2 10 times in x, y and z directions protection ip67 (iec standard), ip67g (jam standard) weight approx. 60g approx. 130g approx. 230g circuit protection surge absorption, load short-circuit protection, reverse connection protection circuit wiring method pre-leaded connector, pre-leaded material sensor case ni-plated brass sensing face pbt bush nylon cord protector elastomer connector housing polyester elastomer holder glass-lined polyester resin contact gold-plated brass installation instructions no.: cp-um-5291e free datasheet http:///
7  unshielded catalog listing fl7m-4 6n fl7m-8 6n fl7m-14 6n fl7m-24 6n actuation method high-frequency oscillation type (unshielded) rated sensing distance 4 0.4mm 8 0.8mm 14 1.4mm 24 2.4mm usable sensing distance 0to2.8mm 0to5.6mm 0to9.8mm 0to16.8mm standard target object 20 20mm, 1mm thick iron 30 30mm, 1mm thick iron 30 30mm, 1mm thick iron 54 54mm, 1mm thick iron differential travel 15% max. of sensing distance rated supply voltage 12/24vdc operating voltage range 10 to 30vdc leakage current 1.0ma max. control output switching current: 4 to 100ma, voltage drop: 3.3v max., output dielectric strength: 30vdc operating frequency 800hz 600hz 400hz 100hz temperature characteristics 10% max. for the range of ~25 to +70 ? c when +25 ? c is taken as standard temperature in sensing distance supply voltage characteristics 1% max. with 15% voltage fluctuation with rated supply voltage as standard voltage in sensing distance indicator lamps n.o. type: operation indication: lights (red or green) at output setting indication: lights (green) in stable sensing area n.c.type:operationindication:goesout(red)insensingarea operating temperature range ~25 to +70 ? c storage temperature range ~40 to +85 ? c insulation resistance 50m min. (by 500vdc megger) dielectric strength 1,000vac, 50/60hz for 1 minute vibration resistance 10 to 55hz, 1.5mm peak-to-peak amplitude, 2 hrs in x, y and z directions shock resistance 490m/s 2 10 times in x, y and z directions protection ip67 (iec standard) weight approx. 50g main unit with 2m pre-leaded cable approx. 60g main unit with 2m pre-leaded cable approx. 80g main unit with 2m pre-leaded cable approx. 190g main unit with 2m pre-leaded cable circuit protection surge absorption, load short-circuit protection, reverse connection protection circuit wiring method connector, pre-leaded connector, pre-leaded material sensor case sus ni-plated brass sensing face pbt connector housing -cn : ni-plated brass, -cn03 : polyester elastomer holder glass-lined polyester resin contact gold-plated brass installation instructions no.: cp-um-3108e about setting indication the proximity sensor can detect objects reliably by bringing the proximity sensor close to the target object and setting the sensor at the position (n.o. indication) where the indicator lamp changes from red to green. note: when the target object is made of a different material such as aluminum, copper and stainless steel to the standard target object (iron), the setup point where the indicator lamp changes color is shorter than 80% maximum. free datasheet http:///
8 wiring diagram  general/spatter-guarded/unshielded types note: the load can be connected to either of the power supplies.  long sensing distance non-polar type note: the load can be connected to either of the power supplies. sensing area diagrams (typical examples)  shielded  unshielded sensing distance according to material & size of object (typical examples)  shielded fl7 -2 6h fl7m-3 6h free datasheet http:///
9 fl7m-7 6h fl7m-10 6  unshielded fl7m-4 6n fl7m-8 6n fl7m-14 6n fl7m-24 6n free datasheet http:///
10 voltage drop characteristics (typical examples)  (with a firefly-glow indicator) shielded (in10to30vdc) (with a window indication) shielded/unshielded (at 24vdc) leakage current characteristics (typical examples)  (with a firefly-glow indicator) shielded and spatter-guarded types (with a window indicator) shielded  unshielded free datasheet http:///
11 external dimensions long sensing distance non-polar type sensor has the projection of resin as shown below. catalog listing ?? a ?? distance (mm) fl7m-4 6 0.6 fl7m-8 6 0.6 fl7m-15 6 1.0 (unit: mm)  shielded  general type/long sensing distance non-polar type (threaded) pre-leaded type fl7m-2 6h vinyl-insulated cord (oil-resistant: 0.3mm 2 , 27/0.12, 2-core) 4.1mm dia. cap color: blue fl7m-4 6 , fl7m-3 6h the fl7m-4 6 has a 0.6mm projection of resin at the sensing face. (the total length is same.) refer to the previous item. numbers in parentheses indicate dimensions for g type.vinyl-insulat- ed cord (oil-resistant: 0.3mm 2 , 27/0.12, 2-core) 4.1mm dia. cap color: blue fl7m-8 6 , fl7m-7 6h the fl7m-8 6 has a 0.6mm projection of resin at the sensing face. (the total length is same.) refer to the previous item. vinyl-insulated cord (oil-resistant: 0.5mm 2 , 20/0.18, 2-core) 5.7dia. cap color: blue fl7m-15 6 , fl7m-10 6 the fl7m-15 6 has a 1.0mm projection of resin at the sensing face. (the total length is same.) refer to the previous item. vinyl-insulated cord (oil-resistant: 0.5mm 2 , 20/0.18, 2-core) 5.7dia. cap color: blue free datasheet http:///
12 (unit: mm) pre-leaded connector type fl7m-2 6h -cn03 vinyl-insulated cord (vibration-resistant, oil-resistant: 0.3mm 2 , 27/0.12, 2-core) 4.1dia. cap color: blue fl7m-4 6-cn03, fl7m-3 6h -cn03 the fl7m-4 6-cn03 has a 0.6mm projection of resin at the sensing face. (the total length is same.) refer to the previous item. vinyl-insulated cord (vibration-resistant, oil-resistant: 0.3mm 2 , 27/0.12, 2-core) 4.1dia. cap color: blue fl7m-8 6 -cn03, fl7m-7 6h -cn03 the fl7m-8 6 -cn03 has a 0.6mm projection of resin at the sensing face. (the total length is same.) refer to the previous item. vinyl-insulated cord (vibration-resistant, oil-resistant: 0.5mm 2 , 20/0.18, 2-core) 5.7dia. cap color: blue fl7m-15 6 -cn03, fl7m-10 6 -cn03 the fl7m-15 6 -cn03 has a 1.0mm projection of resin at the sensing face. (the total length is same.) refer to the previous item. vinyl-insulated cord (vibration-resistant, oil-resistant: 0.5mm 2 , 20/0.18, 2-core) 5.7dia. cap color: blue connectot type (general type only) fl7m-3 6h -cn cap color: blue fl7m-7 6h -cn cap color: blue free datasheet http:///
13 (unit: mm) fl7m-10 6 -cn cap color: blue general type (non-threaded) fl7m-2 6h vinyl-insulated cord (oil-resistant: 0.3mm 2 , 27/0.12, 2-core) 4.2mm dia. cap color: blue  spatter-guarded pre-leaded type fl7m-3 6hw -r vinyl-insulated cord (flame-resistant, oil-resistant, bend-resistant: 0.5 mm 2 , 21/0.18, 2-core) 5.7dia. cap color: white fl7m-7 6hw -r vinyl-insulated cord (flame-resistant, oil-resistant, bend-resistant: 0.5 mm 2 , 21/0.18, 2-core) 5.7dia. cap color: white free datasheet http:///
14 (unit: mm) fl7m-10 6w -r vinyl-insulated cord (flame-resistant, oil-resistant, bend-resistant: 0.5 mm 2 , 21/0.18, 2-core) 5.7dia. cap color: white pre-leaded connector type fl7m-3 6hw -cn03 vinyl-insulated cord (flame-resistant, oil-resistant, bend-resistant: 0.5 mm 2 , 21/0.18, 2-core) 5.7dia. cap color: white fl7m-7 6hw -cn03 vinyl-insulated cord (flame-resistant, oil-resistant, bend-resistant: 0.5 mm 2 , 21/0.18, 2-core) 5.7dia. cap color: white fl7m-10 6w -cn03 vinyl-insulated cord (flame-resistant, oil-resistant, bend-resistant: 0.5 mm 2 , 21/0.18, 2-core) 5.7dia. cap color: white free datasheet http:///
15 (unit: mm)  unshielded (threaded) pre-leaded type fl7m-4 6n vinyl-insulated cord (oil-resistant: 0.3mm 2 , 27/0.12, 2-core) 4.2mm dia. cap color: blue fl7m-8 6n vinyl-insulated cord (oil-resistant: 0.3mm 2 , 27/0.12, 2-core) 4.2mm dia. cap color: blue fl7m-14 6n vinyl-insulated cord (oil-resistant: 0.3mm 2 , 27/0.12, 2-core) 4.2mm dia. cap color: blue fl7m-24 6n vinyl-insulated cord (oil-resistant: 0.3mm 2 , 27/0.12, 2-core) 4.2mm dia. cap color: blue pre-leaded connector type fl7m-4 6n -cn cap color: blue fl7m-8 6n -cn cap color: blue free datasheet http:///
16 (unit: mm) fl7m-14 6n -cn cap color: blue fl7m-24 6n -cn cap color: blue connector type fl7m-8 6n -cn cap color: blue fl7m-14 6n -cn cap color: blue fl7m-24 6n -cn cap color: blue mounting bracket (sold separately) mounting brackets are made of polyacetal resin. two screws and two washers are provided for each bracket. fl-pa118 and fl-pa130 screw holes are oblong. catalog listing dimensions (mm) screw dimensions abcdefg diameter neck fl-pa112 25 12 20 12 36 6 9.5 m4 25 fl-pa118 30/32 15 30 18 45 7.5 14.5 m5 35 fl-pa130 40/45 15 50 30 60 10 24.5 m5 55  allowable tightening strength of bracket catalog listing allowable tightening strength (n-m) remarks fl-pa112 0.98 m4 screw used fl-pa118 1.5 m5 screw used fl-pa130 1.5 m5 screw used free datasheet http:///
17 protective cover (sold separately) protective covers (material: poly- acetal resin) are available for shielded models. select a model according to the sensor sexter- nal dimensions. catalog listing dimensions (mm) abcd fl-pa12 14dia. 5 0.5 +0.2 ~0.1 m12 1 fl-pa18 21dia. 6 0.5 0.2 m18 1 fl-pa30 33dia. 8 1.5 0.2 m30 1.5 wiring  general type/spatter-guarded type/unshielded type  pre-leaded type  pre-leaded connector type (n.o. type)  preleaded connector type (n.c. type) - the load be connected at both poles. - the load must be used when power is applied to sensors. combination of short circuit and wrong wiring will cause permanent damage, regardless of short circuit protection. - led operates normally during a load short circuit, therefore check the wiring when output is wrong. - when connecting a connector, fasten tightly by hand. connector pin assignment  long sensing distance non-polar type  pre-leaded type  pre-leaded connector type (n.o. type)  preleaded connector type (n.c. type) - the load be connected at both poles. - led operates normally during a load short circuit, therefore check the wiring when output is wrong. - when connecting a connector, fasten tightly by hand. connector pin assignment free datasheet http:///
18 connector specifications note 1 item specifications operating voltage/current 5vac/dc 5ma min., 125vac/dc, 3a max. insulation resistance 100m min. (by 500vdc megger) dielectric strength 1,500vdc for 1 minute (across contacts, and contacts and connector housing) initial contact resistance 40m max. (excluding code conductor-intrinsic when energized by 3a on a male-female contact combination) connector withstand stress 0.4 to 4.0n (per contact) number of connector insertions 50 times connector tightening strength 0.8n-m min. (note 2) cord pullout strength 100n min. vibration resistance 10 to 55hz, 1.5mm peak-to-peak amplitude, 2 hrs in x, y and z directions shock resistance 300m/s 2 ,3timesinx,yandzdirections protection ip67 operating temperature range ~10 to +70 ? c storage temperature range ~20 to +80 ? c operating humidity range 95%rh max. material contact: gold-plated brass contact holder: glass-lined polyester resin housing: polyester elastomer coupling: ni-plated brass o-ring: nbr note 1: specifications assume yamatake male/female connectors. note 2: the recommended torque is 0.4 to 0.6n-m. if fastened poorly, the ip67 protection is lost, or looseness occurs. fasten the connector securely by hand. connection cord with connector be sure to use pa5 series cord with va connector when connecting a pre-leaded connector or connector sensors.  pa5 series cord with va connector shape power supply cord length catalog listing lead color dc 2m pa5-4isx2hk 1-brown, 2-white, 3-blue, 4-black 5m pa5-4isx5hk 2m pa5-4ilx2hk 5m pa5-4ilx5hk pa5 series cord with va connector pre-leaded connector model female male connector model female  fastening the connector align the grooves of the connectors and turn the fastening screw of the va connector of the pa5 cord by hand until it fits tightly with the screw on the sensor side. free datasheet http:///
19 precautions  mounting the allowable tightening torque varies according to the distance from the tip of the sensing head.  shielded fl7n fl7m  unshielded catalog listing a dimensions (mm) allowable tightening torque (n-m) ab shielded (with a firefly- glow indicator) fl7m-2 6 10 9 12 fl7m-3 6 10 20 30 fl7m-4 6 10 20 30 fl7m-7 6 0~70 fl7m-8 6 0~70 fl7m-10 6 0~150 fl7m-15 6 0~150 shielded fl7n-2 6h 8 cannot be tightened 0.3 fl7m-2 6h 10 5.9 11.8 fl7m-3 6h 12 11.8 19.6 fl7m-3 6h 12 11.8 19.6 fl7m-7 6h 15 29.4 49 fl7m-10 6 17 49 147 unshielded fl7m-4 6n 0~ 7.8 fl7m-8 6n 0~19.6 fl7m-14 6n 10 29.4 49 fl7m-24 6n 12 49 147 note: the table shows the allowable strength when toothed washers (provided) are used.  influence of surrounding metal metal other than the target object surrounding the sensor may influence operating characteristics. maintain the following space between the sensor and surrounding metal:  shielded  unshielded shaded areas indicate surrounding metal other than the target object. a: dimension to tip (sensing face) of prox- imitysensorfrommountingsurface b: dimension to front iron plate from tip (sensing face) of proximity sensor c: dimensiontofrontironplateofproximity switch when a=0 catalog listing a (mm) b (mm) c (mm) shielded fl7 -2 6h 088 fl7m-3 6h 089 fl7m-4 6 2.5 12 9 fl7m-7 6h 02013.5 fl7m-8 6 3.5 24 13.5 fl7m-10 6 04022.5 fl7m-15 6 64522.5 unshielded fl7m-4 6n 13 8 12 fl7m-8 6n 15 20 20 fl7m-14 6n 22 40 35 fl7m-24 6n 32 90 60  mutual interference prevention when mounting proximity sensors in parallel or facing each other, mutual interference may cause the sensor to malfunction. maintain at least the spaces indicated in the figures below. catalog listing a (mm) b (mm) shielded fl7 -2 6h 16 20 fl7m-3 6h 20 30 fl7m-4 6 25 25 fl7m-7 6h 35 50 fl7m-8 6 40 50 fl7m-10 6 70 100 fl7m-15 6 90 110 unshielded fl7m-4 6n 60 80 fl7m-8 6n 100 120 fl7m-14 6n 110( 60) 200(100) fl7m-24 6n 300(100) 350(130) numbers in parentheses () indicate the distance when different- frequency types are combined. free datasheet http:///
20  cautions during series or parallel connection (1) series connection (and connection) when connecting two or more proximity sensors in series, er- roneous output (1 to 3ms) may occur without the rated current being supplied to each of the sensors. for this reason, series connection of proximity sensors is not recommended. however, if proximity sensors must be connected in series, a resistor of 10k must be provided in parallel to each o f the sensors. however, note that the maximum leakage current in a series connection will be 3.5ma. operation lag also will occur, resulting in increased voltage drop, and the operation indicator lamp will not light. operation lag = 40ms (number of series connections ~ 1) voltage drop = voltage drop of single sensor number of series connected sensors (2) parallel connection (or connection) when connecting two or more proximity sensors in parallel, leakage current increases as follows, and may result in faulty load restore. (leakage current = leakage current of single sensor number of series connected sensors) when two o r more sensors turn on in a parallel connection, one (or some) of the sensors may not indicate operation. this is not an abnormality.  relay loads the voltage drop of the fl7m series is 3.3v (shielded t type: 3.5v). pay attention to this voltage drop when using a relay load. (with 12vdc relays, switching is not possible.)  operation at power on after the power is turned on, it takes 40ms or less until the proximity sensor is ready for sensing. when the load and the proximity sensor use different power supplies, be sure to turn the proximity sensor on before turning the load on.  influence of leakage current minimal current flows as leakage current for operating the cir- cuits even when the proximity sensor is off. take sufficient care when restoring connected loads.  minimum cord bending radius (r) the minimum bending radius (r) of the cord is 3 times cord di- ameter, take care not to excessively bend the cord beyond this radius. also, do not excessively bend the cord within 30mm of the c ord lead-in port. restricions on u se this product has been designed, developed and manufactured for general-purpose application in machinery and equipment. accordingly, when used in applications outlined below, special care should be taken to implement a fail-safe and/or redundant design concept as well as a periodic maintenance program. - safety devices for plant worker protection - start/stop control devices for transportation and material handling machines - aeronautical/aerospace machines - control devices for nuclear reactors never use this product in applications where human safety may be put at risk. (01) printed in japan (sp) 1st edition: lssued in apr., 2002 2nd edition: issued in oct., 2003 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of FL7M-2J6HD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X