Part Number Hot Search : 
88SM4140 BD48K53 P40NF100 10X20 2N6198 1E220 A5801024 MPSA44
Product Description
Full Text Search
 

To Download FDAD1602E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  104 high street, west wickham, london. br4. 0nf. england. 05/08/2005 ph: +44 208 325 1062, fax: +44 208 181 6751 page 1 of 3 www.fiduciauk.com sales@fiduciauk.com product specification monochrome lcd module part number : FDAD1602E description : 2x16 character revision : rev a approval for specification only approval for sample only approval for mass pr oduction approval for pre-production x
FDAD1602E ( 16 characters x 2 lines ) features electrical characteristics 5 x 7 dots with cursor symbol condition min. typ. max. unit built-in controller (ks0066 or equivalent) lcd operating t=0 - 4.8 - v 5 v power supply voltage v dd -v o t=25 - 4.5 - v 1/16 duty cycle t=50 - 4.2 - v 4.2 v led forward voltage supply voltage v dd -v ss - 4.7 5 5.3 v supply current i dd - -24ma input "high" level v ih - 2.2 - v dd v voltage "low" level v il - 0 - 0.6 v mechanical data output "high" level v oh - 2.4 - - v unit voltage "low" level v ol - - - 0.4 v module size (w x h x t) 66.7 x 23.3 x 5.2 mm viewing area ( w x h ) 61.0 x 15.9 mm block diagram character size ( w x h ) 2.95 x 5.55 mm character pitch (w x h) 3.55 x 6.3 mm dot size ( w x h ) 0.55 x 0.65 mm dot pitch ( w x h ) 0.60 x 0.70 mm interface pin connections no. symbol no. symbol function 1v dd supply voltage 9 db3 data bit 3 2v o contrast adj. 10 db4 data bit 4 3 rs register select 11 db5 data bit 5 4 r/w read/write 12 db6 data bit 6 5 e enable signal 13 db7 data bit 7 6 db0 data bit 0 14 v ss supply ground 7 db1 data bit 1 8 db2 data bit 2 external dimensions item item dimensions function


▲Up To Search▲   

 
Price & Availability of FDAD1602E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X