Part Number Hot Search : 
6KE40 SD213 1109342 MS4024F FB5002 125HS 89C450 PC28F128
Product Description
Full Text Search
 

To Download ES2EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * high current capability * high surge current capability * low reverse current * component in accordance to rohs 2002/95/ec * case: sma(do-214ac) * cas e mat erial: molde d plastic. ul fl am mab ility c la ssif ication rating 94 v-0 * te rmina ls: lead free plating (tin finish). so lde ra bl e per mi l-std-202, method 208 * polarity: cathode band * we ig ht: 0.062 grams (approximat e) http:// ww w.weitron.com.tw es2aa thru es2ja super fast recovery rectifiers features: weitron me ch anical data: lead(pb)-free p b 1/3 18-oct-2010 reverse voltage 50 to 600 volts forward current 2.0 ampere sma(do-214ac) sma outline dimension unit:mm sma dim min max a b c d e g h j 2.20 4.00 1.27 0.15 4.48 0.10 0.76 1.70 2.92 4.60 1.63 0.31 5.59 0.20 1.52 2.62 a b c d j g h e free datasheet http:///
maximum ratings (t a =25c unless otherwise noted) characteristics symbol unit v v v a a v a ns v rrm v rms v dc i fsm v f i r t rr 50 35 50 100 70 100 150 105 150 300 210 300 400 280 400 200 140 200 5 100 40 http:// ww w.weitron.com.tw weitron es2aa 600 420 600 2.0 50.0 1.30 0.98 maximum recurrent peak reverse voltage i f maximum rms voltage maximum dc blocking voltage maximum average forward recti?ed current maximum instantaneous i f =2a @ 25c peak forward surge current,8.3 ms single half sine-wave superimposed on rated load maximum dc reverse current @ta = 25c at rated dc blockingvoltage @ta = 100c typical junction capacitance(note1) maximum reverse recovery time(note2) c c -55 to +150 p f 35 t stg storagetemperature range operatingtemperature range c j t j es2aa thru es2ja 2/3 18-oct-2010 r jc 30 c/w typical thermal resistance 1.75 25 -55 to +150 notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc 2.measured with if=0.5a, ir=1a, irr=0.25a es2ba es2ca es2da es2fa es2ga es2ja free datasheet http:///
http://www.weitron.com.tw weitron es2aa thru es2ja 3/3 18-oct-2010 fig. 1-typical forward current derating curve fig. 2-typical forward characteristics fig. 4-typical reverse characteristics fig. 5-typical junction capacitance fig. 3-maximum non-repetitive forward surge current 0.0 1.0 2.0 3.0 4.0 5.0 0 25 50 75 100 125 150 175 ambient temperature ( ) ave rage for wa rd curr ent,(a) 0 10 20 30 40 50 001 0 1 1 number of cycles at 60hz pea k for wa rd surge curr ent (a) 0.001 0.010 0.100 1.000 10.000 100.000 20% 40% 60% 80% 100% percentage rated peak reverse voltage (%) r eve rse leak age curr ent (ua) 25 125 0 20 40 60 80 100 120 140 0 1 10 100 reverse voltage (v) junction capacitance (pf) es2aa~es2da es2fa~es2ja 0.01 0.10 1.00 10.00 100.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 forward voltage (v) instantan eo us for wa rd curr ent (a) es2aa~es2da es2fa~es2ga es2ja free datasheet http:///


▲Up To Search▲   

 
Price & Availability of ES2EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X