Part Number Hot Search : 
3478M0 AK16D RF3171 0N1TR LM258W P3937 74ACT MC68488P
Product Description
Full Text Search
 

To Download EEFCT1A680R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sp-cap/ conductive polymer aluminum capacito rs (specialty polymer aluminum capacitors) design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C eef-2 C cap. polarity bar (positive) w.v. code lot no. w2 w1 l p w2 p h + C features high voltage. (10 v to 25 v) low pro? le (1.1 mm, 1.4 mm, 1.9 mm height) high ripple current (3.2 ar.m.s.) rohs directive compliant surface mount type series: cs, ct, cx (high voltage products) specifi cations series & size code cs ct cx category temp. range C40 c to +105 c rated w.v.range 10 v.dc to 25 v.dc nominal cap.range 10 f to 47 f 22 f to 68 f 15 f to 100 f capacitance tolerance 20 % (120 hz / + 20 c) dc leakage cur rent i < 0.3 cv ( a) 2minutes tan d < 0.06 (120 hz/+20 c) surge voltage rated working voltage 1.25 [10 v.dc to 16 v.dc], 1.15 [20 v.dc to 25 v.dc](15 c to 35 c) endurance after applying rated working voltage for 2000 hours at 105 c2 c, and then being stabilized at +20 c, capacitor shall meet the following limits. capacitance change 20% of initial measured value tan d < 200 % of initial speci? ed value dc leakage cur rent < initial speci? ed value moisture resistance after storing for 500 hours at 60 c, 90 % capacitance change of initial measurd val ue 10 v.dc to 25 v.dc +60, C20 % tan d < 200 % of initial speci? ed value dc leakage current < initial speci? ed value di men sions in mm(not to scale) marking series & size code l0.2 w10.2 w20.1 h p0.3 cs 7.3 4.3 2.4 1.10.1 1.3 ct 7.3 4.3 2.4 1.40.1 1.3 cx 7.3 4.3 2.4 1.90.2 1.3 (unit : mm) ? externals of ? gure are the reference. 02 jul. 2014
sp-cap/ conductive polymer aluminum capacito rs (specialty polymer aluminum capacitors) design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C eef-3 C standard products ? 1: ripple current (100 khz/ +45c ), ? 2: esr (100 khz/+20 c) ? 3: please refer to the page of mouting speci? cations. ? 4: please contact us when 500 pcs packing is necessary. series & size code rated w.v. (v.dc) capaci- tance (20 %) (f) case size speci? cation part number ? 4 min. packaging qty (pcs) l (mm) w (mm) h (mm) ? 1 ripple current (ar.m.s.) ? 2 esr (m max.) ? 3 re? ow condition : 260 c cs 10 47 7.3 4.3 1.1 3.2 40 eefcs1a470r 3500 16 15 7.3 4.3 1.1 3.2 40 eefcs1c150r 3500 22 7.3 4.3 1.1 3.2 40 eefcs1c220r 3500 33 7.3 4.3 1.1 3.2 40 eefcs1c330r 3500 20 10 7.3 4.3 1.1 3.2 40 eefcs1d100r 3500 15 7.3 4.3 1.1 3.2 40 eefcs1d150r 3500 22 7.3 4.3 1.1 3.2 40 eefcs1d220r 3500 25 10 7.3 4.3 1.1 3.2 40 eefcs1e100r 3500 15 7.3 4.3 1.1 3.2 40 eefcs1e150r 3500 ct 10 68 7.3 4.3 1.4 3.2 40 EEFCT1A680R 3500 16 47 7.3 4.3 1.4 3.2 40 eefct1c470r 3500 20 33 7.3 4.3 1.4 3.2 40 eefct1d330r 3500 47 7.3 4.3 1.4 3.2 40 eefct1d470r 3500 25 22 7.3 4.3 1.4 3.2 40 eefct1e220r 3500 cx 10 47 7.3 4.3 1.9 3.2 40 eefcx1a470r 3500 68 7.3 4.3 1.9 3.2 40 eefcx1a680r 3500 100 7.3 4.3 1.9 3.2 40 eefcx1a101r 3500 16 15 7.3 4.3 1.9 3.2 40 eefcx1c150r 3500 22 7.3 4.3 1.9 3.2 40 eefcx1c220r 3500 33 7.3 4.3 1.9 3.2 40 eefcx1c330r 3500 47 7.3 4.3 1.9 3.2 40 eefcx1c470r 3500 68 7.3 4.3 1.9 3.2 40 eefcx1c680r 3500 20 22 7.3 4.3 1.9 3.2 40 eefcx1d220r 3500 33 7.3 4.3 1.9 3.2 40 eefcx1d330r 3500 47 7.3 4.3 1.9 3.2 40 eefcx1d470r 3500 56 7.3 4.3 1.9 3.2 40 eefcx1d560r 3500 25 15 7.3 4.3 1.9 3.2 40 eefcx1e150r 3500 22 7.3 4.3 1.9 3.2 40 eefcx1e220r 3500 33 7.3 4.3 1.9 3.2 40 eefcx1e330r 3500 temperature compensation multipliers for ripple current < 45 c 45 c < t < 85 c 85 c < t < 105 c 1.0 0.8 0.5 02 jul. 2014


▲Up To Search▲   

 
Price & Availability of EEFCT1A680R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X