Part Number Hot Search : 
SP8481BP DCJ010 LTC176 TB0763A F10A40 AD620A LTC176 EMD59T2R
Product Description
Full Text Search
 

To Download EEETG1J100P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ tg ? ee70 ? capacitance ( f) rated voltage mark series identification mark for lead-free products black dot (square) lot number negative polarity marking (? tg 100 a a 0.2 w () reference size l d 0.5 h b 0.2 (i) k (p) (i) + 0.3 max. pressure relief ( 10 and larger) capacitance ( f) rated voltage mark series identification lot number negative polarity marking (? 1000 tg a features endurance:125 c 1000 h to 2000 h miniaturiz ation (4 0 % less than ta series) low esr (low temp) vibration- proof product is available upon request. ( 8 mm and larger) rohs directiv e compliant (parts no 8 to 10 : eee ? , 12.5 to 18 : eev ? ) surface mo unt type series: tg type: v speci? cations category temp. range 40 c to +125 c rated w.v. range 10 v.dc to 100 v.dc nomi nal cap. range 10 f to 4700 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv after 2 minutes tan please see the attached standard pr oducts list characteristics at low temperature w.v. (v) 10 16 25 35 50 63 80 100 (impedance ratio at 120 hz) z( ? 5 ? )/ z( +2 0 ? ) 32222222 z( ? 0 ? )/ z( +2 0 ? ) 64433333 endurance after applying rated working voltage for 1000 hours ( 8  6.2), 2 000 hours ( 8  10.2 < ) at +125 c2 c and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change ?0 % of initial measured value (code u : 35 %) tan < 300 % of initial speci ed value (cod e u : 350 %) dc leakag e current < initial speci ed value shelf life after storag e for 1000 hours at +125 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci ed in endurance (with voltage treatment) resistance to soldering heat after re ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change ?0 % of initial measured value tan < initial speci ed value dc leakag e current < initial speci ed value di men sions in mm (not to scale) marking rated volt age mark (mm) example : 10 v 100 f, 10 v 1000 f marking colo c : black lead-free pr oducts ( < 10) lead-free pr oducts ( > 12.5) a 10 v c 16 v e 25 v v 35 v size code dl a, b h i w p k e 8.0 6.2?.3 8.3 9.5 max. 3.4 0.65?.1 2.2 0.35 - 0.20 f 8.0 10.2?.3 8.3 10.0 max. 3.4 0.90?.2 3.1 0.70?.20 g 10.0 10.2?.3 10.3 12.0 max. 3.5 0.90?.2 4.6 0.70?.20 h13 12.5 13.5?.5 13.5 15.0 max. 4.7 0.90?.3 4.4 0.70?.30 j16 16.0 16.5?.5 17.0 19.0 max. 5.5 1.20?.3 6.7 0.70?.30 k16 18.0 16.5?.5 19.0 21.0 max. 6.7 1.20?.3 6.7 0.70?.30 + 0.15 h 50 v j 63 v k 80 v 2a 100 v frequency (hz) 120 1 k 1 0 k 100 k to correction factor 0.65 0.85 0.95 1.00 frequency correction factor for ripple current sep. 2011 03 free datasheet http:///
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ tg ? ee71 ? standard prod ucts w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (100 khz) (+125 ?) esr (100 khz) (+20 c) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r. m.s.) (  )(pcs) 10 100 8 6.2 e 100 1.00 0.30 eeetg1a101p (2) 1 000 220 86.2(e)1001.000.30 eeetg1a221up (2) 1 000 810.2f 1970.500.30 eeetg1a221p (2) 500 330 810.2(f)1970.500.30 eeetg1a331up (2) 500 10 10.2 g 270 0.30 0.30 eeetg1a331p (2) 500 470 10 10.2 (g) 270 0.3 00.30 eeetg1a471up (2) 500 1 000 12.5 13.5 h13 800 0.12 0.30 eevtg1a102q (3) 200 1500 12.5 13.5 (h13) 800 0.12 0.30 eevtg1a152uq (3) 200 2200 16 16.5 j16 110 0 0.08 0.32 eevtg1 a 222m (3) 125 3300 16 16.5 (j16) 1100 0.08 0.34 eevtg1a332um (3) 125 18 16.5 k16 130 0 0.075 0.34 eevtg1a332m (3) 125 4700 18 16.5 k16 1 300 0.075 0.36 eevtg1a472m (3) 125 16 100 8 10.2 f 197 0.50 0.23 eeetg1c101p (2) 500 220 810.2(f)1970.500.23 eeetg1c221up (2) 500 10 10.2 g 270 0.30 0.23 eeetg1c221p (2) 500 330 10 10.2 (g) 270 0.30 0.23 eeetg1c331up (2) 500 12.5 13.5 h13 800 0.12 0.23 eevtg1c331q (3) 200 470 12.5 13.5 h13 800 0.12 0.23 eevtg1c471q (3) 200 680 12.5 13.5 h13 800 0.12 0.23 eevtg1c681q (3) 200 1 000 12.5 13.5 (h13) 800 0.12 0.23 eevtg1c102uq (3) 200 16 16.5 j16 1100 0.08 0.23 eevtg1c102m (3) 125 2200 16 16.5 (j16) 1100 0.08 0.25 eevtg1 c 222um (3) 125 18 16.5 k16 130 0 0.075 0.25 eevtg1 c 222m (3) 125 3300 18 16.5 k16 1 300 0.075 0.27 eevtg1c332m (3) 125 25 47 8 6.2 e 100 1.00 0.18 eeetg1e470p (2) 1 000 100 86.2(e)1001.000.18 eeetg1e101up (2) 1 000 810.2f 1970.500.18 eeetg1e 101p (2) 500 220 810.2(f)1970.500.18 eeetg1e221up (2) 500 10 10.2 g 270 0.30 0.18 eeetg1e 221p (2) 500 330 10 10.2 (g) 270 0.30 0.18 eeetg1e331up (2) 500 12.5 13.5 h13 800 0.12 0.18 eevtg1e331q (3) 200 470 12.5 13.5 h13 800 0.1 20.18 eevtg1e471q (3) 200 680 12.5 13.5 (h13) 800 0.12 0.18 eevtg1e681uq (3) 200 16 16.5 j16 1100 0.08 0.18 eevtg1e681m (3) 125 1 000 16 16.5 (j16) 1100 0.08 0.18 eevtg1e102um (3) 125 18 16.5 k16 130 0 0.075 0.18 eevtg1e102m (3) 125 2200 18 16.5 k16 1 300 0.075 0.20 eevtg1 e222m (3) 125 35 33 8 6.2 e 100 1.00 0.16 eeetg1v330p (2) 1 000 47 86.2(e)1001.000.16 eeetg1v470up (2) 1 000 810.2f 1970.500.16 eeetg1v470p (2) 500 100 810.2(f)1970.500.16 eeetg1v101up (2) 500 10 10.2 g 270 0.30 0.16 eeetg1v101p (2) 500 220 10 10.2 (g) 270 0.30 0.16 eeetg1v221up (2) 500 330 12.5 13.5 h13 800 0.12 0.16 eevtg1v331q (3) 200 35 470 12.5 13.5 (h13) 800 0.12 0.16 eevtg1v471uq (3) 200 16 16.5 j16 1100 0.08 0.16 eevtg1v471m (3) 125 680 16 16.5 (j16) 1100 0.08 0.16 eevtg1v681um (3) 125 18 16.5 k16 130 0 0.075 0.16 eevtg1v681m (3) 125 1 000 18 16.5 k16 1300 0.075 0.16 eevtg1v102m (3) 125 ? size code( ):miniaturization product the taping dimensions are explained on ee188 of our catalog. please use it as a ref er ence guide. re? ow pro? le(fig-1 to fig-11) listed on ee186 of our catalog. endurance : 125 ? 1000 h ( 8  10.2 < : 2000 h) sep. 2010 00 free datasheet http:///
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ tg ? ee72 ? standard prod ucts w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (100 khz) (+125 ?) esr (100 khz) (+20 c) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r. m.s.) (  )(pcs) 50 10 8 6.2 e 80 1.60 0.14 eeetg1h100p (2) 1 000 22 8 6.2 e 80 1.60 0.14 eeetg1h220p (2) 1 000 33 86.2(e)801.600.14 eeetg1h330up (2) 1 000 810.2f 1330.750.14 eeetg1h330p (2) 500 47 810.2(f)1330.750.14 eeetg1h470up (2) 500 10 10.2 g 221 0.50 0.14 eeetg1h470p (2) 500 100 10 10.2 (g) 221 0.50 0.14 eeetg1h101up (2) 500 220 12.5 13.5 h13 600 0.23 0.14 eevtg1h221q (3) 200 330 12.5 13.5 h13 600 0.23 0.14 eevtg1h331q (3) 200 470 16 16.5 j16 900 0.1 50.14 eevtg1h471m (3) 125 680 16 16.5 (j16) 900 0.15 0.14 eevtg1h681um (3) 125 18 16.5 k16 9 50 0.14 0.14 eevtg1h681m (3) 125 1 000 18 16.5 k16 9 50 0.14 0.14 eevtg1h102m (3) 125 63 10 8 6.2 e 55 2 .20 0.12 EEETG1J100P (2) 1 000 22 8 10. 2f 1001.000.12 eeetg1j220p (2) 500 33 810.2(f)10 01.000.12 eeetg1j330up (2) 500 10 10.2 g 150 0.80 0.12 eeetg1j330p (2) 500 47 810.2(f)10 01.000.12 eeetg1j470up (2) 500 10 10.2 g 150 0.80 0.12 eeetg1j470p (2) 500 100 10 10.2 (g) 150 0.80 0.12 eeetg1j101up (2) 500 12.5 13.5 h13 3 50 0.26 0.12 eevtg1j101q (3) 200 220 12.5 13.5 h13 350 0.26 0.12 eevtg1j221q (3) 200 330 16 16.5 j16 500 0.1 80.12 eevtg1j331m (3) 125 470 16 16.5 j16 500 0.1 80.12 eevtg1j471m (3) 125 80 10 8 10. 2f 701.300.12 eeetg1k100p (2) 500 22 810.2(f)70 1.30 0.12 eeetg1k220up (2) 500 10 10.2 g 90 1.00 0.12 eeetg1k220p (2) 500 33 810.2(f)70 1.30 0.12 eeetg1k330up (2) 500 10 10.2 g 90 1.00 0.12 eeetg1k330p (2) 500 47 10 10.2 (g) 90 1.00 0.12 eeetg1k470up (2) 500 12.5 13.5 h13 2 50 0.42 0.12 eevtg1k470q (3) 200 100 12.5 13.5 (h13) 250 0.42 0.12 eevtg1k101uq (3) 200 16 16.5 j16 350 0.30 0.12 eevtg1k101m (3) 125 220 16 16.5 (j16) 350 0.30 0.12 eevtg1k221um (3) 125 18 16.5 k16 4 00 0.28 0.12 eevtg1k221m (3) 125 330 16 16.5 (j16) 350 0.30 0.12 eevtg1k331um (3) 125 18 16.5 k16 4 00 0.28 0.12 eevtg1k331m (3) 125 470 18 16.5 k16 400 0.28 0.12 eevtg1k471m (3) 125 100 10 8 10. 2f 701.300.10 eeetg2a100p (2) 500 22 810.2(f)70 1.30 0.10 eeetg2a220up (2) 500 10 10.2 g 90 1.00 0.10 eeetg2a220p (2) 500 33 10 10.2 g 90 1.00 0.10 eeetg2a330p (2) 500 47 12.5 13.5 h1 32500. 42 0.10 eevtg2a470q (3) 200 100 16 16.5 j16 350 0.30 0.10 eevtg2a101m (3) 125 220 18 16.5 k16 400 0.28 0.10 eevtg2a221m (3) 125 330 18 16.5 k16 400 0.28 0.10 eevtg2a331m (3) 125 ? size code( ):miniaturization product the taping dimensions are explained on ee188 of our catalog. please use it as a ref er ence guide. re? ow pro? le(fig-1 to fig-11) listed on ee186 of our catalog. endurance : 125 ? 1000 h ( 8  10.2 < : 2000 h) sep. 2010 00 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of EEETG1J100P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X