Part Number Hot Search : 
EKMG160 FR205P ED306YT Y0504 3VD1866 BR3510 MAX651 BZG05C5V
Product Description
Full Text Search
 

To Download ECKAVS332ME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. ceramic disc capacitors (safety regulations) type ns-a iec60384-14 sub-class y1/x1 type ts iec60384-14 sub-class y2/x1 type vs iec60384-14 sub-class y2/x1 smaller size type be 250 vac electrical appliance and material safety law compliance (former electrical appliance and material control law) e 1 c 2 k 3456789101112 product code class class 1 class 2 code ecc eck suffix type name code na ts vs be type type ns-a type ts type vs type be code g b e f char. sl/gp b/y5p e/y5u f/y5v temp. char lead style code a n style kinked lead bulk kinked lead taped cap. 100 pf 1000 pf 2200 pf 4700 pf 10000 pf nominal capacitance nts102me ex. 101 102 222 472 103 (examples) cap. tol. 5 % 10 % 20 % +80, e20 % cap. tolerance code j k m z n explanation of part numbers n precautions for handling see page 93 to 95 n specifications characteristics type ns-a type ts type vs type be iec 60384-14(y1/,x1) iec 60384-14(y2/,x1) iec 60384-14(y2/, x1) electrical appliance and related bsi, vde, sev, semko bsi, vde, sev, semko vde, semko, fimko material safety law compliance standaeds fimko, nemko, demko fimko, nemko, demko nemko, demko (former electrical appliance ul,csa, ktl ul,csa, ktl ul, ktl and material control law) operating e25 to 125 ?c e25 to 105 ?c temperature range rated voltage 250 vac/440 vac 250 vac dielectric 4000 vac 2600 vac 1500 vac withstanding for 1 minute for 1 minute for 1 minute voltage capacitance within the tolerance, when measured at 1 khz 20 %, 1 vrms, and 20 ?c dissipation tan  d < 0.025, when measured at 1 khz 20 %,1 vrms, and 20 ?c tan d < 0.025 for char.e factor yy tan d < 0.05 for char.f (tan d ) at 1 khz 20 %, 1 vrms, and 20 ?c insulation resistance 10000 m w min at 500 vdc 1 minute electrification. temperature characteristics char. max. cap. change temperature range sl/gp +350 to -1000 ppm/?c 20 to 85 ?c b 10 % e25 to 85 ?c e +20,e55 % e25 to 85 ?c f +30, e80 % e25 to 85 ?c ceramic disc capacitors (safety regulations) n features l related by iec60384-14 2nd ed. and approved by european safety regulations (types ns-a, ts and vs) l reinforced body insulation /0.4mm min. approved by bsi, vde (type ns-a) l flame-retardant insulating coating applied l easy mounting through kinked lead and radial taping n recommended applications l interference suppressor for ac primary line of electronic equipments. n packaging information see page 96 to 97 http://www..net/
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. n related standards and certificate numbers l type ns-a certificated body related standard certificate number sub-class rated voltage dielectric withstanding voltage operating temperature range l type ts plant code h ll2 marking ltems examples * (marking of the face and the reverse) manufacturer's identification type designation ns-a sub-class and y1-250v ~ rated voltage x1-440v~ capacitance 472 bsi vde sev semko fimko nemko demko ul csa plant code h date code (ex. sep. 2001) 19 de v note: * the actual marking is sometimes different from the above example with the change of the safety approval contents and so on. recognized marking (logo or monogram) n marking examples (ex. type ns-a, 4700 pf) ceramic disc capacitors (safety regulations) certificated body related standard certificate number sub- class rated voltage dielectric withstanding voltage operating temperature range plant code m note:certification number sometimes changes with the change of the approval contents and so on. ktl marks are indicated on the label. note:certification number sometimes changes with the change of the approval contents and so on. cqc and ktl marks are indicated on the label. certificated body operating temperature range certificate number dielectric withstanding voltage rated voltage sub-class related standard l type vs note: ] is for line-by-pass capacitors. certification number sometimes changes with the change of the approval contents and so on. ktl marks is indicated on the label. certification contents are subject to differ in capacitance values. ns-a 472 19 h y1-250v x1-440v de v ll2 bsi (uk) vde (germany) sev (switzerland) semko (sweden) fimko (finland) nemko (norway) demko (denmark) ktl (korea) ul (usa) csa (canada) vde (germany) 123139 semko (sweden) en 132 400:1994 0042075/01-02 fimko (finland) sub-class y2 fi16196 y2, x1 y2:250 vac y2:1500 vac e 25 to 125 ? c nemko (norway) (iec 60384-14 2nd ed.) p00102412 x1:440 vac x1:1892 vdc demko (denmark) 310308-01 ktl (korea) k60384-14 (iec 60384-14 2nd ed.) su03013-3003 ul (usa) ul1414 ] e62674 C 250 vac 1500 vac e 25 to 85 ? c csa c22.2 no.1 ] bsi (uk) 226319 vde (germany) 087472 sev (switzerland) en 132 400:1994 00.0587 semko (sweden) sub-class y2 9918234/01-02 fimko (finland) (iec 60384-14 2nd ed.) f1 13556 y1, x1 y1:250 vac y1:4000 vac e 25 to 125 ? c nemko (norway) p99101676 x1:440 vac x1:1892 vdc demko (denmark) dk99-02495 cqc (china) gb/t14472 (iec 60384-14 2nd ed.) cqc03001008315 ktl (korea) k60384-14 (iec 60384-14 2nd ed.) su03012-3002 ul (usa) ul1414 e62674 C 250 vac 1500 vac e 25 to 85 ? c csa (canada) csa c22.2 no.1 lr58064 en132 400:1994 sub-class y2 (iec 60384-14 2nd ed.) k60384-14(iec 60384-14 2nd ed.) ul 1414 csa c22.2 no.1 228035 1220129 118911 00.0588 9618031/01(y2) 9909196/01-02 9909191/01(x1) fl13324a1 p96102354(y2) p99101190 p99101084(x1) 305880(y2) dk99-01749 dk99-01676(x1) su03012-3001 su03013-3002 e62674 lr58064 lr31605 y2, x1 C y2:250 vac x1:440 vac 250 vac y2:1500 vac x1:1892 vdc 1500 vac e 25 to 125 ? c e 25 to 85 ? c http://www..net/
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately.  same dimensions as type n0, n1 except for special dimensions. l kinked lead type d f d f d 0 w 2 t 2 t 1 h 0 l w w 0 w 1 d h1 d h2 t e p p 0 p 2 p 1 f f d d t 4.0 max. f d 0.05 20.0 min. p d p 1 p 2 p 0 f l kinked lead taping yy5zqf/ / yy5zqf/ under kinked lead style are applied to only 3300 pf and over have a lead space (f) 7.5 mm of type ts 4.0 max. f ceramic disc capacitors (safety regulations) n dimensions in mm (not to scale) standard lead style are kinked lead and kinked lead taping as below. n0 n1 n2 symbol yyy p 12.71.0 15.02.0 30.02.0 p 0 12.70.3 15.00.3 f 5.00.8 7.51.0 p 1 3.850.70 3.750.80 p 2 6.351.30 7.51.5 d to comply with each individual specification w 18.0 w 0 10.0 min. w 1 9.00.5 w 2 3.0 max. h 0 18.0 e 4.0 max. f d 0 4.00.2 f d 0.600.05 0.650.05 t 1 0.60.3 t 2 1.5 max. t to comply with each individual specification ? h 1 , ? h 2 2.0 max. l 11.0 max. +1.0 e0.5 +2.0 0 taping type dim. f(nominal) tolerance of dim. f 5.0 1.0 7.5 1.5 10.0 1.5  for type nsea
note:tolerance of lead space +1.5 e1.0 http://www..net/
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. note: @ -- capacitance tolerance code k (10 %) or m(20 %) n rating and characteristics l type ns-a (iec60384-14 sub-class y1, x1) rating and characteristics redial taped version is available. (lead space is available only in 10 mm) @ :capacitance tolerance code k:(10 %) or m(20 %) cap. dimensions in mm kinked lead type (bulk) kimked lead taped type cap. tol. temp. d max. t part number dim. in mm part number taped dim. in mm in pf (%) char. (tol.) max. fd type fd 100 10 or 20 b/y5p 8.0(7.0 1.0) 7.0 eckats101 @ b 7.5 0.65 ecknts101 @ b n1 7.5 0.65 150 10  or 20 b/y5p 8.0(7.0 1.0) 7.0 eckats151 @ b 7.5 0.65 ecknts151 @ b n1 7.5 0.65 220 10 or 20 b/y5p 8.0(7.0 1.0) 7.0 eckats221 @ b 7.5 0.65 ecknts221 @ b n1 7.5 0.65 330 10 or 20 b/y5p 8.0(7.0 1.0) 7.0 eckats331 @ b 7.5 0.65 ecknts331 @ b n1 7.5 0.65 470 10 or 20 b/y5p 8.0(7.0 1.0) 7.0 eckats471 @ b 7.5 0.65 ecknts471 @ b n1 7.5 0.65 680 10 or 20 b/y5p 9.0(8.0 1.0) 7.0 eckats681 @ b 7.5 0.65 ecknts681 @ b n1 7.5 0.65 1000 10 or 20 b/y5p 10.5(9.5 1.0) 7.0 eckats102 @ b 7.5 0.65 ecknts102 @ b n1 7.5 0.65 1000 20 e/y5u 8.0(7.0 1.0) 7.0 eckats102me 7.5 0.65 ecknts102me n1 7.5 0.65 1500 20 e/y5u 9.0(8.0 1.0) 7.0 eckats152me 7.5 0.65 ecknts152me n1 7.5 0.65 2200 20 e/y5u 9.5(9.0 1.0) 7.0 eckats222me 7.5 0.65 ecknts222me n1 7.5 0.65 3300 20 e/y5u 12.5(11.5 1.0) 7.0 eckats332me 7.5 0.65 ecknts332me n1 7.5 0.65 4700 20 e/y5u 15.0(14.0 1.0) 7.0 eckats472me 10.0 0.65 ecknts472me n2 7.5 0.65 4700 20 f/y5v 12.5(11.5 1.0) 7.0 eckats472mf 7.5 0.65 ecknts472mf n1 7.5 0.65 10000 20 f/y5v 17.0(16.0 1.5) 7.0 eckats103mf 10.0 0.65 ecknts103mf n2 7.5 0.65 cap. dimensions in mm kinked lead type (bulk) cap. tol. temp. dt part number dim. in mm in pf (%) char. max. max. f d 100 10 or 20 b 11.0 8.0 eckana101 @ b 10.0 0.65 150 10 or 20 b 11.0 8.0 eckana151 @ b 10.0 0.65 220 10 or 20 b 11.0 8.0 eckana221 @ b 10.0 0.65 330 10 or 20 b 11.0 8.0 eckana331 @ b 10.0 0.65 470 10 or 20 b 11.0 8.0 eckana471 @ b 10.0 0.65 680 10 or 20 b 11.0 8.0 eckana681 @ b 10.0 0.65 1000 10 or 20 b 11.0 8.0 eckana102 @ b 10.0 0.65 1000 20 e 10.0 8.0 eckana102me 10.0 0.65 1500 20 e 11.0 8.0 eckana152me 10.0 0.65 2200 20 e 11.0 8.0 eckana222me 10.0 0.65 3300 20 e 13.0 8.0 eckana332me 10.0 0.65 4700 20 e 16.0 8.0 eckana472me 10.0 0.65 ceramic disc capacitors (safety regulations) l type ts (iec60384-14 sub-class y2, x1) rating and characteristics cap. capacitance temp. dimensions in mm kinked lead type (bulk) kinked lead taped type in pf tolerance char. dt part number dim. in mm part number taped dim. in mm (%) max. max. f d type fd 10 0.5pf or 1pf sl/gp 8.0 6.0 eccavs100 @ g * 5.0 0.60 eccnvs100 @ g * n0 5.0 0.60 15 5 or 10 sl/gp 8.0 6.0 eccavs150 @ g * 5.0 0.60 eccnvs150 @ g * n0 5.0 0.60 22 5 or 10 sl/gp 8.0 6.0 eccavs220 @ g * 5.0 0.60 eccnvs220 @ g * n0 5.0 0.60 33 5 or 10 sl/gp 8.0 6.0 eccavs330 @ g 5.0 0.60 eccnvs330 @ g n0 5.0 0.60 47 5 or 10 sl/gp 8.0 6.0 eccavs470 @ g 5.0 0.60 eccnvs470 @ g n0 5.0 0.60 68 5 or 10 sl/gp 8.0 6.0 eccavs680 @ g 5.0 0.60 eccnvs680 @ g n0 5.0 0.60 100 10 or 20 b/y5p 8.0 6.0 eckavs101 @ b 5.0 0.60 ecknvs101 @ b n0 5.0 0.60 150 10 or 20 b/y5p 8.0 6.0 eckavs151 @ b 5.0 0.60 ecknvs151 @ b n0 5.0 0.60 220 10 or 20 b/y5p 8.0 6.0 eckavs221 @ b 5.0 0.60 ecknvs221 @ b n0 5.0 0.60 330 10 or 20 b/y5p 8.0 6.0 eckavs331 @ b 5.0 0.60 ecknvs331 @ b n0 5.0 0.60 470 10 or 20 b/y5p 8.0 6.0 eckavs471 @ b 5.0 0.60 ecknvs471 @ b n0 5.0 0.60 680 10 or 20 b/y5p 8.0 6.0 eckavs681 @ b 5.0 0.60 ecknvs681 @ b n0 5.0 0.60 1000 20 e/y5u 8.0 6.0 eckavs102me 5.0 0.60 ecknvs102me n0 5.0 0.60 1500 20 e/y5u 8.0 6.0 eckavs152me 5.0 0.60 ecknvs152me n0 5.0 0.60 2200 20 e/y5u 9.0 6.0 eckavs222me 5.0 0.60 ecknvs222me n0 5.0 0.60 3300 20 e/y5u 10.0 6.0 ECKAVS332ME 5.0 0.60 ecknvs332me n0 5.0 0.60 4700 20 e/y5u 11.0 6.0 eckavs472me 5.0 0.60 ecknvs472me n0 5.0 0.60 4700 20 f/y5v 10.0 6.0 eckavs472mf 5.0 0.60 ecknvs472mf n0 5.0 0.60 10000 20 f/y5v 14.0 6.0 eckavs103mf 7.5 0.65 ecknvs103mf n1 7.5 0.65 l type vs (iec60384-14 sub-class y2, x1 smaller type) rating and characteristics note 1: dimensions f(lead space) of 7.5mm is available instead of 5.0 mm only by special order. 2: @ -- capacitance tolerance code d (0.5 pf) or f (1 pf) or j (5 %) or k(10 %) or m(20 %) 3: * -- except for vde and ktl. remark type ns-a is approved by bsi and vde for reinforced body insulation (0.4 mm min.) bsi (uk) gb386w cb certification no. vde (germay) 087469 087472 certification no. http://www..net/
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. n typical temperature characteristics (type ts, and type ns-a) e30 e20 e10 0 10 e20 0 20 40 60 80 100 120 capacitance change (%) temperature ( ?c) e60 e40 e20 0 20 e20 0 20 40 60 80 100 120 capacitance change (%) temperature ( ?c) e60 e40 e80 e20 0 20 e20 0 20 40 60 80 100 120 capacitance change (%) temperature ( ?c) ceramic disc capacitors (safety regulations) note: dimensions f (lead space) of 5.0 mm is available instead of 7.5 mm by special order l type be (250 vac for electrical appliance and material safety law compliance (former electrical appliance and material control law)) cap. dimensions in mm kinked lead type (bulk) kimked lead taped type cap. tol. temp. dt part number dim. in mm part number taped dim. in mm in pf (%) char. max. max. f d type fd 1000 + 80  - 20 e/y5u 7.0 5.0 eckabe102ze 7.5 0.65 ecknbe102ze n1 7.5 0.65 2200 + 80  - 20 e/y5u 8.0 5.0 eckabe222ze 7.5 0.65 ecknbe222ze n1 7.5 0.65 3300 + 80  - 20 e/y5u 9.0 5.0 eckabe332ze 7.5 0.65 ecknbe332ze n1 7.5 0.65 4700 + 80  - 20 e/y5u 11.0 5.0 eckabe472ze 7.5 0.65 ecknbe472ze n1 7.5 0.65 4700 + 80  - 20 f/y5v 8.0 5.0 eckabe472zf 7.5 0.65 ecknbe472zf n1 7.5 0.65 10000 + 80  - 20 f/y5v 11.0 5.0 eckabe103zf 7.5 0.65 ecknbe103zf n1 7.5 0.65 ( ) char. e/y5u) temp. range  e25 to 85? max.cap.change  +20, e55 % ( ) char. b/y5p) temp. range  e25 to 85? max.cap.change  +10 % ( ) char. f/y5v) temp. range  e25 to 85? max.cap.change  +30, e80 % http://www..net/
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or us e. should a safety concern arise regarding this product, please be sure to contact us immediately. n impedance vs. frequency characteristics n current vs. voltage (leakage current characteristics) yyy conditions temperature: 20 ?c, applied voltage: sine wave 60 hz type ts type ns-a type ts type ns-a ceramic disc capacitors (safety regulations) 100 10 1 0.1 1 10 100 1000 10000pf 470pf 220pf 100pf 2200pf 4700pf ( e ) 1000pf impedance ( w ) frequency (mhz) impedance ( w ) 100 10 1 0.1 1 10 100 1000 frequency (mhz) 470pf 220pf 100pf 2200pf 4700pf ( e ) 1000pf ( e ) current (ma) 5.0 6.0 4.0 3.0 2.0 1.0 0 500 1000 1500 2000 2500 3000 10000pf 3300pf 2200pf 4700pf ( e ) 1000pf voltage (vrms) current (ma) 5.0 6.0 4.0 3.0 2.0 1.0 0 500 1000 1500 2000 2500 3000 3500 4000 3300pf 2200pf 4700pf 1000pf ( b ) 1000pf ( e ) voltage (vrms) 1.0 0.8 0.6 0.4 0.2 0 500 1000 1500 2000 2500 3000 470pf 220pf 100pf current (ma) voltage (vrms) 1.0 0.8 0.6 0.4 0.2 0 500 1000 1500 2000 2500 3000 3500 4000 470pf 220pf 100pf current (ma) voltage (vrms) 10000pf 4700pf 2200pf 1000pf 470pf 220pf 100pf 100 10 1 0.1 1 10 100 1000 impedance ( w ) frequency (mhz) 2.4 2.2 4700pf (e) 2200pf 1000pf 470pf 220pf 100pf 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 200 400 600 800 1000 1200 1400 1600 current (ma) voltage (vrms) 0 0.0 1.0 2.0 10000 pf 4700 pf(f) 3.0 200 400 600 800 1000 1200 1600 14000 current (ma) voltage (vrms) type vs type vs http://www..net/


▲Up To Search▲   

 
Price & Availability of ECKAVS332ME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X