Part Number Hot Search : 
S0303 EP120656 Y2071ASX LAD202 2SD2015 10D112KJ 2SK612 BA9737KV
Product Description
Full Text Search
 

To Download DSF1-18-12-125A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  34 storage chokes nominal current: 0.45 - 6.3 a @ j j j j j a 70c nominal inductance: 11 - 3700 h/ tol. 15% max. working voltage: 600 vdc application range: up to 1 mhz isolation voltage: 2 kv eff. / wdg.-ambient climatic category: 40/125/21 acc. to iec 60068-1 plastic case: ul 94 v-0 potting resin: ul 94 v-0 dsf storage chokes are used as energy stores in switch mode power supplies. principle features: - reduced magnetic reversal - constant inductance at high alternating field modulation and high dc magnetisation. environmental ratings: the dsf chokes can only be used with high frequency alternating current or with hf-modulated direct current up to 1 mhz, under consideration of their self heating (i n and d i at f 0 ) and of the ambi- ent temperature ( j a). this range of chokes enables horizontal mounting, thus reducing the height of mounted circuit. finest quality core materials allow the highest electrical performance with minimum component volume. good design with easy assembly allows good cost/performance ra- tio. this type of choke is essential in the field of power electronics, e.g. switching power supplies, chopper amplifiers, dc drives and stepper motor controls. dsf series, flat housing typical ambient temperature j a = 70c operating frequency f 0 = 50 khz nominal dc current i n = as per table hf-ripple d i = 20% i n smd-version upon request. technical data type i n (1) l n (2) r cu (3) ~ f res case [a] [h] [m w ] [mhz] dsf1-18-0.6-500/a 0.6 500 360 2.5 04-1 dsf1-18-1.2-125/a 1.2 125 90 6.5 04-1 dsf1-18-2.0-45/a 2.0 45 32 12 04-1 dsf1-18-4.0-11/a 4.0 1 1 8 32 04-1 dsf1-28-0.45-3700/a 0.45 3700 1900 0.6 15-1 dsf1-28-0.63-1800/a 0.63 1800 900 1 15-1 dsf1-28-1.0-750/a 1.0 750 360 1.8 15-1 dsf1-28-1.8-230/a 1.8 230 125 3.5 15-1 dsf1-28-3.15-75/a 3.15 75 45 7 15-1 dsf1-28-4.5-37/a 4.5 37 20 10 15-1 dsf1-28-6.3-18/a 6.3 18 10 18 15-1 (1) @ j a 70c; current derating over 70c: i = i n x (125- j a)/55 (2) nominal inductance measured according to en 138100, see introduction of this catalog, paragraph 3.4 (3) resistance @ j a 25c application typical curve case 04-1 case 15-1


▲Up To Search▲   

 
Price & Availability of DSF1-18-12-125A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X