Part Number Hot Search : 
11750 09U250P NTE1683 4AC15 124098 102M2 2SA10 ISL21
Product Description
Full Text Search
 

To Download CY3ASMD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  td-021006 rev. c specifications subject to change without notice. surface mount hc49s smd crystal cysdxx model 3.18mhz to 40mhz (fund) 27mhz to 86mhz (3rd o/t) 50ppm (standard p/n) 10ppm to 100ppm 100ppm (standard p/n) 10ppm to 100ppm 0c to 70c (standard p/n) -20c to 70c -40c to 85c -55c to 120c 7.0pf max 100uw typical see table 1 **custom designs available frequency range: calibration tolerance: (option) frequency stability: (option) temperature range: (option) (option) storage: shunt capacitance: drive level: esr: all dimensions are max unless otherwise specified. dimensions inches (mm) freq. (mhz) max esr 3.18 - 3.4 190 3.5 - 4.0 150 4.1 - 4.9 120 5.0 - 5.9 100 6.0 - 11.9 90 12.0 - 14.9 70 15.0 - 30.0 50 30.1 - 86.0 100 resistance at series resonance table 1 standard part numbers build your own p/n part number freq. (mhz) cl max esr cy3dmsmd 3.579545 18pf 150 cy3jsmd 3.686400 series 150 cy3jmsmd 3.686400 18pf 150 cy3jnsmd 3.686400 20pf 150 CY3ASMD 4.000 series 150 cy3apsmd 4.000 20pf 150 cy4esmd 4.194304 12pf 120 cy4dsmd 4.915200 series 120 cy7asmd 5.000 series 100 cy7apsmd 5.000 20pf 100 cy5bsmd 5.0688 seri es 100 cy6bsmd 6.000 series 90 cy6bpsmd 6.000 20pf 90 cy8gsmd 8.000 series 90 cy8gpsmd 8.000 20pf 90 cy9bsmd 9.830400 series 90 cy12asmd 10.000 series 90 cy11bsmd 11.059200 series 90 cy11bpsmd 11.059200 20pf 90 cy12bsmd 12.000 series 70 cy12bpsmd 12.000 20pf 70 cy14asmd 14.318180 series 70 cy14acsmd 14.318180 18pf 70 cy14apsmd 14.318180 20pf 70 cy14bsmd 14.745600 series 70 cy15asmd 15.000 series 50 cy16bsmd 16.000 series 50 cy16bpsmd 16.000 20pf 50 cy19asmd 18.000 series 50 cy19bsmd 18.432 series 50 cy19bpsmd 18.432 20pf 50 cy20asmd 19.660800 series 50 cy20apsmd 19.660800 20pf 50 cy22asmd 20.000 series 50 cy22apsmd 20.000 20pf 50 cy24asmd 24.000 series 50 cy24apsmd 24.000 20pf 50 cy25asmd 25.000 series 50 see options 0.150 (3.81) 0.405 (10.30) 0.185 (4.70) 0.532 (13.50) 0.040 (1.02) 0.150 (3.81) 0.472 (12.00) cysd x x x x x - freq example: cysd4f51c-20.000 = 25ppm at 25c, 50ppm 0 to 70c, 20pf load cap, fundamental, 5.0mm, 20.000mhz mode frequency tolerance at 25c 1 10 ppm 2 15 ppm 3 20 ppm 4 25 ppm 5 30 ppm 6 50 ppm 7 100 ppm (0 to 70c) (0 to 70c) (0 to 70c) (0 to 70c) (0 to 70c) (0 to 70c) (0 to 70c) (-20 to 70c) (-20 to 70c) 10 ppm 15 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm 15 ppm 20 ppm a b c d e f g h i j k l m n o p q 30ppm 50 ppm 100 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm (-20 to 70c) (-20 to 70c) (-20 to 70c) (-40 to 85c) (-40 to 85c) (-40 to 85c) (-40 to 85c) (-40 to 85c) frequency stability over temp range load capacitance 1 2 3 4 5 6 7 8 series 14 pf 16 pf 18 pf 20 pf 22 pf 25 pf 32 pf 1 3 fundamental 3.18-40mhz 3rd overtone 27-86 mhz options can height a 3.0mm b 4.0mm c 5.0mm aging: <3ppm 1st/yr max quartz crystal 40 l e a d f r e e r o h s c o mp l i a n t free datasheet http:///


▲Up To Search▲   

 
Price & Availability of CY3ASMD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X