Part Number Hot Search : 
ADG791G LTC7106 BC33816 MR4710 QA1212XS AP13015Y R2110 2N2757
Product Description
Full Text Search
 

To Download CCM1620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  me displays specifications for lcd module CCM1620 micro electronics corporation 3375 scott blvd. suite 222 santa clara ca 95054 tel: 408-988-1101 fax: 408-988-7626 email: micro@microelect.com http://www.microelect.com
me me displays CCM1620 16 x 2 lines character features number of characters display font built-in controller input data power supply duty cycle options 16 characters x 2 lines 5 x 8 dots hd44780 or comp 4 bits or 8-bits interface +5 v single power 1/16 duty el/led backlight, tn/stn mechanical parameters module size module size with led backlight viewing area size dot size dot pitch 80.0w x 36.0h x 9.0t mm 80.0w x 36.0h x 13.0t mm 64.5w x 13.8h mm 0.50 x 0.55 mm 0.55 x 0.60 mm absolute maximum item symbol min. max unit power supply for logic vdd -0.3 +7.0 v power supply for lcd drive vlcd vdd-13.5 vdd+0.3 v input voltage vi -0.3 vdd+0.3 v operating temperature ta 0 +50 c storage temperature tstg -10 +70 c electrical characteristics (vdd=5.0v 5%, ta=25c) item symbol conditions min typ max u power supply for logic vdd -- 4.5 -- 5.5 v op. voltage for lcd vdd-vo -- -- 5.0 -- v input ?high? voltage vih -- 2.2 -- vdd v input ?low? voltage vil -- -0.3 -- 0.6 v output ?high? voltage voh - ioh = 0.2ma 2.4 -- -- v output ?low? voltage vol iol = 1.2ma -- -- 0.4 v power supply current idd vdd = 5.0v -- 1.0ma 3.0 ma micro electronics corp http://www.microelect.com
me me displays CCM1620 16 x 2 lines character pin assignment no. symbol level pin description function 1 vss -- ground 0v 2 vdd -- supply voltage for logic 5v 3 vo -- lcd contrast adjust by user 4 rs h/l register select h: data, l: instruction code 5 r/w h/l read / write h: data read, l: data write 6 e h, h l enable enable signal 7 db0 h/l data bit 0 8-bit interface 8 db1 h/l data bit 1 8-bit interface 9 db2 h/l data bit 2 8-bit interface 10 db3 h/l data bit 3 8-bit interface 11 db4 h/l data bit 4 4 or 8-bit interface 12 db5 h/l data bit 5 4 or 8-bit interface 13 db6 h/l data bit 6 4 or 8-bit interface 14 db7 h/l data bit 7 4 or 8-bit interface block diagram micro electronics corp http://www.microelect.com
diagram CCM1620
environmental conditions item operating non-operating remarks min max min max ambient temperature 0 c 50 c -20 c 70 c normal temperature type ( ta) -20 c 70 c -30 c 80 c extended temperature type vibration -- 0.5g -- 2g g=9.8 m/s 2 shock -- 3g -- 50g xyz directions corrosion gas no corrosion gas optical characteristics tn type item symbol condition min typ max unit viewing angle ? 2- ? 1 k=1.4 20 -- -- deg contrast ratio k ? =25 q =0 -- 3 -- -- response time (rise) tr ? =25 q =0 -- 200 250 ms response time (fall) tf ? =25 q =0 -- 200 300 ms stn type item symbol condition min typ max unit viewing angle ? 2- ? 1 k=1.4 40 -- -- deg contrast ratio k ? =25 q =0 3 -- -- -- response time (rise) tr ? =25 q =0 -- 200 300 ms response time (fall) tf ? =25 q =0 -- 250 350 ms micro electronics corp http://www.microelect.com
backlight charasteristics el backlight electrical data parameter description power supply up to max. 230 rms wave shape sinusoidal frequency up to max. 3 khz efficiency h ( dva/ cd) capacity 0.50 nf/cm 2 operating current 160ma optical data parameter description power supply 110v 400hz sinusoidal luminous intensity 69.3 cd/m2 resp 20.4fl emission color gree/blue 500nm x=0.173, y 0=407 homogenity 5% useful life unlimited brightness uniformity (relative humidity <80%) 1000h approx. 80% 5000h approx. 50% micro electronics corp http://www.microelect.com
led backlight characterisitcs low voltage driving (dc) is available without invertor no noise occurrence life : 20k hours item symbol conditions min typ max unit forward voltage vf if=10ma 3.8 4.1 4.4 v reverse voltage vr -- -- -- 10 v forward current if -- -- -- 200 ma reverse current ir vr=10v -- -- 100 ua brightness b 60 -- -- cd/m2 if=100ma ac characteristics (vdd=5v 10%, vss=0v, ta=25 c) write mode (writing data from micom to ks070b) item symbol min max unit enable cycle time t cyce 500 -- ns enable pulse width high level pw eh 220 -- ns enable rise/fall time t er , t ef -- 25 ns address set-up time rs, r/w to e t as 40 -- ns address hold time t ah 10 -- ns data set-up time t dsw 60 -- ns data hold time (writing) t h 10 -- ns data hold time (reading) t dhr 10 -- ns timing characteristics micro electronics corp http://www.microelect.com
control and display command command rs r/w db7 db6 db5 db4 db3 db2 db1 db0 remark display clear l l l l l l l l l h return home l l l l l l l l h x cursor moves to first digit entry mode set l l l l l l l h i/d sh i/d: set cursor move direction h-increase l-decrease sh: specifies shift of display h-display is shifted l-display is not shifted display on/off l l l l l l h d c b d: display (h-on, l-off) c: cursor (h-on, l-off) b: blinking (h-o, l-off) shift l l l l l h s/c r/l x x sc : (h-display shift, l- cursor move) r/l: (h-right shift, l-left shift) set function l l l l h dl n f x x dl: (h-8 bits interface, l-4 bits interface) n: (h-2 line display, l-1 line display) f: (h-5 x 10 dots, l-5 x7 dots) set cg ram address l l l h cg ram address (corresponds to address) cg ram data is sent and received after this setting set dd ram address l l h dd ram address dd ram data is sent and received after this setting read busy flag & address l h bf address counter used for both dd & cg ram address bf: (h-busy, l-ready) -- reads bf: indicates internal operation is being performed. -- read address counter contents write data h l write data write data into dd or cg ram read data h h read data read data from dd or cgram


▲Up To Search▲   

 
Price & Availability of CCM1620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X