Part Number Hot Search : 
SMCJ75 KBPC5010 161A1 DLQ5231B SMCJ75 20030 SP8J4 SIHF9520
Product Description
Full Text Search
 

To Download BQ07XXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  9 how to order bf01 or bq01 4 d 0104 k - - type class voltage capacitance tolerance suffix bf 01/02/07/06/05/04: radial leads bq 01/02/07/06/05/04: lead free cpm-83----- pitch = 5.08mm (0.200") general description dielectric: metallized polyester film (polyethylene teraphtalate) stacked-film leads: radial tin - plated wire protection: plastic case (ul 94: v-o) / epoxy resin marking: logo nominal capacitance tolerance (eia) dc nominal voltage example: t 100nk 63 delivery mode: bulk taped (reel or ammopack) standardization generic specifications: cei 384-1/cecc 30000/ute 83100 sectional specifications: cei 384-2/cecc 30400/ute 83151 complies with special specification: cecc 30401-063 applications ? commodity product: ? supply decoupling ? filter ? integrators ? treatment of analog signals ? rejection of line perturbations, etc. e l 0.4 (0.016) min 5.08 (0.200) +0.6 (0.024) -0.1 (0.004) 4.10 (0.161) 0.5 (0.020) h  *l dimension measured 3mm above base of case case l max h max e max ? 0.02 01 7.5 (0.295) 6.5 (0.256) 2.5 (0.098) 0.5 (0.020) 02 7.5 (0.295) 8.0 (0.315) 3.2 (0.126) 0.5 (0.020) 05 7.5 (0.295) 12.0 (0.472) 6.0 (0.236) 0.5 (0.020) 06 7.5 (0.295) 9.6 (0.378) 6.0 (0.236) 0.5 (0.020) 07 7.5 (0.295) 8.0 (0.315) 5.0 (0.197) 0.5 (0.020) 04 7.5 (0.295) 13.0 (0.512) 7.5 (0.295) 0.5 (0.020) dimensions millimeters (inches)
10 12.7 (0.500) 0.2 (0.008) 12.7 (0.500) 1.0 (0.039) 12.0 (0.472) 1.0 (0.039) 18.0 (0.709) 0.5 (0.020) 4.0 (0.157) 0.3 (0.012) 5.08 (0.200) h thermoadhesive tape (other sizes according to standard cei : 286-2) dimensions: millimeters (inches) bf 01/02/07/06/05/04: radial leads bq 01/02/07/06/05/04: lead free cpm-83----- pitch = 5.08mm (0.200") case quantity reel ammopack bulk suffix db dd da dc - - x panasert avisert panasert avisert usa std. europe / asia std. 01 2500 2500 1000 5000 02 1800 2000 1000 3800 07 1200 1250 1000 2500 06 900 1100 1000 1500 05 900 1100 1000 1500 04 750 750 1000 1000 panasert avisert h 16.5 0.30 19.5 0.50 (0.65 0.012) (0.768 0.020) measurement capacitance df: frequency performance category 2 1khz c r 1? 1.0% 100 hz c r > 1? 1.0% measuring c r <= 0.33? c r > 0.33? points ir min (g ? ) ir * c r min (m ? * ?) performance class performance class 22 between v r - v r - v r - v r - terminals 100v > 100v 100v > 100v 3.75 7.5 1.25 2.5 between 30,000 ? terminals and ground v r- 63 100 250 400 630 (dv/dt) r max 38 40 110 270 400 ?insulation resistance: ir ?max voltage gradient ?tangent of loss angle: d.f. packaging millimeters (inches) climatic category 55/100/56 performance class 2 capacitance range c r 1nf to 2.2? (e12) tolerance on c r ?%; ?0% (other values on request) nominal voltages vr_ 63/100/250/400/630v vr~ 40/63/160/200/220v category voltage vc = 0.8v r- at 100? test voltage ve = 1.6v r- /2s at 25? performance characteristics
11 bf 01/02/07/06/05/04: radial leads bq 01/02/07/06/05/04: lead free cpm-83----- pitch = 5.08mm (0.200") capacitance reference range bf or bq (c r )v r- / v r~ 63/40 (voltage code: d) 100/63 (voltage code: e) 250/160 (voltage code: g) 400/200 (voltage code: i) 630/230 (voltage code: k) 1,000 pf bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 1,200 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 1,500 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf02 or bq02 1,800 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 2,200 pf bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf02 or bq02 2,700 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 3,300 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf07 or bq07 3,900 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 4,700 pf bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf07 or bq07 5,600 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 6,800 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf06 or bq06 8,200 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 10,000 pf bf01 or bq01 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf05 or bq05 bf02/**** bf01 or 12,000 bf01 or bq01 bf01 or bq01 bf01 or bq01 bq02/**** bq01 bf02/**** bf01 or 15,000 bf01 or bq01 bf01 or bq01 bf01 or bq01 bq02/**** bq01 bf02/**** bf01 or 18,000 bf01 or bq01 bf01 or bq01 bf01 or bq01 bq02/**** bq01 22,000 bf01 or bq01 bf01 or bq01 bf01 or bq01 bf02 or bq02 bf07/**** bf02 or 27,000 bf01 or bq01 bf01 or bq01 bf01 or bq01 bq07/**** bq02 bf05 or bq05 bf07/**** bf02 or 33,000 bf01 or bq01 bf01 or bq01 bf02 or bq02 bq07/**** bq02 bf05 or bq05 bf02/**** bf01 or 39,000 bf01 or bq01 bf01 or bq01 bq02/**** bq01 bf06 or bq06 47,000 pf bf01 or bq01 bf01 or bq01 bf02 or bq02 bf06 or bq06 56,000 bf01 or bq01 bf01 or bq01 bf07 or bq07 bf04 or bq04 68,000 bf01 or bq01 bf01 or bq01 bf07 or bq07 bf04 or bq04 82,000 bf01 or bq01 bf01 or bq01 bf07 or bq07 bf04 or bq04 100 nf bf01 or bq01 bf01 or bq01 bf07 or bq07 bf04 or bq04 bf06/**** bf07 or 120 bf01 or bq01 bf01 or bq01 bq06/**** bq07 150 bf01 or bq01 bf01 or bq01 bf06 or bq06 180 bf01 or bq01 bf02 or bq02 bf04 or bq04 bf04/**** bf05 or 220 nf bf01 or bq01 bf02 or bq02 bf04/**** bf05 bf07/**** bf02 or 270 bf02 or bq02 bq07/**** bq02 bf02/**** bf01 or 330 bq02/**** bq01 bf07 or bq07 390 bf02 or bq02 bf07 or bq07 470 nf bf02 or bq02 bf07 or bq07 bf05/**** bf06 or 560 bf07 or bq07 bq05/**** bq06 bf05/**** bf06 or 680 bf07 or bq07 bq05/**** bq06 bf05/**** bf06 or 820 bf07 or bq07 bq05/**** bq06 1 ? bf07 or bq07 bf05 or bq05 1.5 ? bf05* or bq05* 2.2 ? bf05** or bq05** *upon request - no change **upon request & only available 50 v (v r ) - no change ****new case size reduction: bf02 to bf 01, bf07 to bf02, bf06 to bf07, bf04 to bf05, bf05 to bf06 capacitance values (c r ) and nominal voltages (v r )
15 bf/bq 01/02/05/06/07/04 bh 01/02/05/06/07 characteristics curves influence of the frequency on the impedance (room temperature). nominal rms voltage vs. frequency (room temperature) allowing a 10? increase of the external temperature of the box. z 100 ( ? ) 10 1 0.1 0.01 0.1 1 10 100 ?(mhz) ?4,7 nf ?10 nf ?22 nf ?47 nf ?100 nf ?220 nf ?470 nf ? 1 f ?1.5 f v rms max. 10 3 10 1 10 2 10 3 10 4 10 5 10 6 ?(hz) 22 nf 47 nf 100 nf 220 nf 470 nf 1 f 1.5 f cases v r : 63 v 10 2 40 10 1 v rms max. 10 3 10 2 10 1 10 1 ?(hz) 10 nf 22 nf 47 nf 100 nf 220 nf 470 nf 63 cases v r : 100 v 10 2 10 3 10 4 10 5 10 6 v rms max. 10 3 10 2 10 1 10 1 10 2 10 3 10 4 10 5 10 6 ?(hz) cases v r : 250 v 150 2.2 nf 4.7 nf 10 nf 47 nf 100 nf 22 nf v rms max. 10 3 10 2 10 1 10 1 10 2 10 3 10 4 10 5 10 6 ?(hz) cases v r : 400 v 200 1 nf 2.2 nf 4.7 nf 10 nf 22 nf 47 nf


▲Up To Search▲   

 
Price & Availability of BQ07XXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X