Part Number Hot Search : 
GP210 RN740 27M21 7805LS T5000780 5ETTTS SMAJ220A GBU410C
Product Description
Full Text Search
 

To Download BFX30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp silicon planar transistor BFX30 to-39 metal can package intended for switching applications. absolute maximum ratings (ta=25oc unless specified otherwise) description symbol value units collector emitter voltage v ceo 65 v collector base voltage v cbo 65 v emitter base voltage v ebo 5.0 v collector current continuous i c 600 ma peak i cm 600 ma emitter curent (peak value) i em 600 ma total device dissipation @ ta=25oc p tot 600 mw operating and storage junction t j , t stg -65 to +200 oc temperature range thermal resistance junction to ambient r th(j-a) 300 k/w electrical characteristics (ta=25oc unless specified otherwise) description symbol test condition min max units collector cut off current i cbo v cb =65v, i e =0 500 na v cb =50v, i e =0 50 na v cb =50v, i e =0, tj=100oc 2.0 a emitter cut off current i ebo v eb =5v, i c =0 500 na v eb =3v, i c =0 100 na dc current gain h fe i c =1.0ma,v ce =0.4v 40 i c =10ma,v ce =0.4v 50 200 i c =50ma,v ce =0.4v 20 i c =150ma,v ce =0.4v 10 base emitter saturation voltage v be(sat) i c =30ma,i b =1.0ma 0.9 v i c =150ma,i b =15ma 1.3 v value continental device india limited data sheet page 1 of 4 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
pnp silicon planar transistor BFX30 to-39 metal can package electrical characteristics (ta=25o c unless specified otherwise) description symbol test condition min max units small signal characteristics collector capacitance c tc v cb =10v,i e =ie=0,f=1mh z typ. 6.0 pf emitter capacitance c te v eb =2.0v, i c =,f=1mhz typ. 18 pf switching times delay time t d 15 ns rise time t r 40 ns turn on time (td+ tr) t on i c =100ma, i b on=i b off=10ma 50 ns storage time t s 250 ns fall time t f 50 ns turn off time (ts+tf) t off 290 ns value continental device india limited data sheet page 2 of 4
BFX30 to-39 metal can package to-39 metal can package 2 1 3 pin configuration 1. emitter 2. base 3. collector dim min max all dimensions are in mm a 8.50 9.39 b 7.74 8.50 c 6.09 6.60 d 0.40 0.53 e?0.88 f 2.41 2.66 g 4.82 5.33 h 0.71 0.86 j 0.73 1.02 k12.70 ? l 42 deg 48 deg a b c e k d g l h j f 1 2 3 to-39 500 pcs/polybag 540 gm/500 pcs 3" x 7.5" x 7.5" 20k 17" x 15" x 13.5" 32k 40 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail continental device india limited data sheet page 3 of 4
notes BFX30 to-39 metal can package BFX30rev310701 disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd is believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-579 6150 fax + 91-11-579 9569, 579 5290 e-mail sales @ cdil.com www.cdil.com continental device india limited data sheet page 4 of 4


▲Up To Search▲   

 
Price & Availability of BFX30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X