Part Number Hot Search : 
00ETTT X2816 HV9103P MAX16809 HT2813D A78L0 M199H PR1DJS
Product Description
Full Text Search
 

To Download BD705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 stern ave. springfield, new jersey 07081 u.s.a. description BD705/706/707/708 bd709/710/711/712 telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 the BD705, bd707, bd709 and bd711 are silicon epitaxial-base npn power transistors in jedec to- 220 plastic package intended for use in power linear and switching applications. the complementary pnp types are the bd706, bd708, bd710 and bd712 respectively. to-220 internal schematic diagrams absolute maximum ratings symbol vcbo vces vceo veao ic ib plot tstg tj parameter npn pnp* collector-emitter voltage (le =0) collector-emllter voltage (vse = 0) collector-emitter voltage (is - 0) emitter-base voltage (ic =0) collector current base current total power dissipation at tcase 25 c storage temperature junction temperature value BD705 bd706 45 45 45 bd707 bd708 60 60 60 bd709 bd710 80 80 80 bd711 bd712 100 100 100 5 12 5 75 -65 to 150 150 unit v v v v a a w cc c * for pnp types voltage and current values are negative. nj semi-conductors reserves the right to change test conditions, parameters limits and package dimensions without notice information ftimished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however nj semi-conductors assumes no responsibility tor any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
electrical characteristics (tca3a - 25 BD705/706 vcb<=45v forbd707/708 vcb-60v for b d709/71 0 vob ?= 80 v forbd711/712 vcb-100v forBD705/706 vcb=45v forbd707/708 vcb=-60v forbd709;710 vcb=80v forbd711/712 vcb=-100v forBD705/706 v0e=22v forbd707/708 vce-30v forbd709/710 vce=40v forbd711/712 vce -50v veb =5 v ic = 100 ma for BD705/706 for bd707/708 forbd709/710 forbd711/712 ic=4a ib -0.4 a ic=3a ib-** |c = 4 a vce = 4 v ic=0.5a vce=2v ic?2a vce=2v for bd70s/706 for bd707/708 forbd709/710 ic - 4 a vce - 4 v forBD705/706 forbd707/708 forbd709/710 forbd711/712 lo = 10 a vce =4 v for BD705/706 for bd707/708 forbd709/710 forbd711/712 ic = 300 ma vce = 3 v min. 45 60 80 100 40 30 30 30 20 15 15 15 5 5 3 typ. 120 30 10 10 8 8 max. 100 100 100 100 1 1 1 1 1 1 1 1 1 1 0.4 1.5 400 150 150 150 150 unit ua ua (ja ha ma ma ma ma ma ma ma ma ma v v v v v v v mhz ' pulsed : pulse duration =< 300 ms, duty cycle = 1,5 %. " value for which lo = 3,3a at'vce = 2v. for pnp types voltage and current values are negative.


▲Up To Search▲   

 
Price & Availability of BD705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X