Part Number Hot Search : 
XC5206 SF166C 64400 P5F60HP2 P5F60HP2 3N80C 512K3 C595N
Product Description
Full Text Search
 

To Download ATB2012E-75011M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2013 balun transformers wound smd atb series atb2012-50011 (2.0  1.2  1.2mm) atb2012-75011 (2.0  1.2  1.2mm) atb2012e-50011m (2.0  1.2  1.0mm) ATB2012E-75011M (2.0  1.2  1.0mm) rf components free datasheet http://www.ndatasheet.com
(2/13) 001-01 / 20130723 / e751_woundbalun_atb.fm rf components reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 6 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 75 % rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders free datasheet http://www.ndatasheet.com
(3/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components balun transformers wound smd features chip balun transformer developed for impedance systems; atb2012-50011 and atb2012e-50011m are for 50  impedance and atb2012-75011 and ATB2012E-75011M are for 75  impedance. input impedance is 50  for atb2012-50011 and atb2012e-50011m, and 75  for atb2012-75011 and ATB2012E-75011M. the impedance ratio is 1:1. the frequency band width for atb2012-50011 is 40mhz to 860mhz (standard il = 1.0db), for atb2012e-50011m is 400mhz to 1.8ghz (standard il =1.0db), for atb2012-75011is 50mhz to 1.2ghz (standard il = 0.8db), and for ATB2012E-75011M is 400mhz to 1.8ghz (standard il = 1.0db). application tv and mobile device tuners (dvb-t/h, isdb-t, etc.) stb / tuner power divider part number construction operating temperature range, package quantity, product weight  operating temperature range includes self-temperature rise.  the storage temperature range is for after the circuit board is mounted. overview of the atb series atb 2012 - 500 11 - t ??? series name lwh dimensions input impedance impedance ratio packaging style internal code (mm) ( ) 2012 2.01.21.2 500 50 11 1:1 t ?180mm reel 750 75 tl ?330mm reel atb 2012e - 500 11 m - t ?? series name lwh dimensions input impedance impedance ratio product internal code packaging style internal code (mm) ( ) 2012 2.01.21.0 500 50 11 1:1 m t ?180mm reel 750 75 tl ?330mm reel ty p e temperature range reel diameter package quantity individual weight operating temperature  storage temperature  c  c   pieces/reel  mg  atb2012-50011 C40 to +85 C40 to +85 ?180mm 2,000 10 ?330mm 10,000 atb2012-75011 C40 to +85 C40 to +85 ?180mm 2,000 10 ?330mm 10,000 atb2012e-50011m C40 to +85 C40 to +85 ?180mm 2,000 10 ?330mm 10,000 ATB2012E-75011M C40 to +85 C40 to +85 ?180mm 2,000 10 ?330mm 10,000 product compatible with rohs directive halogen-free compatible with lead-free solders rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://www.t dk.co.jp/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm. free datasheet http://www.ndatasheet.com
(4/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components overview of the atb series recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 230c 10 to 30s 245c 5s max. natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature free datasheet http://www.ndatasheet.com
(5/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components at b series atb2012-50011 type shape & dimensions recommended land pattern circuit diagram dimensions in mm 2.00.2 1.20.2 0.4 1.2 0.4 0.35 0.5 0.35 4 1 3 2 0.4 1. 2 0.1 dimensions in mm 1.2 2.7 0.4 0.8 1 2 4 3 unbalanced port 50 balanced port 50 free datasheet http://www.ndatasheet.com
(6/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components at b series y atb2012-50011 type electrical characteristics characteristics specification table  measurement equipment ? equivalent measurement equipment may be used. frequency characteristics insertion loss amplitude imbalance return loss phase balance frequency range (mhz) ub/b impedance (  ) insertion loss (db) cmrr min. dc resistance (  )max. rated current (ma) rated voltage (v) insulation resistance (m  ) withstanding voltage (v) part no. typ. max. 40 to 860 50/50 1.0 2.5 20 1.0 200 20 10 125 atb2012-50011-t measurement item product no. manufacturer dc resistance 4338a agilent technologies insulation resistance 4339a agilent technologies insertion loss e5071b agilent technologies return loss e5071b agilent technologies amplitude imbalance e5071b agilent technologies phase balance e5071b agilent technologies 0 100 400 500 600 700 800 900 1000 200 300 frequency ( mhz ) 6.0 4.0 3.0 1.0 5.0 2.0 0.0 insertion loss ( db ) frequency ( mhz ) 3.0 1.0 4.0 2.0 5.0 0 amplitude imbalance ( db ) 0 100 400 500 600 700 800 900 1000 200 300 frequency ( mhz ) 35 30 15 10 25 20 5 0 return loss ( db ) 0 100 400 500 600 700 800 900 1000 200 300 frequency ( mhz ) 175 177 179 180 182 178 176 181 183 185 184 phase balance ( deg. ) 0 100 400 500 600 700 800 900 1000 200 300 free datasheet http://www.ndatasheet.com
(7/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components at b series atb2012e-50011m type shape & dimensions recommended land pattern circuit diagram dimensions in mm 1.20.2 1.00.1 0.5 0.4 1.2 0.4 0.3 0.3 2.00.2 4 1 3 2 1.2 2.7 0.4 0.8 1 2 4 3 unbalanced port 50 balanced port 50 dimensions in mm free datasheet http://www.ndatasheet.com
(8/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components at b series y atb2012e-50011m type electrical characteristics characteristics specification table  measurement equipment ? equivalent measurement equipment may be used. frequency characteristics insertion loss amplitude imbalance return loss phase balance frequency range (mhz) ub/b impedance (  ) insertion loss (db) cmrr min. dc resistance (  )max. rated current (ma) rated voltage (v) insulation resistance (m  ) withstanding voltage (v) part no. typ. max. 400 to 1800 50/50 1.0 2.2 15 0.5 150 20 10 125 atb2012e-50011m-t measurement item product no. manufacturer dc resistance 4338a agilent technologies insulation resistance 4339a agilent technologies insertion loss e5071b agilent technologies return loss e5071b agilent technologies amplitude imbalance e5071b agilent technologies phase balance e5071b agilent technologies 0 200 800 1000 1200 1400 1500 1800 400 600 frequency ( mhz ) insertion loss ( db ) 0 1 2 3 4 5 6 7 8 9 amplitude imbalance ( db ) 0 200 800 1000 1200 1400 1500 1800 400 600 frequency ( mhz ) 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 40 45 0 200 800 1000 1200 1400 1500 1800 400 600 frequency ( mhz ) return loss ( db ) phase balance ( deg. ) 0 200 800 1000 1200 1400 1500 1800 400 600 frequency ( mhz ) 160 165 170 175 180 185 190 195 200 free datasheet http://www.ndatasheet.com
(9/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components at b series atb2012-75011type shape & dimensions recommended land pattern circuit diagram dimensions in mm 2.00.2 1.20.2 0.4 1.2 0.4 0.35 0.5 0.35 4 1 3 2 0.4 1. 2 0.1 dimensions in mm 1.2 2.7 0.4 0.8 1 2 4 3 1 2 4 3 unbalanced port 75 balanced port 75 free datasheet http://www.ndatasheet.com
(10/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components at b series y atb2012-75011type electrical characteristics characteristics specification table  measurement equipment ? equivalent measurement equipment may be used. frequency characteristics insertion loss amplitude imbalance return loss phase balance frequency range (mhz) ub/b impedance (  ) insertion loss (db) cmrr min. dc resistance (  ) rated current (ma) rated voltage (v) insulation resistance (m  ) withstanding voltage (v) part no. typ. max. 50 to 1200 75/75 0.8 1.2 20 0.7 280 20 10 125 atb2012-75011-t measurement item product no. manufacturer dc resistance 4338a agilent technologies insulation resistance 4339a agilent technologies insertion loss e5071b agilent technologies return loss e5071b agilent technologies amplitude imbalance e5071b agilent technologies phase balance e5071b agilent technologies 0 400 600 800 1000 1200 200 frequency ( mhz ) 6.0 4.0 3.0 1.0 5.0 2.0 0.0 insertion loss ( db ) frequency ( mhz ) 1.0 C1.0 0 2.0 C2.0 3.0 C3.0 amplitude imbalance ( db ) 0 400 600 800 1000 1200 200 frequency ( mhz ) C40 C35 C30 C15 C10 C25 C20 C5 0 return loss ( db ) 0 400 600 800 1000 1200 200 frequency ( mhz ) 170 174 178 184 176 172 182 180 186 190 188 phase balance ( deg. ) 0 400 600 800 1000 1200 200 free datasheet http://www.ndatasheet.com
(11/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components at b series ATB2012E-75011M type shape & dimensions recommended land pattern circuit diagram dimensions in mm 1.20.2 1.00.1 0.5 0.4 1.2 0.4 0.3 0.3 2.00.2 4 1 3 2 dimensions in mm 1.2 2.7 0.4 0.8 1 2 4 3 1 2 4 3 unbalanced port 75 balanced port 75 free datasheet http://www.ndatasheet.com
(12/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components at b series y ATB2012E-75011M type electrical characteristics characteristics specification table  measurement equipment ? equivalent measurement equipment may be used. frequency characteristics insertion loss amplitude imbalance return loss phase balance frequency range (mhz) ub/b impedance (  ) insertion loss (db) cmrr min. dc resistance (  )max. rated current (ma) rated voltage (v) insulation resistance (m  ) withstanding voltage (v) part no. typ. max. 400 to 1800 75/75 1.0 2 15 0.5 150 20 10 125 ATB2012E-75011M-t measurement item product no. manufacturer dc resistance 4338a agilent technologies insulation resistance 4339a agilent technologies insertion loss e5071b agilent technologies return loss e5071b agilent technologies amplitude imbalance e5071b agilent technologies phase balance e5071b agilent technologies 0 1 2 3 4 5 6 0 200 800 1000 1200 1400 1500 1800 400 600 frequency ( mhz ) insertion loss ( db ) amplitude imbalance ( db ) 0 200 800 1000 1200 1400 1500 1800 400 600 frequency ( mhz ) 0 1 2 3 4 5 6 7 8 9 10 0 200 800 1000 1200 1400 1500 1800 400 600 frequency ( mhz ) return loss ( db ) 0 5 10 15 20 25 30 35 40 0 200 800 1000 1200 1400 1500 1800 400 600 frequency ( mhz ) 160 165 170 175 180 185 190 195 200 phase balance ( deg. ) free datasheet http://www.ndatasheet.com
(13/13) 001-01 / 20130723 / e751_woundbalun_atb.fm ? all specifications are subject to change without notice. rf components at b series packaging style reel dimensions tape dimensions ty p e a w1 w2 n atb2012-50011 ?180 13 60 9 ?330 13.5 100 10 atb2012-75011 ?180 13 60 9 ?330 13.5 100 10 atb2012e-50011m ?180 13 60 9 ?330 13.5 100 10 ATB2012E-75011M ?180 13 60 9 ?330 13.5 100 10 dimensions in mm type a b ?d0 e f p0 p1 p2 w k t atb2012-50011 1.40.1 2.250.1 1.5+0.1/0 1.750.1 3.50.1 4.00.1 4.00.1 2.00.1 8.00.2 1.40.1 0.250.05 atb2012-75011 1.40.1 2.250.1 1.5+0.1/0 1.750.1 3.50.1 4.00.1 4.00.1 2.00.1 8.00.2 1.40.1 0.250.05 atb2012e-50011m 1.40.1 2.250.1 1.5+0.1/0 1.750.1 3.50.1 4.00.1 4.00.1 2.00.1 8.00.2 1.150.1 0.20.05 ATB2012E-75011M 1.40.1 2.250.1 1.5+0.1/0 1.750.1 3.50.1 4.00.1 4.00.1 2.00.1 8.00.2 1.150.1 0.20.05 ?13.0 0.2 ?21.0 0.8 n 2.0 0.5 a dimensions in mm 1.0 w2 w1 t w f e p0 p1 p2 ?d0 b a k dimensions in mm 160min. taping 440min. drawing direction 500 to 560min. free datasheet http://www.ndatasheet.com


▲Up To Search▲   

 
Price & Availability of ATB2012E-75011M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X