AOW15S65/aowf15s65 650v 15a a aa a mos tm power transistor general description product summary v ds @ t j,max 750v i dm 60a r ds(on),max 0.29 w q g,typ 17.2nc e oss @ 400v 3.6 m j 100% uis tested 100% r g tested symbol v ds v gs i dm i ar e ar e as mosfet dv/dt ruggedness peak diode recovery dv/dt h t j , t stg t l symbol r q ja r q cs r q jc * drain current limited by maximum junction tempera ture. units v/ns maximum case-to-sink a maximum junction-to-ambient a,d 300 65 65 maximum lead temperature for soldering purpose, 1/8" from case for 5 seconds j c c/w c/w w/ o c c thermal characteristics 0.5 -- c/w maximum junction-to-case 0.6 4.5 parameter AOW15S65 0.22 junction and storage temperature range -55 to 150 aowf15s65 100 power dissipation b the AOW15S65 & aowf15s65 have been fabricated using the advanced a mos tm high voltage process that is designed to deliver high levels of performance and robustness in switching applications. by providing low r ds(on) , q g and e oss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs. v units parameter absolute maximum ratings t a =25c unless otherwise noted AOW15S65 aowf15s65 drain-source voltage 650 gate-source voltage v i d 15* 15 t c =25c 30 a 2.4 a avalanche current c 10* 10 60 t c =100c pulsed drain current c continuous drain current single pulsed avalanche energy g w t c =25c dv/dt 1.7 20 derate above 25 o c mj mj 86 p d repetitive avalanche energy c 28 208 173 g ds top view to-262f bottom view top view to-262 bottom view g d s g d s g d s g d s AOW15S65 aowf15s65 rev0: dec 2011 www.aosmd.com page 1 of 6 free datasheet http:///
AOW15S65/aowf15s65 symbol min typ max units 650 - - 700 750 - - - 1 - 10 - i gss gate-body leakage current - - 100 n a v gs(th) gate threshold voltage 2.6 3.3 4 v - 0.254 0.29 w - 0.68 0.78 w v sd - 0.82 - v i s maximum body-diode continuous current - - 15 a i sm - - 60 a c iss - 841 - pf c oss - 58 - pf c o(er) - 40 - pf c o(tr) - 150 - pf c rss - 1.1 - pf r g - 14 - w q g - 17.2 - nc q gs - 4.3 - nc q gd - 5.6 - nc t d(on) - 27 - ns t r - 24 - ns t d(off) - 90 - ns t f - 23 - ns t rr - 320 - ns i rm - 27 - a q rr - 5.5 - m c this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. v ds =5v,i d =250 m a v ds =520v, t j =150c i d =250 a, v gs =0v, t j =150c i dss v bv dss drain-source breakdown voltage m a v ds =650v, v gs =0v electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i d =250 a, v gs =0v, t j =25c v gs =0v, v ds =100v, f=1mhz gate resistance v gs =0v, v ds =0v, f=1mhz effective output capacitance, energy related h v gs =0v, v ds =0 to 480v, f=1mhz v gs =10v, i d =7.5a, t j =150c reverse transfer capacitance effective output capacitance, time related i zero gate voltage drain current switching parameters v ds =0v, v gs =30v r ds(on) static drain-source on-resistance i s =7.5a,v gs =0v, t j =25c diode forward voltage input capacitance v gs =0v, v ds =100v, f=1mhz output capacitance v gs =10v, i d =7.5a, t j =25c body diode reverse recovery charge i f =7.5a,di/dt=100a/ m s,v ds =400v maximum body-diode pulsed current c turn-on delaytime dynamic parameters turn-on rise time turn-off delaytime body diode reverse recovery time peak reverse recovery current turn-off fall time i f =7.5a,di/dt=100a/ m s,v ds =400v i f =7.5a,di/dt=100a/ m s,v ds =400v v gs =10v, v ds =400v, i d =7.5a, r g =25 w total gate charge v gs =10v, v ds =480v, i d =7.5a gate source charge gate drain charge a. the value of r q ja is measured with the device in a still air environ ment with t a =25c. b. the power dissipation p d is based on t j(max) =150c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is use d. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150c, ratings are based on low frequency and duty cycles to keep initial t j =25c. d. the r q ja is the sum of the thermal impedance from junction to case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150c. the soa curve provides a single pulse ratin g. g. l=60mh, i as =2.4a, v dd =150v, starting t j =25c h. c o(er) is a fixed capacitance that gives the same stored energy as c oss while v ds is rising from 0 to 80% v (br)dss. i. c o(tr) is a fixed capacitance that gives the same chargin g time as c oss while v ds is rising from 0 to 80% v (br)dss. j. wavesoldering only allowed at leads. rev0: dec 2011 www.aosmd.com page 2 of 6 free datasheet http:///
AOW15S65/aowf15s65 typical electrical and thermal characteristics 0 5 10 15 20 25 0 5 10 15 20 v ds (volts) figure 1: on-region characteristics@25c i d (a) v gs =4.5v 6v 10v 7v 0.01 0.1 1 10 100 2 4 6 8 10 v gs (volts) figure 3: transfer characteristics i d (a) -55c v ds =20v 25c 125c 0.0 0.2 0.4 0.6 0.8 1.0 0 6 12 18 24 30 36 i d (a) figure 4: on-resistance vs. drain current and gate voltage r ds(on) ( w ww w ) v gs =10v 0 0.5 1 1.5 2 2.5 3 -100 -50 0 50 100 150 200 temperature (c) figure 5: on-resistance vs. junction temperature normalized on-resistance v gs =10v i d =7.5a 0.8 0.9 1 1.1 1.2 -100 -50 0 50 100 150 200 t j ( o c) figure 6: break down vs. junction temperature bv dss (normalized) 0 4 8 12 16 20 0 5 10 15 20 v ds (volts) figure 2: on-region characteristics@125c i d (a) v gs =4.5v 5v 10v 6v 5v 5.5v 5.5v 7v rev0: dec 2011 www.aosmd.com page 3 of 6 free datasheet http:///
AOW15S65/aowf15s65 typical electrical and thermal characteristics 0 3 6 9 12 15 0 5 10 15 20 25 q g (nc) figure 8: gate-charge characteristics v gs (volts) v ds =480v i d =7.5a 0 1 10 100 1000 10000 0 100 200 300 400 500 600 v ds (volts) figure 9: capacitance characteristics capacitance (pf) c iss c oss c rss 0.01 0.1 1 10 100 1 10 100 1000 v ds (volts) i d (amps) figure 11: maximum forward biased safe operating area for AOW15S65 (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150c t c =25c 100 m s 0.01 0.1 1 10 100 1 10 100 1000 v ds (volts) i d (amps) figure 12: maximum forward biased safe operating area for aowf15s65(note f) 10 m s 10ms 1ms 0.1s dc r ds(on) limited t j(max) =150c t c =25c 100 m s 1s 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 v sd (volts) figure 7: body-diode characteristics (note e) i s (a) 25c 125c 0 1 2 3 4 5 6 7 0 100 200 300 400 500 600 v ds (volts) figure 10: coss stored energy eoss(uj) e oss rev0: dec 2011 www.aosmd.com page 4 of 6 free datasheet http:///
AOW15S65/aowf15s65 typical electrical and thermal characteristics 0 4 8 12 16 20 0 25 50 75 100 125 150 t case (c) figure 14: current de-rating (note b) current rating i d (a) 0 40 80 120 160 200 25 50 75 100 125 150 175 t case (c) figure 13: avalanche energy e as (mj) 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width (s) figure 15: normalized maximum transient thermal imp edance for AOW15S65 (note f) z q qq q jc normalized transient thermal resistance d=t on /t t j,pk =t c +p dm .z q jc .r q jc r q jc =0.6c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse single pulse 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 16: normalized maximum transient thermal imp edance for aowf15s65 (note f) z q qq q jc normalized transient thermal resistance d=t on /t t j,pk =t c +p dm .z q jc .r q jc r q jc =4.5c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse single pulse rev0: dec 2011 www.aosmd.com page 5 of 6 free datasheet http:///
AOW15S65/aowf15s65 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery tes t circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt t rr ar ar rev0: dec 2011 www.aosmd.com page 6 of 6 free datasheet http:///
|