Part Number Hot Search : 
SP3072 5251B AD7244 MDN1X FST19240 FST19240 EE07988 SD1899
Product Description
Full Text Search
 

To Download 6EL1SCM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  libertyville, il (847) 680-7400 - www.cor.com series l l 99 power entry modules with rfi power line filter for general or medical applications ul recognized csa certified vde approved l series the l series power entry modules are compact units that combine a multi-function power entry module and high performance rfi filtering capabilities. they are available with either a four-voltage selector or a dpst on/off switch. both variations can be specified with north american or european fusing capabilities and are available in either flange or snap-in mounting. these filters are ul recognized, csa certified, and vde approved. the l series modules offer a choice of filters for general or medical applications. edl models the rfi filter is for general purpose applications where line-to-line and line-to-ground noise must be controlled. the filter is designed to meet the very low leakage requirements of vde portable equipment. they are available in three current ratings. ehl models this medical filter provides susceptibility protection without the leakage current associated with line- to-ground capacitors. designed to allow equipment to meet ul544 for patient care and nonpatient care equipment, the ehl filter has a maximum leakage current of 2 a at 120 vac 60 hz. see appendix c for more information on medical applications and ul standards. edl1s/ehl1s edl4c/ehl4c hl models (with 4-voltage selection) dl models (with 4-voltage selection) resistor location for reference only. notes: note 1: provision for dual european style fusing. note 2: on/off switch present only with ?s? suffix. electrical schematics dl models (with switch) hl models (with switch) to change selected voltage: disconnect the power cord; open cover using a small blade screwdriver or similar tool; insert the tool into the voltage selection slot and remove wheel from unit; select desired voltage; replace wheel into unit and close cover, making sure the selected voltage appears in connector window. voltage selection note 1 note 2 note 1 note 1 note 2 1 2 4 3 1 2 4 3 note 1
www.cor.com - libertyville, il (847) 680-7400 l 100 specifications ? filtered maximum leakage current, each line-to-ground: @ 120 vac 60 hz: edl models 0.25 ma ehl models 2 a @ 250 vac 50 hz: edl models 0.50 ma ehl models 5 a hipot rating (one minute): line-to-ground edl models 1500 vac ehl models 1500 vac line-to-line all models 1450 vdc operating voltages: 1s_ & 1sc_ models - fixed 100, 120, 220, 240 vac 4_ & 4c_ models ? selectable 100, 120, 220, 240 vac operating frequency: 50/60 hz rated voltage: 120/250 vac switch: rated for 10,000 ( 1s_ & 1sc_ models only) operations at full load 51 amp inrush capability fuse (not included): accepts one 1/4? x 1-1/4? fuse or two 5 x 20mm fuses terminals: .110 ( 2.79 ) terminals except for switch. switch terminals .187 ( 4.8 ). minimum insertion loss in db: line-to-ground in 50 ohm circuit current frequency-mhz rating .05 .15 1 5 10 30 edl models 2a 6 14 24 40 45 50 4a 2 8 18 32 38 45 6a 1 6 17 31 37 45 ehl models 6a 3 8 15 18 18 18 line-to-line in 50 ohm circuit current frequency-mhz rating .05 .15 1 3 5 10 30 edl models 2a 7 16 21 23 37 47 50 4a 6 15 18 23 26 45 47 6a 6 15 20 25 25 45 50 ehl models 6a 4 14 20 28 32 38 42 case dimensions - filtered metric shown in italics. part no. a b c d e f +.008/-.00 +.008/-.00 .015 (max) (max) (max) +.203/-.00 +.203/-.00 .038 flange 1.98 2.01 2.30 1.122 2.201 1.575 filtered 50.3 51.1 58.4 28.50 55.91 40.00 snap-in 1.28 2.01 2.30 1.122* 2.201 filtered 32.5 51.1 58.4 28.50 55.91 for panel thickness of .031 - .079 (0.8 - 2.0) . for panel thickness of .083 - .114 (2.1 - 2.9) use 2.213 (56.21). * for snap-in application, the d sides of the cutout must have a .02 (.508) r adius on the installation side. case styles - filtered flange models snap-in models recommended panel cutout note: snap-in models allow front mounting only. ? ? l series ? metric fuse models have additional jumper from filter to module
libertyville, il (847) 680-7400 - www.cor.com series l l 101 specifications ? unfiltered rated current: 6 amp @ 120 vac 6 amp @ 250 vac operating voltages: 6el1s & 6el1sc models?fixed 100, 120, 200, 240 vac 6el4 & 6el4c models?selectable 100, 120, 220, 240 vac operating frequency: 50/60 hz rated voltage: 120/250 vac switch: rated for 10,000 ( 6el1s & 6el1sc models only) operations at full load 51 amp inrush capability fuse (not included): accepts one 1/4? x 1-1/4? fuse or two 5 x 20mm fuses terminals: .110 ( 2.79 ) terminals except for switch. switch terminals .187 ( 4.8 ). case dimensions - unfiltered metric shown in italics. part no. a b c d e f +.008/-.00 +.008/-.00 .015 (max) (max) (max) +.203/-.00 +.203/-.00 .038 flange 1.98 1.66 2.30 1.122 2.201 1.575 unfiltered 50.3 42.2 58.4 28.50 55.91 40.00 snap-in 1.28 1.66 2.30 1.122* 2.201 unfiltered 32.5 42.2 58.4 28.50 55.91 for panel thickness of .031 - .079 (0.8 - 2.0) . for panel thickness of .083 - .114 (2.1 - 2.9) use 2.213 (56.21). * for snap-in application, the d sides of the cutout must have a .02 (.508) r adius on the installation side. case styles - unfiltered flange models snap-in models available part numbers filtered unfiltered 2edl1s 6edl1s 6el1s 2edl1sc 6edl1sc 6el1sc 2edl1sm 6edl1sm 6el1sm 2edl1scm 6edl1scm 6EL1SCM 2edl4 6edl4 6el4 2edl4c 6edl4c 6el4c 2edl4m 6edl4m 6el4m 2edl4cm 6edl4cm 6el4cm 4edl1s 6ehl1s 4edl1sc 6ehl1sc 4edl1sm 6ehl1sm 4edl1scm 6ehl1scm 4edl4 6ehl4 4edl4c 6ehl4c 4edl4m 6ehl4m 4edl4cm 6ehl4cm recommended panel cutout note: snap-in models allow front mounting only. ? ordering information consult your local corcom sales representative for pricing. ? ?


▲Up To Search▲   

 
Price & Availability of 6EL1SCM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X