Part Number Hot Search : 
74HC15 C2909 39200 A1718 RCA31W AQV212A R2000 2SK300
Product Description
Full Text Search
 

To Download 5021TR-A-1309-FA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  applications ? radar testing ? signal processing ? phased array antennas ? phase noise processing ? antenna remoting ? military communications ? telemetry, tracking & control (tt&c) features ? bandwidth to 3 ghz ? cooled, isolated direct-mod dfb laser ? high-dynamic-range ? -40 to +65c ? 1310 nm ? flat frequency response ? low phase noise ? ce certifed 5021tr-a 3 ghz 1310 nm dfb transceiver the 5021tr-a, 3 ghz dfb transceiver delivers unmatched perfor - mance for radar testing, signal processing, phased array antennas, and phase noise testing. this rugged device eliminates many of the problems that are inherent in alternative transceiver technologies. when used in conjunction with the 355a fber optic delay spools it offers performance that is superior to acoustic wave and coaxial delay lines. emcores fber optic transmitters provide bandwidth that is essentially indepen - dent of fber length, loss or delay, and triple transit signals that are immeasur - able. in addition to enhanced electrical performance, the transmitter provides several mechanical advantages. emcores technology takes advantage of the rigid yet fexible properties of fber optic cable to provide repeatable enhanced phase and group delay characteristics. the small size of these components allows for a long delay in a compact package with superior temperature stability of fber. typical s21 graph block diagram microwave datasheet | november 2013 ? 2013 emcore corporation | rev 2013.11 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice. +1 626-293-3400
absolute maximum ratings stresses in excess of the absolute maximum ratings can cause permanent damage to the device. these are absolute stress ratings only. functional operation of the device is not implied at these or any other conditions in excess of those given in the operation - al sections of the data sheet. exposure to absolute maximum ratings for extended periods can adversely affect device reliability. parameter symbol condition min max unit peratin temperature rane o aseplate t p continuous -0 5 electrical characteristics parameter 5021tr-a unit upper and de freuency min oer and de freuency max 005 amplitude flatness max 0 d p-p transmitter ain t 1 2 -1 db a receier ain r 1 2 -11 db a nput rf return oss max 005 - 0 -0 d utput rf return oss max 005 - 0 -0 d mpedance typ 50 m nput 1 d compression min 20 dm nput tird rder ntercept 005 0 0 dm noise fiure 005 0 d 1. tested at 25 c unless noted otherwise. 2. link rf gain db = tg + rg-2* fiberloss db (assumes r in = r out ) 3. performance applies only within frequency band specifed by the model number. dc interface characteristics pin number min typ max max ripple current 1 11 - 1 100 m p-p 0 a max 2 5 - 55 200 m p-p 1 a max optical characteristics parameter specifcations unit fiber sinle mode 125 m ptical connectors scapc or fcapc - 5021 ptical transmitter utput poer to 11 dmo ptical receier nput poer 10 dmo max delay - tx ptical 5 ns max delay - rx ptical 5 ns max 5021tr-a 3 ghz 1310 nm dfb transceiver microwave datasheet | november 2013 ? 2013 emcore corporation | rev 2013.11 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice. +1 626-293-3400
pin number function 1 +15 vdc 2 +5 vdc 3 not used 4 ground 5 ground 6 photodiode current monitor 7 alarm common 8 laser current monitor 9 alarm nine-pin, male d-sub connector pin/package information outline drawing 5021tr-a 3 ghz 1310 nm dfb transceiver microwave datasheet | november 2013 ? 2013 emcore corporation | rev 2013.11 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice. +1 626-293-3400
model number description 5021tr-a-1309-sa transceiver, 3 ghz, sma, 1310 nm, 9 dbm, sc/apc 5021TR-A-1309-FA transceiver, 3 ghz, sma, 1310 nm, 9 dbm, fc/apc laser safety order information ? power on ? laser temperature stable ? laser power stable ? photodiode optical input power front panel leds ? summary alarm, pins 7 & 9: closed when unit is ok. open if fault or no dc power. the alarm is a dry, form a contact. the alarm is a summary of : 1. +5 vdc regulator 2. laser temperature 3. laser optical power 4. photodiode optical input power alarm circuits dc monitor voltages ? photodiode current, pin 6: 1 v/1 ma (into 1 mohm load). proportional to photodiode optical input power. ? laser dc current, pin 8: 1 v/100 ma (into 1 mohm load) this product meets the appropriate standard in title 21 of the code of federal regulations (cfr). fda/cdrh class 1m laser product. this device has been classifed with the fda/cdrh under accession number 0220191. all versions of this laser are class 1m laser product, tested according to iec 60825-1:2007 / en 60825-1:2007. an additional warning for class 1m laser products. for diverging beams, this warning shall state that viewing the laser output with certain optical instruments (for example: eye loupes, magnifers, and microscopes) within a distance of 100 mm may pose an eye hazard. for collimated beams, this warning shall state that viewing the laser output with certain instruments designed for use at a distance (for example: telescopes and binoculars) may pose an eye hazard. wavelength 1.3/1.5 m. maximum power 30 mw. *caution - use of controls or adjustments or performance of procedures other than those specifed herein may result in hazardous radiation exposure. *iec is a registered trademark of the international electrotechnical commision. 5021tr-a 3 ghz 1310 nm dfb transceiver microwave datasheet | november 2013 ? 2013 emcore corporation | rev 2013.11 satcom-sales@emcore.com www.emcore.com information contained herein is deemed to be reliable and accurate as of the issue date. emcore reserves the right to change the design or specifcations at any time without notice. +1 626-293-3400


▲Up To Search▲   

 
Price & Availability of 5021TR-A-1309-FA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X