Part Number Hot Search : 
030K1F D1415 MO73D D1415 74LS0 M5222 A332MP NX6508
Product Description
Full Text Search
 

To Download 1912930000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb terminals | clamping yoke connection | ls 5.08 | ls 5.08/90 - 1 - general ordering data order no. 1912930000 part designation ls 5.08/11/90 3.5 or version pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 11, 90, box ean 4032248542819 qty. 100 pc(s). system parameters product family system ls conductor connection system clamping yoke connection fitted to pcb soldered connection outgoing direction of conductor 90 pitch 5.08 mm pitch in inch 0.2 inch no. of poles 11 fitted by customer yes max. adjacent poles per row 24 no. of rows 1 solder pin length 3.5 mm dia. of fitting hole 1.3 mm fitting hole tolerance + 0.1 mm no. of solder pins per pole 1
product catalogue | pcb connection systems | pcb terminals | clamping yoke connection | ls 5.08 | ls 5.08/90 - 2 - system parameters screwdriver blade 0.6 x 3.5 screwdriver blade standard din 5264 tightening torque, min. 0.4 nm tightening torque, max. 0.5 nm clamping screw m 2.5 stripping length 6 mm l1 in mm 50.8 mm l1 in inch 2 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch material data insulating material wemid (pa) colour orange colour chart similar to ral 2000 insulating material group i flammability class ul 94 v-0 cti >= 600 contact base material copper alloy contact surface tinned storage temperature, min. -25 c storage temperature, max. 55 c connectable conductors clamping range, min. 0.08 mm2 clamping range, max. 1.5 mm2 awg, min. 28 awg, max. 14 solid, min. h05(07) v-u 0.08 mm2 solid, max. h05(07) v-u 1.5 mm2 flexible, min. h05(07) v-k 0.08 mm2 flexible, max. h05(07) v-k 1.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.25 mm2 with wire end ferrule, acc. to din 46 228/1, max. 1.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.25 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 1.5 mm2 din iec rating data rated current, min. no. pins (tu=20c) 17.5 a rated current, max. no. pins (tu=20c) 17.5 a rated current, min. no. pins(tu=40c) 17.5 a rated current, max. no. pins (tu=40c) 17.5 a rated voltage for overvoltage class/pollution severity ii/2 630 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage for overvoltage class/pollution severity iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv
product catalogue | pcb connection systems | pcb terminals | clamping yoke connection | ls 5.08 | ls 5.08/90 - 3 - din iec rating data rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 28 awg conductor (field wiring), max. 14 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 28 awg conductor, max. 14 approvals approvals institutes downloads cad library (p-cad format - standard) ls.lib classifications etim 3.0 ec001284 eclass 5.1 27-26-11-01 similar products order no. part designation version 1912520000 ls 5.08/2/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 2, 90, box 1810850000 ls 5.08/2/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 2, 90, box
product catalogue | pcb connection systems | pcb terminals | clamping yoke connection | ls 5.08 | ls 5.08/90 - 4 - 1810960000 ls 5.08/2/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 2, 90, box 1811070000 ls 5.08/2/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 2, 90, box 1912530000 ls 5.08/3/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 3, 90, box 1810860000 ls 5.08/3/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 3, 90, box 1810970000 ls 5.08/3/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 3, 90, box 1811080000 ls 5.08/3/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 3, 90, box 1912540000 ls 5.08/4/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 4, 90, box 1810870000 ls 5.08/4/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 4, 90, box 1810980000 ls 5.08/4/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 4, 90, box 1811090000 ls 5.08/4/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 4, 90, box 1912560000 ls 5.08/5/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 5, 90, box 1810880000 ls 5.08/5/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 5, 90, box 1810990000 ls 5.08/5/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 5, 90, box 1811100000 ls 5.08/5/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 5, 90, box 1912570000 ls 5.08/6/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 6, 90, box 1810890000 ls 5.08/6/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 6, 90, box 1811000000 ls 5.08/6/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 6, 90, box
product catalogue | pcb connection systems | pcb terminals | clamping yoke connection | ls 5.08 | ls 5.08/90 - 5 - 1811110000 ls 5.08/6/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 6, 90, box 1912850000 ls 5.08/7/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 7, 90, box 1810900000 ls 5.08/7/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 7, 90, box 1811010000 ls 5.08/7/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 7, 90, box 1811120000 ls 5.08/7/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 7, 90, box 1912890000 ls 5.08/8/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 8, 90, box 1810910000 ls 5.08/8/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 8, 90, box 1811020000 ls 5.08/8/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 8, 90, box 1811130000 ls 5.08/8/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 8, 90, box 1912900000 ls 5.08/9/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 9, 90, box 1810920000 ls 5.08/9/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 9, 90, box 1811030000 ls 5.08/9/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 9, 90, box 1811140000 ls 5.08/9/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 9, 90, box 1912910000 ls 5.08/10/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 10, 90, box 1810930000 ls 5.08/10/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 10, 90, box 1811040000 ls 5.08/10/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 10, 90, box 1811150000 ls 5.08/10/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 10, 90, box
product catalogue | pcb connection systems | pcb terminals | clamping yoke connection | ls 5.08 | ls 5.08/90 - 6 - 1810940000 ls 5.08/11/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 11, 90, box 1811050000 ls 5.08/11/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 11, 90, box 1811160000 ls 5.08/11/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 11, 90, box 1912940000 ls 5.08/12/90 3.5 or pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 12, 90, box 1810950000 ls 5.08/12/90 3.5sw pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 12, 90, box 1811060000 ls 5.08/12/90 3.5gr pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 12, 90, box 1811170000 ls 5.08/12/90 3.5gn pcb terminal, clamping yoke connection, soldered connection, clamping range, max.: 1.5 mm2, pitch: 5.08 mm, no. of poles: 12, 90, box


▲Up To Search▲   

 
Price & Availability of 1912930000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X