Part Number Hot Search : 
MA150 CEM3128 SD130P Z5245B 1N5818 CXA14 FMM5829X LT1E45A
Product Description
Full Text Search
 

To Download 15N03GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 30v simple drive requirement r ds(on) 80m fast switching i d 15a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value unit rthj-case thermal resistance junction-case max. 4.8 /w rthj-amb thermal resistance junction-ambient max. 110 /w data & specifications subject to change without notice 200227032 thermal data parameter pulsed drain current 1 50 operating junction temperature range -55 to 150 linear derating factor 0.22 storage temperature range total power dissipation 28 -55 to 150 continuous drain current, v gs @ 10v 15 continuous drain current, v gs @ 10v 9 drain-source voltage 30 gate-source voltage ap15N03GH/j parameter rating pb free plating product the to-252 package is universally preferred for all commercial- industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap15n03gj) is available for low-profile applications. 20 g d s to-251(j) g d s to-252(h) g d s free datasheet http://www.datasheet-pdf.com/
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.037 -v/ r ds(on) static drain-source on-resistance v gs =10v, i d =8a - - 80 m v gs =4.5v, i d =6a - - 100 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =18a - 16 - s i dss drain-source leakage current (t j =25 o c) v ds =30v, v gs =0v ` - 1 ua drain-source leakage current (t j =150 o c) v ds =24v, v gs =0v - - 25 ua i gss gate-source leakage v gs =-- na q g total gate charge 2 i d =8a - 4.6 nc q gs gate-source charge v ds =24v - 1.1 nc q gd gate-drain ("miller") charge v gs =5v - 3 nc t d(on) turn-on delay time 2 v ds =15v - 4.9 - ns t r rise time i d =8a - 22.5 - ns t d(off) turn-off delay time r g =3.4 , v gs =10v - 12.2 - ns t f fall time r d =1.9 - 3.3 - ns c iss input capacitance v gs =0v - 160 - pf c oss output capacitance v ds =25v - 107 - pf c rss reverse transfer capacitance f=1.0mhz - 32 - pf source-drain diode symbol parameter test conditions min. typ. max. units i s continuous source current ( body diode ) v d =v g =0v , v s =1.3v - - 15 a i sm pulsed source current ( body diode ) 1 --50 a v sd forward on voltage 2 t j =25 , i s =15a, v gs =0v - - 1.3 v notes: 1.pulse width limited by safe operating area. 2.pulse width < 300us , duty cycle < 2%. ap15N03GH/j 100 20v free datasheet http://www.datasheet-pdf.com/
ap15N03GH/j fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature 40 50 60 70 80 90 234567891011 v gs (v) r ds(on) (m ) i d =8a t c =25 o c 0 10 20 30 40 01234567 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c v g =4.0v v g =6.0v v g =8.0v v g =10v 0 10 20 30 40 50 01234567 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c v g =4.0v v g =6.0v v g =8.0v v g =10v 0.6 0.8 1.0 1.2 1.4 1.6 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) v g =10v i d =8a free datasheet http://www.datasheet-pdf.com/
ap15N03GH/j fig 5. maximum drain current v.s. fig 6. typical power dissipation case temperature fig 7. maximum safe operating area fig 8. effective transient thermal impedance 0 10 20 30 40 0 50 100 150 t c , case temperature ( o c) p d (w) 0 5 10 15 20 25 50 75 100 125 150 t c , case temperature ( o c) i d , drain current (a) 1 10 100 1 10 100 v ds (v) i d (a) t c =25 o c single pulse 10us 100us 1ms 10ms d c 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty=0.5 single pulse free datasheet http://www.datasheet-pdf.com/
ap15N03GH/j fig 9. gate charge characteristics fig 10. typical capacitance characteristics fig 11. forward characteristic of fig 12. gate threshold voltage v.s. reverse diode junction temperature 0 1 2 3 -50 0 50 100 150 t j , junction temperature( o c) v gs(th) (v) 0.1 1 10 100 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 v sd (v) i s (a) t j =25 o c t j =150 o c 0 2 4 6 8 10 12 14 16 012345678910 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =16v v ds =20v v ds =24v i d =8a 10 100 1000 1 6 11 16 21 26 31 v ds (v) c (pf) f =1.0mhz ciss coss crss free datasheet http://www.datasheet-pdf.com/
ap15N03GH/j fig 13. switching time circuit fig 14. switching time waveform fig 15. gate charge circuit fig 16. gate charge waveform t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 5v q gs q gd q g charge 0.5x rated v ds to the oscilloscope - + 10 v d g s v ds v gs r g r d 0.8 x rated v ds to the oscilloscope - + d g s v ds v gs i d i g 1~ 3 m a free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of 15N03GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X