Part Number Hot Search : 
UA200 DF1502M R1601 XR1016CP 28AUR V4NST7UL MM3Z11VC BRUS240F
Product Description
Full Text Search
 

To Download ZX1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  compact displacement sensing ZX1 & zx2 series ? plug & play C simple operation ? highly stable C any surface ? all-in-one housing order/version: 2468322/003 (width: 210mm, height: 297mm) print type: zx brochure - central print, full color, with extra spotcolor(s) produced by adnovate on 09-may-2012 at 17:05:28 in adobe indesign 7.0.4.553 low resolution proof not suitable for production purposes page: 1 free datasheet http://
2 quite simply, the ZX1 and zx2 series of displacement sensors give you genuine best-in-class speed, accuracy and ease-of-use. for example, it has a response time as low as 60 s and a measuring cycle as low as 30 s. but perhaps the best thing about the new ZX1 and zx2 series is its highly stable measurement of any colour or surface condition C including metals, elastomers and even shiny materials. the result? optimised productivity for your machines and optimised satisfaction for your customers. benefits in brief ? wide range of sensing distances ? stable measurement for objects with any surface ? best-in-class performance for accuracy and speed ? worlds smallest sensing head C for easy mounting ? simple configuration via one-button smart tuning ? reliable measurement in harsh environments ? integrated display the highest performance order/version / idth mm height mm print type zx brochure - central print full color ith etra spotcolors produced y adnovate on -may- at in adoe indesign lo resolution proof not suitale for production purposes page free datasheet http://
3 the ZX1 and zx2 easily handle previously difficult surfaces such as dark matt-type and shiny surfaces. this ability eliminates production line stoppages caused by sensor failure, and also minimises stoppages caused when the targets surface is changed. this highly stable measurement is a result of the advanced hsdr (high speed dynamic range) cmos camera chip and the step-less laser power adjustment algorithm. the ZX1 displacement sensor includes an integrated amplifier. so you only need to mount one component. this not only saves time and space but also simplifies cabling. in addition the zx2 offers the worlds smallest sensor head. these compact, easy-to-mount sensors are also easy to configure. just one button press is all it takes to teach the sensor about which surface type it is sensing. perfect for fast machine installation, and ideal for use when product designs are changed. stable detection on any surface all-in-one housing plug & play for optimised productivity order/version: 2468322/003 (width: 210mm, height: 297mm) print type: zx brochure - central print, full color, with extra spotcolor(s) produced by adnovate on 09-may-2012 at 17:05:28 in adobe indesign 7.0.4.553 low resolution proof not suitable for production purposes page: 3 free datasheet http://
4 cap detection palletisation one range C multiple applications with the new ZX1 and zx2 range of omron displacement sensors you have the ideal solution for almost all of your displacement measuring tasks. for example, whether you need to check the tension of a paper-roll feed or the closure of a lid, the ZX1 and zx2 measurement sensors provide a wide range of solutions, one of which will be fit for your application. thats because these precision measuring sensors are not only fast and highly reliable, they are also extremely flexible C with measuring distances of 20 mm to 1000 mm. orderversion 12011 width 1mm, height 1mm rint type zx rochure - entral rint, full color, with extra spotcolors roduced by adnovate on -may-11 at 1 in adobe nesign ..2. ow resolution proof not suitable for production purposes age 2 free datasheet http://
ng 5 confirming the number of washers measuring the remaining amount of a coil measuring the depth of tread measuring run-out order/version: 2468322/003 (width: 210mm, height: 297mm) print type: zx brochure - central print, full color, with extra spotcolor(s) produced by adnovate on 09-may-2012 at 17:05:28 in adobe indesign 7.0.4.553 low resolution proof not suitable for production purposes page: 5 free datasheet http://
6 ZX1 compact convenience with integrated amplifier and all-in-one housing one-button press for easy teaching clear diagnostics for maximised productivity compact size for easy mounting with a single button-press on the ZX1 you get the ideal configuration for your application. this means that set-up and calibration no longer depend on the skills of the operator. a reliable and optimised configuration is achieved by just one button-press. when the laser approaches end-of- life, an in-built led flashes. this enables maintenance to be implemented systematically, without causing an unscheduled production line stoppage. the highly compact cmos displacement sensing head means that you can mount them in the smallest of spaces. the integrated led display can be read with ease and there is no need to refer to a manual. with an ingress protection rating of ip67 you are assured of highly reliable measurements even in harsh environments. thanks to the robot cable, the sensing head can even be mounted on moving parts. ip67 for high reliability even in harsh environments wide sensing range for extra design freedom 100 mm 35 mm ZX1-ld100 50 mm 10 mm ZX1-ld50 300 mm 150 mm ZX1-ld300 600 mm 400 mm ZX1-ld600 order/version: 2468322/003 (width: 210mm, height: 297mm) print type: zx brochure - central print, full color, with extra spotcolor(s) produced by adnovate on 09-may-2012 at 17:05:28 in adobe indesign 7.0.4.553 low resolution proof not suitable for production purposes page: 6 free datasheet http://
7 thats easy to use zx2 advanced functionality two calculations scalable output for enhanced flexibility smart tuning C for easy configuration hold functions for more flexibility two zx2 sensors can be used to measure the thickness or stepchanger for example, of a target. all you need to do is connect the calculating unit between the two amplifiers. the zx2 includes a scaling function which allows you to configure the value on the digital display, as well as the analogue output to the dimension of the application. the analogue output can be configured to either the output voltage or current. the zx2 also has a one-button press function for fast and simple configuration, as well as offering the above advanced features for enhanced measuring. with discrete hold functions equipped within the amplifier, the zx2 provides a variety of measurement timing functions, which enable you to easily realise otherwise difficult measurement results. five possible function values can be determined: average, peak-to-peak, sample, bottom and peak. level difference s=b-a easy calculations of measurements zx2-ld100l and zx2-ld100 100 mm 35 mm zx2-ld50l and zx2-ld50 50 mm 10 mm order/version: 2468322/003 (width: 210mm, height: 297mm) print type: zx brochure - central print, full color, with extra spotcolor(s) produced by adnovate on 09-may-2012 at 17:05:28 in adobe indesign 7.0.4.553 low resolution proof not suitable for production purposes page: 7 free datasheet http://
8 the complete range of omron measurement sensors high performance in as a total sensing solutions provider omron offers a choice of inspection principles and technologies to ensure you always get the solution that best-fits your application. to ensure the highest inspection performance these smart measurement sensors offer accurate, reliable and fast measurement. zw zs in addition to the ZX1 and zx2 series omron offers the zs family of laser sensors for ultra-critical applications. this provides outstanding measurement performance on all kinds of material and includes a very wide range of sensor heads as well as a scalable concept to provide a highly versatile platform. in addition, the new zw confocal fibre displacement sensor has no electrical components and is therefore ideal for applications where there is high electrical and/or magnetic noise. displacement/distance order/version / idth mm height mm print type zx brochure - central print full color ith etra spotcolors produced y adnovate on -may- at in adoe indesign lo resolution proof not suitale for production purposes page free datasheet http://
9 the 3 measurement disciplines zg zx-gt the smart profile sensors in the zg range provide an easy to use solution for scanning the profile of an object with a laser beam. depending on the height, the laser beam is reflected differently and creates the profile information. by moving the sensor or the object, the complete surface can be inspected. the smart laser micrometer zx-gt is the perfect choice to accurately determine the position or diameter of an object. the object interrupts the laser beam, which allows the edges of an object to be determined. profile measurement position/diameter/width order/version: 2468322/003 (width: 210mm, height: 297mm) print type: zx brochure - central print, full color, with extra spotcolor(s) produced by adnovate on 09-may-2012 at 17:05:28 in adobe indesign 7.0.4.553 low resolution proof not suitable for production purposes page: 9 free datasheet http://
ordering information ZX1 sensors accessories (s old separately) extension cables for pre-wired connector models an extension cable is not provided with the sensor. order an extension cable separately. zx2 sensors sensor heads amplifier units accessories (s old separately) these are not included with the sensor head or amplifier unit. please order as necessary. calculating unit sensor head extension cables *1. * extension cables cannot be coupled and used together. appearance connection method cable length sensing distance model npn output pnp output pre-wired 2 m ZX1-ld50a61 2m ZX1-ld50a81 2m 5 m ZX1-ld50a61 5m ZX1-ld50a81 5m pre-wired connector 0.5 m ZX1-ld50a66 0.5m ZX1-ld50a86 0.5m pre-wired 2 m ZX1-ld100a61 2m ZX1-ld100a81 2m 5 m ZX1-ld100a61 5m ZX1-ld100a81 5m pre-wired connector 0.5 m ZX1-ld100a66 0.5m ZX1-ld100a86 0.5m pre-wired 2 m ZX1-ld300a61 2m ZX1-ld300a81 2m 5 m ZX1-ld300a61 5m ZX1-ld300a81 5m pre-wired connector 0.5 m ZX1-ld300a66 0.5m ZX1-ld300a86 0.5m pre-wired 2 m ZX1-ld600a61 2m ZX1-ld600a81 2m 5 m ZX1-ld600a61 5m ZX1-ld600a81 5m pre-wired connector 0.5 m ZX1-ld600a66 0.5m ZX1-ld600a86 0.5m cable length model 10 m zx0-xc10r 20 m zx0-xc20r appearance optical system beam shape sensing distance resolution model diffuse reflective line beam 1.5m zx2-ld50l spot beam zx2-ld50 line beam 5m zx2-ld100l spot beam zx2-ld100 regular reflective spot beam 1.5m zx2-ld50v 40 50 10 mm 60 65 100 35 mm 135 150 300 150 mm 450 200 600 400 mm 1,000 40 5010mm 60 65 10035mm 135 43 485mm 53 appearance power supply output type model dc npn zx2-lda11 pnp zx2-lda41 appearance model zx2-cal cable length model 1m zx2-xc1r 4m zx2-xc4r 9m zx2-xc1r 20m zx2-xc20r free datasheet http://
ratings and specifications note: false detection outside the measurement range can occur in the case of an object with high reflectance. *1. classified as class 2 by en60825-1 criteria in accordance with the fda standard previsions of laser notice no. 50. notificat ion to cdrh planned. (center for devices and radiological health) *2. spot diameter: defined as 1/e 2 (13.5%) of the central intensity at the measurement center distance. false detections can occur in the case there is light leakage ou tside the defined region and the surroundings of the target obj ect have a high reflectance in comparison to the target object. accurate measurements may not be possible for workpieces that are smaller than the spot diameter. *3. temperature characteristic: value for the case the space between the sensor and omrons standard target object is secured by an aluminum jig. (measured at the measurement center distance) *4. linearity: indicates the error with respec t to the ideal straight line of the displa cement output in the case of measuring o mrons standard target object (white ceramic) at a temperature of 25c. linearity and measured value may vary depending on target object. *5. resolution: defined in standard mode for omrons standard target object (white ceramic) after executing smart tuning. the resolution indicates the repetition accuracy for a still workpiece. not an indication of the distance accuracy. resolution performance may not be satisfied in a strong electromagnetic field. *6. ip67 protection applies to the connector on pre-wire d connector models if an extension cable is connected. model npn output ZX1-ld50a61 ZX1-ld50a66 ZX1-ld100a61 ZX1-ld100a66 ZX1-ld300a61 ZX1-ld300a66 ZX1-ld600a61 ZX1-ld600a66 item pnp output ZX1-ld50a81 ZX1-ld50a86 ZX1-ld100a81 ZX1-ld100a86 ZX1-ld300a81 ZX1-ld300a86 ZX1-ld600a81 ZX1-ld600a86 measurement range 50 10 mm 100 35 mm 300 150 mm 600 400 mm light source (wave length) visible-light semiconductor laser (wavelength: 660 nm, 1 mw max., ie c/en class 2, fda class ii * 1) spot diameter (typical) (defined at the measurement center distance) * 2 0.17 mm dia. 0.33 mm dia. 0.52 mm dia. 0.56 mm dia. power supply voltage 10 to 30 vdc, including 10% ripple (p-p) current consumption 250 ma max. (at power supply voltage 10 vdc) control output load power supply voltage: 30 vdc max., load current: 100 ma max. (residual voltage: 1 v max. (load current 10 ma or less), 2 v max. (load current of 10 to 100 ma)) analog output current output: 4 to 20 ma, maximum load resistance: 300 indicators digital display (red), output indicator (out1, out2) (orange), zero reset indicator (orange), menu indicator (orange), laser on indicator (green), and smart tuning indicator (blue) response time judgment output super-high-speed (shs) mode: 1 ms high-speed (hs) mode: 10 ms standard (stnd) mode : 100 ms laser off input 200 ms max. zero reset input 200 ms max. temperature characteristic * 3 0.03% f.s./c 0.04% f.s./c linearity * 4 0.15% f.s. 0.25% f.s. 0.25% f.s. (200 to 600 mm) 0.5% f.s. (entire range) resolution * 5 2 m 7 m 30 m 80 m ambient illumination illumination on received light surface: 7,500 lx or less (incandescent light) illumination on received light surface: 5,000 lx or less (incandescent light) ambient temperature operating: -10 to +55c, storage: -15 to +70c (with no icing or condensation) ambient humidity operating and storage: 35% to 85% (with no condensation) dielectric strength 1,000 vac, 50/60 hz, 1 minute3 vibration resistance (destruction) 10 to 55 hz, 1.5-mm double amplitude, 2 hours each in x, y, and z directions shock resistance (destruction) 500 m/s 2 3 times each in x, y, and z directions degree of protection * 6 iec 60529, ip67 connection method pre-wired model (standard cable length: 2 m, 5 m) pre-wired connector model (standard cable length: 0.5 m) weight (packed state/ sensor only) pre-wired models (2 m) approx. 240 g / approx. 180 g approx. 270 g / approx. 210 g pre-wired models (5 m) approx. 450 g / approx. 330 g approx. 480 g / approx. 360 g pre-wired connector models (0.5 m) approx. 170 g / approx. 110 g approx. 200 g / approx. 140 g materials case and cover: pbt (polybutylene terephthalate), optica l window: glass, cable: pvc, mounting hole part: sus303 accessories instruction sheet and laser warning label (english) note:nnff: naf nls flnfan asf ne sfo : aa free datasheet http://
dimensions sensors (unit: mm) tolerance class it16 applies to dimensions in this datasheet unless otherwise specified. * ZX1-ld50: l = 50, a = 21 ZX1-ld100: l = 100, a = 11.5 reference surface reference surface reference surface emitter center position mark emitter axis two, 3.2 dia (mounting holes) 10.5 15.1 42.3 14.23 emitter center 7 16.7 10.1 emitter axis receiver axis (10.5) (2) 35.3 3.2 47 52.5 46.1 l * (measurement center distance) a * (10.2) 11.7 24.1 mounting hole dimensions emitter center position mark vinyl insulated round robot cable, 6.5 dia., 9 conductors (conductor cross section: 0.125 mm2, insulator diameter: 0.7 mm) standard length: 2 m / 5 m (pre-wired model), 0.5 m (pre-wired connector model) bending start position: 0 mm (from root of sensor cable) minimum bending radius: 39 mm 2.5 37.8 2.4 18.7 2-m3 p=0.5 reference surface reference surface 23.6 0.1 3.2 0.1 35.3 0.1 49.3 0.1 pre-wired models ZX1-ld50a @ 1/ZX1-ld100a @ 1 pre-wired connector models ZX1-ld50a @ 6/ZX1-ld100a @6 (13.6) 50.1 (1.9) 4.5 45.6 57 66 15.5 l * (10.2) 10.1 7 55.8 10.7 27.2 17 22 13.6 a * * ZX1-ld300: l = 300, a = 6.6 ZX1-ld600: l = 600, a = 3.4 reference surface reference surface reference surface emitter center position mark emitter axis two, 4.5 dia (mounting holes) emitter center emitter axis receiver axis (measurement center distance) mounting hole dimensions emitter center position mark vinyl insulated round robot cable, 6.5 dia., 9 conductors (conductor cross section: 0.125 mm2, insulator diameter: 0.7 mm) standard length: 2 m / 5 m (pre-wired model), 0.5 m (pre-wired connector model) bending start position: 0 mm (from root of sensor cable) minimum bending radius: 39 mm 3 50.3 3 21.3 2-m4 p=0.7 4.5 0.1 reference surface reference surface 30.1 0.1 45.6 0.1 61.5 0.1 pre-wired models ZX1-ld300a @1/ZX1-ld600a @1 pre-wired connector models ZX1-ld300a @ 6/ZX1-ld600a @ 6 dimenddssn dos dsr ssdsod orspde rsippn od free datasheet http://
dimensions sensors (unit: mm) tolerance class it16 applies to dimensions in this datasheet unless otherwise specified. * ZX1-ld50: l = 50, a = 21 ZX1-ld100: l = 100, a = 11.5 reference surface reference surface reference surface emitter center position mark emitter axis two, 3.2 dia (mounting holes) 10.5 15.1 42.3 14.23 emitter center 7 16.7 10.1 emitter axis receiver axis (10.5) (2) 35.3 3.2 47 52.5 46.1 l * (measurement center distance) a * (10.2) 11.7 24.1 mounting hole dimensions emitter center position mark vinyl insulated round robot cable, 6.5 dia., 9 conductors (conductor cross section: 0.125 mm2, insulator diameter: 0.7 mm) standard length: 2 m / 5 m (pre-wired model), 0.5 m (pre-wired connector model) bending start position: 0 mm (from root of sensor cable) minimum bending radius: 39 mm 2.5 37.8 2.4 18.7 2-m3 p=0.5 reference surface reference surface 23.6 0.1 3.2 0.1 35.3 0.1 49.3 0.1 pre-wired models ZX1-ld50a @ 1/ZX1-ld100a @ 1 pre-wired connector models ZX1-ld50a @ 6/ZX1-ld100a @6 (13.6) 50.1 (1.9) 4.5 45.6 57 66 15.5 l * (10.2) 10.1 7 55.8 10.7 27.2 17 22 13.6 a * * ZX1-ld300: l = 300, a = 6.6 ZX1-ld600: l = 600, a = 3.4 reference surface reference surface reference surface emitter center position mark emitter axis two, 4.5 dia (mounting holes) emitter center emitter axis receiver axis (measurement center distance) mounting hole dimensions emitter center position mark vinyl insulated round robot cable, 6.5 dia., 9 conductors (conductor cross section: 0.125 mm2, insulator diameter: 0.7 mm) standard length: 2 m / 5 m (pre-wired model), 0.5 m (pre-wired connector model) bending start position: 0 mm (from root of sensor cable) minimum bending radius: 39 mm 3 50.3 3 21.3 2-m4 p=0.7 4.5 0.1 reference surface reference surface 30.1 0.1 45.6 0.1 61.5 0.1 pre-wired models ZX1-ld300a @1/ZX1-ld600a @1 pre-wired connector models ZX1-ld300a @ 6/ZX1-ld600a @ 6 specifications diffuse-reflective sensor heads regular-reflective sensor head note: false detection outside the measurement range can occur in the case of an object with high reflectance. *1. beam size: defined as 1/e 2 (13.5%) of the central intensity at the smallest value of diameter for the measurement range (typical value) false detections can occur in the case there is light leakage ou tside the defined region and the surroundings of the target obj ect have a high reflectance in comparison to the target object. *2. resolution: indicates the degree of fluctuation (3 ) of analog output when connected to the zx2-lda. (the measured value is given for the center distance for omron s standard target object (diffuse-reflective models: white cera mic object, regular-reflective models: 1/4 flat mirror) when the response time of the zx2-lda is set to 128 ms.) indicates the repetition accuracy for when the workpiece is in a state of rest. not an indication of distance accuracy. resolution performance may not be satisfied in a strong electromagnetic field. *3. linearity: indicates the error with respec t to the ideal straight line of the displacement output in the case of measuring o mron s standard target object. linearity and measured value may vary depending on target object. f.s. indicates the full scope of the measurement range. (zx2-ld50 (l): 20mm) *4. temperature characteristic: value for the case the space between the sensor head and omron s standard target object is secu red by an aluminum jig. (measured at the measurement center dis- tance) *5. these sensors are classified as class 2 laser devices for di ffuse-reflective models and class 1 for regular-reflective model s under en 60825-1 and the regulations of laser notice no. 50 for fda certification. cdrh registration has been completed for diffuse- reflective models and is scheduled for regular-reflective model . item model zx2-ld50l zx2-ld50 zx2-ld100l zx2-ld100 optical system diffuse reflective light source (wave length) visible-light semiconductor laser with a wave length of 660 nm and an output of 1mw max. en class 2,fda class ii*5 measurement center point 50mm 100mm measurement range 10mm 35mm beam shape line spot line spot beam size *1 approx. 60m 2.6mm approx. 60m dia. approx. 110m 2.7mm approx. 110m dia. resolution *2 1.5m 5m linearity *3 0.05%f.s. (40 to 50mm) 0.1%f.s. (entire range 0.1%f.s. (40 to 50mm) 0.15%f.s. (entire range 0.05%f.s. (65 to 100mm) 0.1%f.s. (entire range 0.1%f.s. (65 to 100mm) 0.15%f.s. (entire range temperature characteristic *4 0.02%f.s./c ambient illumination incandescent lamp: 10,000lx max. (on light receiving side) ambient temperature operating: 0 to +50c, storage: -15 to +70c (with no icing or condensation) ambient humidity operating and storage: 35% to 85% (with no condensation) dielectric strength 1,000 vac, 50/60 hz for 1 minute vibration resistance (destruction) 10 to 150 hz, 0.7-mm double amplitude, 80 minutes, each in x,y,and z directions shock resistance (destruction) 300 m/s 2 3 times each in six directions ( up/down,left/right,forward/backward) degree of protection iec60529, ip67 connection method connector connection (standard cable length: 500 mm) weight (packed state) approx.160g (sensor head only: approx.75g) materials case and cover: pbt (polybutylene terephtah alate), optical window: glass, cable: pvc accessories instruction sheet, ferrite core, laser warni ng label (english), fda certification label item model zx2-ld50v optical system regular reflective light source (wave length) visible-light semiconductor laser with a wavelength of 660 nm a nd an output of 0.24 mw max. en class 1, fda class i*5 measurement center point 48mm measurement range 5mm beam shape spot beam size *1 approx. 60 dia resolution *2 1.5m linearity *3 0.3%f.s. (entire range) temperature characteristic *4 0.06%f.s./c ambient illumination incandescent lamp: 10,000lx max. (on light receiving side) ambient temperature operating: 0 to +50c, storage: -15 to +70c (with no icing or condensation) ambient humidity operating and storage: 35% to 85% (with no condensation) dielectric strength 1,000 vac, 50/60 hz for 1 minute vibration resistance (destruction) 10 to 150 hz, 0.7-mm double amplitude, 80 minutes, each in x,y,and z directions shock resistance (destruction) 300 m/s 2 3 times each in six directions ( up/down,left/right,forward/backward) degree of protection iec 60529, ip67 connection method connector connection (standard cable length: 500 mm) weight (packed state) approx.160g (sensor head only: approx.75g) materials case and cover: pbt (polybutylene terephtah alate), optical window: glass, cable: pvc accessories instruction sheet, ferrite core, laser warning label (english) note:nnff: naf nls flnfan asf ne sfo : a: free datasheet http://
amplifier units *1. in the case of omrons standard target object (white ceramic) *2. configure current output (4 to 20ma) and voltage output (5v or 1 to 5v) by menu mode. *3. calculating unit (zx2-cal) is necessary. calculations are poss ible for two amplifier units. mutual interference prevention i s possible for up to five amplifier units. calculating units item model zx2-lda11 zx2-lda41 measurement period *1 min. 30s response time 60s, 120s, 240s, 500s, 1ms, 2ms, 4ms, 8ms, 12ms, 20ms, 36ms, 66ms, 128ms, 250ms, 500ms analog output *2 4 to 20 ma, max. load resistance: 300 , 5vdc or 1 to 5 vdc, output impedance: 100 judgement outputs (high/pass/low: 3 outputs), error output npn open-collector outputs, 30 vdc, 50 ma max. (residual voltage: 1v max. for load current 10ma max., 2v max. for load current above 10ma) pnp open-collector outputs, 30 vdc, 50 ma max. (residual voltage: 1v max. for load current 10ma max., 2v max. for load current above 10ma) laser off input, zero reset input, timing input, reset input, bank input on: short-circuited with 0-v terminal or 1.2v or less off: open (leakage current: 0.1 ma max.) on: supply voltage short-circuited or supply voltage within -1.2v off: open (leakage current: 0.1 ma max.) functions smart tuning, scaling, sample hold, peak hold, bottom hold, peak-to-peak hold, self-peak hold, self-bottom hold, average hold, zero reset, on-delay timer, off-delay timer, keep/clamp switch, (a-b)calculations *3, thickness calculation *3, mutual interference prevention *3, laser deterioration detection, bank function(4 banks), differential function indications judgement indicators: high(orange), pass(green), lo w(orange), 11-segment main display(red), 11-segment sub-display(orange), laser on(green), zero reset(green), enable(green), menu(green), high threshold(orange), low threshold(orange) power supply voltage 10 to 30 vdc, including 10% ripple(p-p) power consumption 3,000 mw max. with power supply voltage of 30 vdc and power supply current of 100 ma (with sensor connected) ambient temperature operating: 0 to +50c, storage: -15 to +70c (with no icing or condensation) ambient humidity operating and storage: 35% to 85% (with no condensation) dielectric strength 1,000 vac, 50/60 hz for 1 minute vibration resistance (destruction) 10 to 150 hz, 0.7-mm double amplitude, 80 minutes, each in x,y,and z directions shock resistance (destruction) 300 m/s 2 3 times each in six directions (up/down,left/right,forward/backward) degree of protection iec60529, ip40 connection method prewired (standard cable length: 2 m) weight (packed state) approx.200g (amplifier un it only: approx.135g) materials case: pbt(polybutylene terephtahalate), cover: polycarbonate, display: acrylic resin, button: polyacetal, cable: pvc accessories instruction sheet item model zx2-cal applicable amplifier units zx2-lda11/zx2-lda41 current consumption 12ma max (supplied from the smart sensor amplifier unit) ambient temperature operating: 0 to +50c, storage: -15 to +70c (with no icing or condensation) ambient humidity operating and storage: 35 to 85% (with no condensation) connection method connector dielectric strength 1,000vac, 50/60 hz for 1minute vibration resistance (destructive) 10 to 150hz, 0.7-mm double amplitude, 80minutes, each in x,y,and z directions shock resistance (destructive) 300m/s 2 3 times each in six directions (up/down, left/right, forward/backward) materials case: abs, display: acrylic resin weight (packed state) approx. 50g (calculating unit only: approx. 15g) accessories instruction sheet order/version: 2468322/003 (width: 210mm, height: 297mm) print type: zx brochure - central print, full color, with extra spotcolor(s) produced by adnovate on 09-may-2012 at 17:05:28 in adobe indesign 7.0.4.553 low resolution proof not suitable for production purposes page: 14 free datasheet http://
dimensions units accessoires (unit: mm) reference surface reference surface emitter axis vinyl insulated round cable, 4.7 dia., 4 conductors (conductor cross-section: 0.086mm 2 / insulator diameter: 0.9mm) standard length: 0.5m emitter center mounting dimensions * in the case of zx2-ld50 (l), l=50, a=21 in the case of zx2-ld100 (l), l=100, a=11.5 9.7 35.3 10.5 15.1 16.7 7 10.1 (9.7) reference surface a* l* 7 39.5 4 4 two, 3.2-dia. (mounting holes) 40.05 40.05 31.50.05 430.05 27.5 28.43 emitter axis measurement center distance receiver axis 29.8 12.6 dia. range indicator laser warning light range indicator mounting reference surface mounting reference surface 2-m3 6 20.9 4.8 4.8 sensor heads zx2-ld50/zx2-ld50l /zx2-ld100/zx2-ld100l/zx2-ld50v vinyl insulated round cable, 5.2 dia., 11 conductors (conductor cross-section: 0.09mm 2 / insulator diameter: 0.7mm) standard length: 2m * 1 maximum height when cover open:56 * 2 minimum length when connected:50 4.2 47.6 6.2* 2 16.9 20.7 36.8 9.6 34.2 15.4 16.6 6.1 10.9 18 11.7 50 (when cover open 84.6) 38.4* 1 amplifier units zx2-lda11/zx2-lda41 24.9 12 8 14.4 3.4 5 36.7 15 44.05 9.5 coupled indicators coupling connectors calculating unit zx2-cal order/version: 2468322/003 (width: 210mm, height: 297mm) print type: zx brochure - central print, full color, with extra spotcolor(s) produced by adnovate on 09-may-2012 at 17:05:28 in adobe indesign 7.0.4.553 low resolution proof not suitable for production purposes page: 15 free datasheet http://
cd_en-01+zx+brochure austria tel: +43 (0) 2236 377 800 industrial.omron.at belgium tel: +32 (0) 2 466 24 80 industrial.omron.be czech republic tel: +420 234 602 602 industrial.omron.cz denmark tel: +45 43 44 00 11 industrial.omron.dk finland tel: +358 (0) 207 464 200 industrial.omron.fi france tel: +33 (0) 1 56 63 70 00 industrial.omron.fr germany tel: +49 (0) 2173 680 00 industrial.omron.de hungary tel: +36 1 399 30 50 industrial.omron.hu italy tel: +39 02 326 81 industrial.omron.it netherlands tel: +31 (0) 23 568 11 00 industrial.omron.nl norway tel: +47 (0) 22 65 75 00 industrial.omron.no poland tel: +48 22 458 66 66 industrial.omron.pl portugal tel: +351 21 942 94 00 industrial.omron.pt russia tel: +7 495 648 94 50 industrial.omron.ru south africa tel: +27 (0)11 579 2600 industrial.omron.co.za spain tel: +34 913 777 900 industrial.omron.es sweden tel: +46 (0) 8 632 35 00 industrial.omron.se switzerland tel: +41 (0) 41 748 13 13 industrial.omron.ch turkey tel: +90 212 467 30 00 industrial.omron.com.tr united kingdom tel: +44 (0) 870 752 08 61 industrial.omron.co.uk more omron representatives industrial.omron.eu automation systems ? programmable logic controllers (plc) ? human machine interfaces (hmi) ? remote i/o ? industrial pcs ? software motion & drives ? motion controllers ? servo systems ? inverters ? robots control components ? temperature controllers ? power supplies ? timers ? counters ? programmable relays ? digital panel indicators ? electromechanical relays ? monitoring products ? solid-state relays ? limit switches ? pushbutton switches ? low voltage switch gear sensing & safety ? photoelectric sensors ? inductive sensors ? capacitive & pressure sensors ? cable connectors ? displacement & width-measuring sensors ? vision systems ? safety networks ? safety sensors ? safety units/relay units ? safety door/guard lock switches although we strive for perfection, omron europe bv and/or its subsidiary and affiliated companies do not warrant or make any representations regarding the correctness or completeness of the information described in this document. we reserve the right to make any changes at any time without prior notice. omron e urope b.v. wegalaan 67-69, nl-2132 jd, hoofddorp, the netherlands. tel: +31 (0) 23 568 13 00 fax: +31 (0) 23 568 13 88 industrial.omron.eu order/version: 2468322/003 (width: 210mm, height: 297mm) print type: zx brochure - central print, full color, with extra spotcolor(s) produced by adnovate on 09-may-2012 at 17:05:28 in adobe indesign 7.0.4.553 low resolution proof not suitable for production purposes page: 16 free datasheet http://


▲Up To Search▲   

 
Price & Availability of ZX1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X