Part Number Hot Search : 
00390 41HF40 1236A MC33167 BZV55C10 E220A 1236A 4N27A
Product Description
Full Text Search
 

To Download ZX-LD30V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zx series (zx-l-n) smart sensors (laser type) 1 smart sensors (laser type) zx series (zx-l-n) . ordering information sensors sensor heads (reflective) sensor heads (through-beam) amplifier units note: compatible connection with the sensor head. optical system beam shape sensing distance resolution*1 model diffuse reflective spot beam 40 10 mm 2 m zx-ld40 100 40 mm 16 m zx-ld100 300 200 mm 300 m zx-ld300 line beam 40 10 mm 2 m zx-ld40l 100 40 mm 16 m zx-ld100l 300 200 mm 300 m zx-ld300l regular reflective spot beam 30 2 mm 0.25 m ZX-LD30V line beam ZX-LD30Vl *1. for an average count of 4,096. optical system measuring width sensing distance resolution*1 model through-beam 1-mm dia. 0 to 2000 mm 4 m zx-lt001 5 mm 0 to 500 mm zx-lt005 10 mm zx-lt010 30 mm 12 m zx-lt030 *1. for an average count of 64. appearance power supply output type model dc npn zx-lda11-n pnp zx-lda41-n free datasheet http://
2 zx series (zx-l-n) smart sensors (laser type) accessories (order separately) calculating unit side-view attachments logging tool for personal computers setup tool for personal computer note 1. the zx-sfw11ev3 or zx-sw11ev3 is required to use the smart monitor with the zx-lda11-n/41-n. earlier versions cannot be used. 2. the smart monitor basic does not have a logging function. other than the logging function, the smart monitor basic sup- ports the same functions as the smart monitor. cables with connectors on both ends (for extension)*1 *1. robot cable models are also available. the model numbers are zx-xc @ r. *2. for use only with reflective sensors. bank unit appearance model zx-cal2 appearance applicable sensor head model quantity zx-lt1001/ lt005 zx-xf12 1 zx-lt010 zx-xf22 appearance name model communica- tions interface unit rs-232c zx-sf11 usb zx-sf21 smart monitor (logging soft- ware + function setting soft- ware) zx-sw11ev3 (see note 1.) appearance name model communications interface unit (rs-232c) + smart monitor basic*2 (function setting software) zx-sfw11ev3 (see note 1.) cable length model quantity 1 m zx-xc1a 1 4 m zx-xc4a 8 m zx-xc8a 9 m *2 zx-xc9a appearance model zx-sb11 + free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 3 specifications sensor heads (reflective) note: highly reflective objects can result in incorr ect detection by causing out-of-range measurements. item model zx-ld40 zx-ld100 zx-ld300 ZX-LD30V zx-ld40l zx-ld100l zx-ld300l z3x-ld30vl optical system diffuse reflective regular re- flective diffuse reflective regular reflec- tive light source (wave length) visible-light semiconductor laser with a wavelength of 650 nm and an output of 1 mw max. en class 2, fda class ii measurement point 40 mm 100 mm 300 mm 30 mm 40 mm 100 mm 300 mm 30 mm measurement range 10 mm 40 mm 200 mm 2 mm 10 mm 40 mm 200 mm 2 mm beam shape spot line beam size*1 *1. beam size: the beam size is defined by 1/e 2 (13.5%) of the strength of the beam at the beam center (measured value) . incorrect detection may occur if there is light leakage outside the defined spot and the material around the sensing object is more reflective than the sensing object. 50- m dia. 100- m dia. 300- m dia. 75- m dia. 75 m x 2 mm 150 m x 2 mm 450 m x 2 mm 100 m x 1.8 mm resolution*2 *2. resolution: the resolution is the deviation ( 3 ) in the linear output when connected to the zx-l da amplifier unit. (the resolution is measured with the standard reference object (white ceramic), at the measurement point with the zx-lda set for an average count of 4,096 per period.) the resolution is given at the repeat accuracy for a stationary workpiece, and is not an indication of the distance accuracy. t he resolution may be adversely affected under strong electromagnetic fields. 2 m 16 m 300 m 0.25 m2 m 16 m 300 m0.25 m linearity*3 *3. linearity: the linearity is given as the error in an ideal straight line displacement output when measuring the standard ref erence object. the linearity and measurement values va ry with the object being measured. 0.2% fs (entire range) 0.2% fs (80 to 120 mm) 2% fs (200 to 400 mm) 0.2% fs (entire range) 0.2% fs (32 to 48 mm) 0.2% fs (80 to 120 mm) 2% fs (200 to 400 mm) 0.2% fs (entire range) temperature characteristic*4 *4. temperature characteristic: the temperatur e characteristic is measured at the meas urement point with the sensor and referenc e object (omron?s standard reference object) secured with an aluminum jig. 0.03% fs/ c (except for zx-ld300 and zx-ld300l, which are 0.1% fs/ c.) ambient illumination incandescent lamp: 3,000 l max. (on light receiving side) ambient temperature operating: 0 to 50 c, storage: ? 15 to 60 c (with no icing or condensation) ambient humidity operating and storage: 35% to 85% (with no condensation) insulation resistance 20 m ? min. at 500 vdc dielectric strength 1,000 vac, 50/60 hz for 1 min vibration resistance (destruction) 10 to 150 hz, 0.7-mm double amplitude 80 min each in x, y, and z directions shock resistance (destruction) 300 m/s 2 3 times each in six directions ( up/down, left/right, forward/backward) degree of protection iec60529, ip50 iec60529, ip40 iec60529, ip50 iec60529, ip40 connection method connector relay (standard cable length: 500 mm) weight (packed state) approx. 150 g approx. 250 g approx. 150 g approx. 250 g materials case: pbt (polybutylene terephthalate), cover: aluminum, lens: glass case and cover: alumi- num, lens: glass case: pbt (polybutylene terephthalate), cover: aluminum, lens: glass case and cov- er: aluminum, lens: glass accessories instruction sheet, laser warning label (english) free datasheet http://
4 zx series (zx-l-n) smart sensors (laser type) sensor heads (through-beam) item model zx-lt001 zx-lt005 zx-lt010 zx-lt030 optical system through-beam light source (wave length) visible-light semiconductor lase r with a wavelength of 650 nm en class 1, fda class ii maximum output 0.2 mw max. 0.35 mw max. 0.2 mw max. measurement width 1-mm dia. 1- to 2.5-mm dia. 5 mm 10 mm 30 mm measurement distance 0 to 500 mm 500 to 2,000 mm 0 to 500 mm minimum sensing object 8- m dia. (opaque) 8- to 50- m dia. (opaque) 0.05-mm dia. (opaque) 0.1-mm dia. (opaque) 0.3-mm dia. (opaque) resolution*1 *1. this value is obtained by converting the deviation ( 3 ) in the linear output that results when the sensor head is connected to the amplifier unit, into the measurement width. 4 m *2 *2. for an average count of 64. the value is 5 m for an average count of 32. this is the value that results when a mi nimum sensing object blocks the light near the center of the 1-mm measurement width. --- 4 m *3 *3. for an average count of 64. the value is 5 m for an average count of 32. 12 m *4 *4. for an average count of 64. the value is 15 m for an average count of 32. temperature characteristic 0.2% fs/ c 0.3% fs/ c ambient illumination incandescent lamp: 10,000 l max. (on light-receiving side) ambient temperature operating: 0 to 50 c, storage: ? 25 to 70 c (with no icing or condensation) ambient humidity operating: 35% to 85% (with no condensation) degree of protection iec60529, ip40 connection method connector relay (standard cable length: 500 mm) weight (packed state) approx. 220 g approx. 450 g cable length extendable up to 10 m with special extension cable. materials case polyetherimide zinc die-cast cover polycarbonate front filter glass tightening torque 0.3 n ? m max. accessories instruction sheet, sensor head-amplifier connection cable optical axis adjustment seal mounting bracket free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 5 amplifier units item model zx-lda11-n zx-lda41-n measurement period*1 *1. the response time for the first linear outpu t or judgment output is calculated as follows (with fixed s ensitivity): measurem ent period (average count setting + 1). the response time for the second and late r outputs is the measurement period specified in the table. 150 s possible average count settings 1, 2, 4, 8, 16, 32, 64, 128, 256, 512, 1,024, 2,048, or 4,096 temperature characteristic when connected to a reflecti ve sensor head: 0.01% fs/ c, when connected to a through-beam sensor head: 0.1% fs/ c linear output*2 *2. the output can be switched between a current output and voltage output using a switch on the bottom of the amplifier unit. current output: 4 to 20 ma/fs, max. load resistance: 300 voltage output: 4 v ( 5 v, 1 to 5 v *3), output impedance: 100 *3. setting is possible via the monitor focus function. judgement outputs (3 outputs: high/pass/low)*1 npn open-collector outputs, 30 vdc, 50 ma max. residual voltage: 1.2 v max. pnp open-collector outputs, 30 vdc, 50 ma max. residual voltage: 2 v max. laser off input, zero reset input, timing input, reset input on: short-circuited with 0-v terminal or 1.5 v or less off: open (leakage current: 0.1 ma max.) on: supply voltage short-circuited or supply voltage within 1.5 v off: open (leakage current: 0.1 ma max.) functions measurement value display, present va lue/set value/light level/resolution display, scaling, display reverse, display off mode, eco mode, number of display digit changes, sample hold, peak hold, bottom hold, peak-to-peak hold, self-peak hold, self-bottom hold, average hold, delay hold, intensity mode, zero reset, initial reset, on-delay timer, off-delay timer, one-s hot timer, deviation, previous value comparison, sensitivity adjustment, keep/clamp sw itch, direct threshold value se tting, position teaching, 2-point teaching, automatic teaching, hyster esis width setting, timing inputs, reset input, monitor focus, linear output compensation, (a-b) calculations*4, (a+b ) calculations*4, mutual interference*4, laser deterioration detection, zero reset memory, zero reset display, key lock *4. a calculating unit (zx-cal2) is required. indications operation indicators: high (orange) , pass (green), low (yellow), 7-segm ent main display (red), 7-segment subdisplay (yellow), laser on (green), zero reset (green), enable (green) power supply voltage 12 to 24 vdc 10%, ripple (p-p): 10% max. current consumption 140 ma max. with power supply volt age of 24 vdc (with sensor connected) ambient temperature operating and storage: 0 to 50 c (with no icing or condensation) ambient humidity operating and storage: 35% to 85% (with no condensation) insulation resistance 20 m min. at 500 vdc dielectric strength 1,000 vac, 50/60 hz for 1 min vibration resistance (destruction) 10 to 150 hz, 0.7-mm double amplitude 80 min each in x, y, and z directions shock resistance (destruction) 300 m/s 2 3 times each in six directions (u p/down, left/right, forward/backward) connection method prewired (standard cable length: 2 m) weight (packed state) approx. 350 g materials case: pbt (polybutylene terephthalate), cover: polycarbonate accessories instruction sheet free datasheet http://
6 zx series (zx-l-n) smart sensors (laser type) calculating unit zx-series communications interface unit * contact your omron representative for compoway/f communications specifications. item zx-cal2 applicable amplifier units zx-lda11-n/41-n/zx-eda11/41/zx-tda11/41 current consumption 12 ma max. (supplied from the smart sensor amplifier unit) ambient temperature operating: 0 to 50 c, storage: ? 15 to 60 c (with no icing or condensation) ambient humidity operating and storage: 35% to 85% (with no condensation) connection method connector dielectric strength 1,000 vac, 50/60 hz for 1 min insulation resistance 100 m (at 500 vdc) vibration resistance (destructive) 10 to 150 hz, 0.7-mm double amplitude 80 min each in x, y, and z directions shock resistance (destructive) 300 m/s 2 3 times each in six directions ( up/down, left/right, forward/backward) materials display: acrylic, case: abs resin weight (packed state) approx. 50 g item zx-sf11 zx-sf21 current consumption 60 ma max. (supplied by the amplifier unit) applicable amplifier units zx series applicable amplifier unit versions zx-lda @ 1-n ver. 1.000 or higher zx-eda @ 1 ver. 1.100 or higher zx-tda @ 1 ver. 1.000 or higher max. no. of amplifier units 5 communications functions communications port rs-232c port (9-pin d-sub connector) usb communications protocol compoway/f* baud rate 38,400 bps data configuration data bits: 8, parity: none, start bits: 1, stop bits: 1, flow control: none indicators power supply: green, sensor communications: green, sensor communications error: red, external terminal communications: green, external terminal communications error: red protective circuits reverse polarity protection ambient temperature operating: 0 to 50 c, storage: ? 15 to 60 c (with no icing or condensation) ambient humidity operating and storage: 35% to 85% (with no condensation) insulation resistance 20 m min. (at 500 vdc) dielectric strength 1,000 vac, 50/60 hz for 1 min, leakage current: 10 ma max. materials case: pbt (polybutylene terepht halate), cover: polycarbonate accessories instruction sheet, 2 clamps free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 7 engineering data (typical) angle characteristic (reflective sensors) the angle characteristic plots the relation between the inclin ation of the measurement object and the error in the linear outpu t at the measure- ment point. note: sus304 = stainless steel sus304 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 20 15 10 5 0 ? 5 ? 10 ? 15 ? 20 ? 10 ? 8 ? 6 ? 4 ? 20246810 20 15 10 5 0 ? 5 ? 10 ? 15 ? 20 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 20 15 10 5 0 ? 5 ? 10 ? 15 ? 20 ? 10 ? 8 ? 6 ? 4 ? 20246810 zx-ld40 side-to-side inclination front-to-back inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination front-to-back inclination front-to-back inclination zx-ld100 side-to-side inclination zx-ld300 side-to-side inclination zx-ld40l side-to-side inclination zx-ld100l side-to-side inclination zx-ld300l side-to-side inclination front-to-back inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination front-to-back inclination front-to-back inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination error (% fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination free datasheet http://
8 zx series (zx-l-n) smart sensors (laser type) 4 3 2 1 0 ?1 ?2 ?3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 10 ? 8 ? 6 ? 4 ? 20246810 white ceramic sus304 black paper ? inclination + inclination ZX-LD30V side-to-side inclination front-to-back inclination front-to-back inclination ZX-LD30Vl side-to-side inclination linearity error (%fs) linearity error (%fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination linearity error (%fs) angle of inclination ( ) white ceramic sus304 black paper + inclination ? inclination angle of inclination ( ) linearity error (%fs) free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 9 linearity characteristic for different materials (reflective sensors) 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 46 44 48 50 40 42 36 38 34 32 30 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 60 124 116 132 140 100 108 84 92 76 68 5 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 5 420 380 460 500 300 340 220 260 180 140 100 30 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 46 44 48 50 40 42 36 38 34 32 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 46 44 48 50 40 42 36 38 34 32 30 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 46 44 48 50 40 42 36 38 34 32 30 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 60 124 116 132 140 100 108 84 92 76 68 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 60 124 116 132 140 100 108 84 92 76 68 5 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 5 420 380 460 500 300 340 220 260 180 140 100 5 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 ? 5 420 380 460 500 300 340 220 260 180 140 100 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 30 46 44 48 50 40 42 36 38 34 32 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 30 46 44 48 50 40 42 36 38 34 32 zx-ld40 0 inclination error (% fs) distance (mm) 0 inclination ? 10 inclination front-to-back white ceramic sus304 black paper zx-ld100 0 inclination 10 inclination ? 10 inclination front-to-back 10 inclination zx-ld300 0 inclination ? 10 inclination front-to-back 10 inclination zx-ld40l 0 inclination ? 10 inclination front-to-back 10 inclination error (% fs) distance (mm) ? 10 inclination white ceramic sus304 black paper error (% fs) distance (mm) 10 inclination white ceramic sus304 black paper error (% fs) distance (mm) 0 inclination white ceramic sus304 black paper error (% fs) distance (mm) ? 10 inclination white ceramic sus304 black paper error (% fs) distance (mm) 10 inclination white ceramic sus304 black paper error (% fs) distance (mm) 0 inclination white ceramic sus304 black paper error (% fs) distance (mm) ? 10 inclination white ceramic sus304 black paper error (% fs) distance (mm) 10 inclination error (% fs) distance (mm) 0 inclination white ceramic sus304 black paper error (% fs) distance (mm) ? 10 inclination white ceramic sus304 black paper error (% fs) distance (mm) 10 inclination white ceramic sus304 black paper white ceramic sus304 black paper free datasheet http://
10 zx series (zx-l-n) smart sensors (laser type) 1.0 0.8 0.6 0.4 0.2 0 ? 0.2 ? 0.4 ? 0.6 ? 0.8 ? 1.0 28.0 28.4 28.8 29.2 29.6 30.0 30.4 30.8 31.2 31.6 32.0 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 60 124 116 132 140 100 108 84 92 76 68 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 60 124 116 132 140 100 108 84 92 76 68 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 420 380 460 500 300 340 220 260 180 140 100 1.0 0.8 0.6 0.4 0.2 0 ? 0.2 ? 0.4 ? 0.6 ? 0.8 ? 1.0 28.0 28.4 28.8 29.2 29.6 30.0 30.4 30.8 31.2 31.6 32.0 1.0 0.8 0.6 0.4 0.2 0 ? 0.2 ? 0.4 ? 0.6 ? 0.8 ? 1.0 28.0 28.4 28.8 29.2 29.6 30.0 30.4 30.8 31.2 31.6 32.0 1.0 0.8 0.6 0.4 0.2 0 ? 0.2 ? 0.4 ? 0.6 ? 0.8 ? 1.0 28.0 28.4 28.8 29.2 29.6 30.0 30.4 30.8 31.2 31.6 32.0 1.0 0.8 0.6 0.4 0.2 0 ? 0.2 ? 0.4 ? 0.6 ? 0.8 ? 1.0 28.0 28.4 28.8 29.2 29.6 30.0 30.4 30.8 31.2 31.6 32.0 1.0 0.8 0.6 0.4 0.2 0 ? 0.2 ? 0.4 ? 0.6 ? 0.8 ? 1.0 28.0 28.4 28.8 29.2 29.6 30.0 30.4 30.8 31.2 31.6 32.0 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 60 124 116 132 140 100 108 84 92 76 68 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 420 380 460 500 300 340 220 260 180 140 100 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 420 380 460 500 300 340 220 260 180 140 100 zx-ld100l 0 inclination ? 10 inclination front-to-back 10 inclination error (% fs) distance (mm) 0 inclination white ceramic sus304 black paper error (% fs) distance (mm) ? 10 inclination white ceramic sus304 black paper error (% fs) distance (mm) 10 inclination white ceramic sus304 black paper zx-ld300l 0 inclination ? 10 inclination front-to-back 10 inclination error (% fs) distance (mm) 0 inclination white ceramic sus304 black paper error (% fs) distance (mm) ? 10 inclination white ceramic sus304 black paper error (% fs) distance (mm) 10 inclination white ceramic sus304 black paper ZX-LD30Vl 0 inclination ? 10 inclination front-to-back 10 inclination ZX-LD30V 0 inclination ? 10 inclination front-to-back 10 inclination distance (mm) 0 inclination white ceramic sus304 black paper error (% fs) distance (mm) white ceramic sus304 black paper error (% fs) ? 10 inclination distance (mm) white ceramic sus304 black paper error (% fs) 10 inclination distance (mm) 0 inclination white ceramic sus304 black paper error (% fs) distance (mm) white ceramic sus304 black paper error (% fs) ? 10 inclination distance (mm) white ceramic sus304 black paper error (% fs) 10 inclination white ceramic sus304 black paper free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 11 zx-ld40 zx-ld100 zx-ld300 zx-ld40l zx-ld100l zx-ld300l ZX-LD30V ZX-LD30Vl l 30 mm 40 mm 50 mm x 240 m 40.0 m 250 m y 350 m 30.0 m 370 m l 60 mm 100 mm 140 mm x 390 m 100 m 430 m y 620 m 65.0 m 650 m l 100 mm 300 mm 500 mm x 1,050 m 180 m 1,100 m y 450 m 300 m 850 m l 30 mm 40 mm 50 mm x 2,000 m 2,000 m 2,000 m y 240 m 50.0 m 250 m l 60 mm 100 mm 140 mm x 2,000 m 2,000 m 2,000 m y 410 m 100 m 430 m l 100 mm 300 mm 500 mm x 2,000 m 2,000 m 2,500 m y 750 m 300 m 650 m y x l beam size (reflective sensors) spot beams beam cross-section y x l line beams beam cross-section l 28 mm 30 mm 32 mm x 60.0 m 30.0 m 120 m y 50.0 m 40.0 m 90.0 m l 28 mm 30 mm 32 mm x 1,800 m 1,800 m1,800 m y 90.0 m 60.0 m 110 m l y x spot beams beam cross-section l y x line beams beam cross-section free datasheet http://
12 zx series (zx-l-n) smart sensors (laser type) sensing object characteri stics (through-beam sensors) linearity characteristics 1 0.5 0 0.5 1 1.5 2 2.5 3 84 0 4 8 wd = 50 mm wd = 250 mm wd = 450 mm y wd sensing distance: 500 mm sensing object: 0.1-mm dia. pin gauge emitter side receiver side 2 0 ? 2 ? 4 ? 6 ? 8 ? 10 ? 12 ? 14 ? 16 ? 18 ? 2.5 ? 1.5 ? 0.5 0.5 1.5 2.5 wd=50 mm wd=250 mm wd=450 mm 0 y wd 2 0 ? 2 ? 4 ? 6 ? 8 ? 10 ? 12 ? 14 ? 16 ? 18 ? 2.5 ? 1.5 ? 0.5 0.5 1.5 2.5 wd=200 mm wd=500 mm wd=1,000 mm wd=1,500 mm wd=1,800 mm 0 y wd 1 0.5 0 ? 0.5 ? 1 ? 1.5 ? 2 ? 2.5 ? 3 ? 5 ? 2.5 2.5 5 wd=50 mm wd=250 mm wd=450 mm 0 y wd zx-lt001 (for 0.02-mm-dia. pin gauge) zx-lt001 (for 0.05-mm-dia. pin gauge) zx-lt005 (for 0.05-mm-dia. pin gauge) linear (analog) output (%fs) light axis center sensing distance: 500 mm sensing object: 0.02-mm dia. pin gauge emitter side receiver side linear (analog) output (%fs) light axis center sensing distance: 2 m sensing object: 0.05-mm dia. pin gauge emitter side receiver side linear output (%fs) light axis center sensing distance: 500 mm sensing object: 0.05-mm dia. emitter side receiver side detection position y (mm) detection position y (mm) detection position y (mm) pin gauge zx-lt010 (for 0.1-mm-dia. pin gauge) linear output (%fs) light axis center detection position y (mm) 4 3 2 1 0 1 2 3 4 01 2 3 45 wd = 50 mm wd = 250 mm wd = 450 mm wd sensing distance: 500 mm receiver side emitter side 4 3 2 1 0 ? 1 ? 2 ? 3 ? 4 01 2 3 45 wd=50 mm wd=250 mm wd=450 mm wd zx-lt005 linear output error rate (%fs) light interruption (mm) sensing distance: 500 mm emitter side receiver side zx-lt010 linear output error rate (%fs) light interruption (mm) free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 13 linear output vs. sensing distance the output can be switched between a current output and a voltage output using a switch on the amplifier unit. 25 30 40 35 45 50 55 24 20 16 12 8 4 0 25 30 40 35 45 50 55 6 4 2 0 ? 2 ? 4 ? 6 40 60 100 80 120 140 160 24 20 16 12 8 4 0 40 60 100 80 120 140 160 6 4 2 0 ? 2 ? 4 ? 6 0 100 300 200 400 500 600 24 20 16 12 8 4 0 27 28 30 29 31 32 33 24 20 16 12 8 4 0 27 28 30 29 31 32 33 6 4 2 0 ? 2 ? 4 ? 6 zx-ld40/ld40l current output vo ltag e o utp ut linear output (ma) linear output (v) distance (mm) distance (mm) 0 100 300 200 400 500 600 6 4 2 0 ? 2 ? 4 ? 6 zx-ld100/ld100l current output voltag e output linear output (ma) linear output (v) distance (mm) distance (mm) zx-ld300/ld300l current output voltage output linear output (ma) linear output (v) distance (mm) distance (mm) ZX-LD30V/ld30vl current output vo ltag e o utp ut linear output (v) distance (mm) linear output (ma) distance (mm) measurement range (4 mm) measurement range (4 mm) free datasheet http://
14 zx series (zx-l-n) smart sensors (laser type) i/o circuit diagrams connections: amplifier unit npn amplifier un it: zx-lda11-n internal circuits brown: 12 to 24 vdc load white: high output green: pass output gray: low output blue: gnd (0v) pink: laser off input purple: timing input orange: zero reset input red: reset input black: linear output shield: linear gnd current output: 300 ? max. voltage output: 10 k ? min. current output 4 to 20 ma current/voltage switch voltage output 4v 12 to 24 vdc load load load pnp amplifier unit: zx-lda41-n internal circuits brown: 12 to 24 vdc load white: high output green: pass output gray: low output blue: gnd (0v) pink: laser off input purple: timing input orange: zero reset input red: reset input black: linear output shield: linear gnd current output: 300 ? max. voltage output: 10 k ? min. current output 4 to 20 ma current/voltage switch voltage output 4v load load load 12 to 24 vdc 100 ? 100 ? brown: white: green: gray: blue: pink: purple: orange: red: black: shield: note 1. use a separate stabilized power supply for the amplifier unit, particularly when high resolution is required. 2. wire the unit correctly. incorr ect wiring may result in damage to the unit. (do not allow wiring, par ticularly the linear output, to come into contact with other lines.) 3. use the 0-v line (blue) for the power supply and use the shield wire (linear output ground) together with the linear output (black line) for linear output. each of these grounds must be used for the designed purpose. when not using the linear output, con- nect the linear ground (shield) to the 0-v ground. 12 to 24 vdc high output pass output low output gnd (0v) laser off input timing input zero reset input reset input linear output linear output gnd free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 15 part names amplifier units zx-lda11-n zx-lda41-n sensor heads (reflective) zx-ld40 zx-ld100 zx-ld300 zx-ld40l zx-ld100l zx-ld300l ZX-LD30V* ZX-LD30Vl* calculating unit zx-cal2 receiver (optical filter) output cable (with connector) input cable (with connector) display area controls output cable connector (cover opens and closes.) display area connector display area sensor heads (through-beam) zx-lt001 zx-lt005 zx-lt010 zx-lt030 emitter laser on indicator (green) lit when light is emitted. light emitter receiver side (optical filter) emitter side sensor head connector receiver side sensor head connector receiver emitter *the dimensions for these models are sli ghtly different. refer to page 23 for details. free datasheet http://
16 zx series (zx-l-n) smart sensors (laser type) precautions design precautions ratings and performance  conform to the specified ratings and performance. refer to speci- fications for details. 1. do not impose voltage exceeding the rated voltage, otherwise the sensor may be damaged. 2. when supplying power to the sensor, make sure that the polarity of the power is correct, otherwise, the sensor may be damaged. do not connect to an ac power supply. 3. do not short-circuit the load for the open collector output, oth- erwise the sensor may be damaged.  do not disconnect the connector connecting the sensor head and the controller while power is bei ng supplied, otherwise the sensor may be damaged.  allow a warm-up period of approximately 10 minutes after turning on the power supply.  objects of certain mate rials or shapes may not be detectable, or the detection accuracy may not be suffi ciently high. these include ma- terials that are transparent or hav e extremely low reflectivity, and objects that are smaller than the s ensor?s spot diameter or have ex- treme curvature or inclination. power supply and wiring  prior to turning on the power supply after wiring is completed, check to make sure that the power supply is correct, that there are no mistaken connections, e.g., connec tions that woul d short-circuit the load, and that the load current is appropriate. incorrect wiring may result in damage to the sensor or unit.  the total length of the sensor cable or amplifier cable must be 10 m or less. use an zx-xc @ a extension cable (order separately) if re- quired to extend the cable from t he sensor. use a shielded cable to extend the amplifier cable. the shielded cable must be the same as that of the amplifier cable.  do not lay a power supply cable fo r the zx together with high-volt- age lines or power lines to prev ent interference, damage, and mal- function.  when using a commercially availa ble switching regulator, ground the fg (frame ground) terminal.  if the power supply line is subject to surges, connect a surge ab- sorber that meets the condi tions of the usage environment.  when using a calculating unit, connect the corresponding linear ground of the amplifier unit. compatibility  all sensor heads and amplifier units are compatible. different sen- sor heads may be purchased at a later date and used with existing amplifier units. mutual interference  two sensor heads can be used together, without danger of mutual interference, by connecting the zx-cal 2 calculating unit between two amplifier units. maintenance  always turn off the power supply before adjusting or removing the sensor head.  cleaning do not use thinners, benzine, acetone, or kerosene for cleaning. if dust or oil adheres to the filter on the front of the sensor head, use the following procedure to clean. 1. use a blower brush (used to clean camera lenses) to blow large dust particles from the surface. do not blow the dust away with your mouth. 2. use a soft cloth (for lenses) with a small amount of alcohol to remove the remaining dust. do not use a scrubbing action when cleaning because scratches on the filter could result in sensor inaccuracy. other precautions environment 1. do not use the sensor in str ong electromagnetic fields or in an environment where the operation of the sensor is subject to the reflection of intense light (such as other laser beams or electric arc-we lding machines.) 2. do not operate the sensor in the following locations:  locations subject to strong vibration.  locations subject to direct sunlight or near heating equip- ment.  locations subject to high humidity.  locations where the sensor w ould accumulate dust, dirt, me- tallic powder, etc.  locations subject to corro sive or flammable gases.  locations subject to exposure to organic solvents, water, oil, etc.  locations subject to strong electromagnetic or electrical fields.  locations subject to r apid changes in temperature.  locations subject to freezing. free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 17 laser safety the zx-ld-series sensor heads are fda class ii and en class 2 laser products. the zx-lt-series sensor heads are fda class ii and en class 1 laser products. the zx se ries is meant to be built into final system equipment. pay special attention to the following precautions for the safe use of the product: note: europe: class 1 and class 2 of en60825-1: 1994 = iec825-1: 1993 u.s.a.: class i and class ii of fda (21 cfr1040.10) 1. use this product as specified in this instruction manual. otherwise, you may be exposed to hazardous laser radiation. 2. the zx-series smart sensors radiate laser beams in the visible light range. do not expose your eyes directly to the laser rad iation. ensure that the laser beam path is terminated during use. if a mirror or shiny surface is positioned in the laser beam path, ensure th at the reflected beam path is also terminated. if the unit must be used without terminating the laser beam path, position the laser beam path so that it is not at eye level. 3. to avoid exposure to hazardous laser radiation, do not displa ce nor remove the protective housing during operation, maintenan ce, and any other servicing. 4. the user should return the product to omron for all repair and servicing. 5. as for other countries, observe the regula tions and standards specified by each country. requirements from regulations and standards en60825-1 ?safety of laser pr oducts, equipment clas sification, require ments and user?s guide? summary of manufacturer?s requirements *with respect to the requirements of remote interlock connector , key control, emission warning and attenuator, class 3b laser p roducts not exceeding five times the ael of class 2 in the wavelength range of 400 nm to 700 nm are to be treated as class 3a laser product s. note 1. this table is intended to provide a conv enient summary of requirements. see text of this standard for complete requirements. requirements; sub-clause classification class 1 class 2 class 3a class 3b* class 4 description of hazard class safe under reason- ably foreseeable con- ditions low power; eye pro- tection normally af- forded by aversion responses same as class 2. di- rect intrabeam view- ing with optical aids may be hazardous direct intrabeam view- ing may be hazardous high power; diffused reflection may be haz- ardous protective housing required for each laser product; limits acce ss necessary for performance of functions of the products safety interlock in pro- tective housing designed to prevent removal of the panel until accessible emission values are below the ael (see note 2) for the class assigned remote control not required permits easy addition of external interlock in la- ser installation key control not required laser inoperative when key is removed emission warning de- vice not required gives audible or visible warning when laser is switched on or if capacitor bank of pulsed laser is being charged attenuator not required gives means beside on/off switch to tempo- rarily block beam location controls not required controls so located t hat there is no danger of exposure to ael above classes 1 or 2 when adjustments are made. viewing optics emission from all viewing systems must be belo w class 1 ael?s as applicable scanning scan failure shall not cause product to exceed its classification class label required wording figures a and b and specified wording aperture label not required specified wording required service entry label required as appropriate to the class of accessible radiation override interlock label required u nder certain conditions as appropria te to the class of laser used user information operation manuals must contain instructions for safe use purchasing and service information promotion brochures must r eproduce classification labels; service m anuals must contain safety information medical products special calibrati on instructions required special ca libration instructions, means for measurement and target-indicator required fibre optic cable service connecti ons require tool to disconnect if disconnection breaks protecti ve housing and permits access above class 1 free datasheet http://
18 zx series (zx-l-n) smart sensors (laser type) 2. ael: accessible emission limit the maximum accessible emission leve l permitted within a particular class. for your reference, see ansi z136.1-1993, section 2. symbol and border: black background: yellow figure a warning label - hazard symbol legend and border: black background: yellow figure b explanatory label free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 19 fda (compliance guide for laser products, 1985, according to 21 cfr1040.10) abbreviations: r: required. n/a: not applicable. s: requirements: same as for other products of that class. also see footnotes. np: not permitted. d: depends on level of interior radiation. footnotes: 1. based on highest level accessible during operation. 2. required wherever & whenever human access to laser radiation above class i limits is not needed for product to perform its fu nction. 3. required for protective housings opened dur ing operation or maintenance, if human acce ss thus gained is not always necessary when housing is open. 4. interlock requirements vary accordi ng to class of internal radiation. 5. wording depends on level & wavelength of la ser radiation within protective housing. 6. warning statement label. 7. caution logotype. 8. requires means to measure level of laser radiation intended to irradiate the body. 9. caution if 2.5 mw cm 2 or less, danger if greater than 2.5 mw cm 2 . 10.delay required between indication & emission. 11.variance required for class iib or iv demonstration laser products and light shows. 12.danger logotype. 13.required after august 20, 1986. requirements class (see note 1) i iia ii iiia iiib iv performance (all laser products) protective housing r (see note 2) r (see note 2) r (see note 2) r (see note 2) r (see note 2) r (see note 2) safety interlock r (see notes 3, 4) r (see notes 3, 4) r (see not es 3, 4) r (see notes 3, 4) r (see notes 3, 4) r (see notes 3, 4) location of controls n/a r r r r viewing optics r r r r r r scanning safeguard r r r r r r performance (laser systems) remote control connector n/a n/a n/a n/a r r key control n/a n/a n/a n/a r r emission indicator n/a n/a r r r (see note 10) r (see note 10) beam attenuator n/a n/a r r r r reset n/a n/a n/a n/a n/a r (see note 13) performance (speci fic purpose products) medical s s s s (see note 8) s (see note 8) s (see note 8) surveying, leveling, align- ment s s s s np np demonstration s s s s s (see note 11) s (see note 11) labeling (all laser products) certification & identifica- tion rrrrrr protective housing d (see note 5) d (see note 5) d (see note 5) d (see note 5) d (see note 5) d (see note 5) aperture n/a n/a r r r r class warning n/a r (see note 6) r (see note 7) r (see note 9) r (see note 12) r (see note 12) information (all laser products) user information r r r r r r product literature n/a r r r r r service information r r r r r r free datasheet http://
20 zx series (zx-l-n) smart sensors (laser type) use precautions en60825-1 *with respect to the requirements of remote interlock connecto r, key control, beam attenuator, and emission indicator, class 3b laser products not exceeding five times the ael of class 2 in the wavelength range of 400 nm to 700 nm are to be tr eated as class 3a laser product s. note: this table is intended to provide a conven ient summary of requirements. see text of this standard for complete precautions. ansi z136.1:1993 ?american national standard for the safe use of lasers? control measures for the four laser classes requirements; sub-clause classification class 1 class 2 class 3a class 3b* class 4 remote interlock not required c onnect to room or door circuits key control not required remove key when not in use beam attenuator not required when in use prevents inadvertent exposure emission indicator de- vice not required indicates laser is energized warning signs not required follow precautions on warning signs beam path not required terminate beam at end of useful length specular reflection no requirement s prevent unintentional reflections eye protection no requirements requ ired if engineering and administrat ive procedures not practicable and mpe exceeded protective clothing no requirements som etimes required spec ific requirements training no requirements required fo r all operator and maintenance personnel control measures classification engineering controls 1 2a 2 3a 3b 4 protective housing (4.3.1) x x x x x x without protective housing (4.3.1.1) lso (s ee note 2) shall establish alternate controls interlocks on protective housing (4.3.2) ???? xx service access panel (4.3.3) ???? xx key control (4.3.4) --- --- --- ---  x viewing portals (4.3.5.1) --- --- mpe mpe mpe mpe collecting optics (4.3.5.2) mpe mpe mpe mpe mpe mpe totally open beam path (4.3.6.1) --- --- --- --- x nhz x nhz limited open beam path (4.3.6.2) --- --- --- --- x nhz x nhz enclosed beam path (4.3.6.3) none is required if 4.3.1 and 4.3.2 fulfilled remote interlock connector (4.3.7) --- --- --- ---  x beam stop or attenuator (4.3.8) --- --- --- ---  x activation warning systems (4.3.9) --- --- --- ---  x emission delay (4.3.9.1) --- --- --- --- --- x indoor laser controlled area (4.3.10) --- --- --- --- x nhz x nhz class 3b laser controlled area (4.3.10.1) --- --- --- --- x --- class 4 laser controlled area (4.3.10.2) --- --- --- --- --- x laser outdoor controls (4.3.11) --- --- --- --- x nhz x nhz laser in navigable airspace (4.3.11.2) --- --- ---    temporary laser controlled area (4.3.12) ? mpe ? mpe ? mpe ? mpe --- --- remote firing & monitoring (4.3.13) --- --- --- --- ---  labels (4.3.14 and 4.7) x x x x x x area posting (4.3.15) --- --- ---  x nhz x nhz administrative & procedural controls 1 2a 2 3a 3b 4 standard operating procedures (4.4.1) --- --- --- ---  x output emission limitations (4.4 .2) --- --- --- lso determination education and training (4.4.3) --- ---   x x authorized personnel (4.4.4) --- --- --- --- x x alignment procedures (4.4.5) --- --- x x x x free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 21 note 1. legend x: shall : should ---: no requirement ? : shall if enclosed class 3b or class 4 mpe: shall if mpe is exceeded nhz: nominal hazard zone analysis required ? : applicable only to uv and ir lasers (4.5.1.2) 2. lso: laser safety officer an individual shall be designated the laser safety officer with the authority and responsibility to monitor and enforce the con trol of laser hazards, and to effect the knowledgeable evaluation and control of laser hazards. for your reference, see ansi z136.1-1993, section 1.3. laser product classifications en note: conditions for safe viewing of diffuse refl ections for class 3b visible lasers are: minimum viewing distance of 13 cm between s creen and cornea and a maximum viewing time of 10 s. other viewing conditions requi re a comparison of the diffuse reflection exposure wit h the mpe. protective equipment (4.4.6) --- --- --- ---  x spectator (4.4.7) --- --- --- ---  x service personnel (4.4.8) ? mpe ? mpe ? mpe ? mpe xx demonstration with general public (4.5.1) mpe ? ---xxxx laser optical fiber systems (4.5.2) mpe mpe mpe mpe x x laser robotic installations (4.5.3) --- --- --- --- x nhz x nhz eye protection (4.6.2) --- --- --- ---  mpe x mpe protective windows (4.6.3) --- --- --- --- x nhz x nhz protective barriers and curtains (4.6.4) --- --- --- ---   skin protection (4.6.5) --- --- --- --- x mpe x mpe other protective equipment (4.6.5) use may be required warning signs and labels (4.7) (d esign requirements) --- ---   x nhz x nhz service and repairs (4.8) lso determination modification of laser systems (4.9) lso determination class description class 1 lasers which are safe under reas onably foreseeable condi tions of operation. class 2 lasers emitting visible radiation in the wavelength range from 400 nm to 700 nm . eye protection is normally afforded by aversion responses including the blink reflex. class 3a lasers which are safe fo r viewing with the unaided eye. for laser emitti ng in the wavelength range from 400 nm to 700 nm , protection is afforded by aversion respons es including the blink reflex. for other wavelengths the hazard to the unaided eye is no greater than for class 1. direct intrabeam viewing of class 3a lasers wi th optical aides (e.g., binoculars, tele- scopes, micros copes) may be hazardous. class 3b direct intrabeam viewing of these lasers is always haz ardous. viewing diffuse reflections is normally safe (see note). class 4 lasers which are also capable of pr oducing hazardous diffuse reflec tions. they may cause skin injuries and could also constitute a fire hazard. thei r use requires extreme caution. control measures classification free datasheet http://
22 zx series (zx-l-n) smart sensors (laser type) comparison of classifications between fda and ansi label indications en note: use of controls, adjustments, or proced ures other than those specified herein ma y result in hazardous radiation exposure. fda note: use of controls, adjustments, or proced ures other than those specified herein ma y result in hazardous radiation exposure. class fda definition ansi description class i/1 limits applicable to devices that have emissions in the ultraviolet, visi- ble, and infrared spectra, and limits below which biological hazards have not been established. a class 1 laser is consider ed to be incapable of pro- ducing damaging radiation le vels during operation and maintenance and is, therefore, exempt from any con- trol measures or other forms of surveillance. class iia/2a limits applicable to products w hose visible emission does not exceed class i limits for emissi on durations of 1,000 se conds or less and are not intended for viewing. class 2 lasers are divided into two subclasses, 2 and 2a. a class 2 laser emits in the visible portion of the spectrum (0.4 to 0.7 m) and eye protection is normal- ly afforded by the aversion response including the blink reflex. class ii/2 limits applicable to products that have emissions in the visible spectrum (400 to 710 nm) for emission durations in excess of 0.25 second, pro- viding that emissions for other dura tions and/or wavelengths do not ex- ceed the class i limits. class ii pr oducts are considered hazardous for direct long-term ocular exposure. class iiia/3a limits to products that have em issions in the visibl e spectrum and that have beams where the total collect able radiant power does not exceed 5 milliwatts. class 3 lasers are divided into two subclasses, 3a and 3b. a class 3 laser may be hazardous under direct and specular reflection viewing conditions, but the diffuse reflection is usual ly not a hazard. class iiib/3b limits applicable to devices that emit in the ultraviolet, visible, and infra- red spectra. class iiib products includ e laser systems ranging from 5 to 500 milliwatts in the visible spectrum . class iiib emission levels are oc- ular hazards for direct exposure throughout the range of the class, and skin hazards at the higher levels of the class. class iv/4 exceeding the limits of class iiib and are a hazard for scattered reflec- tion as well as for direct exposure. a class 4 laser is a hazard to the eye or skin from the direct beam and sometimes from a diffuse reflection and also can be a fire hazard. class 4 lasers may also produce laser-generated air contaminants and hazard- ous plasma radiation. laser warning label en/iec warning label explanatory label with specified wording certification and identification label aperture label caution logo type aperture label class ii caution logo type certification and identification label free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 23 dimensions (unit: mm) sensor heads (diffuse reflective) sensor heads (regular reflective) 33 7 7 14.8 3.4 30.05 39 a ? 32 3.5 7 7 24.05 26 46 3.5 l ? 17 26 0.1 32 0.1 16.6 12.4 5 1.8 31.1 zx-ld40 zx-ld100 zx-ld300 zx-ld40l zx-ld100l zx-ld300l lens: 5 dia. lens: 8 dia. emitter axis receiver axis measurement point reference surface connector ? zx-ld40l: l = 40 mm, a = 23 zx-ld10l: l = 100 mm, a = 11 zx-ld30l: l = 300 mm, a = 3.8 vinyl-insulated round cable, 5.1 dia., standard: 500 mm range indicators two 3.2-dia. mounting holes mounting holes tw o, m 3 h o l e s 15 dia. 47 55 46 30 32.7 4.75 4.75 45 35 42.7 1 1 9.2 9.5 12.5 8.6 25 14 4.8 5-r2 47 0.1 two, m4 holes 20.7 ZX-LD30V ZX-LD30Vl mounting holes vinyl-insulated round cable, 5.1 dia., standard: 0.5 m connector light axis two, 4.5-dia. mounting holes reference plain receiver axis emitter axis lens (10 dia.) measurement center lens (16 dia.) 15 dia. free datasheet http://
24 zx series (zx-l-n) smart sensors (laser type) sensor heads (through-beam) 99 5 2.8 19 15 15 16 9 0.1 two, m3 holes 9 0.1 two, m3 holes 34 2.8 15 15 sensor head-amplifier unit connecting cable (provided) 2.6 dia 2 connector connector 1,500 +200 0 46 15 dia. slit (1 x 5) (only for zx-lt005) mounting holes mounting holes emitter receiver connector connector light axis center laser on indicator two, 3.2 dia. light axis center two, 3.2 dia. vinyl-insulated round cable (gray), 2.6 dia., standard: 500 mm zx-lt001 zx-lt005 vinyl-insulated round cable (black), 2.6 dia., standard: 500 mm 14 20 22 42 2.8 20 20 14 10 25 2.8 20 14 0.1 14 0.1 two, m3 holes two, m3 holes 1,500 +200 0 connector 2.6 dia 2 15 dia. 46 connector sensor head-amplifier unit connecting cable (provided) slit (1 x 10) zx-lt010 vinyl-insulated round cable (gray), 2.6 dia., standard: 500 mm mounting holes mounting holes emitter receiver vinyl-insulated round cable (black), 2.6 dia., standard: 500 mm connector connector light axis center laser on indicator two, 3.2 dia. light axis center two, 3.2 dia. free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 25 amplifier units 50 two, m4 2.3 10 41 70 50 52 44 5 6 20 44 21 10 18 8.1 1 10 10 16 22.6 70 9 69 4.75 slit (1 x 30) 14.7 dia. 43 12.5 connector two, m3, depth: 5 vinyl insulated round cable, 4 dia., standard length: 0.5 m 50 two, m4 60 5 6 20 44 21 9.5 35.9 70 9 69 41 2.3 10 4.75 8.1 lens (8 x 36) 11.5 dia. 35 12.5 emitter receiver three, m4 x 25 + pan head screw connector two, 4.5 dia. two, m3, depth: 5 three, m4 x 25 + pan head screw 70 50 68 1 10 10 16 22.6 two, 4.5 dia. vinyl insulated round cable, 4 dia., standard length: 0.5 m +50 0 1500 11 dia. 13.2 dia. 46 15 dia. 43 35.3 sensor head - amplifier unit connection cable zx-lt030 15.5 dia. 3 64.3 15.8 13 36.8 31.5 44 30 13.2 11.7 11.7 29 2.2 133 4.2 4.2 zx-lda11-n zx-lda41-n vinyl-insulated round cable, 5.23 dia. standard: 100 mm vinyl-insulated round cable, 5.2 dia. (conductor cross-section: 0.09 mm 2 , 10-conductor insulator diameter: 0.7 mm), standard: 2 m current/voltage output selector switch (set to voltage output when shipped) voltage output free datasheet http://
26 zx series (zx-l-n) smart sensors (laser type) accessories (order separately) 21 2. 8 2 0 2 0 2 0 24.9 19.5 3 9.5 15 44.05 30 15.1 12 8 26 14.4 3.4 36.7 5 54.9 57 15 15 15 15 2.7 10.6 calculating unit zx-cal2 operation indicators connectors side-view attachments zx-xf12 light axis center two, 2.2 dia. zx-xf22 light axis center two, 2.2 dia. seal free datasheet http://
zx series (zx-l-n) smart sensors (laser type) 27 30 4.2 3 64.3 4.2 31.5 36.8 13 (46) (336) 15 13.2 11.7 6.55 5 3 11.7 (33.1) cables with connectors on both ends (for extension) zx-xc1a (1 m) zx-xc4a (4 m) zx-xc8a (8 m) zx-xc9a (9 m) 46 ? 44 15 dia. vinyl-insulated round cable, 5.2 dia., 10 conductors 12 pins (male) 12 pins (female) ? zx-xc1a: 1,000 zx-xc4a: 4,000 zx-xc8a: 8,000 zx-xc9a: 9,000 15.5 dia. zx-series communications interface unit zx-sf11/zx-sf21* sensor communications indicator (communications operation) sensor communications indicator (communications error) coupling connector power supply indicator external terminal communications indicator (communications operation) external terminal communications indicator (communications error) connector vinyl-insulated round cable, 5.2 dia. standard: 300 mm * the zx-sf21 has a usb connector. the standard cable length is approx. 2 m. free datasheet http://
in the interest of product improvement, specifi cations are subject to change without notice. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527. e349-e1 omron corporation industrial automation company sensing devices division h.q. application sensors division shiokoji horikawa, shimogyo-ku, kyoto, 600-8530 japan tel: (81)75-344-7068/fax: (81)75-344-7107 this document provides information mainly for selecting su itable models. please read the document z197 carefully for information that the user must understand and accept before pu rchase, including information on warranty, limitations of liability, and precautions. csm_1_3_0911 free datasheet http://


▲Up To Search▲   

 
Price & Availability of ZX-LD30V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X