Part Number Hot Search : 
UPD3575 A1006 SHD12 BTX18 F2015ERW E075WB 480000 78006AP
Product Description
Full Text Search
 

To Download XTOR9ARL-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  catalog # project comments prepared by type date 2013-02-26 09:02:58 xtor crosstour maxx led applications: wall / surface inverted site lighting lumark ? specification features construction low-profle led design with rugged one-piece, die-cast aluminum back box and hinged removable door. matching housing styles incorporate both a full cutoff and refractive lens design. full cutoff and refractive lens models are available in 50w and 85w. patent pending secure lock hinge feature allows for safe and easy tool-less electrical connections with the supplied push-in connectors. back box includes four (4) 1/2" npt threaded conduit entry points. the back box is secured by four (4) lag bolts (supplied by others). external fn design extracts heat from the fxture surface. one-piece silicone gasket seals door and back box. not recommended for car wash applications. optical silicone sealed optical led chamber incorporates a custom engineered refector providing high-effciency illumination. full cutoff models integrate an impact-resistant molded refractive prism optical lens assembly meeting requirements for dark sky compliance. refractive lens models incorporate a molded lens assembly designed for maximum forward throw. solid state led crosstour luminaries are thermally optimized with two (2) lumen packages in cool 5000k or neutral warm 3500k led color temperature (cct). electrical led driver is mounted to the die-cast aluminum housing for optimal heat sinking. led thermal management system incorporates both conduction and natural convection to transfer heat rapidly away from the led source. 50w and 85w models operate in -40c to 40c [-40f to 104f]. high ambient 50c [122f] models available. crosstour maxx luminaires maintain greater than 85% of initial light output after 60,000 hours of operation. four (4) half-inch npt threaded conduit entry points allow for thru-branch wiring. back box is an authorized electrical wiring compartment. integral led electronic driver incorporates surge protection. 120- 277v 50/60hz, 480v 60hz, or 347v 60hz electrical operation. emergency egress optional integral cold weather battery emergency egress includes emergency operation test switch, an ac-on indicator light and a premium extended rated sealed maintenance-free nickel-metal hydride battery pack. the separate emergency lighting leds are wired to provide redundant emergency lighting. listed to ul standard 924, emergency lighting. area and site pole mounting optional extruded aluminum 6-1/2 arm features internal bolt guides for supplied twin support rods, allowing for easy positioning of the fxture during installation to pole. supplied with round plate adapter plate. optional tenon adapter fts 2-3/8 or 3-1/2 o.d. tenon. finish crosstour maxx is protected with a super tgic carbon bronze or summit white polyester powder coat paint. super tgic powder coat paint fnishes withstand extreme climate conditions while providing optimal color and gloss retention of the installed life. warranty five-year limited warranty. adh130015 2013-03-06 14:53:47 the patent pending lumark crosstour? maxx led wall pack series of luminaries provides low-profle architectural style with super bright, energy-effcient leds. the rugged die-cast aluminum construction, back box with secure lock hinges, stainless steel hardware along with a sealed and gasketed optical compartment make crosstour impervious to contaminants. the crosstour maxx wall luminaire is ideal for wall/ surface, inverted mount for facade/canopy illumination, perimeter and site lighting. typical applications include pedestrian walkways, building entrances, multi-use facilities, industrial facilities, perimeter parking areas, storage facilities, institutions, schools, and loading docks. description certification data ul/cul wet location listed lm79 / lm80 compliant rohs compliant arra compliant nom compliant models 3g vibration tested ul924 listed (cbp models) ip66 rated lighting facts? registered designlights? consortium qualifed* technical data 40c ambient temperature external supply wiring 90c minimum epa effective projected area (sq. ft.): xtor5a/xtor9a = 0.54 with pole mount arm = 0.98 shipping data: approximate net weight: 12-15 lbs. [5.4-6.8 kgs.] full cut off deep ba ck bo x deep ba ck bo x refra ctive lens 8-3/4" [222mm] 8-3/4" [222mm] 6-1/4" [1 59mm] 7" [1 78mm] 6" [1 52mm] 7" [1 78mm] 11 " [279mm] 11 " [279mm] dimensions * www.designlights.org 1 3-1/2" [343mm] 6-1/2" [1 65mm] 4-1/2" [1 1 4mm] arm mount 2-5/8" [67mm] 3/4" [1 9mm] dia. hole (2) 9/1 6" [1 5mm] dia. holes 3" [77mm] 1 -1/2" [39mm] t ype "c" arm drilling 12 " [305mm] set screws t op cap (fits 2-3/8" or 3-1/2" o. d. t enon) tenon adapter http://www..net/ datasheet pdf - http://www..net/
xtor crosstour maxx led adh130015 2013-03-06 14:53:47 50w led in fo rm ation xt or5a xt or5arl xt or5a -n xt or5arl -n deliv er ed lumens 4,282 4,553 3,532 3,830 b. u .g. rating b1 -u0-g1 b1 -u3-g2 b1 -u0-g1 b1 -u3-g2 cct (k elvin) 50 00 k5 000 k 350 0k 350 0k cri (color render ing index) 65 65 68 68 po w er consumption (w at ts) 50w 50w 50w 50w 85w led in fo rm ation xt or9a xt or9arl xt or9a -n xt or9arl -n deliv er ed lumens 7, 19 27 ,41 6 5,456 5,702 b. u .g. rating b1 -u0-g1 b1 -u3-g3 b1 -u0-g1 b1 -u3-g2 cct (k elvin) 50 00 k5 000 k 350 0k 350 0k cri (color render ing index) 65 65 68 68 po w er consumption (w at ts) 86w 85w 84w 82w egress inf or mation 50w and 85w f ull cut of f cbp egr ess led 50w and 85w refr activ e lens cbp egr ess led deliv er ed lumens 509 468 b. u .g. rating n.a. n.a. cct (k elvin) 40 00 k4 000 k cri (color render ing index) 65 65 po w er consumption (w at ts) 1 .8w 1 .8w power and lumens by fixture model cu rr ent (a) model ser ies xt or5a xt or9a xt or5a -cbp (fixt ur e/bat t ery) xt or9a -cbp (fixt ur e/bat t ery) 120v 0.43 0.72 0.68/0.25 0.97/0.25 208v 0.25 0.41 -- -- 240v 0.22 0.36 -- -- 277v 0.20 0.32 0.41/0.21 0.53/0.21 347v 0.1 6 0.26 -- -- 480v 0.1 2 0.1 9- -- - current draw ambient te mper at ur e tm-21 lumen maint enance theor etical l70 (hours) 50w model 72,0 00 hour s 25c > 91% > 332,0 00 40c > 91% > 324,0 00 50c > 91% > 324,0 00 85w model 36,0 00 hour s 25c > 92% > 15 7, 000 40c > 91% > 1 34,0 00 50c > 86% > 85,0 00 lumen maintenance 2013-02-26 09:02:58 note: specifcations and dimensions subject to change without notice. visit our web site at www.cooperlighting.com customer first center 1121 highway 74 south peachtree city, ga 30269 770.486.4800 fax 770.486.4801 http://www..net/ datasheet pdf - http://www..net/
note: specifcations and dimensions subject to change without notice. visit our web site at www.cooperlighting.com customer first center 1121 highway 74 south peachtree city, ga 30269 770.486.4800 fax 770.486.4801 50w ser ies 85w ser ies f ull cut of f xt or5a=50w , 50 0 0k, carbon bronz ex t or9a=85w , 50 0 0k, carbon bronz e xt or5a-pc1=50w , 50 0 0k, 1 20v pc, carbon bronz ex t or9a-pc1=85w , 50 0 0k, 1 20v pc, carbon bronz e xt or5a-wt= 50w , 50 0 0k, summit white xt or9a-wt=85w , 50 0 0k, summit white xt or5a-n=50w , 350 0k, carbon bronz ex t or9a-pc2=85w , 50 0 0k, 208-277v pc, carbon bronz e xt or9a-480v=85w , 50 0 0k, 480v , carbon bronz e refr activ e lens xt or5arl=50w , 50 0 0k, r efracti ve lens, carbon bronz ex t or9arl=85w , 50 0 0k, r efracti ve lens, carbon bronz e xt or5arl -pc1=50w , 50 0 0k, r efracti ve lens, 1 20v pc, carbon bronz ex t or9arl -pc1=85w , 50 0 0k, r efracti ve lens, 1 20v pc, carbon bronz e xt or5arl -wt=50w , 50 0 0k, r efracti ve lens, summit white xt or9arl -wt=85w , 50 0 0k, r efracti ve lens, summit white xt or5arl -n=50w , 350 0k, r efracti ve lens, carbon bronz ex t or9arl -pc2=85w , 50 0 0k, r efracti ve lens, 208-277v pc, carbon bronz e xt or9arl -480v=85w , 50 0 0k, r efracti ve lens, 480v , carbon bronz e stock ordering information xtor crosstour maxx led adh130015 2013-03-06 14:53:47 50w ser ies 85w ser ies f ull cut of f xt or5a-cbp=50w , 50 0 0k, carbon bronz e, cold w eather bat tery pa ck xt or9a-cbp=85w , 50 0 0k, carbon bronz e, cold w eather bat tery pa ck xt or5a-480v=50w, 50 0 0k, carbon bronz e, 480vx t or9a-n=85w , 350 0k, carbon bronz e xt or5a-pc2=50w , 50 0 0k, carbon bronz e, 208-277v pc refr activ e lens xt or5arl -pc2=50w , r efracti ve lens, 50 0 0k, carbon bronz e, 208-277v pc xt or9arl -cbp=85w , r efracti ve lens, 50 0 0k, carbon bronz e, cold w eather bat tery pa ck xt or5arl -cbp=50w , r efracti ve lens, 50 0 0k, carbon bronz e, cold w eather bat tery pa ck xt or9arl -n=85w , r efracti ve lens, 350 0k, carbon bronz e xt or5arl -480v=50w, r efracti ve lens, 50 0 0k, carbon bronz e, 480v 5-day quick ship ordering information 2013-02-26 09:02:58 ordering information sample number: xtor5a-n-wt-pc1 options 2 347v 347v 3, 4, 5 = 480v 480v 3, 4, 5 = pc1 photocontrol 120v = pc2 photocontrol 208-277v 6 = dim 0-10v dimming driver 3 = pma pole mount arm (c drilling) with round adapter 4 = ha 50 degrees c high ambient 7 = cbp cold weather battery pack 3, 4, 8, 9 = ms/dim-l20 motion sensor for dimming operation 3, 4, 8, 10, 11, 12 = ms-l20 motion sensor for on/off operation 3, 4, 11, 12 = accessories 13 va1040-xx single tenon adaper for 3-1/2" o.d.tenon 14 = va1041-xx 2 @ 180 degrees tenon adapter for 3-1/2" o.d.tenon 14 = va1042-xx 3 @ 120 degrees tenon adapter 3-1/2" o.d.tenon 14 = va1043-xx 4 @ 90 degrees tenon adapter for 3-1/2" o.d.tenon 14 = va1044-xx 2 @ 90 degrees tenon adapter for 3-1/2" o.d.tenon 14 = va1045-xx 3 @ 90 degrees tenon adapter for 3-1/2" o.d.tenon 14 = va1046-xx 2 @ 120 degrees tenon adapter for 3-1/2" o.d.tenon 14 = va1033-xx single tenon adapter for 2-3/8" o.d.tenon 14 = va1034-xx 2 @ 180 degrees tenon adapter for 2-3/8" o.d.tenon 14 = va1035-xx 3 @ 120 degrees tenon adapter for 2-3/8" o.d.tenon 14 = va1036-xx 4 @ 90 degrees tenon adapter for 2-3/8" o.d.tenon 14 = va1037-xx 2 @ 90 degrees tenon adapter for 2-3/8" o.d.tenon 14 = va1038-xx 3 @ 90 degrees tenon adapter for 2-3/8" o.d.tenon 14 = va1039-xx 2 @ 120 degrees tenon adapter for 2-3/8" o.d.tenon 14 = wg-xtormx crosstour maxx wire guard = pb120v field installed 120v photocontrol = pb277v button pc field installed 208-277 photocontrol 6 = housing color __ carbon bronze (standard) = wt summit white = series 1 full cutoff xtor5a 50w = xtor9a 85w = refractive lens xtor5arl 50w = xtor9arl 85w = led kelvin color __ bright white (standard) 5000k = n neutral warm white, 3500k = 1 designlights?consortium qualified. refer to www.designlights.org qualified products list under family models for details. notes: 2 add as suffix. 3 not available with ha option. 4 deep back box is standard for 347v, 480v, cbp, pma, ms-l20 and ms/dim-l20. 5 not available with cbp option. 6 use pc2 with 347v or 480v option for photocontrol. factory wired to 208-277v lead. 7 thru-branch wiring not available with ha option or with 347v. 8 120 or 277v only. 9 operating temperatures -20c to 25c. 10 factory set to 50% power reduction after 15 minutes of inactivity. dimming driver included. 11 for use in downlight orientation only. optimal coverage at mounting heights of 9'-20'. 12 includes integral photo sensor. 13 order accessories separately. 14 replace "xx" with cb for carbon bronze or wt for summit white. http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of XTOR9ARL-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X