Part Number Hot Search : 
123JM M30623F8 MC1402 SC3BJ4F 123JM BF3510TV OP400EY L1581D
Product Description
Full Text Search
 

To Download V23990-K428-A40-D3-19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v23990-k428-a40-pm miniskiip? 3 pim 1200v / 50a v geon 15 v v geoff -15 v r gon 8 r goff 8 figure 1 i gbt figure 2 fred typical average static loss as a function of output current typical average static loss as a function of output current p loss = f(i out ) p loss = f(i out ) at at t j = 150 c t j = 150 c mi*cos from -1 to 1 in steps of 0,2 mi*cos from -1 to 1 in steps of 0,2 figure 3 i gbt figure 4 fred typical average switching loss t ypical average switching loss as a function of output current p loss = f(i out ) as a function of output current p loss = f(i out ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v f sw from 2 khz to 16 khz in steps of factor 2 f sw from 2 khz to 16 khz in steps of factor 2 output inverter application = = = = 3phase spwm general conditions mi*cosfi = -1 mi*cosfi = 1 0 10 20 30 40 50 60 70 80 0 10 20 30 40 50 60 70 iout (a) ploss (w) mi*cosf i= -1 mi*cosfi = 1 0 10 20 30 40 50 60 70 0 10 20 30 40 50 60 70 iout (a) ploss (w) fsw = 2khz fsw = 16khz 0,0 10,0 20,0 30,0 40,0 50,0 60,0 70,0 80,0 90,0 0 10 20 30 40 50 60 70 iout (a) ploss (w) fsw = 2khz fsw = 16khz 0,0 5,0 10,0 15,0 20,0 25,0 30,0 35,0 0 10 20 30 40 50 60 70 iout (a) ploss (w) copyright vincotech 1 revision: 3
v23990-k428-a40-pm miniskiip? 3 pim 1200v / 50a figure 5 phase figure 6 phase typical available 50hz output current t ypical available 50hz output current as a function mi*cos i out = f(mi*cos ) as a function of switching frequency i out = f(f sw ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v f sw = 4 khz mi*cos = 0,8 t h from 60 c to 100 c in steps of 5 c t h from 60 c to 100 c in steps of 5 c figure 7 p hase figure 8 phase typical available 50hz output current as a function of typical available 0hz output current as a function mi*cos and switching frequency i out = f(f sw , mi*cos ) of switching frequency i outpeak = f(f sw ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v t h = 80 c t h from 60 c to 100 c in steps of 5 c mi = 0 output inverter application th = 60c th = 100c 0 10 20 30 40 50 60 -1,0 -0,8 -0,6 -0,4 -0,2 0,0 0,2 0,4 0,6 0,8 1,0 mi*cos iout (a) th = 60c th = 100c 0 10 20 30 40 50 60 1 10 100 fsw (khz) iout (a) 1 2 4 8 16 32 64 -1,00 -0,80 -0,60 -0,40 -0,20 0,00 0,20 0,40 0,60 0,80 1,00 iout (a) 40,0-45,0 35,0-40,0 30,0-35,0 25,0-30,0 20,0-25,0 15,0-20,0 10,0-15,0 5,0-10,0 mi*cosfi fsw (khz) th = 60c th = 100c 0 10 20 30 40 50 60 1 10 100 fsw (khz) iout (apeak) copyright vincotech 2 revision: 3
v23990-k428-a40-pm miniskiip? 3 pim 1200v / 50a figure 9 inverter figure 10 inverter typical available peak output power as a function of typical efficiency as a function of output power heatsink temperature p out =f(t h ) efficiency=f(p out ) at at t j = 150 c t j = 150 c dc link = 600 v dc link = 600 v mi = 1 mi = 1 cos = 0,80 cos = 0,80 f sw from 2 khz to 16 khz in steps of factor 2 f sw from 2 khz to 16 khz in steps of factor 2 figure 11 i nverter typical available overload factor as a function of m otor power and switching frequency p peak / p nom =f(p nom ,f sw ) at t j = 150 c dc link = 600 v mi = 1 cos = 0,8 f sw from 1 khz to 16khz in steps of factor 2 t h = 80 c motor eff = 0,85 output inverter application 2khz 16khz 0,0 5,0 10,0 15,0 20,0 25,0 60 65 70 75 80 85 90 95 100 th ( o c) pout (kw) 2khz 16khz 90,0 91,0 92,0 93,0 94,0 95,0 96,0 97,0 98,0 99,0 100,0 0,0 5,0 10,0 15,0 20,0 25,0 30,0 35,0 pout (kw) efficiency (%) switching frequency (khz) 100 150 200 250 300 350 400 motor nominal power (hp/kw) overload (%) 1 530 353 265 177 132 0 2 530 353 265 177 132 0 4 530 353 265 177 132 0 8 448 299 224 149 112 0 16 327 218 164 0 0 0 0,05 / 0,04 0,08 / 0,06 0,10 / 0,07 0,15 / 0,11 0,20 / 0,15 0,25 / 0,18 copyright vincotech 3 revision: 3


▲Up To Search▲   

 
Price & Availability of V23990-K428-A40-D3-19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X