Part Number Hot Search : 
KW1448A XE167 KTC2383 86C32 25NS20 W503YDT NU80579 IRFP25
Product Description
Full Text Search
 

To Download V1-W-2M-PVC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 release date: 2009-03-19 13:34 date of issue: 2009-03-19 032797_eng.xml subject to reasonable modifications due to technical advances. copyright pepperl+fuchs, printed in germany pepperl+fuchs group ? tel.: germany +49 621 776-0  usa +1 330 4253555  singapore +65 67799091  internet http://www.pepperl-f uchs.com cable connector V1-W-2M-PVC dimensions l 27.8 14.8 14.2 m12 x 1 35.1 model number V1-W-2M-PVC cable socket, m12, 4-pin, pvc cable features ? knurled nut suitable for tool assembly ? immunity to vibration, with mechani- cal latching ? gold plated contacts ? protection degree ip67 / ip68 / ip69k ? suitable for 2-, 3- and 4-wire technol- ogy technical data general specifications number of poles 4 connection 1 connector, female construction type 1 angled threading 1 m12 connection 2 free cable end electrical specifications operating voltage u b max. 300 v dc test voltage > 1500 v eff ac operating current max. 4 a volume resistance < 5 m ? ambient conditions ambient temperature -25 ... 100 c (248 ... 373 k) for temperatures over 80 c (353 k) reduced elongation at tear degree of soiling 3 mechanical specifications contact elements spring-loaded contact socket pin diameter 1 mm protection degree ip67 / ip68 / ip69k material contacts cusn / au contact surface au handle tpu, green cable pvc slotted nut diecast zinc core isolation pvc cable fine-strand, flexible sheath diameter ?4.8 mm bend radius > 10 x conductor diameter, appropriate for conveyor chains colour grey cores 4 x 0.34 mm 2 conductor construction 19 x 0.15 mm ? length l 2 m flammability contact material 94 v-2 housing 94 v-2 wire flame-resistant electrical connection 1 1 bn 4 bk 2 wh 3 bu


▲Up To Search▲   

 
Price & Availability of V1-W-2M-PVC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X