Part Number Hot Search : 
BH6951GU PVD1052 BH6951GU A1015 C161J HMM5135B A1015 HMM5135B
Product Description
Full Text Search
 

To Download V1-4809DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  07 07 dc-d c c onve rte r v1-05 05ss mot ien 0421 dc -d c c on ve rt er v1 -0 50 5d s mo ti en 04 21 v1-1w series features motien t e c h n o l o g y 1w unregulated single & dual output physical specifica tions absolute maximum ra tings (4) general specifica tions case material pin materialpotting material weight dimensions input voltage 5 modes 12 modes 24 modes 48 modes soldering t emperature (1.5mm from case 10 sec.) (100ms) efficiency i/o isolation v oltage (3 sec) input/output i/o isolation capacitancei/o isolation resistance switching frequency humidity reliability calculated mtbf (mil-hdbk-217 f) safety standard : (designed to meet) 0~7 vdc 0~15 vdc0~28 vdc 0~54 vdc 60 see table 1000~6000vdc 60 pf typ. 1000m ohm variable 80khz 95% rel h >1.121 mhrs iec 60950-1 all specifications typical at t a=25 c, nominal input voltage and full load unless otherwise specified 1 the information and specifications contained in this data sheet are believed to be correct at time of publication. however, motien technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. specifications are subject to change without notice. no rights under any patent accompany the sale of any such product(s) or information contained herein. these are stress ratings. exposure of devices to any of these conditions may adversely affect long-term reliability. non-conductive black plastic(ul94v-0 rated) 0.5 mm alloy42 solder-coated epoxy (ul94v-0 rated) (sip/2.3g) (dip/2.6g) sip case 0.76 ? x0.24 ? x0.39 ? dip case 0.80 ? x0.40 ? x0.27 ? output specifica tions voltage accuracy line regulationload regulation ripple & noise (20 mhz bandwidth)(1) temperature coefficient capacitor load (2) emc specifica tions (for sip series) radiated emissions esd rs en55022 fcc 47 cfr part 15 subpart a iec 61000-4-2iec 61000-4-3 class b class b perf. criteria b perf. criteria a input specific ations voltage range max. input currentno-load input current input filter input reflected ripple current (3) 10% see tablesee table capacitors 20ma pk-pk environment specifica tions operating t emperature maximum case temperature storage t emperature cooling -40 ~85 see derating curve) 100 -40 ~125 nature convection he v1 series is a family of cost ef fective 1w single & dual output dc-dc converters. these converters achieve low cost and ultra- t miniature sip 7 pin or dip 14 pin size. devices are encapsulated using flame retardant resin. the models operate from input voltage of 5, 12, 24, 48 vdc with output voltage of 3.3, 5,7.2, 9, 12,15, 18, 24, 3.3, 5, 7.2, 9, 12, 15, 18, 24 vdc. high performance features include 1000vdc~6000vdc input/output isolation, high ef ficiency operation and output voltage accuracy of 3% maximum. standard features include an input range of 10% tolerance and low output noise and ripple. 3 % 1.2% / per 1% vin change (from 20% to 100% load) 10% (output 3.3v model) 20% 75mv pk-pk 0.02%/ c see table
2 the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : sales@motien.com.tw v1 - 1w unregulated single & dual output suffix ? h ? means 3 kvdc isolation suffix ? h2 ? means 2 kvdc isolation suffix ? h4 ? means 4 kvdc isolation suffix ? h5 ? means 5.2 kvdc isolation suffix ? h6 ? means 6 kvdc isolation output voltage 3r3 - 3.3v 5 - 5v 7r2 - 7.2v 9 - 9v 12 - 12v 15 - 15v 18 - 18v 24 - 24v input voltage 5 - 5v 12 - 12v 24 - 24v 48 - 48v case & output t ype s - sip case, dual output d - dip case, dual output ss - sip case, single output ds - dip case, single output high isolation optional, if no suffix ? h ? mean 1 kvdc isolation h - 3kvdc isolation h2 - 2kvdc isolation h4 - 4kvdc isolation h5 - 5.2kvdc isolation h6 - 6kvdc isolation series name v1 - 12 0 5 ss h 6 part number structure 50 % 25 % 75 % 10 0% o u t p u t p o w e r -4 0 -2 0 0 20 40 60 80 10 0 12 0 am bi en t t em pe ra tu re ( ) d e ra ti n g c u rv e 85 s . o . a . model selection guide inp ut output out put curr ent model number voltage range no-load full load voltage full load ef fici ency capacitor (vdc) (m a) (ma) (vdc) (ma) @fl(% ) load(uf) v1-053r3s 5 30 307 3.3 151.5 65 100 v1-0505s 5 30 270 5 100 74 100 v1-057r2s 5 30 259 7.2 69.44 77 100 v1-0509s 5 30 256 9 55.55 78 100 v1-0512s 5 30 256 12 41.67 78 100 v1-0515s 5 30 250 15 33.33 80 100 v1-0518s 5 30 253 18 27.77 79 100 v1-0524s 5 30 250 24 20.83 80 100 v1-123r3s 12 20 126 3.3 151.5 66 100 v1-1205s 12 20 111 5 100 75 100 v1-127r2s 12 20 109 7.2 69.44 76 100 v1-1209s 12 20 109 9 55.55 76 100 v1-1212s 12 20 106 12 41.67 78 100 v1-1215s 12 20 104 15 33.33 80 100 v1-1218s 12 20 104 18 27.77 80 100 v1-1224s 12 20 109 24 20.83 76 100 v1-243r3s 24 10 61 3.3 151.5 68 100 v1-2405s 24 10 56 5 100 74 100 v1-247r2s 24 10 54 7.2 69.44 76 100 v1-2409s 24 10 54 9 55.55 76 100 v1-2412s 24 10 53 12 41.67 78 100 v1-2415s 24 10 53 15 33.33 78 100 v1-2418s 24 10 53 18 27.77 78 100 v1-2424s 24 10 53 24 20.83 78 100 v1-483r3s 48 6 34 3.3 151.5 60 100 v1-4805s 48 6 30 5 100 70 100 v1-487r2s 48 6 30 7.2 69.44 70 100 v1-4809s 48 6 29 9 55.55 72 100 v1-4812s 48 6 28 12 41.67 74 100 v1-4815s 48 6 28 15 33.33 74 100 v1-4818s 48 6 29 18 27.77 72 100 v1-4824s 48 6 30 24 20.83 70 100 input current
3 the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : sales@motien.com.tw suffix ? h ? means 3 kvdc isolation suffix ? h2 ? means 2 kvdc isolation suffix ? h4 ? means 4 kvdc isolation suffix ? h5 ? means 5.2 kvdc isolation suffix ? h6 ? means 6 kvdc isolation v1 - 1w unregulated single & dual output inp ut output out put curr ent model number voltage range no-load full load voltage full load ef fici ency capacitor (vdc) (m a) (ma) (vdc) (ma) @fl(% ) load(uf) v1-053r3d 5 30 307 3.3 151.5 65 100 v1-0505d 5 30 270 5 100 74 100 v1-057r2d 5 30 259 7.2 69.44 77 100 v1-0509d 5 30 256 9 55.55 78 100 v1-0512d 5 30 256 12 41.67 78 100 v1-0515d 5 30 250 15 33.33 80 100 v1-0518d 5 30 256 18 27.77 78 100 v1-0524d 5 30 266 24 20.83 75 100 v1-123r3d 12 20 126 3.3 151.5 66 100 v1-1205d 12 20 111 5 100 75 100 v1-127r2d 12 20 115 7.2 69.44 72 100 v1-1209d 12 20 111 9 55.55 75 100 v1-1212d 12 20 106 12 41.67 78 100 v1-1215d 12 20 106 15 33.33 78 100 v1-1218d 12 20 111 18 27.77 75 100 v1-1224d 12 20 111 24 20.83 75 100 v1-243r3d 24 10 62 3.3 151.5 67 100 v1-2405d 24 10 57 5 100 72 100 v1-247r2d 24 10 59 7.2 69.44 70 100 v1-2409d 24 10 55 9 55.55 75 100 v1-2412d 24 10 53 12 41.67 78 100 v1-2415d 24 10 55 15 33.33 75 100 v1-2418d 24 10 57 18 27.77 72 100 v1-2424d 24 10 59 24 20.83 70 100 v1-483r3d 48 6 34 3.3 151.5 60 100 v1-4805d 48 6 30 5 100 70 100 v1-487r2d 48 6 30 7.2 69.44 70 100 v1-4809d 48 6 29 9 55.55 72 100 v1-4812d 48 6 28 12 41.67 74 100 v1-4815d 48 6 28 15 33.33 74 100 v1-4818d 48 6 29 18 27.77 72 100 v1-4824d 48 6 30 24 20.83 70 100 v1-053r3ss 5 30 267 3.3 303 75 220 v1-0505ss 5 30 256 5 200 78 220 v1-057r2ss 5 30 270 7.2 138.9 74 220 v1-0509ss 5 30 267 9 111.1 75 220 v1-0512ss 5 30 263 12 83.3 76 220 v1-0515ss 5 30 263 15 66.7 76 220 v1-0518ss 5 30 267 18 55.6 75 220 v1-0524ss 5 30 278 24 41.7 72 220 v1-123r3ss 12 20 113 3.3 303 74 220 v1-1205ss 12 20 113 5 200 74 220 v1-127r2ss 12 20 113 7.2 138.9 74 220 v1-1209ss 12 20 111 9 111.1 75 220 v1-1212ss 12 20 108 12 83.3 77 220 v1-1215ss 12 20 106 15 66.7 78 220 v1-1218ss 12 20 106 18 55.6 78 220 v1-1224ss 12 20 113 24 41.7 75 220 input current
4 the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : sales@motien.com.tw suffix ? h ? means 3 kvdc isolation suffix ? h2 ? means 2 kvdc isolation suffix ? h4 ? means 4 kvdc isolation suffix ? h5 ? means 5.2 kvdc isolation suffix ? h6 ? means 6 kvdc isolation v1 - 1w unregulated single & dual output inp ut output out put curr ent model number voltage range no-load full load voltage full load ef fici ency capacitor (vdc) (m a) (ma) (vdc) (ma) @fl(% ) load(uf) v1-243r3ss 24 10 56 3.3 303 75 220 v1-2405ss 24 10 54 5 200 77 220 v1-247r2ss 24 10 56 7.2 138.9 75 220 v1-2409ss 24 10 56 9 111.1 75 220 v1-2412ss 24 10 53 12 83.3 78 220 v1-2415ss 24 10 53 15 66.7 78 220 v1-2418ss 24 10 53 18 55.6 78 220 v1-2424ss 24 10 53 24 41.7 78 220 v1-483r3ss 48 6 29 3.3 303 72 220 v1-4805ss 48 6 29 5 200 72 220 v1-487r2ss 48 6 29 7.2 138.9 72 220 v1-4809ss 48 6 28 9 111.1 74 220 v1-4812ss 48 6 28 12 83.3 74 220 v1-4815ss 48 6 28 15 66.7 75 220 v1-4818ss 48 6 29 18 55.6 72 220 v1-4824ss 48 6 30 24 41.7 70 220 v1-053r3ds 5 30 267 3.3 303 75 220 v1-0505ds 5 30 256 5 200 78 220 v1-057r2ds 5 30 267 7.2 138.9 75 220 v1-0509ds 5 30 267 9 111.1 75 220 v1-0512ds 5 30 263 12 83.3 76 220 v1-0515ds 5 30 263 15 66.7 76 220 v1-0518ds 5 30 267 18 55.6 75 220 v1-0524ds 5 30 278 24 41.7 72 220 v1-123r3ds 12 20 113 3.3 303 74 220 v1-1205ds 12 20 113 5 200 74 220 v1-127r2ds 12 20 113 7.2 138.9 74 220 v1-1209ds 12 20 111 9 111.1 75 220 v1-1212ds 12 20 108 12 83.3 77 220 v1-1215ds 12 20 106 15 66.7 78 220 v1-1218ds 12 20 106 18 55.6 78 220 v1-1224ds 12 20 111 24 41.7 75 220 v1-243r3ds 24 10 56 3.3 303 75 220 v1-2405ds 24 10 54 5 200 77 220 v1-247r2ds 24 10 56 7.2 138.9 75 220 v1-2409ds 24 10 56 9 111.1 75 220 v1-2412ds 24 10 53 12 83.3 78 220 v1-2415ds 24 10 53 15 66.7 78 220 v1-2418ds 24 10 53 18 55.6 78 220 v1-2424ds 24 10 53 24 41.7 78 220 v1-483r3ds 48 6 29 3.3 303 72 220 v1-4805ds 48 6 29 5 200 72 220 v1-487r2ds 48 6 29 7.2 138.9 72 220 V1-4809DS 48 6 28 9 111.1 74 220 v1-4812ds 48 6 28 12 83.3 74 220 v1-4815ds 48 6 28 15 66.7 75 220 v1-4818ds 48 6 29 18 55.6 72 220 v1-4824ds 48 6 30 24 41.7 70 220 input current
5 the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : sales@motien.com.tw v1 - 1w unregulated single & dual output note 1.ripple/noise measured with 20mhz bandwidth. 2.tested by minimal v in and constant resistive load. 3.measured input reflected ripple current with a simulated source inductance of 12uh. 4.exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. 5. operation under no-load conditions will not damage these devices, however they may not meet all listed specifications. 6. for reduce converter ? s ripple & noise, it is recommended to add a 4.7 f~100 f( 4.7 f~ 68 f for dual output) capacitor in output end. for emi performance improvement, it is recommended to add a 12 h inductor and a 10 f~100 f capacitor in input end. dc / dc load vin co - + + gnd ci li single output 5 mod els 24 models 12 models 48 models loading vs outpu t voltage 3.000 4.000 5.000 6.000 7.000 20% 40% 60% 80% 100% load o u t p u t v o l t a g e lo line/iin nominal /iin hi line/iin loading vs outpu t voltage 3.000 4.000 5.000 6.000 7.000 20% 40% 60% 80% 100% load o u t p u t v o l t a g e lo line/iin nominal /iin hi line/iin loading vs outpu t voltage 3.000 4.000 5.000 6.000 7.000 20% 40% 60% 80% 100% load o u t p u t v o l t a g e lo line/iin nomi nal/iin hi line/iin loading vs outpu t voltage 3.000 4.000 5.000 6.000 7.000 20% 40% 60% 80% 100% load o u t p u t v o l t a g e lo line/iin nominal /iin hi line/iin
6 motien iso 9001:2000 registered last update : feb.10.2009 mechanical specifica tions * the thickness of 48v input voltage model is 7.20(0.28) 19.5 (0.76) 9.50 (0.37) 0.50 (0.02) 2.54 (0.10) 15.24 (0.60) 3.05 (0.12) 6.00* (0.24) 10.0 (0.39) printed face 1 2 4 5 6 7 0.50 (0.02) 0.25 (0.01) 0.50 (0.02) 1.25 (0.05) dc-dc converter v1-xxxxsx motien d/c 7 pin sil package dc -dc co nv er te r v1 - xx xx d x mo tie n d/c 20.3 2 (0.8 0) 15.2 4 (0.6 0) 0.50 (0.0 2) 1 11 9 10 6.88 (0.2 7) 14 pin dil package pin connections pin connections pin number pin number single-h single-h dual-h dual-h 1 1 2 7 5 9 4 8 6 7 10 14 11 single single +v input +v input +v input +v input +v input +v input +v input +v input v input v input v input v input v input v input v input v input +v output +v output +v output +v output +v output +v output +v output +v output v output v output v output v output v output v output v output v output common common common common n.p. n.p. n.p. n.p. n.p. n.p. n.p. n.p. n.c. n.p. n.p. n.p. n.p. n.c. n.c. n.c. dual dual notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) v1 - 1w unregulated single & dual output no. 9, keji 2nd rd., technology industrial park, tainan city 70955, taiwan te l : 886-6-384 2366 (rep.) fax: 886-6-384 2399 website : email : www.motien.com.tw sales@motien.com.tw


▲Up To Search▲   

 
Price & Availability of V1-4809DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X