Part Number Hot Search : 
BY396 HME1468 11D88 30NS04 HT2812B WRA2405 Z5240 TS2012FC
Product Description
Full Text Search
 

To Download UNR5114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors with built-in resistor 1 publication date: december 2003 sjh00022bed unr511x series (un511x series) silicon pnp epitaxial planar type for digital circuits features ? costs can be reduced through downsizing of the equipment and reduction of the number of parts ? s-mini type package, allowing automatic insertion through the tape/ magazine packing resistance by part number marking symbol (r 1 )(r 2 ) ? unr5110 (un5110) 6l 47 k ?? ? unr5111 (un5111) 6a 10 k ? 10 k ? ? unr5112 (un5112) 6b 22 k ? 22 k ? ? unr5113 (un5113) 6c 47 k ? 47 k ? ? UNR5114 (un5114) 6d 10 k ? 47 k ? ? unr5115 (un5115) 6e 10 k ?? ? unr5116 (un5116) 6f 4.7 k ?? ? unr5117 (un5117) 6h 22 k ?? ? unr5118 (un5118) 6i 0.51 k ? 5.1 k ? ? unr5119 (un5119) 6k 1 k ? 10 k ? ? unr511d (un511d) 6m 47 k ? 10 k ? ? unr511e (un511e) 6n 47 k ? 22 k ? ? unr511f (un511f) 6o 4.7 k ? 10 k ? ? unr511h (un511h) 6p 2.2 k ? 10 k ? ? unr511l (un511l) 6q 4.7 k ? 4.7 k ? ? unr511m (un511m) ei 2.2 k ? 47 k ? ? unr511n (un511n) ew 4.7 k ? 47 k ? ? unr511t (un511t) ey 22 k ? 47 k ? ? unr511v (un511v) fc 2.2 k ? 2.2 k ? ? unr511z (un511z) fe 4.7 k ? 22 k ? absolute maximum ratings t a = 25 c note) the part numbers in the parenthesis show conventional part number. b r 1 r 2 c e internal connection parameter symbol rating unit collector-base voltage (emitter open) v cbo ? 50 v collector-emitter voltage (base open) v ceo ? 50 v collector current i c ? 100 ma total power dissipation p t 150 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c 2.1 0.1 1.3 0.1 0.3 +0.1 ?0.0 2.0 0.2 1.25 0.10 (0.425) 1 3 2 (0.65) (0.65) 0.2 0.1 0.9 0.1 0 to 0.1 0.9 +0.2 ?0.1 0.15 +0.10 ?0.05 5? 10? 1: base 2: emitter 3: collector eiaj: sc-70 smini3-g1 package unit: mm free datasheet http:///
2 unr511x series sjh00022bed electrical characteristics t a = 25 c 3 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 10 a, i e = 0 ? 50 v collector-emitter voltage (base open) v ceo i c = ? 2 ma, i b = 0 ? 50 v collector-base cutoff current (emitter open) i cbo v cb = ? 50 v, i e = 0 ? 0.1 a collector-emitter cutoff current (base open) i ceo v ce = ? 50 v, i b = 0 ? 0.5 a emitter-base unr5110/5115/5116/5117 i ebo v eb = ? 6 v, i c = 0 ? 0.01 ma cutoff current unr5113 ? 0.1 (collector open) unr5112/5114/511d/ ? 0.2 511e/511m/511n/511t unr511z ? 0.4 unr5111 ? 0.5 unr511f/511h ? 1.0 unr5119 ? 1.5 unr5118/511l/511v ? 2.0 forward current unr511v h fe v ce = ? 10 v, i c = ? 5 ma 6 20 ? transfer ratio unr5118/511l 20 unr5119/511d/511f/511h 30 unr5111 35 unr5112/511e 60 unr511z 60 200 unr5113/5114/511m 80 unr511n/511t 80 400 unr5110 * /5115 * /5116 * /5117 * 160 460 collector-emitter saturation voltage v ce(sat) i c = ? 10 ma, i b = ? 0.3 ma ? 0.25 v unr511v i c = ? 10 ma, i b = ? 1.5 ma output voltage high-level v oh v cc = ? 5 v, v b = ? 0.5 v, r l = 1 k ?? 4.9 v output voltage low-level v ol v cc = ? 5 v, v b = ? 2.5 v, r l = 1 k ?? 0.2 v unr5113 v cc = ? 5 v, v b = ? 3.5 v, r l = 1 k ? unr511d v cc = ? 5 v, v b = ? 10 v, r l = 1 k ? unr511e v cc = ? 5 v, v b = ? 6 v, r l = 1 k ? transition frequency f t v cb = ? 10 v, i e = 1 ma, f = 200 mhz 80 mhz unr5116 v cb = ? 10 v, i e = 2 ma, f = 200 mhz 150 input unr5118 r 1 ? 30% 0.51 + 30% k ? resistance unr5119 1.0 unr511h/511m/511v 2.2 unr5116/511f/511l 4.7 511n/511z unr5111/5114/5115 10 unr5112/5117/511t 22 unr5110/5113/511d/511e 47 resistance unr511m r 1 /r 2 0.047 ? ratio unr511n 0.1 unr5118/5119 0.08 0.10 0.12 unr511z 0.21 free datasheet http:///
3 unr511x series sjh00022bed characteristics charts of unr5110 i c ? v ce v ce(sat) ? i c h fe ? i c common characteristics chart p t ? t a 0 50 100 150 200 250 0 40 80 120 160 ambient temperature t a ( c ) total power dissipation p t ( mw ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ?10 v t a = 75 c 25 c ? 25 c electrical characteristics (continued) t a = 25 c 3 c parameter symbol conditions min typ max unit resistance UNR5114 0.17 0.21 0.25 ratio unr511h 0.17 0.22 0.27 unr511t 0.47 unr511f 0.37 0.47 0.57 unr511v 1.0 unr5111/5112/5113/511l 0.8 1.0 1.2 unr511e 1.70 2.14 2.60 unr511d 3.7 4.7 5.7 rank q r s no-rank h fe 160 to 260 210 to 340 290 to 460 160 to 460 note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : rank classification free datasheet http:///
4 unr511x series sjh00022bed c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c characteristics charts of unr5111 i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c free datasheet http:///
5 unr511x series sjh00022bed characteristics charts of unr5112 i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c characteristics charts of unr5113 i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c free datasheet http:///
6 unr511x series sjh00022bed c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c c ob ? v cb i o ? v in v in ? i o characteristics charts of UNR5114 i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 000 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c free datasheet http:///
7 unr511x series sjh00022bed characteristics charts of unr5115 i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c characteristics charts of unr5116 i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25?c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c free datasheet http:///
8 unr511x series sjh00022bed c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr5117 i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c free datasheet http:///
9 unr511x series sjh00022bed characteristics charts of unr5118 i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.5 ma ? 0.6 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c characteristics charts of unr5119 i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.4 ma ? 0.3 ma ? 0.6 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.5 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c free datasheet http:///
10 unr511x series sjh00022bed c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr511d i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 60 ? 50 ? 40 ? 30 ? 20 ? 10 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25?c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 1.5 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 4.0 ? 3.5 ? 3.0 ? 2.5 ? 2.0 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c free datasheet http:///
11 unr511x series sjh00022bed characteristics charts of unr511e i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 60 ? 50 ? 40 ? 30 ? 20 ? 10 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c characteristics charts of unr511f i c ? v ce v ce(sat) ? i c h fe ? i c c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 1.5 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 4.0 ? 3.5 ? 3.0 ? 2.5 ? 2.0 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9 ma ? 0.8 ma ? 0.7 ma ? 0.6 ma ? 0.1 ma ? 0.2 ma ? 0.3 ma ? 0.4 ma ? 0.5 ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 40 80 120 160 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c free datasheet http:///
12 unr511x series sjh00022bed c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c c ob ? v cb v in ? i o characteristics charts of unr511h i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 120 ? 100 ? 80 ? 60 ? 40 ? 20 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 0.5 ma ? 0.3 ma ? 0.4 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 1 ? 0.1 ? 1 ? 10 ? 100 ? 10 ? 100 ? 1 000 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 0.1 240 200 160 120 80 40 ? 1 ? 10 ? 100 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 1 6 5 4 3 2 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c free datasheet http:///
13 unr511x series sjh00022bed characteristics charts of unr511l i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ?12 ? 2 ?10 ?4 ?8 ?6 ? 240 ? 200 ? 160 ? 120 ? 80 ? 40 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.2 ma ? 0.4 ma ? 0.6 ma ? 0.8 ma ? 0.01 ? 1 ? 0.1 ? 1 ? 10 ? 100 ? 10 ? 100 ? 1 000 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 240 200 160 120 80 40 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c c ob ? v cb v in ? i o 0 ? 1 6 5 4 3 2 1 ? 10 ? 100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c characteristics charts of unr511m i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 240 200 160 120 80 40 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.2 ma ? 0.1 ma ? 0.3 ma ? 0.4 ma ? 0.5 ma ? 0.6 ma ? 0.7 ma ? 0.8 ma ? 0.9 ma 0 ? 1 100 200 300 500 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c ? 0.001 ? 1 ? 0.01 ? 0.1 ? 1 ? 10 ? 10 ? 100 ? 1 000 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c free datasheet http:///
14 unr511x series sjh00022bed c ob ? v cb i o ? v in v in ? i o 0 ? 0.1 10 8 6 4 2 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c 1 ? 0.4 10 ? 1 10 ? 2 10 ? 3 10 ? 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v ta = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c c ob ? v cb i o ? v in v in ? i o characteristics charts of unr511n i c ? v ce v ce(sat) ? i c h fe ? i c 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 0 ? 50 ? 150 ? 100 ? 200 t a = 25 c i b = ? 1.0 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.4 ma ? 0.5 ma ? 0.6 ma ? 0.7 ma ? 0.8 ma ? 0.9 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ? 1 ? 10 ? 100 ? 1 000 ? 0.01 ? 0.1 ? 10 ? 1 i c / i b = 10 25 c ? 25 c t a = 75 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 300 250 200 150 100 50 ? 1 ? 10 ? 100 ? 1 000 v ce = ? 10 v 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( ma ) 0 6 5 4 3 2 1 ?1 ?10 ?100 f = 1 mhz i e = 0 t a = 25 c collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) ?1 ?10 ? 10 2 ? 10 3 ? 10 4 ? 0.4 ? 0.6 ? 0.8 ? 1.0 ? 1.2 ? 1.4 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ? 0.01 ? 0.1 ? 1 ? 10 ? 100 ? 0.1 ? 1 ? 10 ? 100 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) free datasheet http:///
15 unr511x series sjh00022bed characteristics charts of unr511t i c ? v ce v ce(sat) ? i c h fe ? i c i o ? v in v in ? i o characteristics charts of unr511v i c ? v ce v ce(sat) ? i c h fe ? i c 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 50 ? 150 ? 100 ? 200 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.7 ma ? 0.8 ma ? 0.9 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 1 ? 0.1 ? 1 ? 10 ? 10 ? 100 ? 1 000 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 300 250 200 150 100 50 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c 0 ? 10 ? 8 ? 6 ? 4 ? 2 ? 12 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 t a = 25 c i b = ? 1.0 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.4 ma ? 0.5 ma ? 0.6 ma ? 0.7 ma ? 0.8 ma ? 0.9 ma collector-emitter voltage v ce ( v ) collector current i c ( ma ) ? 1 ? 10 ? 100 ? 1 000 ? 0.01 ? 0.1 ? 10 ? 1 i c / i b = 10 25 c ? 25 c t a = 75 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0 12 10 8 6 4 2 ? 1 ? 10 ? 100 ? 1 000 v ce = ? 10 v 25 c ? 25 c t a = 75 c forward current transfer ratio h fe collector current i c ( ma ) free datasheet http:///
16 unr511x series sjh00022bed i o ? v in v in ? i o c ob ? v cb i o ? v in v in ? i o characteristics charts of unr511z i c ? v ce v ce(sat) ? i c h fe ? i c ? 0.4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 ? 1 ? 10 ? 10 2 ? 10 3 ? 10 4 v o = ? 5 v t a = 25 c output current i o ( a ) input voltage v in ( v ) ? 0.01 ? 0.1 ? 1 ? 10 ? 100 ? 0.1 ? 1 ? 10 ? 100 v o = ? 0.2 v t a = 25 c input voltage v in ( v ) output current i o ( ma ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 50 ? 150 ? 100 ? 200 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.7 ma ? 0.8 ma ? 0.9 ma ? 0.6 ma ? 0.5 ma ? 0.4 ma ? 0.3 ma ? 0.2 ma ? 0.1 ma ? 0.01 ? 1 ? 0.1 ? 1 ? 10 ? 10 ? 100 ? 1 000 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 300 250 200 150 100 50 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 1 6 5 4 3 2 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ?1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = 0.2 v t a = 25 c free datasheet http:///
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep free datasheet http:///


▲Up To Search▲   

 
Price & Availability of UNR5114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X