Part Number Hot Search : 
B0612BT1 RC2512 CXA20 LC7218M 057R2 LM358A 3F334EL D82530
Product Description
Full Text Search
 

To Download UCC3583 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  11/98 features precision secondary side post regulation for multiple output power supplies useful for both single ended and center tapped secondary circuits ideal replacement for complex magnetic amplifier regulated circuits leading edge modulation does not require gate drive transformer high frequency (>500khz) operation applicable for wide range of output voltages high current gate driver (0.5a sink/1.5a source) average current limiting loop description the UCC3583 is a synchronizable secondary side post regulator for preci- sion regulation of the auxiliary outputs of multiple output power supplies. it contains a leading edge pulse width modulator, which generates the gate drive signal for a fet power switch connected in series with the rectifying diode. the turn-on of the power switch is delayed from the leading edge of the secondary power pulse to regulate the output voltage. the UCC3583 contains a ramp generator slaved to the secondary power pulse, a voltage error amplifier, a current error amplifier, a pwm comparator and associ- ated logic, a gate driver, a precision reference, and protection circuitry. the ramp discharge and termination of the gate drive signal are triggered by the synchronization pulse, typically derived from the falling edge of the transformer secondary voltage. the ramp starts charging again once its low threshold is reached. the gate drive signal is turned on when the ramp voltage exceeds the control voltage. this leading edge modulation tech- nique prevents instability when the UCC3583 is used in peak current mode primary controlled systems. the controller operates from a floating power supply referenced to the out- put voltage being controlled. it features an undervoltage lockout (uvlo) circuit, a soft start circuit, and an averaging current limit amplifier. the cur- rent limit can be programmed to be proportional to the output voltage, thus achieving foldback operation to minimize the dissipation under short circuit conditions. (continued) ucc1583 ucc2583 UCC3583 switch mode secondary side post regulator typical application and block diagram udg-96201-2 note: pin connections shown for 14-pin packages. free datasheet http://www.datasheet-pdf.com/
2 ucc1583 ucc2583 UCC3583 absolute maximum ratings v dd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15v i vdd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15ma ramp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C0.3v to v dd + 1v i ramp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5ma i ref . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C30ma p com . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C0.2v to 0.2v i gate (twp < 1 m s and duty cycle < 10%) . . . . . . C0.8a to 1.8a i comp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C5ma to 5ma i cao . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C5ma to 5ma v sync . . . . . . . . . . . . . . . . . . . . . . . . . . . . C0.6v to v ref +0.3v i sync . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C05ma to 5ma inv, ss, ilim, isense. . . . . . . . . . . . . . C0.3v to vref + 0.3v storage temperature . . . . . . . . . . . . . . . . . . . C65c to +150c junction temperature . . . . . . . . . . . . . . . . . . . C55c to +150c lead temperature (soldering, 10 sec.) . . . . . . . . . . . . . +300c all voltages are with respect to the com terminal unless other- wise stated. currents are positive into, negative out of the specified terminal. consult packaging section of databook for thermal limitations and considerations of packages. connection diagrams dil-14, soic-14 (top view) j, n, or d packages electrical characteristics: unless otherwise stated, these specifications apply for t a = C55 c to 125 c for ucc1583, C40c to 85c for ucc2583, and 0c to 70c for UCC3583; vdd = 12v, r t = 60k, c t = 200pf, t a = t j . parameter test conditions min typ max units ramp generation and synchronization maximum input operating frequency for input with 5% to 90% duty cycle (note 1) 500 khz ramp frequency, free running 95 100 105 khz ramp discharge current v ramp = 0.5v 2.0 3.6 ma low threshold voltage no min, no max, 0=typ 0 v high threshold voltage 3.75 4 4.25 v synchronizing threshold voltage (on) (note 1) 1 v synchronizing comparator hysteresis 1 v output duty cycle minimum duty cycle output d/c = output pw / input pw 0 % maximum duty cycle output d/c = output pw / input pw 100 % plcc-20 (top view) q package free datasheet http://www.datasheet-pdf.com/
3 ucc1583 ucc2583 UCC3583 electrical characteristics: unless otherwise stated, these specifications apply for t a = C55 c to 125 c for ucc1583, C40c to 85c for ucc2583, and 0c to 70c for UCC3583; vdd = 12v, r t = 60k, c t = 200pf, t a = t j . parameter test conditions min typ max units voltage error amplifier v inv v comp = v inv , 0c to 70c (UCC3583) 2.462 2.5 2.538 v v comp = v inv , all other temperature ranges 2.45 2.5 2.55 v i inv v comp = v inv 300 500 na v comp low v inv = 2.6v, i comp = 100 m a 450 700 mv v comp high v inv = 2.4v, i comp = C100 m a 5.0 5.5 6.0 v avol no load 70 90 db gbw product at f = 100khz, t a = 25c (note 1) 3 5 mhz current error amplifier input offset voltage 10 mv input cm low common mode for cs and ilim (note 1) 0 v input cm high common mode for cs and ilim (note 1) 2 v v cao low v +in = 0v, v Cin = 0.1v, i cao = 100 m a 250 500 mv v cao high v +in = 0v, v Cin = 0.1v, i cao = C100 m a 5.0 5.5 6.0 v input current (ilim and cs pins) C50 0 50 na avol no load 70 90 db gbw product at f = 100khz, t a = 25c 2 4 mhz soft start current 10 25 m a uvlo vdd on threshold voltage 8.5 9.0 9.5 v vdd off threshold voltage 7.9 8.4 8.9 v uvlo hysteresis 0.3 0.6 0.9 v bias supply supply clamp voltage 13 14 15 v supply current (vdd) f = 100khz with no gate output load 3 5 ma output driver v sat high i gate = C150ma 0.6 1.0 v v sat low i gate = 50ma 0.4 0.75 v rise time c gate = 1nf 50 75 ns fall time c gate = 330pf 20 40 ns reference v ref i ref = 0, 0c to 70c (UCC3583) 4.925 5 5.075 v i ref = 0, all other temperature ranges 4.900 5 5.100 v line regulation vdd = 10v to 14v 2 30 mv load regulation i ref = 0ma to 2ma 1 20 mv note 1: guaranteed by design. not 100% tested in production. free datasheet http://www.datasheet-pdf.com/
4 ucc1583 ucc2583 UCC3583 power stage circuit configuration the UCC3583 is designed for use in a post regulator ap- plication for tightly regulating auxiliary outputs in a multi- ple output converter. the post regulation is applied to the secondary side power pulse of a power transformer where the power pulse is controlled by the feedback sig- nal from the main output. in order to simplify the applica- tion of the UCC3583, it is required that the ic be referenced to the positive output terminal and the output filter inductor be placed in the return path. the place- ment of the inductor in the return path facilitates better emi performance, in addition to making magnetic de- signs and terminations easier to implement. typical set- up and circuit waveforms of the UCC3583 system appli- cation are shown in figure 1. figure 2 shows waveforms for a single ended output rectifier application of the UCC3583 shown on page 1. the UCC3583 can also be used in half bridge rectifier applications as shown by the circuit and waveforms depicted in figures 3 and 4. refer- encing the ic to the positive output terminal creates a re- quirement for a floating bias voltage for the ic which can be referenced to the same positive voltage terminal. pos- sible implementations of deriving the floating bias voltage are shown in figure 5. application information cao: output of the current error amplifier. averaging of the sensed current signal is provided by connecting an integrating capacitor between ilim and cao. cao feeds into the pwm comparator input and controls the loop when its voltage is higher than the voltage at comp (output of the voltage error amplifier). com: signal ground for the chip. it is connected to the positive terminal of the output voltage being regulated by the ic. comp: output of the voltage error amplifier fed into the pwm comparator. loop compensation components are connected between comp and inv. cs: non-inverting input of the current error amplifier. the sensed current signal from the current sense resistor is connected to this pin. by making the signal at cs proportional to the output voltage, effective current foldback limiting can be provided. gate: gate drive output for the power switch fet. the drive pin has a 0.5a sink/1.5a source capability and very low output off-state impedance. ilim: inverting input of the current error amplifier. it sets the dc limit for the output current. inv: inverting input of the voltage error amplifier. the feedback signal is connected to this pin using a resistive divider between ref and Cv o . pcom: power ground for the chip. it is connected to the source terminal of the mosfet being regulated by the ic. ramp: this pin is the input to the pwm comparator and provides a ramp signal for generation of the pwm signal. a capacitor to com and a resistor to ref set the charging rate for the ramp. an internal current source of 1ma discharges ramp when synchronization signal appears or when ramp crosses a 4v threshold. in the intended mode of operation, the switching frequency is determined by the secondary power pulse. the rc components at ramp should be selected to give an appropriately sized ramp signal. in the absence of a synchronizing pulse, these rc components determine the free running frequency of the controller. ref: precision 5v reference pin. ref stays off until vdd exceeds 9v and turns off again when vdd drops below 8.4v. bypass ref to com. ss: this pin provides a soft start function. a capacitor to ref programs the soft start time. during soft start, the pwm comparator is controlled by the soft start voltage resulting in a slow increase in output duty cycle. once the soft start capacitor is discharged, output control is dictated by the larger of the output at cao or comp. sync: synchronization input pin. it is connected to a signal representative of the secondary power pulse. one possible implementation is to use a resistive divider between terminal s2 of the secondary winding shown in figure 1 and ref for generating the input to the sync pin. the synchronizing comparator is referenced to 0.5v and has 500mv of hysteresis. the trip levels are approximate 1.0v and 0.0v. the designer should prevent the sync pin from exceeding 0.3v below ground as this will turn on the esd diode. vd: power supply for the output driver. vd should be tied to vdd in the application. vdd: power supply for the chip. vdd should be bypassed to com. vdd has to be 9v for the ic to start and 8.4v for it to remain operational. a shunt clamp from vdd to com limits the supply voltage to 14v. pin descriptions free datasheet http://www.datasheet-pdf.com/
5 ucc1583 ucc2583 UCC3583 for the circuit shown in figure 5a, cc1 is charged when the transformer voltage is positive and the synchronous switch is on. during the off period of q-sync, the charge is transferred to cc2 through diode dc2. diode dc3 charges cc2 during the blocking interval of q-sync. this method is preferable when the transformer positive voltage is high enough to generate the required bias volt- age. for the circuit shown in figure 5b, cc1 is charged during the period when reverse (reset) voltage appears across the secondary. the charge on cc1 is transferred to cc2 through dc2 when q-sync turns on. this method is preferable when the reverse voltage is high enough to generate the required bias voltage. the series resistor should be chosen to handle the required voltage drop at full ic operating current when the zener clamp across vdd and com is activated. the following is a description of the major functional blocks of the UCC3583. refer to figure 6 (typical appli- cation circuit) for component designations. uvlo and start up the UCC3583 has an internal undervoltage lockout cir- cuit which keeps the internal circuitry inactive until vdd exceeds the upper threshold (9v). once the chip is acti- vated, vdd has to be above the lower uvlo threshold (8.4v) for it to remain functional. the ic requires a low startup current of only 100 m a when vdd is under the uvlo threshold. vdd has an internal clamp of 14v which can sink up to 10ma. measures must be taken not to exceed this current. the internal reference (ref) is brought up when the uvlo on threshold is exceeded. the soft start pin provides an effective means to start the ic in a controlled manner. an internal current of 10 m a starts discharging a capacitor connected to ss when the uvlo conditions have been removed. the voltage on ss controls the duty cycle of the output during the dis- charge period. synchronizing circuit and oscillator UCC3583 is primarily intended for synchronizable opera- tion where its switching frequency is determined by the secondary pulse of the power transformer. however, it has an internal oscillator which allows it to operate in free-running mode when an external synchronization pulse is not available. the switching frequency is deter- mined by resistor r t connected between ref and ramp and capacitor c t connected from ramp to gnd. the frequency is given by: ch dis ch t t = + = and () () dis t ramp p p ramp dis t = ? ? the values of r t and c t are also dictated by the fact that the ramp is discharged through an internal imped- ance of 2k. the value of r t needs to be at least 50k to ensure that the internal discharge current is the current through r t during the entire discharge period. this re- sults in making the value of c t relatively small for a de- sired frequency of operation. when the synchronizing signal is available, the oscillator frequency should be programmed to be lower than the synchronizing frequency to ensure proper operation. a large difference in self-running and synchronizing fre- quencies leads to smaller ramp amplitude and higher noise sensitivity. the ramp capacitor is discharged when the synchronization signal arrives and begins charging when the low threshold is crossed. there are two methods to synchronize to the secondary pulse. one method is to use the rising edge of the sec- ondary pulse, which reduces the maximum duty cycle available. subsequently, the post regulator switch cannot be turned on during the c t discharge time. the other method is to use the falling edge of the secondary pulse for synchronization. this method is preferable because it allows a slower discharge of the ramp capacitor without affecting the maximum available duty cycle of the post regulator. the UCC3583 sync input needs to reach a fixed threshold (1.0v typical) for synchronization to take effect. hence the ic is usable with either method of syn- chronization. however, the UCC3583 oscillator configu- ration is better suited for synchronization to the falling edge. a recommended method to implement the syn- chronization is shown in figure 6. by connecting sync to a resistive divider between ref and the secondary terminal s2, the synchronization is achieved whenever the voltage on s2 goes from a negative value to zero. r a and r b should be selected so that the voltage on the sync pin varies from 0v to 1v. placement of a schottky diode from sync to com prevents the voltage at sync from going negative. the internal hysteretic sync com- parator has an inverting input set to 0.5v with about 0.5v hysteresis. pwm comparator the UCC3583 uses a leading edge pwm scheme. in a leading edge pwm, the output pulse (gate signal) is turned on when the error amplifier crosses the pwm ramp and turned off by the clock/oscillator. leading edge modulation is naturally provided by magamp type post regulators and is an essential feature for post regulators. without the leading edge modulation in a multiple output application information (cont.) free datasheet http://www.datasheet-pdf.com/
6 ucc1583 ucc2583 UCC3583 converter with post regulation on one or more outputs, the primary current shape does not remain monotonic and can lead to instability when the primary current is used for current mode control or current limiting. when compared to conventional trailing edge pwms, the lead- ing edge modulation leads to a phase inversion that needs to be accounted for in the feedback loop. for the UCC3583, this inversion is automatically provided since the sensed voltage at the power supply output negative terminal has a negative polarity with respect to the chip common. thus, UCC3583 does not require inverting buffers which would otherwise be needed. error signal generation and current limiting the pwm comparator in the UCC3583 is controlled by three parallel loops with only one of them in effect at a time. during normal operation, the voltage error amplifier output is fed to the pwm comparator. the voltage error amplifier can be compensated using commonly used feedback techniques to achieve the desired dynamic per- formance. the ouput drive capability of the voltage am- plifier is limited to 100 m a, so appropriately high impedances should be used to utilize the full output swing of the amplifier. during startup, the soft start ca- pacitor controls the pulse width. the third control loop is provided by the average current amplifier. by sensing the instantaneous inductor current and filtering/averaging it with the current error amplifier, accurate current limiting is achieved. this loop is in effect only during the overcur- rent mode and provides a more accurate and noise free control of the maximum output current compared to con- ventional peak current limiting circuits. the current limit is set by programming the voltage at ilim based on the current sense resistor chosen. in addition, the current limit can be made proportional to the output voltage in or- der to limit the power dissipation under short circuit con- ditions. this is implemented by inserting a bias voltage on cs which is proportional to the output voltage. gate drive circuit the gate drive circuit of the UCC3583 provides high cur- rent drive capability and is very easy to implement as a result of tying the chip common to the source of the switching device. turn on current is higher (1.5a) as fast turn on is essential for low losses and effective operation. during the turn off, the drain voltage disappears, so turn off time can be slower without increasing switching losses. application information (cont.) figure 1. UCC3583 sspr system application and typical waveforms. udg-98195 free datasheet http://www.datasheet-pdf.com/
7 ucc1583 ucc2583 UCC3583 figure 2. single ended post regulator waveforms. application information (cont.) udg-96141-1 figure 3. half-bridge synchronous post regulator application. udg-96142-1 note: all waveforms are referenced to chip common. free datasheet http://www.datasheet-pdf.com/
8 ucc1583 ucc2583 UCC3583 figure 4. half-bridge synchronous post regulator to waveforms. application information (cont.) udg-96143-1 free datasheet http://www.datasheet-pdf.com/
9 ucc1583 ucc2583 UCC3583 unitrode corporation 7 continental blvd. ? merrimack, nh 03054 tel. (603) 424-2410 ? fax (603) 424-3460 application information (cont.) figure 5. possible implementation for floating bias voltage generation. udg-96175-1 figure 6. typical application circuit. udg-96072-2 r a r b free datasheet http://www.datasheet-pdf.com/
important notice texas instruments and its subsidiaries (ti) reserve the right to make changes to their products or to discontinue any product or service without notice, and advise customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. all products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. ti warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with ti's standard warranty. testing and other quality control techniques are utilized to the extent ti deems necessary to support this warranty. specific testing of all parameters of each device is not necessarily performed, except those mandated by government requirements. certain applications using semiconductor products may involve potential risks of death, personal injury, or severe property or environmental damage (acritical applicationso). ti semiconductor products are not designed, authorized, or warranted to be suitable for use in life-support devices or systems or other critical applications. inclusion of ti products in such applications is understood to be fully at the customer's risk. in order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. ti assumes no liability for applications assistance or customer product design. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right of ti covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. ti's publication of information regarding any third party's products or services does not constitute ti's approval, warranty or endorsement thereof. copyright ? 1999, texas instruments incorporated free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of UCC3583

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X