Part Number Hot Search : 
M42AM16 S7142AM 336X0 DTC113 25LC640 PS7200 MP87C LM3S8971
Product Description
Full Text Search
 

To Download TMC3K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  endless (effective rotational angle 250 ?0? 1~20mn?{10.2~204gf?m} 100 , 220 , 470 , 1k , 2.2k , 4.7k , 10k , 22k , 47k , 100k , 220k , 470k , 1m , 2.2m within ?5% of the nominal total resistance taper b(linear) 0.1w ac20v,dc20v within?50ppm/? total rotational angle rotational torque nominal total resistance total resistance resistance taper rated power maximum rated voltage resistance temperature coefficient taping (holds, 2000 parts) example of marking 103 total resistance value per jis-c5200 1.2 0.85 1 1 0.8 0.55 1.3 0.55 2.05 ?.8 1.2 2.5 3 1.8 0.5 0.5 3.65 1.6 1.2 1.0 0.9 1.5 1.2 0.8 1.2 pattern(for reflow soldering) (reference) 2.8 max 0.1 0.1 1.5 example of marking 14 total resistance value 0.55 1.3 1.2 0.55 0.85 11 0.8 2.5 0.5 1.2 3 2.5 0.6 1.8 3.65 1.6 1.2 1 0.9 1.5 1.2 0.8 1.2 pattern(for reflow soldering) (reference) max 0.1 0.3 0.5 0.1 1.9 ? ?3 ?1 10 ?6 ?78 d 0.3 r0.2 max 3.5 8.0 1.75 3.85 24 3.3 4 ?.5 r0.3 d tmc 3k 2.1 TMC3Kj 2.4 surface mount trimmer potentiometer (metal-glazed type) TMC3K series specifications features 1.space saving size 2.easily adjusts with standard screwdriver. 3.metal-glaze resistance element gives excellent stability and protection against environ- mental factors. 4.can be mounted to a circuit board with adhesive. 5.designed for reflow soldering. 6.supplied in 8mm tape for automatic assembly equipment. applications camera built-in vcr, 8mm vcr, vcr camera, still camera, headphone stereos, lcd television, disk drive, bar code equipments, rader detectors, hand held equipments. TMC3Kj TMC3K


▲Up To Search▲   

 
Price & Availability of TMC3K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X