Part Number Hot Search : 
1N4736A TSM7401 SCS152 XCL211 562LF34 MBRX0520 VC5022 L6384D
Product Description
Full Text Search
 

To Download TIL102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  j.zii.eu ^zml-donauctoi (y j i, li ne. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 til 102, til 103 optocouplers gallium arsenide diode infrared source optically coupled to a high-gain n-p-n silicon phototransistor photon coupling for isolator applications base lead provided for conventional transistor biasing high overall current gain ... 1.5 typ (til 103) high-voltage transistor... v(br)ceo = 35 v min high-voltage electrical isolation .., 1-kv rating stable over wide temperature range mechanical data the collector is in electrical contact with the case note a: lead* having maximum dlamatar thai! h? with 0.18 mm [0.007 inchai) of true position r?tatlv9 to a maximum-width tab whan meaiurad in tha gaging plane batwaan 1,371 mm (o.os4 inchai) and 1,397 mm [0.0&5 inchtt) balow the mating plana. all linear dimensions are in millimeters and parenthetically in inches. absolute maximum ratings at 25c free-air temperature (unless otherwise noted) input-to-output voltage collector-emitter voltage collector-base voltage emitter-base voltage input diode reverse voltage input diode continuous forward current at (or below) 65c free tim 02, til103 optocouplers electrical characteristics at 25c free-air temperature (unless otherwise noted) parameter v(br)cbo cottoctor-b?? breakdown voltage v|br)ceo collector-emitter breakdown voltage vf-brlhbo emitter-base breakdown voltage ip input qiode static reverie current on-state clonl collector current off-state ic(off) collector current phototrantistor ooeration phoiodiode operation phototransistor operation photodiode operation transistor static forward current transfer ratio vp input diode static forward voltage vcetsatl collector-emitter saturation voltage r|q tnput-to-output internal refinance c,0 inpul'to-output capacitance test conditions lc=100pa, |6=0, if-0 lc=lma. ib-o. if=0 if -100(1 a, lc-0, if'o vr = zv vce?5v. ib-o. ip -10ma vcb-sv, ie-o, if-ioma vce-jov, ib-o, if = o vce - 30 v, ib - o, if ? o, ta = iooc vcb-zov, ie-o, if-o vce"5v. lc-1pma,lf = 0 if- 10 ma 1c" 2.6ma, ib-o, if "20ma 1c " 1 0 ma, ib = 0, if " 20 ma vin-oui ? h kv. s?note3 vm.oul -0, f ? 1 mhz, see note 3 TIL102 min tvp max 35 35 4 100 2,6 6 40 6 100 4 0.1 300 1.3 0.3 10" 10" 2.5 til103 min typ max 35 35 4 100 10 15 40 e 100 4 0.1 600 1.3 0.3 10,11 10jz 2.b unit v v v ha ma ca na lia na v_ v n pf note 3: these poramaters are m?atured between both input diode leads shorted together and all the phototnnslitor leadi shorted together. switching characteristics at 2sc free-air temperature parameter tr rise time if fall time tr r?se time if fall time phototranfistor operation photodiode operation test conditions vcc-20v, ib-o, lc(on|-5ma, ix - 1 00 fl, see test circuit a of figure 1 vcc - m v. l ? 0. lc|oni - 60 |TIL102 tvp 3 3 iso 150 til103 typ 6 6 160 iso unit us nj


▲Up To Search▲   

 
Price & Availability of TIL102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X