Part Number Hot Search : 
1100S SR6D4040 SPT601 A1225 1100S TTDLF LL400 PNA4611
Product Description
Full Text Search
 

To Download TC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model number *output voltage rev. c1 -9/2010- output current output power 8w 10w 10w 10w 10w 10w 10w 10w 10w 2500 ma 2000 ma 830 ma 666 ma 416 ma 1000 ma 415 ma 333 ma 208 ma 3.3 vdc 5 vdc 12 vdc 15 vdc 24 vdc 5 vdc 12 vdc 15 vdc 24 vdc TC4-8s123.3 TC4-10s1205 TC4-10s1212 TC4-10s1215 TC4-10s1224 TC4-10d1205 TC4-10d1212 TC4-10d1215 TC4-10d1224 TC4-8s483.3 TC4-10s4805 TC4-10s4812 TC4-10s4815 TC4-10s4824 TC4-10d4805 TC4-10d4812 TC4-10d4815 TC4-10d4824 TC4-8s243.3 TC4-10s2405 TC4-10s2412 TC4-10s2415 TC4-10s2424 TC4-10d2405 TC4-10d2412 TC4-10d2415 TC4-10d2424 18-36 vdc in 36-72 vdc in 9-18 vdc in trumpower dc/dc converters tumbler technologies + trumpower ? santa clara, ca ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com TC4 series 2:1 input, 8 to 10 watt t electrical specifications all specifications typical @+25c, nominal line, and full load unless otherwise noted. input specifications nominal line, 9-18v input.................................12 vdc 18-36v input................................24 vdc 36-72v input...............................48 vdc input filter........................................................pi type output specifications voltage accuracy..........................................1%, max. voltage balance, dual ouput..................................1% line regulation..........................................0.5%, max. load regulation, fl-25%fl.......................0.5%, max. minimum load.........................................................5% ripple and noise, 20mhz bw..............150mvp-p, max. short circuit protection...............................continuous short circuit restart......................................automatic general specifications efficiency......................................................85%, typ. isolation voltage, input to output..........1,500 vdc, min. switching frequency................................200 khz, typ. operating temperature range...............-25c to +71c case temperature......................................100c max. derating................................................................none storage temperature range................-40c to +125c cooling...........................................free air convection safety standards........meets ul 1950, en60950, iec950 emi/rfi..................................five-side shielded case conducted emi....meets fcc class a, en55022 class a case material..............metal with non-conductive base 0.40 (10.2) 2.00 (50.8) 0.60 (15.2) * np (no pin) on single output models pin size: 0.04 inch (1.0 mm) dia. all dimensions in inches (mm) +in -in -out +out 0.80 (20.3) 0.20 (5.1) 0.60 (15.2) 1.00 (25.4) bottom view com /np* 0.10 (2.54) 0.20 (5.0) min. 0.40 (10.2) 0.40 (10.2) *contact the factory for other outputs.


▲Up To Search▲   

 
Price & Availability of TC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X